Part Number Hot Search : 
CP1578MN 477M00 00506 RF651 SK273 CP107 TCMT1105 C1411VPA
Product Description
Full Text Search
 

To Download PKT30A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
   spsemi rev 2016 08 10 ... www.spsemi.cn page 1 of 5 axial auto surge suppressor stand-off voltage - 24 to 48 volts 18000 watt peak pulse power features glass passivated junction plastic package p-600 bi-directional or un-directional very low clamping voltage high temperature soldering guaranteed: 265c/10 seconds/.375", (9.5mm) lead length, 5lbs., (2.3kg) tension continued current transient suppressor rohscompliant 18kw peak pulse power capability on 10/1000us waveform pk t(18kw) series applications auto powers system can-bus abs powers car audio and video automotive instrument bluetooth car gps i-v curve characteristics iec compatibility iso 16750-2 test a 24v system (174v 2 350ms 10c) uni-directional bi-directional i pp i r i t v c v b r v rw m i pp i r i t v c v br v rw m v i pp i r i t v c v br v rw m v f v meet aec-q101 requirement
 spsemi www.spsemi.cn page 2 of 5 dimensions (p600) electrical characteristics pkt24a PKT30A pkt33a pkt36a pkt48a pkt part number stand-off voltage v (v) rw m v (v)min. br v (v)max. br te s t current i (ma) t vc(v) ipp(a) i(a) r uni-polar bi-polar 24 30 33 36 48 10 10 2 2 2 26.7 33.3 36.7 40.0 53.6 29.5 36.8 40.6 44.2 58.7 5 5 5 5 5 38.9 48.4 53.3 58.1 77.7 462.7 371.9 337.7 309.8 231.7 breakdown v oltage @i t max. clamping voltage @ipp 10/1000s reverse leakage @v rw m pkt24ca pkt30ca pkt33ca pkt36ca pkt48ca t est iso 16750-2 test a 0 u a u 0.1u s 0.9u s u s t r t d t t est pulse 5a parameter 12v system 24v system 79v to 101v 0.5 to 4 ? 40ms to 400ms u s t r t d r i 151v to 202v 1to8 ? 100ms to 350ms () 10 ms 0 -5 .. . case style p600 dimensions in inches and(millimeters) 1.0 25.4 () min. 0.360 9 1 (.) 0.340 8 6 (.) 1.0 25.4 () min. 0.052 1 32 (. ) 0.048 1 22 (. ) 0.360 9 1 (.) 0.340 8 6 (.) dia. dia. stand for commonly used models * * * pk t(18kw) series * * rev 2016 08 10
 spsemi www.spsemi.cn page 3 of 5 ratings and characteristic curves (ta=25 unless otherwise noted) fig.1 peak pulse power rating cure fig.2 typical junction capacitance fig.3 pulse waveform 0 0 1.0 2.0 4.0 3.0 10/1000us w aveform half value i ppm 2 tr=10us peak value i ppm t= 25 j pulse width(td) is defined ad the point where the peak current decays to 50% of i ppm 50 100 150 i -peak pulse current(%) ppm t-t ime(ms) p -peak pulse power (kw) ppm 0.1 1 10 100 1000 0.000001 0.00001 0.0001 0.001 t d-pulse width (sec.) c( pf) j 0.0 50.0 1 100 1000 100000 v -reverse breakdown voltage(v) br bi-directional v=0v uni-directional v=0v t= 25 j . f=1 0mh z v =50mv sig p-p 10 10000 i peak forward surge current(a) fsm, 1 10 100 100 150 200 250 300 number of cycles at 60h z fig.4 maximum non-repetitive forward surge .. . 350 400 450 50 0 fig.5 ri-vs chart for iso-16750-2 test a : 24v system 161 151 171 201 191 8 7 6 5 4 3 2 1 v (volt) s ri(ohm) 181 td:350ms pk t(18kw) series uni-directional @v r bi-directional @v r 100.0 150.0 200.0 250.0 300.0 350.0 td fig.6 power derating cure 0 0 25 50 75 100 125 150 20 40 60 80 100 120 ambient temperature( ) percent of rated value rev 2016 08 10
 spsemi www.spsemi.cn page 4 of 5 ... recommended soldering conditions recommended conditions reflow soldering t s t p t l ti me 25 time to peak temperature (t 25 to peak) t emperature t (min) s t (max) s t l t p preheat ramp-down ramp-up critical zone ttot lp pb-free assembly (see fig.1) -temperature min(t ) s(min) -t emperature max(t ) s(max) -t ime(min to max)(t ) s -t emperature(t )(liquidus) l -t emperature(t ) l +150 +200 60-180secs 3 /sec.max. 3 /sec.max. +217 60-150secs +260(+0/-5) 30 secs.max. 6 /sec.max. 8 min.max. +260 marking code cathode band PKT30A **** marking code logo date code pkt30ca **** marking code logo date code reow condition pre heat average ramp up rate (liquidus temp(t ) to peak) l t to t -ramp-up rate s(max) l reow peak temp(t ) p t ime within 5 of actual peak temp(t ) p ramp-down rate time 25 to peak temp(t ) p do not exceed pk t(18kw) series rev 2016 08 10
packaging l w h b t e l2 l1 e a z o 5 dimensions in millimeters b az e t l1-l2 10.0 0.5 52.0 0.5 1.2max 6.0 0.4 1.0max 1.0max l w h quantity 250.0 5.0 78.0 5.0 114.0 5.0 300pcs  spsemi www.spsemi.cn page 5 of 5 rev 2016 08 10 ... pk t(18kw) series


▲Up To Search▲   

 
Price & Availability of PKT30A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X