Part Number Hot Search : 
08783 D2NC60 TMBH8 473K1 41100 SK2545 ELECTRON E105CA
Product Description
Full Text Search
 

To Download P8AU-1205ELF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  pma-series ? p8au-xxxxelf ? single output ? sip4 - plastic case specification can change without a notice ? we acce pt no liability for any inaccuracy or printing erro rs. page 1/3 p8au-xxxxelf all specifications typical at ta=25c, nominal inpu t voltage and full load unless otherwise specified input specifications voltage range 10% input filter capacitors input reflected ripple current1 20 ma pk-pk output specifications voltage accuracy 3% short circuit protection short term line regulation 1.2% / 1% vin change load regulation (20% - 100%) 10% (3.3vout models: 20%) ripple and noise (20mhz bandwidth) 100 mv pk-pk temperature coefficient 0.02% / c general specifications efficiency see table i/o isolation voltage (3 sec.) 1000 vdc i/o isolation capacity 60 pf, typ. i/o isolation resistance 1000 mohm switching frequency 80 khz (variable) humidity 95% rel h reliability calculated mtbf (mil-hdbk-217f) > 1.121 mhrs physical specifications case material non conductive black plastic (ul94v-0 rated) potting material epoxy (ul94v-0 rated) weight ~ 1.5g, typ. environment specifications operating temperature -40 to +85c (ambient) maximum case temperature 100c storage temperature -40 to +125c cooling free air convection rohs conform soldering 260c, max. (1.5mm from case 10s.) mainzer stra?e 151?153 d-55299 nackenheim tel. +49 6135 7026-0 fax: +49 6135 931070 www.peak-electronics.de peak@peak-electronics.de the pm a series p8au - xxxxelf is a family of cost effective 1.5 w single output dc/dc converters. these converters are in an ultra miniature sip4 case. devices are encapsulated. high performance fe atures: 1000vdc input/output isolation, high efficiency operation, output voltage accuracy of 3% maximum, input range of 10% tolerance and low output ripple and noise. pma-series  1.5 watt  unregulated  single output  sip4 case  1 kv dc i/o isolation  low ripple and noise rev.11-2008
pma-series ? p8au-xxxxelf ? single output ? sip4 - plastic case specification can change without a notice ? we acce pt no liability for any inaccuracy or printing erro rs. page 2/3 selection guide single output order # i n p u t v o l t a g e ( v d c ) i n p u t c u r r e n t n o l o a d ( m a ) i n p u t c u r r e n t f u l l l o a d ( m a ) o u t p u t v o l t a g e ( v d c ) o u t p u t c u r r e n t f u l l l o a d ( m a ) e f f i c i e n c y ( % ) c a p a c i t o r l o a d ( u f ) 2 single output p8au-053r3elf 5 30 361 3.3 400 73 220 p8au-0505elf 5 30 400 5 300 75 220 p8au-057r2elf 5 30 400 7.2 208 75 220 p8au-0509elf 5 30 400 9 167 75 220 p8au-0512elf 5 30 384 12 125 78 220 p8au-0515elf 5 30 384 15 100 78 220 p8au-0518elf 5 30 384 18 83 78 220 p8au-0524elf 5 30 379 24 62.5 79 220 p8au-123r3elf 12 15 148 3.3 400 74 220 P8AU-1205ELF 12 15 168 5 300 74 220 p8au-127r2elf 12 15 166 7.2 208 75 220 p8au-1209elf 12 15 166 9 167 75 220 p8au-1212elf 12 15 166 12 125 75 220 p8au-1215elf 12 15 162 15 100 77 220 p8au-1218elf 12 15 162 18 83 77 220 p8au-1224elf 12 15 162 24 62.5 77 220 p8au-243r3elf 24 10 73 3.3 400 75 220 p8au-2405elf 24 10 83 5 300 75 220 p8au-247r2elf 24 10 83 7.2 208 75 220 p8au-2409elf 24 10 83 9 167 75 220 p8au-2412elf 24 10 82 12 125 76 220 p8au-2415elf 24 10 82 15 100 76 220 p8au-2418elf 24 10 82 18 83 76 220 p8au-2424elf 24 10 79 24 62.5 79 220 p8au-483r3elf 48 6 36 3.3 400 75 220 p8au-4805elf 48 6 41 5 300 76 220 p8au-487r2elf 48 6 41 7.2 208 76 220 p8au-4809elf 48 6 41 9 167 76 220 p8au-4812elf 48 6 40 12 125 77 220 p8au-4815elf 48 6 40 15 100 77 220 p8au-4818elf 48 6 40 18 83 77 220 p8au-4824elf 48 6 40 24 62.5 78 220 if you need other specifications, please enquire.
pma-series ? p8au-xxxxelf ? single output ? sip4 - plastic case specification can change without a notice ? we acce pt no liability for any inaccuracy or printing erro rs. page 3/3 package / pinning / derating modelcode datecode 1 2 3 4 11.68 (0.46) 9.65 (0.38) 3.05 (0.12) 2.54 (0.10) bottom view 1 2 3 4 1.25 (0.05) 0.50 (0.02) 6.00* (0.24)* 0.50 (0.02) 0.50 (0.02) 0.50 (0.02) 0.25 (0.01) all dimensions are typical in millimeters (inches). - pin diameter: 0.5 +/-0.05 (0.02 +/-0.002) - pin pitch tolerance: +/-0.35 (+/-0.014) - case tolerance +/-0.5 (+/-0.02) specification may change without notice. * the thickness of 48vin voltage is 7.50 (0.29) pe a k sip4 C plastic case # single 1 - vin 2 +vin 3 - vout 4 +vout pin connections app notes: 1 = measured input reflected ripple current with a simu lated source inductance of 12uh. 2 = tested by minimal vin and constant resistive load. - operation under no-load conditions will not damag e these devices, but they will not observe the list ed specifications.


▲Up To Search▲   

 
Price & Availability of P8AU-1205ELF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X