Part Number Hot Search : 
05012 2SK33 3PMT28CA AT45DB32 2GMXX FFCR8EH2 A3202 CF50603
Product Description
Full Text Search
 

To Download NGTB15N60S1EG-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2015 april, 2015 ? rev. 6 1 publication order number: ngtb15n60s1e/d ngtb15n60s1eg igbt - short-circuit rated this insulated gate bipolar transistor (igbt) features a robust and cost effective non?punch through (npt) trench construction, and provides superior performance in demanding switching applications. offering both low on state voltage and minimal switching loss, the igbt is well suited for motor drive control and other hard switching applications. incorporated into the device is a rugged co?packaged reverse recovery diode with a low forward voltage. features ? low saturation voltage resulting in low conduction loss ? low switching loss in higher frequency applications ? soft fast reverse recovery diode ? 5  s short circuit capability ? excellent current versus package size performance density ? this is a pb?free device typical applications ? white goods appliance motor control ? general purpose inverter ? ac and dc motor control absolute maximum ratings rating symbol value unit collector?emitter voltage v ces 650 v collector current @ t c = 25 c @ t c = 100 c i c 30 15 a pulsed collector current, t pulse limited by t jmax i cm 120 a diode forward current @ t c = 25 c @ t c = 100 c i f 30 15 a diode pulsed current, t pulse limited by t jmax i fm 120 a gate?emitter voltage v ge  20 v power dissipation @ t c = 25 c @ t c = 100 c p d 117 47 w short circuit withstand time v ge = 15 v, v ce = 400 v, t j  +150 c t sc 5  s operating junction temperature range t j ?55 to +150 c storage temperature range t stg ?55 to +150 c lead temperature for soldering, 1/8? from case for 5 seconds t sld 260 c stresses exceeding those listed in the maximum ratings table may damage the device. if any of these limits are exceeded, device functionality should not be assumed, damage may occur and reliability may be affected. to?220 case 221a style 9 15 a, 650 v v cesat = 1.5 v device package shipping ordering information ngtb15n60s1eg t o?220 (pb?free) 50 units / rail www. onsemi.com marking diagram g e c 15n60s1g ayww a = assembly location y = year ww = work week g = pb?free package g c e c
ngtb15n60s1eg www. onsemi.com 2 thermal characteristics rating symbol value unit thermal resistance junction to case, for igbt r  jc 1.06 c/w thermal resistance junction to case, for diode r  jc 3.76 c/w thermal resistance junction to ambient r  ja 60 c/w electrical characteristics (t j = 25 c unless otherwise specified) parameter test conditions symbol min typ max unit static characteristic collector?emitter breakdown voltage, gate?emitter short?circuited v ge = 0 v, i c = 500  a v ge = 0 v, i c = 500  a, t j = ?40 c v (br)ces 650 ? 720 660 ? ? v collector?emitter saturation voltage v ge = 15 v , i c = 15 a v ge = 15 v , i c = 15 a, t j = 150 c v cesat 1.3 1.55 1.5 1.75 1.7 1.95 v gate?emitter threshold voltage v ge = v ce , i c = 250  a v ge(th) 4.5 5.5 6.5 v collector?emitter cut?off current, gate?emitter short?circuited v ge = 0 v, v ce = 650 v v ge = 0 v, v ce = 650 v, t j = 150 c i ces ? ? 10 ? ? 200  a gate leakage current, collector?emitter short?circuited v ge = 20 v, v ce = 0 v i ges ? ? 100 na forward transconductance v ce = 20 v, i c = 15 a g fs ? 10.1 ? s dynamic characteristic input capacitance v ce = 20 v, v ge = 0 v, f = 1 mhz c ies ? 1950 ? pf output capacitance c oes ? 70 ? reverse transfer capacitance c res ? 42 ? gate charge total v ce = 480 v, i c = 15 a, v ge = 15 v q g ? 88 ? nc gate to emitter charge q ge ? 16 ? gate to collector charge q gc ? 42 ? switching characteristic , inductive load turn?on delay time t j = 25 c v cc = 400 v, i c = 15 a r g = 22  v ge = 0 v / 15 v t d(on) ? 65 ? ns rise time t r ? 28 ? turn?off delay time t d(off) ? 170 ? fall time t f ? 140 ? turn?on switching loss e on ? 0.550 ? mj turn?off switching loss e off ? 0.350 ? total switching loss e ts ? 0.900 ? turn?on delay time t j = 150 c v cc = 400 v, i c = 15 a r g = 22  v ge = 0 v / 15 v t d(on) ? 65 ? ns rise time t r ? 28 ? turn?off delay time t d(off) ? 180 ? fall time t f ? 260 ? turn?on switching loss e on ? 0.650 ? mj turn?off switching loss e off ? 0.600 ? total switching loss e ts ? 1.250 ? diode characteristic forward voltage v ge = 0 v, i f = 15 a v ge = 0 v, i f = 15 a, t j = 150 c v f ? ? 1.65 1.75 1.85 ? v
ngtb15n60s1eg www. onsemi.com 3 electrical characteristics (t j = 25 c unless otherwise specified) parameter unit max typ min symbol test conditions diode characteristic reverse recovery time t j = 25 c i f = 15 a, v r = 200 v di f /dt = 200 a/ s t rr ? 270 ? ns reverse recovery charge q rr ? 350 ? nc reverse recovery current i rrm ? 5 ? a reverse recovery time t j = 125 c i f = 15 a , v r = 200 v di f /dt = 200 a/ s t rr ? 350 ? ns reverse recovery charge q rr ? 1000 ? nc reverse recovery current i rrm ? 7.5 ? a product parametric performance is indicated in the electrical characteristics for the listed test conditions, unless otherwise noted. product performance may not be indicated by the electrical characteristics if operated under different conditions.
ngtb15n60s1eg www. onsemi.com 4 typical characteristics figure 1. output characteristics figure 2. output characteristics v ce , collector?emitter voltage (v) 8 7 6 4 3 2 1 0 0 10 20 30 40 50 60 figure 3. output characteristics figure 4. typical transfer characteristics v ce , collector?emitter voltage (v) v ge , gate?emitter voltage (v) 8 6 5 4 3 2 1 0 0 10 20 30 40 50 60 70 12 14 10 8 6 4 2 0 0 10 20 30 40 50 60 figure 5. v ce(sat) vs. t j figure 6. typical capacitance t j , junction temperature ( c) v ce , collector?emitter voltage (v) 130 40 10 ?20 ?50 0 0.5 1.0 1.5 2.0 2.5 3.0 90 80 60 50 40 20 10 0 10 100 1000 10,000 i c , collector current (a) i c , collector current (a) i c , collector current (a) v ce , collector?emitter voltage (v) capacitance (pf) 5 v ge = 7 v v ge = 9 v v ge = 11 v v ge = 17 v to 13 v t j = 25 c v ce , collector?emitter voltage (v) 8 7 6 4 3 2 1 0 0 10 20 30 40 50 60 i c , collector current (a) 5 v ge = 7 v v ge = 9 v v ge = 11 v 7 v ge = 7 v v ge = 9 v v ge = 11 v 150 c ?40 c t j = 25 c 70 160 i c = 30 a i c = 15 a i c = 10 a i c = 5 a 30 70 100 c ies c oes c res v ge = 17 v to 13 v t j = 150 c v ge = 17 v to 13 v t j = ?40 c 100
ngtb15n60s1eg www. onsemi.com 5 typical characteristics figure 7. diode forward characteristics v f , forward voltage (v) 0 35 i f , forward current (a) 30 25 20 15 10 5 0 0.5 1 1.5 2 2.5 figure 8. typical gate charge q g , gate charge (nc) 90 70 60 40 30 20 10 0 20 v ge , gate?emitter voltage (v) 50 80 100 v ces = 480 v 15 10 5 0 150 c ?40 c t j = 25 c 20 16 8 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 12 24 28 32 v ce = 400 v v ge = 15 v t j = 150 c rg = 22  eoff eon 160 figure 9. switching loss vs. temperature t j , junction temperature ( c) 140 120 100 80 60 40 20 0 1 10 100 1000 figure 10. switching time vs. temperature figure 11. switching loss vs. i c t j , junction temperature ( c) i c , collector current (a) 140 120 100 80 60 40 20 0 0 0.1 0.2 0.3 0.4 0.6 0.7 28 20 16 8 1 10 100 1000 figure 12. switching time vs. i c i c , collector current (a) switching loss (mj) switching time (ns) switching loss (mj) switching time (ns) 160 v ce = 400 v v ge = 15 v i c = 15 a rg = 22  t f t r t d(off) t d(on) 0.5 v ce = 400 v v ge = 15 v i c = 15 a rg = 22  eoff eon 12 24 32 t f t r t d(off) t d(on) v ce = 400 v v ge = 15 v t j = 150 c rg = 22 
ngtb15n60s1eg www. onsemi.com 6 typical characteristics figure 13. switching time vs. rg rg, gate resistor (  ) switching loss (mj) 75 65 55 45 35 25 15 5 1.2 eoff eon v ce = 400 v v ge = 15 v i c = 15 a t j = 150 c 85 0.9 0.6 0.3 0 figure 14. switching time vs. rg rg, gate resistor (  ) switching time (ns) 75 65 55 45 35 25 15 5 1 10 100 1000 85 t f t r t d(off) t d(on) v ce = 400 v v ge = 15 v i c = 15 a t j = 150 c 575 525 475 425 375 325 275 225 175 1 10 100 1000 575 t f t r t d_off t d_on figure 15. switching loss vs. v ce v ce , collector?emitter voltage (v) figure 16. switching time vs. v ce v ce , collector?emitter voltage (v) 525 475 425 375 325 275 225 175 1.2 switching loss (mj) switching time (ns) v ge = 15 v i c = 15 a rg = 22  t j = 150 c eoff eon 0.9 0.6 0.3 0 v ge = 15 v i c = 15 a rg = 22  t j = 150 c figure 17. safe operating area 1000 100 10 1 0.01 0.1 1 10 100 1000 single nonrepetitive pulse t c = 25 c curves must be derated linearly with increase in temperature v ce , collector?emitter voltage (v) i c , collector current (a) 50  s 100  s 1 ms dc operation figure 18. reverse bias safe operating area v ce , collector?emitter voltage (v) i c , collector current (a) v ge = 15 v, t c = 125 c 1000 100 10 1 0.01 0.1 1 10 100 1000
ngtb15n60s1eg www. onsemi.com 7 typical characteristics 0.001 0.01 0.1 1 10 0.000001 0.00001 0.0001 0.001 0.01 0.1 1 10 100 1000 figure 19. igbt transient thermal impedance pulse time (sec) thermal response (z  jc ) 50% duty cycle 20% 10% 5% 2% 1% single pulse r  jc = 1.06 junction case c 1 c 2 r 1 r 2 r n c i =  i /r i duty factor = t 1 /t 2 peak t j = p dm x z  jc + t c c n  i (sec) 7.1e?5 1.0e?4 0.002 0.003 0.00999 r i ( c/w) 0.1 0.05010 0.15051 0.33992 0.10550 0.03 0.20020 0.1 0.11423 0.001 0.01 0.1 1 10 0.000001 0.00001 0.0001 0.001 0.01 0.1 1 10 100 1000 figure 20. diode transient thermal impedance pulse time (sec) thermal response (z  jc ) 50% duty cycle 20% 10% 5% 2% 1% single pulse junction case c 1 c 2 r 1 r 2 r n c i =  i /r i duty factor = t 1 /t 2 peak t j = p dm x z  jc + t c c n  i (sec) 1.0e?7 1.0e?6 1.0e?5 7.1e?5 1.0e?4 r i ( c/w) 0.01895 0.04097 0.12956 0.1 0.20199 0.002 1.62730 0.003 0.57301 0.00498 0.45453 0.03 0.40199 0.1 0.21558 r  jc = 3.76 figure 21. test circuit for switching characteristics
ngtb15n60s1eg www. onsemi.com 8 figure 22. definition of turn on waveform
ngtb15n60s1eg www. onsemi.com 9 figure 23. definition of turn off waveform
ngtb15n60s1eg www. onsemi.com 10 package dimensions to?220 case 221a?09 issue ah style 9: pin 1. gate 2. collector 3. emitter 4. collector notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. 3. dimension z defines a zone where all body and lead irregularities are allowed. dim min max min max millimeters inches a 0.570 0.620 14.48 15.75 b 0.380 0.415 9.66 10.53 c 0.160 0.190 4.07 4.83 d 0.025 0.038 0.64 0.96 f 0.142 0.161 3.61 4.09 g 0.095 0.105 2.42 2.66 h 0.110 0.161 2.80 4.10 j 0.014 0.024 0.36 0.61 k 0.500 0.562 12.70 14.27 l 0.045 0.060 1.15 1.52 n 0.190 0.210 4.83 5.33 q 0.100 0.120 2.54 3.04 r 0.080 0.110 2.04 2.79 s 0.045 0.055 1.15 1.39 t 0.235 0.255 5.97 6.47 u 0.000 0.050 0.00 1.27 v 0.045 --- 1.15 --- z --- 0.080 --- 2.04 b q h z l v g n a k f 123 4 d seating plane ?t? c s t u r j on semiconductor and are registered trademarks of semiconductor co mponents industries, llc (scillc). scillc owns the rights to a numb er of patents, trademarks, copyrights, trade secrets, and other inte llectual property. a listing of scillc?s pr oduct/patent coverage may be accessed at ww w.onsemi.com/site/pdf/patent?marking.pdf. scillc reserves the right to make changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and s pecifically disclaims any and all liability, including without limitation special, consequential or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/ or specifications can and do vary in different applications and actual performance may vary over time. all operating parameters, including ?typical s? must be validated for each customer application by customer?s technical experts. scillc does not convey any license under its patent rights nor the right s of others. scillc products are not designed, intended, or a uthorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in whic h the failure of the scillc product could create a situation where personal injury or death may occur. should buyer purchase or us e scillc products for any such unintended or unauthorized appli cation, buyer shall indemnify and hold scillc and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unin tended or unauthorized use, even if such claim alleges that scil lc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyrig ht laws and is not for resale in any manner. p ublication ordering information n. american technical support : 800?282?9855 toll free usa/canada europe, middle east and africa technical support: phone: 421 33 790 2910 japan customer focus center phone: 81?3?5817?1050 ngtb15n60s1e/d literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 303?675?2175 or 800?344?3860 toll free usa/canada fax : 303?675?2176 or 800?344?3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : www.onsemi.com order literature : http://www.onsemi.com/orderlit for additional information, please contact your loc al sales representative


▲Up To Search▲   

 
Price & Availability of NGTB15N60S1EG-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X