Part Number Hot Search : 
25NM60 MMBD5819 471M5 R6545AJE 12DB5 0M832 ZXMN2A01 67PR10LF
Product Description
Full Text Search
 

To Download MJE13001AT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  MJE13001AT rev.e mar.-2016 data sheet http://www.fsbrec.com 1 / 6 sot-89 ?? npn ?? silicon npn transistor in a sot-89 plastic package.  ? high speed switching ?? high frequency electronic lighting ballast applications. ? / equivalent circuit pin1 base pin 2 collector pin 3 emitter ? / marking / descriptions / features ? / applications / pinning marking 3 1 2 ** h01a
MJE13001AT rev.e mar.-2016 data sheet http://www.fsbrec.com 2 / 6 parameter symbol ? rating unit collector to base voltage v cbo 600 v collector to emitter voltage v ceo 400 v emitter to base voltage v ebo 9.0 v collector current - continuous i c 0.17 a collector power dissipation p c 0.8 w junction temperature t j 150 storage temperature range t stg -55 150 parameter symbol test conditions ? min ? typ ? max unit collecto r -base voltage v cbo i c =1ma i e =0 600 v collecto r -emitter voltage v ceo i c =10ma i b =0 400 v emitte r -base voltage v ebo i e =1ma i c =0 9.0 v collector cut-off current i cbo v cb =600v i e =0 0.1 ma collector cut-off current i ceo v ce =400v i b =0 0.1 ma emitter base cut-off current i ebo v eb =9.0v i c =0 0.1 ma dc current gain h fe v ce =20v i c =20ma 10 40 collector to emitter saturation v oltage v ce(sat) i c =50ma i b =10ma 1 v base to emitter saturation voltage v be(sat) i c =50ma i b =10ma 1.2 v transition frequency f t v ce =10v i c =50ma f=1.0mhz 5.0 mhz fall time t s v ce =5v i c =100ma (ui9600) 3 s storage time t f 1.2 s ? / absolute maximum ratings(ta=25 ) ? / electrical characteristics(ta=25 )
MJE13001AT rev.e mar.-2016 data sheet http://www.fsbrec.com 3 / 6 ? / electrical characteristic curve soa(dc) p c -t c h fe -ic h fe -ic vces-i c vbes-i c t s -ta h fe -ta
MJE13001AT rev.e mar.-2016 data sheet http://www.fsbrec.com 4 / 6 ?? / package dimensions
MJE13001AT rev.e mar.-2016 data sheet http://www.fsbrec.com 5 / 6 ?? / marking instructions ? h ?? 01a ??? ** ???? note: h: company code. 01a: product type. **: lot no. code, code change with lot no. h01 a **
MJE13001AT rev.e mar.-2016 data sheet http://www.fsbrec.com 6 / 6 ?? ( ? ) / temperature?profile?for?ir?reflow?soldering(pb-free) ? note: 1 ?? 25 150 ? 60 90sec; 1.preheating:25~150 , time:60~90sec. 2 ?? 245 5 ?? 5 0.5sec; 2.peak temp.:245 5 , duration:5 0.5sec. 3 ???? 2 10 /sec. 3. cooling speed: 2~10 /sec. ? / resistance to soldering heat test conditions ?? 260 5 ?? 10 1 sec. temp.:260 5 time:10 1 sec ? / packaging spec. ?? / reel package type ?? units ? dimension ?? (unit mm 3 ) units/reel ? / reels/inner box / units/inner box ? / inner boxes/outer box / units/outer box ? / reel inner box outer box sot-89 1,000 7 7,000 8 56,000 7 12 180120180 385257392 ?? / notices


▲Up To Search▲   

 
Price & Availability of MJE13001AT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X