Part Number Hot Search : 
TOR009 XFTPR UM7010 BCM207 MBRF50 B270010 BP11KE LC6543F
Product Description
Full Text Search
 

To Download MJE13001A2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  MJE13001A2 rev.e mar.-2016 data sheet http://www.fsbrec.com 1 / 6 to-92lm ?? npn ?? silicon npn transistor in a to-92lm plastic package.  ??? high voltage capability high speed switching. ?? high frequency electronic lighting ballast applications. pin1 base pin 2 collector pin 3 emitter ?? / hfe classifications & marking ?? see marking instructions. / descriptions / features ? / applications ? / equivalent circuit / pinning 1 2 3
MJE13001A2 rev.e mar.-2016 data sheet http://www.fsbrec.com 2 / 6 parameter symbol ? rating unit collector to base voltage v cbo 600 v collector to emitter voltage v ceo 400 v emitter to base voltage v ebo 9.0 v collector current - continuous i c 0.17 a collector power dissipation p c 0.8 w junction temperature t j 150 storage temperature range t stg -55 150 parameter symbol test conditions ? min ? typ ? max unit collector to base breakdown v oltage v cbo i c =1ma i e =0 600 v collector to emitter breakdown v oltage v ceo i c =10ma i b =0 400 v emitter to base breakdown v oltage v ebo i e =1ma i c =0 9.0 v collector cut-off current i cbo v cb =600v i e =0 0.1 ma collector cut-off current i ceo v ce =400v i b =0 0.1 ma emitter base cut-off current i ebo v eb =9.0v i c =0 0.1 ma dc current gain h fe v ce =20v i c =20ma 10 40 collector to emitter saturation v oltage v ce(sat) i c =50ma i b =10ma 1.0 v base to emitter saturation voltage v be(sat) i c =50ma i b =10ma 1.2 v transition frequency f t v ce =10v i c =50ma f=1.0mhz 5.0 mhz fall time t s v ce =5v i c =100ma (ui9600) 3.0 s storage time t f 1.2 s ? / absolute maximum ratings(ta=25 ) ? / electrical characteristics(ta=25 )
MJE13001A2 rev.e mar.-2016 data sheet http://www.fsbrec.com 3 / 6 ? / electrical characteristic curve soa(dc) p c -t c h fe -ic h fe -ic vces-i c vbes-i c t s -ta h fe -ta
MJE13001A2 rev.e mar.-2016 data sheet http://www.fsbrec.com 4 / 6 ?? / package dimensions
MJE13001A2 rev.e mar.-2016 data sheet http://www.fsbrec.com 5 / 6 ?? / marking instructions ? br:    ?? 13001  ??? a2:    ****  ???? note: br: company code. 13001: product type. a2: specification code. ****: lot no. code,code change with lot no. br **** 13001 a2
MJE13001A2 rev.e mar.-2016 data sheet http://www.fsbrec.com 6 / 6 ??? ( ? ) / temperature profile for dip soldering(pb-free) ? note: 1 ?? 25 150 ? 60 90sec; 1.preheating:25~150 , time:60~90sec. 2 ?? 255 5 ?? 5 0.5sec; 2.peak temp.:255 5 , duration:5 0.5sec. 3 ???? 2 10 /sec. 3. cooling speed: 2~10 /sec. ? / resistance to soldering heat test conditions ?? 270 5 ?? 10 1 sec. temp:2705 time:101 sec ? / packaging spec. ?? / bulk package type ?? units ? dimension ?? (unit mm3) units/bag ? / bags/inner box / units/inner box ? / inner boxes/outer box / units/outer box ? / bag inner box outer box to-92lm 1,000 8 8,000 5 40,000 135190 237172102 560245195 ? / ammo package type ?? units ? dimension ?? (unit mm3) units/tape ? / ? tape/inner box ? / rows/inner box ? / inner boxes/outer box / units/outer box ? / inner box outer box to-92lm 2,500 1 100 10 25,000 32823042 480346235 547407268 ?? / notices


▲Up To Search▲   

 
Price & Availability of MJE13001A2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X