Part Number Hot Search : 
7N80C3 LTC1864 2N20C BUL38 HCC4067B MSC7170 AP4835 SDA20000
Product Description
Full Text Search
 

To Download MC34071 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2006 october, 2006 ? rev. 11 1 publication order number: MC34071/d MC34071,2,4,a mc33071,2,4,a, ncv33074a single supply 3.0 v to 44 v operational amplifiers quality bipolar fabrication with innovative design concepts are employed for the mc33071/72/74, MC34071/72/74 series of monolithic operational amplifiers. this series of operational amplifiers of fer 4.5 mhz of gain bandwidth product, 13 v/  s slew rate and fast settling time without the use of jfet device technology. although this series can be operated from split supplies, it is particularly suited for single supply operation, since the common mode input voltage range includes ground potential (v ee ). with a darlington input stage, this series exhibits high input resistance, low input offset voltage and high gain. the all npn output stage, characterized by no deadband crossover distortion and large output voltage swing, provides high capacitance drive capability, excellent phase and gain margins, low open loop high frequency output impedance and symmetrical source/sink ac frequency response. the mc33071/72/74, MC34071/72/74 series of devices are available in standard or prime performance (a suffix) grades and are specified over the commercial, industrial/vehicular or military temperature ranges. the complete series of single, dual and quad operational amplifiers are available in plastic dip, soic and tssop surface mount packages. features ? wide bandwidth: 4.5 mhz ? high slew rate: 13 v/  s ? fast settling time: 1.1  s to 0.1% ? wide single supply operation: 3.0 v to 44 v ? wide input common mode voltage range: includes ground (v ee) ? low input offset voltage: 3.0 mv maximum (a suffix) ? large output voltage swing: ? 14.7 v to +14 v (with 15 v supplies) ? large capacitance drive capability: 0 pf to 10,000 pf ? low total harmonic distortion: 0.02% ? excellent phase margin: 60 ? excellent gain margin: 12 db ? output short circuit protection ? esd diodes/clamps provide input protection for dual and quad ? pb ? free packages are available http://onsemi.com see detailed ordering and shipping information in the package dimensions sect ion on page 17 of this data sheet. ordering information pdip ? 8 p suffix case 626 1 8 soic ? 8 d suffix case 751 1 8 pdip ? 14 p suffix case 646 1 14 soic ? 14 d suffix case 751a 1 14 tssop ? 14 dtb suffix case 948g 1 14 see general marking information in the device marking section on page 20 of this data sheet. device marking information http://onsemi.com
MC34071,2,4,a mc33071,2,4,a, ncv33074a http://onsemi.com 2 case 626/case 751 pin connections (single, top view) (dual, top view) offset null v ee nc v cc output offset null inputs v ee inputs 1 inputs 2 output 2 output 1 v cc ? 1 2 3 4 8 7 6 5 ? ? + + 1 2 3 4 8 7 6 5 + inputs 1 output 1 v cc inputs 2 output 2 output 4 inputs 4 v ee inputs 3 output 3 (quad, top view) 4 2 3 1 1 2 3 4 5 6 78 9 10 11 12 13 14 ? + ? + + ? + ? case 646/case 751a/case 948g offset null (mc33071, MC34071 only) q1 q2 q3 q4 q5 q6 q7 q17 q18 d2 c2 d3 r6 r7 r8 r5 q15 q16 q14 q13 q11 q10 r2 c1 r1 q9 q8 q12 d1 r3 r4 inputs v cc output current limit v ee /gnd base current cancellation ? + q19 bias figure 1. representative schematic diagram (each amplifier) maximum ratings rating symbol value unit supply voltage (from v ee to v cc ) v s +44 v input differential voltage range v idr (note 1) v input voltage range v ir (note 1) v output short circuit duration (note 2) t sc indefinite sec operating junction temperature t j +150 c storage temperature range t stg ? 60 to +150 c 1. either or both input voltages should not exceed the magnitude of v cc or v ee . 2. power dissipation must be considered to ensure maximum junction temperature (t j ) is not exceeded (see figure 2).
MC34071,2,4,a mc33071,2,4,a, ncv33074a http://onsemi.com 3 electrical characteristics (v cc = +15 v, v ee = ? 15 v, r l = connected to ground, unless otherwise noted. see note 3 for t a = t low to t high ) a suffix non ? suffix characteristics symbol min typ max min typ max unit input offset voltage (r s = 100  , v cm = 0 v, v o = 0 v) v cc = +15 v, v ee = ? 15 v, t a = +25 c v cc = +5.0 v, v ee = 0 v, t a = +25 c v cc = +15 v, v ee = ? 15 v, t a = t low to t high v io ? ? ? 0.5 0.5 ? 3.0 3.0 5.0 ? ? ? 1.0 1.5 ? 5.0 5.0 7.0 mv average temperature coefficient of input offset voltage r s = 10  , v cm = 0 v, v o = 0 v, t a = t low to t high  v io /  t ? 10 ? ? 10 ?  v/ c input bias current (v cm = 0 v, v o = 0 v) t a = +25 c t a = t low to t high i ib ? ? 100 ? 500 700 ? ? 100 ? 500 700 na input offset current (v cm = 0 v, v o = 0v) t a = +25 c t a = t low to t high i io ? ? 6.0 ? 50 300 ? ? 6.0 ? 75 300 na input common mode voltage range t a = +25 c t a = t low to t high v icr v ee to (v cc ? 1.8) v ee to (v cc ? 2.2) v ee to (v cc ? 1.8) v ee to (v cc ? 2.2) v large signal voltage gain (v o = 10 v, r l = 2.0 k  ) t a = +25 c t a = t low to t high a vol 50 25 100 ? ? ? 25 20 100 ? ? ? v/mv output voltage swing (v id = 1.0 v) v cc = +5.0 v, v ee = 0 v, r l = 2.0 k  , t a = +25 c v cc = +15 v, v ee = ? 15 v, r l = 10 k  , t a = +25 c v cc = +15 v, v ee = ? 15 v, r l = 2.0 k  , t a = t low to t high v oh 3.7 13.6 13.4 4.0 14 ? ? ? ? 3.7 13.6 13.4 4.0 14 ? ? ? ? v v cc = +5.0 v, v ee = 0 v, r l = 2.0 k  , t a = +25 c v cc = +15 v , v ee = ? 15 v, r l = 10 k  , t a = +25 c v cc = +15 v, v ee = ? 15 v, r l = 2.0 k  , t a = t low to t high v ol ? ? ? 0.1 ? 14.7 ? 0.3 ? 14.3 ? 13.5 ? ? ? 0.1 ? 14.7 ? 0.3 ? 14.3 ? 13.5 v output short circuit current (v id = 1.0 v, v o = 0 v, t a = 25 c) source sink i sc 10 20 30 30 ? ? 10 20 30 30 ? ? ma common mode rejection r s 10 k  , v cm = v icr , t a = 25 c cmr 80 97 ? 70 97 ? db power supply rejection (r s = 100  ) v cc /v ee = +16.5 v/ ? 16.5 v to +13.5 v/ ? 13.5 v, t a = 25 c psr 80 97 ? 70 97 ? db power supply current (per amplifier, no load) v cc = +5.0 v, v ee = 0 v, v o = +2.5 v, t a = +25 c v cc = +15 v, v ee = ? 15 v, v o = 0 v, t a = +25 c v cc = +15 v, v ee = ? 15 v, v o = 0 v, t a = t low to t high i d ? ? ? 1.6 1.9 ? 2.0 2.5 2.8 ? ? ? 1.6 1.9 ? 2.0 2.5 2.8 ma 3. t low = ? 40 c for mc33071, 2, 4, /a t high = +85 c for mc33071, 2, 4, /a =0 c for MC34071, 2, 4, /a = +70 c for MC34071, 2, 4, /a = ? 40 c for mc34072, 4/v = +125 c for mc34072, 4/v
MC34071,2,4,a mc33071,2,4,a, ncv33074a http://onsemi.com 4 ac electrical characteristics (v cc = +15 v, v ee = ? 15 v, r l = connected to ground. t a = +25 c, unless otherwise noted.) a suffix non ? suffix characteristics symbol min typ max min typ max unit slew rate (v in = ? 10 v to +10 v, r l = 2.0 k  , c l = 500 pf) a v = +1.0 a v = ? 1.0 sr 8.0 ? 10 13 ? ? 8.0 ? 10 13 ? ? v/  s setting time (10 v step, a v = ? 1.0) to 0.1% (+1/2 lsb of 9 ? bits) to 0.01% (+1/2 lsb of 12 ? bits) t s ? ? 1.1 2.2 ? ? ? ? 1.1 2.2 ? ?  s gain bandwidth product (f = 100 khz) gbw 3.5 4.5 ? 3.5 4.5 ? mhz power bandwidth a v = +1.0, r l = 2.0 k  , v o = 20 v pp , thd = 5.0% bw ? 160 ? ? 160 ? khz phase margin r l = 2.0 k  r l = 2.0 k  , c l = 300 pf f m ? ? 60 40 ? ? ? ? 60 40 ? ? deg gain margin r l = 2.0 k  r l = 2.0 k  , c l = 300 pf a m ? ? 12 4.0 ? ? ? ? 12 4.0 ? ? db equivalent input noise voltage r s = 100  , f = 1.0 khz e n ? 32 ? ? 32 ? nv/ h z equivalent input noise current f = 1.0 khz i n ? 0.22 ? ? 0.22 ? pa/ h z differential input resistance v cm = 0 v r in ? 150 ? ? 150 ? m  differential input capacitance v cm = 0 v c in ? 2.5 ? ? 2.5 ? pf total harmonic distortion a v = +10, r l = 2.0 k  , 2.0 v pp v o 20 v pp , f = 10 khz thd ? 0.02 ? ? 0.02 ? % channel separation (f = 10 khz) ? ? 120 ? ? 120 ? db open loop output impedance (f = 1.0 mhz) |z o | ? 30 ? ? 30 ? w figure 2. power supply configurations figure 3. offset null circuit single supply split supplies 1 2 3 4 v cc v ee v cc v cc v ee v ee 1 2 3 4 3.0 v to 44 v v cc +|v ee | 44 v offset nulling range is approximately 80 mv with a 10 k potentiometer (mc33071, MC34071 only). v cc v ee 1 2 3 4 5 6 7 10 k + ?
MC34071,2,4,a mc33071,2,4,a, ncv33074a http://onsemi.com 5 r l connected to ground t a = 25 c r l = 10 k r l = 2.0 k v o , output voltage swing (v pp ) figure 4. maximum power dissipation versus temperature for package types figure 5. input offset voltage versus temperature for representative units figure 6. input common mode voltage range versus temperature figure 7. normalized input bias current versus temperature figure 8. normalized input bias current versus input common mode voltage figure 9. split supply output voltage swing versus supply voltage t a , ambient temperature ( c) d p, maximum power dissipation (mw) ?55 ?40 ?20 0 20 40 60 80 100 120 140 160 8 & 14 pin plastic pkg soic?14 pkg soic?8 pkg t a , ambient temperature ( c) io v, input offset voltage (mv) ?55 ?25 0 25 50 75 100 125 v cc = +15 v v ee = ?15 v v cm = 0 t a , ambient temperature ( c) icr v, input common mode voltage range (v) ?55 ?25 0 25 50 75 100 125 v cc v cc /v ee = +1.5 v/ ?1.5 v to +22 v/ ?22 v v ee t a , ambient temperature ( c) ib i, input bias current (normalized) ?55 ?25 0 25 50 75 100 125 v cc = +15 v v ee = ?15 v v cm = 0 v ic , input common mode voltage (v) ?12 ?8.0 ?4.0 0 4.0 8.0 12 v cc = +15 v v ee = ?15 v t a = 25 c v cc , |v ee |, supply voltage (v) 0 5.0 10 15 20 25 v ib i, input bias current (normalized) 2400 2000 1600 1200 800 400 0 4.0 2.0 0 ?2.0 ?4.0 v cc v cc ?0.8 v cc ?1.6 v cc ?2.4 v ee +0.01 v ee 1.3 1.2 1.1 1.0 0.9 0.8 0.7 1.4 1.2 1.0 0.8 0.6 50 40 30 20 10 0
MC34071,2,4,a mc33071,2,4,a, ncv33074a http://onsemi.com 6 v cc v cc = +15 v r l to v cc t a = 25 c gnd v cc v cc = +15 v r l = gnd t a = 25 c gnd v o , output voltage swing (v pp ) figure 10. single supply output saturation versus load resistance to v cc 60 figure 11. split supply output saturation versus load current figure 12. single supply output saturation versus load resistance to ground figure 13. output short circuit current versus temperature figure 14. output impedance versus frequency figure 15. output voltage swing versus frequency 0 5.0 10 15 20 i l, load current ( ma) v cc v ee sink v cc /v ee = +5.0 v/ ?5.0 v to +22 v/ ?22 v t a = 25 c source r l , load resistance to ground (  ) 100 1.0 k 10 k 100 k sat v , output saturation voltage (v) r l , load resistance to v cc (  ) 100 1.0 k 10 k 100 k t a , ambient temperature ( c) sc i, output current (ma) ?55 ?25 0 25 50 75 100 125 v cc = +15 v v ee = ?15 v r l 0.1   v in = 1.0 v sink source f, frequency (hz) o z, output impedance () 1.0 k 10 k 100 1.0 m 10 m a v = 1000 a v = 100 a v = 10 a v = 1.0 v cc = +15 v v ee = ?15 v v cm = 0 v o = 0  i o = 0.5 ma t a = 25 c f, frequency (hz) 3.0 k 10 k 30 k 100 k 300 k 1.0 m 3.0 m v cc = +15 v v ee = ?15 v a v = +1.0 r l = 2.0 k thd 1.0% t a = 25 c sat v , output saturation voltage (v) sat v , output saturation voltage (v) v cc v cc ?1.0 v cc ?2.0 v ee +2.0 v ee +1.0 v ee v cc ?2.0 v cc ?4.0 v cc 0.2 0.1 0 0 ?0.4 ?0.8 2.0 1.0 50 40 30 20 10 0 50 40 30 20 10 0 28 24 20 16 12 8.0 4.0 0
MC34071,2,4,a mc33071,2,4,a, ncv33074a http://onsemi.com 7 1. phase r l = 2.0 k 2. phase r l = 2.0 k, c l = 300 pf 3. gain r l = 2.0 k 4. gain r l = 2.0 k, c l = 300 pf v cc = +15 v v ee = 15 v v o = 0 vt a = 25 c phase margin = 60 gain margin = 12 db 3 4 1 2 gain v cc = +15 v v ee = ?15 v v o = 0 v r l = 2.0 k t a = 25 c phase phase margin = 60 figure 16. total harmonic distortion versus frequency figure 17. total harmonic distortion versus output voltage swing figure 18. open loop voltage gain versus temperature figure 19. open loop voltage gain and phase versus frequency figure 20. open loop voltage gain and phase versus frequency figure 21. normalized gain bandwidth product versus temperature f, frequency (hz) 10 100 1.0 k 10 k 100 k a v = 1000 a v = 100 a v = 10 a v = 1.0 v cc = +15 v v ee = ?15 v v o = 2.0 v pp r l = 2.0 k t a = 25 c v o , output voltage swing (v pp ) thd, total harmonic distortion (%) 0 4.0 8.0 12 16 20 v cc = +15 v v ee = ?15 v r l = 2.0 k t a = 25 c a v = 1000 a v = 100 a v = 10 a v = 1.0 t a , ambient temperature ( c) ?55 ?25 0 25 50 75 100 125 v cc = +15 v v ee = ?15 v v o = ?10 v to +10 v r l = 10 k f 10hz f, frequency (hz) 1.0 10 100 1.0 k 10 k 100 k 1.0 m 10 m 100 m , excess phase (degrees) , excess phase (degrees) f, frequency (mhz) 1.0 2.0 3.0 5.0 7.0 10 20 30 t a , ambient temperature ( c) gbw, gain bandwidth product (normalied) ?55 ?25 0 25 50 75 100 125 v cc = +15 v v ee = ?15 v r l = 2.0 k vol a, open loop voltage gain (db) 0.4 0.3 0.2 0.1 0 4.0 3.0 2.0 1.0 0 116 112 108 104 100 96 100 80 60 40 20 0 20 10 0 ?10 ?20 ?30 ?40 1.15 1.1 1.05 1.0 0.95 0.9 0.85 0 45 90 135 180 100 120 140 160 180 thd, total harmonic distortion (%) vol a, open loop voltage gain (db) vol a, open loop voltage gain (db)
MC34071,2,4,a mc33071,2,4,a, ncv33074a http://onsemi.com 8 v cc = +15 v v ee = ?15 v a v = +1.0 r l = 2.0 k to  v o = ?10 v to +10 v t a = 25 c figure 22. percent overshoot versus load capacitance figure 23. phase margin versus load capacitance figure 24. gain margin versus load capacitance figure 25. phase margin versus temperature figure 26. gain margin versus temperature figure 27. phase margin and gain margin versus differential source resistance percent overshoot c l , load capacitance (pf) 10 100 1.0 k 10 k v cc = +15 v v ee = ?15 v r l = 2.0 k v o = ?10 v to +10 v t a = 25 c c l , load capacitance (pf) , phase margin (degrees) m 10 100 1.0 k 10 k v cc = +15 v v ee = ?15 v a v = +1.0 r l = 2.0 k to v o = ?10 v to +10 v t a = 25 c c l , load capacitance (pf) m a, gain margin (db) 10 100 1.0 k 10 k , phase margin (degrees) m t a , ambient temperature ( c) ?55 ?25 0 25 50 75 100 125 v cc = +15 v v ee = ?15 v a v = +1.0 r l = 2.0 k to v o = ?10 v to +10 v c l = 10 pf c l = 100 pf c l = 1,000 pf c l = 10,000 pf t a , ambient temperature ( c) ?55 ?25 0 25 50 75 100 125 v cc = +15 v v ee = ?15 v a v = +1.0 r l = 2.0 k to v o = ?10 v to +10 v c l = 10 pf c l = 1,000 pf m a, gain margin (db) c l = 100 pf c l = 10,000 pf phase m a, gain margin (db) r t , differential source resistance (  ) 1.0 100 1.0 k 10 k 10 100 k r 1 r 2 v o + ? v cc = +15 v v ee = ?15 v r t = r 1 + r 2 a v = +100 v o = 0 v t a = 25 c gain , phase margin (degrees) m 100 80 60 40 20 0 70 60 50 40 30 20 10 0 14 12 10 8.0 6.0 2.0 0 4.0 80 60 40 20 0 16 12 8.0 4.0 0 12 10 8.0 6.0 4.0 2.0 0 60 50 40 30 20 10 0 70
MC34071,2,4,a mc33071,2,4,a, ncv33074a http://onsemi.com 9 figure 28. normalized slew rate versus temperature figure 29. output settling time figure 30. small signal transient response figure 31. large signal transient response figure 32. common mode rejection versus frequency figure 33. power supply rejection versus frequency t a , ambient temperature ( c) sr, slew rate (normalized) ?55 ?25 0 25 50 75 100 125 v cc = +15 v v ee = ?15 v a v = +1.0 r l = 2.0 k c l = 500 pf t s , settling time (  s) o v, output voltage swing from 0 v (v ) 0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 v cc = +15 v v ee = ?15 v a v = ?1.0 t a = 25 c 10 mv 1.0 mv 1.0 mv compensated uncompensated 10 mv 1.0 mv 1.0 mv 50 mv/div 2.0  s/div v cc = +15 v v ee = ?15 v a v = +1.0 r l = 2.0 k c l = 300 pf t a = 25 c 5.0 v/div 1.0  s/div f, frequency (hz) cmr, common mode rejection (db) 0.1 1.0 10 100 1.0 k 10 k 100 k 1.0 m 10 m t a = 25 c t a = 125 c t a = ?55 c v cc = +15 v v ee = ?15 v v cm = 0 v  v cm = 1.5 v f, frequency (hz) psr, power supply rejection (db) 0.1 1.0 10 100 1.0 k 10 k 100 k 1.0 m 10 m v cc = +15 v v ee = ?15 v t a = 25 c (  v cc = +1.5 v) (  v ee = +1.5 v) +psr ?psr v cc = +15 v v ee = ?15 v a v = +1.0 r l = 2.0 k c l = 300 pf t a = 25 c 1.15 1.1 1.05 1.0 0.95 0.9 0.85 10 5.0 0 ?5.0 ?10 0 0 100 80 60 40 20 0 100 80 60 40 20 0  v cm  v o a dm cmr = 20 log  v cm  v o x a dm + ?  v o a dm + ?  v cc  v ee  v o /a dm  v cc +psr = 20 log  v o /a dm  v ee ?psr = 20 log
MC34071,2,4,a mc33071,2,4,a, ncv33074a http://onsemi.com 10 figure 34. supply current versus supply voltage figure 35. power supply rejection versus temperature figure 36. channel separation versus frequency figure 37. input noise versus frequency v cc , |v ee |, supply voltage (v) cc i , supply current (ma) 0 5.0 10 15 20 25 t a = 25 c t a = 125 c t a = ?55 c t a , ambient temperature ( c) psr, power supply rejection (db) ?55 ?25 0 25 50 75 100 125 v cc = +15 v v ee = ?15 v (  v cc = +1.5 v) (  v ee = +1.5 v) +psr ?psr f, frequency (khz) channel separation (db) 10 20 30 50 70 100 200 300 v cc = +15 v v ee = ?15 v t a = 25 c f, frequency (khz) n e, input noice voltage ( i, input noise current (pa ) 10 100 1.0 k 10 k 100 k nv hz) hz n voltage current 9.0 8.0 7.0 6.0 5.0 4.0 105 95 85 75 65 120 100 80 60 40 20 0 70 60 50 40 30 20 10 0 2.8 2.4 2.0 1.6 1.2 0.8 0.4 0  v o a dm + ?  v cc  v ee  v o /a dm  v cc +psr = 20 log  v o /a dm  v ee ?psr = 20 log v cc = +15 v v ee = ?15 v v cm = 0 t a = 25 c applications information circuit description/performance features although the bandwidth, slew rate, and settling time of the MC34071 amplifier series are similar to op amp products utilizing jfet input devices, these amplifiers offer other additional distinct advantages as a result of the pnp transistor differential input stage and an all npn transistor output stage. since the input common mode voltage range of this input stage includes the v ee potential, single supply operation is feasible to as low as 3.0 v with the common mode input voltage at ground potential. the input stage also allows differential input voltages up to 44 v, provided the maximum input voltage range is not exceeded. specifically, the input voltages must range between v ee and v cc supply voltages as shown by the maximum rating table. in practice, although not recommended, the input voltages can exceed the v cc voltage by approximately 3.0 v and decrease below the v ee voltage by 0.3 v without causing product damage, although output phase reversal may occur. it is also possible to source up to approximately 5.0 ma of current from v ee through either inputs clamping diode without damage or latching, although phase reversal may again occur. if one or both inputs exceed the upper common mode voltage limit, the amplifier output is readily predictable and may be in a low or high state depending on the existing input bias conditions. since the input capacitance associated with the small geometry input device is substantially lower (2.5 pf) than the typical jfet input gate capacitance (5.0 pf), better frequency response for a given input source resistance can be achieved using the MC34071 series of amplifiers. this performance feature becomes evident, for example, in fast settling d ? to ? a current to voltage conversion applications where the feedback resistance can form an input pole with the input capacitance of the op amp. this input pole creates a 2nd order system with the single pole op amp and is therefore detrimental to its settling time. in this context, lower input capacitance is desirable especially for higher
MC34071,2,4,a mc33071,2,4,a, ncv33074a http://onsemi.com 11 values of feedback resistances (lower current dacs). this input pole can be compensated for by creating a feedback zero with a capacitance across the feedback resistance, if necessary, to reduce overshoot. for 2.0 k  of feedback resistance, the MC34071 series can settle to within 1/2 lsb of 8 ? bits in 1.0  s, and within 1/2 lsb of 12 ? bits in 2.2  s for a 10 v step. in a inverting unity gain fast settling configuration, the symmetrical slew rate is 13 v/  s. in the classic noninverting unity gain configuration, the output positive slew rate is +10 v/  s, and the corresponding negative slew rate will exceed the positive slew rate as a function of the fall time of the input waveform. since the bipolar input device matching characteristics are superior to that of jfets, a low untrimmed maximum offset voltage of 3.0 mv prime and 5.0 mv downgrade can be economically offered with high frequency performance characteristics. this combination is ideal for low cost precision, high speed quad op amp applications. the all npn output stage, shown in its basic form on the equivalent circuit schematic, offers unique advantages over the more conventional npn/pnp transistor class ab output stage. a 10 k  load resistance can swing within 1.0 v of the positive rail (v cc ), and within 0.3 v of the negative rail (v ee ), providing a 28.7 v pp swing from 15 v supplies. this large output swing becomes most noticeable at lower supply voltages. the positive swing is limited by the saturation voltage of the current source transistor q 7 , and v be of the npn pull up transistor q 17 , and the voltage drop associated with the short circuit resistance, r 7 . the negative swing is limited by the saturation voltage of the pull ? down transistor q 16 , the voltage drop i l r 6 , and the voltage drop associated with resistance r 7 , where i l is the sink load current. for small valued sink currents, the above voltage drops are negligible, allowing the negative swing voltage to approach within millivolts of v ee . for large valued sink currents (>5.0 ma), diode d3 clamps the voltage across r 6 , thus limiting the negative swing to the saturation voltage of q 16 , plus the forward diode drop of d3 ( v ee +1.0 v). thus for a given supply voltage, unprecedented peak ? to ? peak output voltage swing is possible as indicated by the output swing specifications. if the load resistance is referenced to v cc instead of ground for single supply applications, the maximum possible output swing can be achieved for a given supply voltage. for light load currents, the load resistance will pull the output to v cc during the positive swing and the output will pull the load resistance near ground during the negative swing. the load resistance value should be much less than that of the feedback resistance to maximize pull up capability. because the pnp output emitter ? follower transistor has been eliminated, the MC34071 series offers a 20 ma minimum current sink capability, typically to an output voltage of (v ee +1.8 v). in single supply applications the output can directly source or sink base current from a common emitter npn transistor for fast high current switching applications. in addition, the all npn transistor output stage is inherently fast, contributing to the bipolar amplifier?s high gain bandwidth product and fast settling capability. the associated high frequency low output impedance (30  typ @ 1.0 mhz) allows capacitive drive capability from 0 pf to 10,000 pf without oscillation in the unity closed loop gain configuration. the 60 phase margin and 12 db gain margin as well as the general gain and phase characteristics are virtually independent of the source/sink output swing conditions. this allows easier system phase compensation, since output swing will not be a phase consideration. the high frequency characteristics of the MC34071 series also allow excellent high frequency active filter capability, especially for low voltage single supply applications. although the single supply specifications is defined at 5.0 v, these amplifiers are functional to 3.0 v @ 25 c although slight changes in parametrics such as bandwidth, slew rate, and dc gain may occur. if power to this integrated circuit is applied in reverse polarity or if the ic is installed backwards in a socket, large unlimited current surges will occur through the device that may result in device destruction. special static precautions are not necessary for these bipolar amplifiers since there are no mos transistors on the die. as with most high frequency amplifiers, proper lead dress, component placement, and pc board layout should be exercised for optimum frequency performance. for example, long unshielded input or output leads may result in unwanted input ? output coupling. in order to preserve the relatively low input capacitance associated with these amplifiers, resistors connected to the inputs should be immediately adjacent to the input pin to minimize additional stray input capacitance. this not only minimizes the input pole for optimum frequency response, but also minimizes extraneous ?pick up? at this node. supply decoupling with adequate capacitance immediately adjacent to the supply pin is also important, particularly over temperature, since many types of decoupling capacitors exhibit great impedance changes over temperature. the output of any one amplifier is current limited and thus protected from a direct short to ground. however, under such conditions, it is important not to allow the device to exceed the maximum junction temperature rating. t ypically for 15 v supplies, any one output can be shorted continuously to ground without exceeding the maximum temperature rating.
MC34071,2,4,a mc33071,2,4,a, ncv33074a http://onsemi.com 12 figure 38. ac coupled noninverting amplifier figure 39. ac coupled inverting amplifier (typical single supply applications v cc = 5.0 v) figure 40. dc coupled inverting amplifier maximum output swing figure 41. unity gain buffer ttl driver figure 42. active high ? q notch filter figure 43. active bandpass filter ? + v cc 5.1 m 20 k c in v in 1.0 m MC34071 v o 0 3.7 v pp r l 10 k a v = 101 100 k 1.0 k bw (?3.0 db) = 45 khz c o v o 36.6 mv pp ? + 3.7 v pp 0 v cc v o 100 k c in 10 k 100 k c o r l 10 k 68 k v in 370 mv pp a v = 10 bw (?3.0 db) = 450 khz + ? 4.75 v pp v o v o v cc r l 100 k 91 k 5.1 k 1.0 m a v = 10 v in 2.63 v 5.1 k bw (?3.0 db) = 450 khz ? + v in 2.5 v 0 0 to 10,000 pf cable ttl gate ? + v in v o 16 k c 0.01 32 k 2.0 r 2.0 c 0.02 f o = 1.0 khz f o = v in 0.2 vdc 1 4  rc 2.0 c 0.02 16 k r r ? + v in v o v cc r3 2.2 k c 0.047 r2 5.6 k 0.4 v cc r1 f o = 30 khz h o = 10 h o = 1.0 1.1 k given f o = center frequency a o = gain at center frequency choose value f o , q, a o , c r3 = r1 = r2 = q r3 r1 r3 2h o 4q 2 r1?r3  f o c for less than 10% error from operational amplifier q o f o gbw < 0.1 where f o and gbw are expressed in hz. c 0.047 MC34071 MC34071 MC34071 MC34071 MC34071 mc54/74xx then: gbw = 4.5 mhz typ.
MC34071,2,4,a mc33071,2,4,a, ncv33074a http://onsemi.com 13 figure 44. low voltage fast d/a converter figure 45. high speed low voltage comparator figure 46. led driver figure 47. transistor driver figure 48. ac/dc ground current monitor figure 49. photovoltaic cell amplifier 5.0 k 10 k bit switches c f r f v o v cc (r?2r) ladder network settling time 1.0  s (8?bits, 1/2 lsb) ? + 5.0 k 5.0 k 10 k 10 k ? + v o v o v in 1.0 v 2.0 k r l 2.0 v 4.0 v 0.1 t 25 v/  s 0.2  s delay delay 1.0  s v in t 13 v/  s ? + v cc v ref on" v in < v ref on" v in > v ref v in ? + v cc v cc r l r l (a) pnp (b) npn ? + ? + v o i load r1 r2 r s ground current sense resistor v o = i load r s bw ( ?3.0 db) = gbw for v o > 0.1v r1 r2 r1+r2 r2 ? + v o MC34071 i cell v cell = 0 v v o = i cell r f v o > 0.1 v r f 1+ MC34071 MC34071 MC34071 MC34071 MC34071 MC34071
MC34071,2,4,a mc33071,2,4,a, ncv33074a http://onsemi.com 14 figure 50. low input voltage comparator with hysteresis figure 51. high compliance voltage to sink current converter figure 52. high input impedance differential amplifier figure 53. bridge current amplifier figure 54. low voltage peak detector figure 55. high frequency pulse width modulation v ref r2 v o v oh v ol v inl v inh v ref hysteresis v in v in r1 MC34071 v inl =(v ol ?v ref )+v ref r1 r1+r2 v inh =(v oh ?v ref )+v ref v h =(v oh ?v ol ) + ? r1 r1+r r1 r1+r2 v in i out r ? + i out = v in v io r 1/2 mc34072 ? + + r1 r2 r3 r4 v o +v1 +v2 r2 r4 r3 r1 (critical to cmrr) v o = 1 v2?v1 for (v2 v1), v > 0 = ? + r4 r3 r4 r3 ? + +v ref r f v o rr r r =  r  r < < r r f > > r (v o 0.1 v) r f v o = v ref  r r f 2r 2 ? + v in v in r l v p 10,000 pf v o = v in (pk) + v p t ? + + v p t t i out v p + ? 0 + i sc base charge removal i b v+ 47 k 100 k c r pulse width control group osc comparator high current output f osc  v 0.85 rc ? 100 k i b MC34071 MC34071 MC34071 1/2 mc34072 1/2 mc34072 1/2 mc34072
MC34071,2,4,a mc33071,2,4,a, ncv33074a http://onsemi.com 15 figure 56. second order low ? pass active filter figure 57. second order high ? pass active filter general additional applications information v s = 15.0 v figure 58. fast settling inverter figure 59. basic inverting amplifier figure 60. basic noninverting amplifier figure 61. unity gain buffer (a v = +1.0) ? + r1 r3 560 510 c2 c1 0.44 0.02 r2 5.6 k MC34071 f o = 1.0 khz h o = 10 choose: f o , h o , c2 then: c1 = 2c2 (h o +1) r2 = r3 = r1 = r2 h o h o +1 4  f o c2 r2 + ? c2 0.05 c1 1.0 r1 46.1 k r2 1.1 k f o = 100 hz h o = 20 choose: f o , h o , c1 then: r1 = r2 = c2 = h o +0.5  f o c1 2  f o c1 (1/h o +2) c h o c1 1.0 + ? c f * v o = 10 v step r f 2.0 k i high speed dac *optional compensation uncompensated compensated t s = 1.0  s to 1/2 lsb (8?bits) t s = 2.2  s to 1/2 lsb (12?bits) sr = 13 v/  s v o + ? r1 r2 v o v in r l bw (?3.0 db) = gbw = sr = 13 v/  s v o v in r2 r1 r1 +r2 r1 bw (?3.0 db) = gbw r1 +r2 r1 + ? v in v o r2 r l r1 = v o v in r2 r1 1 + + ? v in v o bw p = 200 khz v o = 20 v pp sr = 10 v/  s MC34071 MC34071 MC34071 MC34071 MC34071 2  2  2 
MC34071,2,4,a mc33071,2,4,a, ncv33074a http://onsemi.com 16 figure 62. high impedance differential amplifier figure 63. dual voltage doubler ? r r e example: let: r = r e = 12 k then: a v = 3.0 bw = 1.5 mhz a v = 1 +2 r r e ? ? + + + v o r r r r r mc34074 ? + + 100 k 10 +10 ?10 220 pf ?v o +v o r l +v o ?v o 18.93 ?18.78 10 k 18 ?18 5.0 k 15.4 ?15.4 r l 100 k 100 k r l + + ? + + + 10 10 10 ? mc34074 mc34074 mc34074 mc34074 mc34074
MC34071,2,4,a mc33071,2,4,a, ncv33074a http://onsemi.com 17 ordering information op amp function device operating temperature range package shipping ? single MC34071p t a = 0 to +70 c pdip ? 8 50 units / rail MC34071pg pdip ? 8 (pb ? free) MC34071ap pdip ? 8 50 units / rail MC34071apg pdip ? 8 (pb ? free) MC34071d soic ? 8 98 units / rail MC34071dg soic ? 8 (pb ? free) MC34071dr2 soic ? 8 2500 / tape & reel MC34071dr2g soic ? 8 (pb ? free) MC34071ad soic ? 8 98 units / rail MC34071adg soic ? 8 (pb ? free) MC34071adr2 soic ? 8 2500 / tape & reel MC34071adr2g soic ? 8 (pb ? free) mc33071d t a = ? 40 to +85 c soic ? 8 98 units / rail mc33071dg soic ? 8 (pb ? free) mc33071dr2 soic ? 8 2500 / tape & reel mc33071dr2g soic ? 8 (pb ? free) mc33071ad soic ? 8 98 units / rail mc33071adg soic ? 8 (pb ? free) mc33071adr2 soic ? 8 2500 / tape & reel mc33071adr2g soic ? 8 (pb ? free) mc33071ap pdip ? 8 50 units / rail mc33071apg pdip ? 8 (pb ? free) mc33071p pdip ? 8 mc33071pg pdip ? 8 (pb ? free) dual mc34072p t a = 0 to +70 c pdip ? 8 mc34072pg pdip ? 8 (pb ? free) mc34072ap pdip ? 8 mc34072apg pdip ? 8 (pb ? free) mc34072d soic ? 8 98 units / rail mc34072dg soic ? 8 (pb ? free) mc34072ad soic ? 8 mc34072adg soic ? 8 (pb ? free) mc34072dr2 soic ? 8 2500 units / tape & reel mc34072dr2g soic ? 8 (pb ? free) mc34072adr2 soic ? 8 mc34072adr2g soic ? 8 (pb ? free) ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specifications brochure, brd8011/d.
MC34071,2,4,a mc33071,2,4,a, ncv33074a http://onsemi.com 18 ordering information (continued) op amp function device operating temperature range package shipping ? dual mc33072p t a = ? 40 to +85 c pdip ? 8 50 units / rail mc33072pg pdip ? 8 (pb ? free) mc33072ap pdip ? 8 mc33072apg pdip ? 8 (pb ? free) mc33072d soic ? 8 98 units / rail mc33072dg soic ? 8 (pb ? free) mc33072ad soic ? 8 mc33072adg soic ? 8 (pb ? free) mc33072dr2 soic ? 8 2500 / tape & reel mc33072dr2g soic ? 8 (pb ? free) mc33072adr2 soic ? 8 mc33072adr2g soic ? 8 (pb ? free) mc34072vd t a = ? 40 to +125 c soic ? 8 98 units / rail mc34072vdg soic ? 8 (pb ? free) mc34072vdr2 soic ? 8 2500 / tape & reel mc34072vdr2g soic ? 8 (pb ? free) mc34072vp pdip ? 8 50 units / rail mc34072vpg pdip ? 8 (pb ? free) quad mc34074p t a = 0 to +70 c pdip ? 14 25 units / rail mc34074pg pdip ? 14 (pb ? free) mc34074ap pdip ? 14 mc34074apg pdip ? 14 (pb ? free) mc34074d soic ? 14 55 units / rail mc34074dg soic ? 14 (pb ? free) mc34074ad soic ? 14 mc34074adg soic ? 14 (pb ? free) mc34074adr2 soic ? 14 2500 units / tape & reel mc34074adr2g soic ? 14 (pb ? free) mc34074dr2 soic ? 14 mc34074dr2g soic ? 14 (pb ? free) ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specifications brochure, brd8011/d.
MC34071,2,4,a mc33071,2,4,a, ncv33074a http://onsemi.com 19 ordering information (continued) op amp function device operating temperature range package shipping ? quad mc33074p t a = ? 40 to +85 c pdip ? 14 25 units / rail mc33074pg pdip ? 14 (pb ? free) mc33074ap pdip ? 14 mc33074apg pdip ? 14 (pb ? free) mc33074d soic ? 14 55 units / rail mc33074dg soic ? 14 (pb ? free) mc33074ad soic ? 14 mc33074adg soic ? 14 (pb ? free) mc33074dr2 soic ? 14 2500 / tape & reel mc33074dr2g soic ? 14 (pb ? free) mc33074adr2 soic ? 14 mc33074adr2g soic ? 14 (pb ? free) mc33074dtb tssop ? 14* 96 units / rail mc33074dtbg tssop ? 14* mc33074dtbr2 tssop ? 14* 2500 / tape & reel mc33074dtbr2g tssop ? 14* mc33074adtb tssop ? 14* 96 units / rail mc33074adtbg tssop ? 14* mc33074adtbr2 tssop ? 14* 2500 / tape & reel mc33074adtbr2g tssop ? 14* mc34074vd t a = ? 40 to +125 c soic ? 14 55 units / rail mc34074vdg soic ? 14 (pb ? free) mc34074vdr2 soic ? 14 2500 / tape & reel mc34074vdr2g soic ? 14 (pb ? free) mc34074vp pdip ? 14 25 units / rail mc34074vpg pdip ? 14 (pb ? free) ncv33074adtbr2g** tssop ? 14* 2500 / tape & reel ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specifications brochure, brd8011/d. *this package is inherently pb ? free. **ncv prefix for automotive and other applications requiring site and control changes.
MC34071,2,4,a mc33071,2,4,a, ncv33074a http://onsemi.com 20 marking diagrams awl mc3x071p 1 8 yywwg awl mc3x071ap 1 8 yywwg x = 3 or 4 a = assembly location wl, l = wafer lot yy, y = year ww, w = work week g or = pb ? free package awl mc3x072p 1 8 yywwg pdip ? 8 p suffix case 626 awl mc3x072ap 1 8 yywwg soic ? 8 d suffix case 751 1 14 mc3x074p awlyywwg pdip ? 14 p suffix case 646 1 14 mc3x074ap awlyywwg mc33 074 alyw 1 14 tssop ? 14 dtb suffix case 948g soic ? 14 d suffix case 751a awl mc34072vp 1 8 yywwg 1 14 mc34074vp awlyywwg 3x071 alyw 1 8 3x071 alywa 1 8 3x072 alyw 1 8 1 8 1 8 mc3x074dg awlyww 1 14 mc3x074adg awlyww 1 14 mc34074vdg awlyww 1 14 3x072 alywa 34072 alywv (note: microdot may be in either location) mc33 074a alyw 1 14 ncv3 074a alyw 1 14
MC34071,2,4,a mc33071,2,4,a, ncv33074a http://onsemi.com 21 package dimensions pdip ? 8 p suffix case 626 ? 05 issue l notes: 1. dimension l to center of lead when formed parallel. 2. package contour optional (round or square corners). 3. dimensioning and tolerancing per ansi y14.5m, 1982. 14 5 8 f note 2 ? a ? ? b ? ? t ? seating plane h j g d k n c l m m a m 0.13 (0.005) b m t dim min max min max inches millimeters a 9.40 10.16 0.370 0.400 b 6.10 6.60 0.240 0.260 c 3.94 4.45 0.155 0.175 d 0.38 0.51 0.015 0.020 f 1.02 1.78 0.040 0.070 g 2.54 bsc 0.100 bsc h 0.76 1.27 0.030 0.050 j 0.20 0.30 0.008 0.012 k 2.92 3.43 0.115 0.135 l 7.62 bsc 0.300 bsc m ??? 10 ??? 10 n 0.76 1.01 0.030 0.040
MC34071,2,4,a mc33071,2,4,a, ncv33074a http://onsemi.com 22 package dimensions soic ? 8 nb case 751 ? 07 issue ah seating plane 1 4 5 8 n j x 45 k notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimension a and b do not include mold protrusion. 4. maximum mold protrusion 0.15 (0.006) per side. 5. dimension d does not include dambar protrusion. allowable dambar protrusion shall be 0.127 (0.005) total in excess of the d dimension at maximum material condition. 6. 751 ? 01 thru 751 ? 06 are obsolete. new standard is 751 ? 07. a b s d h c 0.10 (0.004) dim a min max min max inches 4.80 5.00 0.189 0.197 millimeters b 3.80 4.00 0.150 0.157 c 1.35 1.75 0.053 0.069 d 0.33 0.51 0.013 0.020 g 1.27 bsc 0.050 bsc h 0.10 0.25 0.004 0.010 j 0.19 0.25 0.007 0.010 k 0.40 1.27 0.016 0.050 m 0 8 0 8 n 0.25 0.50 0.010 0.020 s 5.80 6.20 0.228 0.244 ? x ? ? y ? g m y m 0.25 (0.010) ? z ? y m 0.25 (0.010) z s x s m 1.52 0.060 7.0 0.275 0.6 0.024 1.270 0.050 4.0 0.155  mm inches  scale 6:1 *for additional information on our pb ? free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. soldering footprint*
MC34071,2,4,a mc33071,2,4,a, ncv33074a http://onsemi.com 23 package dimensions pdip ? 14 case 646 ? 06 issue p 17 14 8 b a dim min max min max millimeters inches a 0.715 0.770 18.16 19.56 b 0.240 0.260 6.10 6.60 c 0.145 0.185 3.69 4.69 d 0.015 0.021 0.38 0.53 f 0.040 0.070 1.02 1.78 g 0.100 bsc 2.54 bsc h 0.052 0.095 1.32 2.41 j 0.008 0.015 0.20 0.38 k 0.115 0.135 2.92 3.43 l m ??? 10 ??? 10 n 0.015 0.039 0.38 1.01 notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. 3. dimension l to center of leads when formed parallel. 4. dimension b does not include mold flash. 5. rounded corners optional. f hg d k c seating plane n ? t ? 14 pl m 0.13 (0.005) l m j 0.290 0.310 7.37 7.87
MC34071,2,4,a mc33071,2,4,a, ncv33074a http://onsemi.com 24 soic ? 14 case 751a ? 03 issue h notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimensions a and b do not include mold protrusion. 4. maximum mold protrusion 0.15 (0.006) per side. 5. dimension d does not include dambar protrusion. allowable dambar protrusion shall be 0.127 (0.005) total in excess of the d dimension at maximum material condition. ? a ? ? b ? g p 7 pl 14 8 7 1 m 0.25 (0.010) b m s b m 0.25 (0.010) a s t ? t ? f r x 45 seating plane d 14 pl k c j m dim min max min max inches millimeters a 8.55 8.75 0.337 0.344 b 3.80 4.00 0.150 0.157 c 1.35 1.75 0.054 0.068 d 0.35 0.49 0.014 0.019 f 0.40 1.25 0.016 0.049 g 1.27 bsc 0.050 bsc j 0.19 0.25 0.008 0.009 k 0.10 0.25 0.004 0.009 m 0 7 0 7 p 5.80 6.20 0.228 0.244 r 0.25 0.50 0.010 0.019 7.04 14x 0.58 14x 1.52 1.27 dimensions: millimeters 1 pitch soldering footprint* 7x *for additional information on our pb ? free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d.
MC34071,2,4,a mc33071,2,4,a, ncv33074a http://onsemi.com 25 package dimensions tssop ? 14 case 948g ? 01 issue b dim min max min max inches millimeters a 4.90 5.10 0.193 0.200 b 4.30 4.50 0.169 0.177 c ??? 1.20 ??? 0.047 d 0.05 0.15 0.002 0.006 f 0.50 0.75 0.020 0.030 g 0.65 bsc 0.026 bsc h 0.50 0.60 0.020 0.024 j 0.09 0.20 0.004 0.008 j1 0.09 0.16 0.004 0.006 k 0.19 0.30 0.007 0.012 k1 0.19 0.25 0.007 0.010 l 6.40 bsc 0.252 bsc m 0 8 0 8 notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimension a does not include mold flash, protrusions or gate burrs. mold flash or gate burrs shall not exceed 0.15 (0.006) per side. 4. dimension b does not include interlead flash or protrusion. interlead flash or protrusion shall not exceed 0.25 (0.010) per side. 5. dimension k does not include dambar protrusion. allowable dambar protrusion shall be 0.08 (0.003) total in excess of the k dimension at maximum material condition. 6. terminal numbers are shown for reference only. 7. dimension a and b are to be determined at datum plane ? w ? . s u 0.15 (0.006) t 2x l/2 s u m 0.10 (0.004) v s t l ? u ? seating plane 0.10 (0.004) ? t ? ??? ??? section n ? n detail e j j1 k k1 ? w ? 0.25 (0.010) 8 14 7 1 pin 1 ident. h g a d c b s u 0.15 (0.006) t ? v ? 14x ref k n n 7.06 14x 0.36 14x 1.26 0.65 dimensions: millimeters 1 pitch soldering footprint* *for additional information on our pb ? free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d.
MC34071,2,4,a mc33071,2,4,a, ncv33074a http://onsemi.com 26 on semiconductor and are registered trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to mak e changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for an y particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including wi thout limitation special, consequential or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/or specifications can and do vary in different application s and actual performance may vary over time. all operating parameters, including ?typicals? must be validated for each customer application by customer?s technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its of ficers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, direct ly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws and is not for resale in any manner. publication ordering information n. american technical support : 800 ? 282 ? 9855 toll free usa/canada europe, middle east and africa technical support: phone: 421 33 790 2910 japan customer focus center phone: 81 ? 3 ? 5773 ? 3850 MC34071/d literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 303 ? 675 ? 2175 or 800 ? 344 ? 3860 toll free usa/canada fax : 303 ? 675 ? 2176 or 800 ? 344 ? 3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : www.onsemi.com order literature : http://www.onsemi.com/orderlit for additional information, please contact your local sales representative


▲Up To Search▲   

 
Price & Availability of MC34071

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X