Part Number Hot Search : 
SC4525A CXD3611R 1N6509 1N5398 1106U 284884 TDA6200 D2002BL
Product Description
Full Text Search
 

To Download KMOC3051L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cosmo elect ronics corp. document no. 6 9p41002 .2 - 1 - http://www.cosmo - ic.com cosmo kmoc30 5x series 5 pin random - phase triac driver photocoup ler ? description the kmoc3051 kmoc3052 kmoc3053 series consist of a gaas infrared emitting diode optically coupled to a non - zero - crossing silicon bilateral ac switch ( triac ). these devices isolate low voltage logic from 115/240 v ac lines to provide random phase control of high current triac s or thyristors. these devices feature greatly enhanced static dv/dt capability to ensure stable switching performance of inductive loads. ? schematic 1 2 3 6 4 1. anode 2. cathode 3. nc 4. main terminal 6. main terminal ? features 1. pb free and rohs compliant 2. 600v peak blocking voltage 3. simplifies log ic control of 115/240 vac power 4. non zero voltage crossing 5. isolation voltage between input and output (viso 5300vms) 6. msl class 1 7. agency approvals ? ul approved (no. e169586): ul1577 ? c - ul approved (no. e169586) ? vde approved (no. 40009235 ): din en60747 - 5 - 5 ? cqc approved: gb8898 - 2011, gb4943.1 - 2011 ? applicatio n s ? solenoid/valve c ontrols ? lighting c ontrols ? static power s witches ? ac motor d rives ? temperature c ontrols ? e.m c ontactors ? ac motor c ontactors ? solid state r elay ? programmable controllers
cosmo elect ronics corp. document no. 6 9p41002 .2 - 2 - http://www.cosmo - ic.com cosmo kmoc30 5x series 5 pin random - phase triac driver photocoup ler ? outside dimension unit mm 6.50 7.62 0.25 o 13.00 2.54 o 13.00 7.30 3.50 1.20 5.08 3.00 0.40 2.70 0.50 0 ~ 10 0.2 0.25 7.30 5.08 1.20 3.50 2.54 6 .5 0 0 .2 5 7 .3 0 3 .5 0 3 .0 0 0 .3 0 1.2 0 0 .5 0 2 .5 4 2 .7 0 5 .0 8 7 .6 2 10 .16 0 .5 0 7.30 0.25 10.000.4 1.00 6.50 7.62 0 ~ 10 0.100.1 1.20 2.54 3.50 2.54 kmoc3053 kmoc3053s kmoc3053l kmoc3053h tolerance 0.2mm 1. dual-in-line type. 2. surface mount type. 4. long creepage distance for surface mount type. 3. long creepage distance type. ? device marking cosmo 3053 yww notes cosmo 30 5 1 3052 3053 yww y year code / w week code
cosmo elect ronics corp. document no. 6 9p41002 .2 - 3 - http://www.cosmo - ic.com cosmo kmoc30 5x series 5 pin random - phase triac driver photocoup ler ? absolute maximum ratings (ta=25 ) parameter symbol rating unit input forward curren t i f 50 ma peak forward current i fm 1 a reverse voltage v r 6 v power dissipation p d 70 mw output off - state output t erminal voltage v drm 60 0 v peak on - state r.m.s. c urrent i t(rms) 100 ma peak r epetitive surge c urrent (pw=10ms.dc 10%) i tsm 1 a po wer dissipation p d 300 mw total power dissipation p tot 330 mw isolation voltage 1 minute v iso 5 3 00 vrms operating temperature t opr - 40 to + 115 storage temperature t stg - 50 to +125 soldering temperature 10 second s t sol 260 ? electro - optical characteristics (ta=25 ) parameter symbol conditions m in . t yp . m ax . unit input forward voltage v f i f =10ma - 1.2 1.4 v reverse current i r v r =4v - - 10 a output peak b locking c urrent i drm v drm rated - - 5 00 na o n - s tate v oltage v tm i tm =100ma - 1. 6 3 v tran s fe r charac - teristics holding c urrent i h - 0.1 - ma critical rate of rise of o ff - state voltage d v /d t v drm =(1/ 2 )*rated 10 00 - - v/ s isolation resistance r iso dc500v 5x10 10 10 11 - minimum trigger current i ft main t erminal v oltage=3v k moc3051 - - 15 ma kmoc3052 - - 10 ma kmoc3053 - - 5 ma turn - on time t on v d =6v,r l =1 00 ,i f =20ma - - 100 s ? static dv/dt test circuit r=10k x100 scope probe d.u.t ctest vdc rtest mercury wetted relay pulse input applied voltage waveform 0 volts vmax dv/dt = 0.63 vmax rc rc 0.63 vmax
cosmo elect ronics corp. document no. 6 9p41002 .2 - 4 - http://www.cosmo - ic.com cosmo kmoc30 5x series 5 pin random - phase triac driver photocoup ler fig.1 forward c urrent fig.2 diode power dissipation vs. ambient t emperature vs . ambient t emperature forward current i f ( ma ) 0 -4 0 - 2 0 0 2 0 4 0 6 0 8 0 1 0 0 1 1 5 1 0 2 0 3 0 4 0 5 0 6 0 diode power dissipation p d (mw) 0 -4 0 -2 0 0 2 0 4 0 6 0 8 0 1 0 0 1 1 5 2 0 4 0 6 0 8 0 1 0 0 1 2 0 7 0 ambient temperature ta ( ) ambient temperature ta ( ) fig.3 on - s tate r.m.s. c urrent fig.4 total power dissipation vs. ambient t emperature vs. ambient temperature on - state current i tm ( ma ) 0 -40 -20 0 20 40 60 80 100 115 20 40 60 80 100 120 total power dissipation p d (mw) 0 -4 0 -20 0 20 4 0 6 0 8 0 10 0 1 1 5 10 0 20 0 30 0 40 0 50 0 60 0 33 0 ambient temperature ta ( ) ambient temperature ta ( ) fig.5 peak forward current fig.6 forward current vs. duty ratio vs. forward voltage peak forward current i ft ( ma ) 10 10 100 1000 10000 1 -3 10 -2 10 -1 pulse width <= 100us ta=25c forward current i f ( ma ) 1 10 100 1000 0.5 1.0 1.5 2.0 2.5 3.0 0 5 2 50 20 500 200 ta=75c 50c 25c 0c -25c duty ratio forward voltage (v)
cosmo elect ronics corp. document no. 6 9p41002 .2 - 5 - http://www.cosmo - ic.com cosmo kmoc30 5x series 5 pin random - phase triac driver photocoup ler fig.7 on - s tate c haracteristics fig.8 leakage with led off vs. ambient temperature on - state current i tm ( ma ) -3 -400 -2 -1 0 1 2 3 -300 -200 -100 0 +100 +200 +300 +400 output pulse width 80us if=30ma, f=60hz, ta=25c peak blocking current ( na ) 1 -40 -20 0 20 40 60 80 100 115 10 100 1000 on - state voltage (v) ambient temperature ta ( ) fig. 9 trigger current v s . ambient temperature i ft , normalized -40 -20 0 20 40 60 80 100 115 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4 1.5 1.6 normalized to ta=25c ambient temperature ta ( )
cosmo elect ronics corp. document no. 6 9p41002 .2 - 6 - http://www.cosmo - ic.com cosmo kmoc30 5x series 5 pin random - phase triac driver photocoup ler ? recommended soldering conditions (a) infrared reflow soldering ? peak reflow soldering ? time of pe ak reflow temperature ? time of temperature higher than 230 ? time to preheat t emperature from 180~190 ? time(s) of reflow ? flux 2 60 or below (package surface temperature) 10 sec 30 - 60 sec 60 - 120 sec two rosin flux containing small amount of chlorine ( the f lux with a maximum chlorine content of 0.2 wt% is recommended.) recommended temperature profile of infrared reflow 1 8 0 1 9 0 2 3 0 2 6 0 6 0 -1 2 0 s e c 3 0 -6 0 s e c t (s ) temperature 1 0 s e c m a x . (b) wave soldering ? temperature ? time ? preheating conditions ? t ime ( s ) of reflow ? flux 260 or below (m olten solder temperature) 10 seconds or less 120 or below (package surface temperature) one rosin flux containing small amount of chlorine (the flux with a maximum chlorine content of 0.2 wt% is recommended.) (c) cautions ? fluxes avoid removing the resid ual flux with f reon - based and chlorine - based cleaning solvent . ? avoid shorting between portion of frame and leads.
cosmo elect ronics corp. document no. 6 9p41002 .2 - 7 - http://www.cosmo - ic.com cosmo kmoc30 5x series 5 pin random - phase triac driver photocoup ler ? number ing system k moc30 5 1 x (y) k moc3052 x (y) k moc3053 x (y) note s kmoc30 5 1 / kmoc3052 / kmoc3053 = part no. x = lead f orm o ption ( blank s h l ) y = tape and r eel option ( tl tr tld tru ) option description packing quantity s (tl) surface mount type package + tl tape & reel option 1000 units per reel s (tr) surface mount type package + tr tape & reel option 1000 units per reel l (tld) long creepage distance for surface mount type package + tld tape & reel option 1000 units per reel l (tru) long creepage distance for surface mount type package + tru tape & reel option 1000 units per reel ? recommended pad layout for su rface mount l ead f orm 8.3 2.54 1.5 1.9 10.7 2.67 1.5 1.9 5-pin smd 5-pin l 1. surface mount type. 2. long creepage distance for surface mount type. u nit mm
cosmo elect ronics corp. document no. 6 9p41002 .2 - 8 - http://www.cosmo - ic.com cosmo kmoc30 5x series 5 pin random - phase triac driver photocoup ler ? smd carrier t ape & reel tl tr direction of feed from reel direction of feed from reel unit mm tolerance 0.2mm
cosmo elect ronics corp. document no. 6 9p41002 .2 - 9 - http://www.cosmo - ic.com cosmo kmoc30 5x series 5 pin random - phase triac driver photocoup ler ? l carrier t ape & reel 24.40 30.40 max. 1000.50 13.0 330 max. unit:mm tolerance 0.2mm tld tru 7.6 12.0 4.0 2.0 1.8 11.5 240.3 12.2 4.15 0.4 5 direction of feed from reel direction of feed from reel
cosmo elect ronics corp. document no. 6 9p41002 .2 - 10 - http://www.cosmo - ic.com cosmo kmoc30 5x series 5 pin random - phase triac driver photocoup ler ? application notice the content of datasheet is the guidance for product use on ly. cosmo takes no responsibility to the accuracy of the information provided here. for continuously improving all of products, including quality, reliability, function...etc., cosmo reserves the right to change the specification, characteristics, data, ma terials, and structure of products without notice. please contact with cosmo to obtain the latest specification. it would be required to comply with the absolute maximum ratings listed in the specification. cosmo has no liability and responsibility to th e damage caused by improper use of the products. cosmo products are intended to be designed for use in general electronics application list below: a. personal c omputer b. oa machine c. audio / video d. instrumentation e. electrical a pplication f. measure ment equipment g. consumer electronics h. telecommunication cosmo devices shall not be used or related with equipment requiring higher level of quality / reliability, or malfunction, or failure which may cause loss of human life, bodily injury, includes, without limitation: a. medical and other life supporting equipments b. space application c. telecommunication equipment (trunk lines) d. nuclear power control e. equipment used for automotive vehicles, trains, ships...etc. this publication is the proper ty of cosmo. no part of this publication may be reproduced or copied in any form or any means electronically or mechanically for any purpose, in whole or in part without any written permission expressed f r o m cosmo.


▲Up To Search▲   

 
Price & Availability of KMOC3051L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X