Part Number Hot Search : 
STU5025 LC104S1 SK195 HCF4038B K844P 1SV30407 1SV30407 CHA5093
Product Description
Full Text Search
 

To Download KB1-12-SC2-2000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  new 1/7 components product information jae pmk div. proprietary. copyright ? 2010, japan aviation electronics industry, ltd. connector mb-0220-1 december 2010 kb1 series the kb1 series are high- current interconnect con nectors for solar panel modules. just align the connector s, and mating is smoothly completed with an audible and tactile click. the kb1 series can be easily assembled on site because of the small number of parts. summary high-current connectors f or solar panel module connections of solar panel modules (reference) solar panel module pin connector (-) socket connector (+) rohs compliant + - - - + + junction box
mb-0220-1 2/7 jae pmk div. proprietary. copyright ? 2010, japan aviation electronics industry, ltd. materials and finishes component material and finish contact copper alloy / silver plating insulator synthetic resin bushing synthetic rubber gland nut synthetic resin ?o? ring synthetic resin ? number of contacts: 1 pos. ? rated current: 25 a max. (kb1-12-pc/sc) 10a max. (kb1-12-pc2/sc2) ? rated voltage: 1000 vdc / 6000 vac; pollution degree: 3; over voltage category: iii ? contact resistance: 1.5 m ? max. (kb1-12-pc/sc), 4 m ? max. (kb1-12-pc2/sc2) ? dielectric withstanding voltage: 6,000 v ? operating temperatur e range: -40 deg. c to 90 deg. c ? protection degree: ip-67 (when mated) general specifications ? appearance: compact size (17.8mm in diameter). ? lock mechanism (mating): center impeller type prevents deforma tion of the spring caused by rough mating and un-mating. ? smooth insertion and mating of the con nectors within 180 deg. c of rotation. (please refer to supporting documents) ? lock mechanism (un-mating): simple lock stru cture, clear click so und when releasing, one action to un-mate. features
mb-0220-1 3/7 jae pmk div. proprietary. copyright ? 2010, japan aviation electronics industry, ltd. ordering information kb1 j s 01 p g * pin connector series shell size number of contacts p: crimp type pin contact contact size applicable cable o.d. 1: 7.0 mm in dia., 2: 6.4 mm in dia. cable connecting type ?o?ring insulator bushing gland nut part number drawing no. cable size kb1js01pg1 7.0 mm in dia. kb1js01pg2 sj108904 6.4 mm in dia.
mb-0220-1 4/7 jae pmk div. proprietary. copyright ? 2010, japan aviation electronics industry, ltd. part number drawing no. cable size kb1js01sgll 7.0 mm in dia. kb1js01sg2l sj110287 6.4 mm in dia. ordering information socket connector series shell size number of contacts s: crimp type socket contact contact size applicable cable o.d. 1: 7.0 mm in dia. 2: 6.4 mm in dia. cable connecting type l: with unlock tab insulator bushing gland nut kb1 j s 01 s g * l
mb-0220-1 5/7 jae pmk div. proprietary. copyright ? 2010, japan aviation electronics industry, ltd. ordering information pin contact part number drawing no. conductor size quantity kb1-12-pc-1500 sj108969 3.5 to 4 mm 2 1,500 pcs/reel . . ? . . . . . . . . . . . . . . . . ( . ) ( . ) ( ) ( ) part number drawing no. conductor size quantity kb1-12-pc2-2000 sj110313 2.0 to 2.5 mm 2 2,000 pcs/reel ( ? ) ( ? ) . . . ? . . . . . . . . . . . . . . . . ( ) ( . ) ( ) ( )
mb-0220-1 6/7 jae pmk div. proprietary. copyright ? 2010, japan aviation electronics industry, ltd. socket contact ordering information part number drawing no. conductor size quantity kb1-12-sc-1500 sj108970 3.5 to 4.0 mm 2 1,500 pcs/reel part number drawing no. conductor size quantity KB1-12-SC2-2000 sj110314 2.0 to 2.5 mm 2 2,000pcs/reel . . . ? . . . . . . . . . . . . . . . . ( ) ( . ) ( ) ( ) . . ? . . . . . . . . . . . . . . . . ( . ) ( . ) ( ) ( ) ( ? ) ( ? )
mb-0220-1 7/7 jae pmk div. proprietary. copyright ? 2010, japan aviation electronics industry, ltd. crimping tool technical bulletin specification jacs-50028 instruction manual jahl-50028 conductor size hand tool press semi automatic applicator 3.5mm 2 dia. ct170-11-kb1-35 350 \ kb1 \ 10 2.0mm 2 dia. ct170-11-kb1-25 cp240-1 350 \ kb1b \ 10 product marketing division aobadai building, 3-1-19, aobadai, meguro-ku, tokyo 153-8539 phone: +81-3-3780-2787 fax: +81-3-3780-2946 * the specifications in this brochure are subject to change w ithout notice. please contact jae for information. notice: products shown in this brochure are made for the applications listed below. however, if the above-mentioned products are to be used in aerospace devices, marine cable-conne ction devices, atomic power control systems, me dical equipment for life- support systems, or any ot her specific application requiring extremely high re liability, please contact jae for further information. recommended applications : computers, office machines, measuring devices, telecommunication devices (terminals, mobi le devices), av devices, household applicati ons, fa devices, etc.


▲Up To Search▲   

 
Price & Availability of KB1-12-SC2-2000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X