Part Number Hot Search : 
A2203M DD201 EFA240D C1502 ICS571M CP593 SRA255 MC12026
Product Description
Full Text Search
 

To Download KAQV214STL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cosmo electronics corp. document no. 6 9m10005 .3 - 1 - http://www.cosmo - ic.com cosmo kaqv214 series 6 pin 4 00v n.o type s olid s tate r elay - mosfet o utput ? description the kaqv214 series is robust, ideal for telecom and ground fault applications. it is a spst normally open switch (1 form a) that replaces electromechanical relays in many applications. it is constructed using a gaalas led for actuation control and an integrated monolithic die for the switch output. the die, fabricated in a high - voltage dielectrically isolated technology, is comprised of a photodiode array, switch control circuitry and mosfet switches. ? schematic normally open 1 form a 5,6 4 1 2 6 5 3 4 1 2 ? f eatures 1. normally o pen, s ingle p ole s ingle t hrow 2. control 400v ac or dc v oltage 3. switch 130ma l oads 4. co ntrols low - level analog signals 5. high sensitivity, low on resistance 6. low - level off - state leakage current 7. high i solation v oltage 5kv ( dip/ smd) 8. pb free and ro hs compliant 9. msl class 1 10. agency approvals ? ul approved (no. e108430 ): ul 508 ? c - ul approved (no. e108430 ) ? fimko approved: en60950 ? application ? telecommunic ations (pc, electronic n otepad) ? modem ? telephone e quipment ? security e quipment ? sensors ? measuring and t esting equipment ? factory a utomation equipment ? high speed inspection machines
cosmo electronics corp. document no. 6 9m10005 .3 - 2 - http://www.cosmo - ic.com cosmo kaqv214 series 6 pin 4 00v n.o type s olid s tate r elay - mosfet o utput ? outside dimension unit mm 6.50 7.62 0.25 o 13.00 2.54 o 13.00 7.30 3.50 1.20 5.08 3.00 0.40 2.70 0.50 7.30 0.25 10.000.4 1.00 6.50 7.62 0 ~ 10 0.100.1 1.20 2.54 3.50 2.54 kaqv214 kaqv214a kaqv214s tolerance 0.2mm 4.40 6.80 0.15 2.30 0.40 2.54 0.05 6.70 2.35 max 0.50 1. dual-in-line type. 2. surface mount type. 3. small outline for surface mount type. ? device marking c o s m o v 2 1 4 y w w notes cosmo v214 pin forming yww y year code / w week code
cosmo electronics corp. document no. 6 9m10005 .3 - 3 - http://www.cosmo - ic.com cosmo kaqv214 series 6 pin 4 00v n.o type s olid s tate r elay - mosfet o utput ? absolute maximum ra tings (ta=25 ) item symbol rating unit input continuous f orward c urrent i f 50 ma peak f orward c urrent i fp 1 a reverse v oltage v r 5 v power d issipation p in 100 mw derate l inearly fro m 25 - 1.3 mw/ output bre akdown v oltage v b 400 v c ontinuous load c urrent i l 130 ma power d issipation p out 500 mw isolation voltage v iso kaqv214s kaqv214 1500vrms 5000vrms isolation r esistance (vio=500v) r iso R 10 10 to tal power d issipation p t 550 mw derate l inearly from 25 - 2.5 mw/ operating t emperature t opr - 40 to + 8 5 storage t emperature t stg - 40 to + 12 5 junction t emperature t j 100 soldering t emperature 10 sec ond s t so t 26 0 ? electro - optical characteristics (ta=25 ) para meter symbol conditions min. typ . max. unit input forward v oltage v f i f =10ma - 1.2 1.5 v operation i nput c urrent i fon v l =20v, i l =100ma - - 3 .0 ma recovery i nput c urrent i foff v l =20v, i l Q 5 a 0.2 - - ma output breakdown v oltage v b i b =50 a 400 - - v o ff - s tate l eakage c urrent i leak v l =400v , i f =0ma - 0.2 1.0 a i/o c apacitance c i s o v b =0ma, f=1mhz - 6 - pf on r esistance connection a r on i f =10ma, i l =100ma - 20 30 b - 10 15 c - 5 7.5 turn - o n time t on i f =10ma, v l =20v i l =100ma, t=10ms - 0.3 1.0 ms turn - o ff time t off - 0. 1 1. 5 ms ? turn - on / turn - o ff t ime o n t o u tp u t in p u t o f f t 1 0 % 9 0 %
cosmo electronics corp. document no. 6 9m10005 .3 - 4 - http://www.cosmo - ic.com cosmo kaqv214 series 6 pin 4 00v n.o type s olid s tate r elay - mosfet o utput ? schematic and wiring diagrams schematic output configuration load connection wiring diagrams 1 6 3 2 5 4 1a ac dc a (ac,dc) in v 3 f i 2 1 4 5 6 load i l l v load 4 6 l i l v (ac,dc) dc b (dc) (dc) 3 in v 2 3 i f 1 in v f i 2 1 4 5 4 6 5 6 load l i l v + - load i l l v - + load load 5 4 l i 5 6 i l + - v l (dc) - + l v (dc) dc c (d c) 3 in v f i 2 1 4 5 6 l i load l v - + load 4 5 6 i - + l v l (dc)
cosmo electronics corp. document no. 6 9m10005 .3 - 5 - http://www.cosmo - ic.com cosmo kaqv214 series 6 pin 4 00v n.o type s olid s tate r elay - mosfet o utput fig.1 load c urrent vs. ambient t emperature fig.2 on r esistance vs. a mbient t emperature load current (ma) 0 2 0 4 0 6 0 8 0 1 0 0 1 2 0 1 4 0 0 -2 0 -4 0 2 0 4 0 6 0 8 0 1 0 0 on resistance () 0 -4 0 -2 0 0 2 0 4 0 6 0 8 0 2 0 3 0 4 0 5 0 6 0 ambient temperature ta ( ) ambient temperature ta ( ) fig.3 turn - o n t ime vs. a mbient t emperature fig.4 turn - o ff t ime vs. a mbient t emperature turn - o n t ime (ms) 0 - 4 0 - 2 0 0 2 0 4 0 6 0 8 0 0 .2 0 .4 0 .6 0 .8 1 .0 turn - o ff t ime (ms) 0 -4 0 -2 0 0 2 0 4 0 6 0 8 0 0 .2 0 .4 0 .6 0 .8 1 .0 ambient temperature ta ( ) ambient temperature ta ( ) fig.5 led o perate c urrent vs. a mbient t emperature fig.6 led t urn - o ff c urrent vs. a mbient t emperature led o perate c urrent (ma) 0 - 4 0 - 2 0 0 2 0 4 0 6 0 8 0 1 2 3 4 5 led t urn - o ff c urrent (ma) 0 -4 0 -2 0 0 2 0 4 0 6 0 8 0 0 .5 1 .0 1 .5 2 .0 2 .5 ambient temperature ta ( ) ambient temperature ta ( )
cosmo electronics corp. document no. 6 9m10005 .3 - 6 - http://www.cosmo - ic.com cosmo kaqv214 series 6 pin 4 00v n.o type s olid s tate r elay - mosfet o utput fig.7 led d ropout v oltage vs. a mbient t emperature fig.8 voltage vs. c urrent c haracteristics of o utput at mosfet portion led d ropout v oltage (v) 0 - 4 0 - 2 0 0 2 0 4 0 6 0 8 0 1 . 7 1 . 5 1 . 3 1 . 1 0 . 9 1 . 9 5 0 m a 3 0 m a 2 0 m a 1 0 m a 5 m a current (ma) 1 2 3 4 5 -5 -4 -3 -2 -1 -2 0 -4 0 -6 0 -8 0 - 1 0 0 - 1 2 0 1 2 0 1 0 0 8 0 6 0 4 0 2 0 ambient temperature ta ( ) voltage (v) fig.9 t urn - o n t ime vs. led f orward c urrent fig.10 off - s tate l eakage c urrent vs. load voltage turn - on t ime (ms) 0 0.2 0.4 0.6 0.8 1.0 10 20 30 40 50 0 60 off - s tate l eakage c urrent (a) 2 0 4 0 6 0 8 0 1 0 0 0 1 0 -1 2 1 0 1 0 1 0 -9 -6 -3 led f orward c urrent (ma ) load voltage (v) fig.11 t urn - off t ime vs. led f orward c urrent fig.12 o utput c apacitance vs. applied v oltage turn - o ff t ime (ms) 0 0.1 0.2 0.3 0.4 0.5 10 20 30 40 50 0 60 o utput c apacitance (pf) 0 1 0 2 0 3 0 4 0 6 0 0 8 0 1 0 2 0 3 0 4 0 5 0 led f orward c urrent (ma) applied v oltage (v)
cosmo electronics corp. document no. 6 9m10005 .3 - 7 - http://www.cosmo - ic.com cosmo kaqv214 series 6 pin 4 00v n.o type s olid s tate r elay - mosfet o utput ? using methods examples of resistance value to control led forward current ( i f =5ma) e r 1 2 6 5 3 4 e r 3.3v approx. 330 5v approx. 640 12v approx. 1.9k 15v approx. 2.5k 24v approx. 4.1k 1. led forward current must be more than 5ma at e min. 2. led forward current must be less than 50ma at e max. emax. emin. regulate the spike vo ltage generated on the inductive load as follows r-c snubber load load 4 3 2 1 5 6 4 3 2 5 1 6
cosmo electronics corp. document no. 6 9m10005 .3 - 8 - http://www.cosmo - ic.com cosmo kaqv214 series 6 pin 4 00v n.o type s olid s tate r elay - mosfet o utput ? recommended soldering conditions (a) infrared reflow soldering ? peak reflow soldering ? time of peak reflow temperature: ? time of temperature higher than 230 ? time to preheat t emperature from 180~190 ? number of reflows ? flux 2 60 or below (package surface temperature) 10 sec 30 - 60 sec 60 - 120 sec two rosin flux containing small amount of chlorine (the f lux with a maximum chlorine content of 0.2 wt% is recommended.) recomme nded temperature profile of infrared reflow 1 8 0 1 9 0 2 3 0 2 6 0 6 0 -1 2 0 s e c 3 0 -6 0 s e c t (s ) temperature 1 0 s e c m a x . (b) wave soldering ? temperature ? time ? preheating conditions: ? number of times ? flux 260 or below (molten solder temperature) 10 seconds or less 120 or below (package surface tem perature) one rosin flux containing small amount of chlorine (the flux with a maximum chlorine content of 0.2 wt% is recommended.) (c) cautions ? fluxes avoid removing the residual flux with f reon - based and chlorine - based cleaning solvent . ? avoid shorting between portion of frame and leads.
cosmo electronics corp. document no. 6 9m10005 .3 - 9 - http://www.cosmo - ic.com cosmo kaqv214 series 6 pin 4 00v n.o type s olid s tate r elay - mosfet o utput ? numbering system k aqv214 x ( y ) note kaqv214 = part no. x = lead f orm option ( blank s or a ) y = tape and r eel option ( tl tr ) option description packing quantity a ( tl) surface mount type package + t l tape & reel option 1000 units per reel a ( tr) surface mount type package + tr tape & reel option 1000 units per reel s ( tl) small outline for surface mount type package + tl tape & reel option 2000 units per reel s ( tr) small outline for surface moun t type package + tr tape & reel option 2000 units per reel ? recommended pad layout for surface mount lead form 8.3 2.54 2.54 1.5 1.9 6 2.54 2.54 0.8 1.2 6-pin smd 1. surface mount type. 2. small outline for surface mount type. 6-pin sop unit mm
cosmo electronics corp. document no. 6 9m10005 .3 - 10 - http://www.cosmo - ic.com cosmo kaqv214 series 6 pin 4 00v n.o type s olid s tate r elay - mosfet o utput ? 6 - pin smd carrier t ape & reel 2.0 4.0 1.75 7.5 0.35 10.46 12.0 7.7 16.00.3 4.25 tl tr direction of feed from reel direction of feed from reel unit mm tolerance 0.2mm
cosmo electronics corp. document no. 6 9m10005 .3 - 11 - http://www.cosmo - ic.com cosmo kaqv214 series 6 pin 4 00v n.o type s olid s tate r elay - mosfet o utput ? 6 - pin sop carrier t ape & reel 0.30 7.00 4.00 2.00 12.00 1.75 7.50 16.000.30 1.5 16.4 2.0 direction of feed from reel tl direction of feed from reel tr unit mm tolerance 0.2mm
cosmo electronics corp. document no. 6 9m10005 .3 - 12 - http://www.cosmo - ic.com cosmo kaqv214 series 6 pin 4 00v n.o type s olid s tate r elay - mosfet o utput ? application notice the content of datasheet is the guidance for product use only. cosmo takes no responsibility to the accuracy of the information provided here. for continuously improving all of products, including quality, r eliability, function...etc., cosmo reserves the right to change the specification, characteristics, data, materials, and structure of products without notice. please contact with cosmo to obtain the latest specification. it would be required to comply wi th the absolute maximum ratings listed in the specification. cosmo has no liability and responsibility to the damage caused by improper use of the products. cosmo products are intended to be designed for use in general electronics application list below: a. personal c omputer b. oa machine c. audio / video d. instrumentation e. electrical a pplication f. measurement equipment g. consumer electronics h. telecommunication cosmo devices shall not be used or related with equipment requiring higher level of qu ality / reliability, or malfunction, or failure which may cause loss of human life, bodily injury, includes, without limitation: a. medical and other life supporting equipments b. space application c. telecommunication equipment (trunk lines) d. nuclear po wer control e. equipment used for automotive vehicles, trains, ships...etc. this publication is the property of cosmo. no part of this publication may be reproduced or copied in any form or any means electronically or mechanically for any purpose, in who le or in part without any written permission expressed f r o m cosmo.


▲Up To Search▲   

 
Price & Availability of KAQV214STL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X