Part Number Hot Search : 
MA3G6 A170D SMS15 275LA40 MC34063A XC6114C GL8PR26 AQG22124
Product Description
Full Text Search
 

To Download IRG5U300HF12B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  irg5k50p5k50pm06e IRG5U300HF12B 1 www.irf.com ? 2014 international rectifier submit datasheet feedback september 2, 2014 applications ? industrial motor drive ? uninterruptible power supply ? welding and cutting machine ? switched mode power supply ? induction heating v ces = 1200v i c = 300a at t c = 80c t sc 10sec v ce(on) = 3.20v at i c = 300a igbt half - bridge pow ir 62 ? package absolute maximum ratings of igbt v ces collector to emitter voltage 1200 v v ges continuous gate to emitter voltage 20 v i c continuous collector current t c = 80c 300 a t c = 25c 450 a i cm pulse collector current t j = 150c 600 a p d maximum power dissipation (igbt) t c = 25c, t j = 150c 1890 w t j maximum igbt junction temperature 150 c t jop maximum operating junction temperature range - 40 to +150 c t stg - 40 to +125 c storage temperature features benefits low v ce(on) and switching losses high efficiency in a wide range of applications rbsoa tested rugged transient performance 10sec short circuit safe operating area pow ir 62 ? package industry standard lead free rohs compliant, environmental friendly base part number package type standard pack quantity orderable part number IRG5U300HF12B pow ir 62 ? box 45 IRG5U300HF12B downloaded from: http:///
irg5k50p5k50pm06e IRG5U300HF12B 2 www.irf.com ? 2014 international rectifier submit datasheet feedback september 2, 2014 switching characteristics of igbt parameter min. typ. max. unit test conditions t d(on) turn - on delay time 260 ns t j = 25c v cc =600v, i c = 300a, r g = 4.7?, v ge =15v, inductive load 250 t j = 125c t r rise time 170 ns t j = 25c 175 t j = 125c t d(off) turn - off delay time 740 ns t j = 25c 770 t j = 125c t f fall time 125 ns t j = 25c 125 t j = 125c e on turn - on switching loss 16.4 mj t j = 25c 21.0 t j = 125c e off turn - off switching loss 20.9 mj t j = 25c 25.4 t j = 125c q g total gate charge 3630 nc t j = 25c c ies input capacitance 33.7 nf v ce = 25v, v ge = 0v, f 1mhz, t j = 25c c oes output capacitance 2.57 c res reverse transfer capacitance 1.03 rbsoa reverse bias safe operating area trapezoid i c = 600a,v cc = 960v, v p =1200v, r g = 15?, v ge = +15v to 0v, t j = 150c scsoa short circuit safe operating area 10 s v cc = 600v, v ge = 15v, t j = 150c electrical characteristics of igbt at t j = 25 c (unless otherwise specified) parameter min. typ. max. unit test conditions v (br)ces collector to emitter breakdown voltage 1200 v v ge = 0v, i c = 3ma v ge(th) gate threshold voltage 4.5 5.3 6.0 v i c = 3ma, v ce = v ge v ce(on) collector to emitter saturation voltage 3.20 3.50 v t j = 25c i c = 300a, v ge = 15v 3.80 v t j = 125c i ces collector to emitter leakage current 3 ma v ge = 0v, v ce = v ces i ges gate to emitter leakage current 400 na v ge = 20v, v ce = 0 r gint internal gate resistance 0.83 downloaded from: http:///
irg5k50p5k50pm06e IRG5U300HF12B 3 www.irf.com ? 2014 international rectifier submit datasheet feedback september 2, 2014 absolute maximum ratings of freewheeling diode v rrm repetitive peak reverse voltage 1200 v i f diode continuous forward current, t c = 25c 600 a diode continuous forward current, t c = 80c 300 i fm pulse diode current 600 a module characteristics min. typ. max. unit parameter v iso isolation voltage (all terminals shorted), f = 50hz, 1minute 2500 v r jc junction - to - case (igbt) 0.066 c/w r jc junction - to - case (diode) 0.136 c/w r cs case - to - sink (conductive grease applied) 0.1 c/w m power terminals screw: m6 3.0 5.0 nm m mounting screw: m6 4.0 6.0 nm g weight 230 g electrical and switching characteristics of freewheeling diode parameter typ. unit test conditions max. v f forward voltage 2.20 v t j = 25c i f = 300a , v ge = 0v 2.70 2.40 t j = 125c i rr peak reverse recovery current 145 a t j = 25c i f 30 0a, di/dt=2200a/ s, v rr = 600v, v ge = - 15v 200 t j = 125c q rr reverse recovery charge 19.5 c t j = 25c 43.6 t j = 125c e rec reverse recovery energy 9.8 mj t j = 25c 22.0 t j = 125c downloaded from: http:///
irg5k50p5k50pm06e IRG5U300HF12B 4 www.irf.com ? 2014 international rectifier submit datasheet feedback september 2, 2014 fig.1 typical igbt saturation characteristics fig.2 typical igbt output characteristics fig.3 typical freewheeling diode characteristics fig. 4 typical capacitance characteristics fig.5 typical switching loss vs. collector current fig.6 typical switching loss vs. gate resistance 0 5 10 15 20 25 0 10 20 30 40 50 60 70 c (nf) v ce (v) v ge = 0v,f =1 mhz c ies c oes 0 60 120 180 240 300 360 420 480 540 600 0 10 20 30 40 50 60 70 e (mj) i c (a) v cc =600v,v ge =+/-15v, rg =4.7 ohm,t j =125c e off e on e rec 0 5 10 15 20 25 0 10 20 30 40 50 60 70 80 e (mj) rg ( ? ) v cc = 600v,v ge = +/-15v, i c = 300a ,t j =125c e off e on e rec 0 100 200 300 400 500 600 0.0 0.6 1.2 1.8 2.4 3.0 3.6 v f (v) i f (a) v ge =0v t j =125c t j =25c 0 60 120 180 240 300 360 420 480 540 600 0.0 0.6 1.2 1.8 2.4 3.0 3.6 4.2 4.8 5.4 v ce (v) i c (a) v ge =15v t j =125c t j =25c 0 60 120 180 240 300 360 420 480 540 600 0.0 0.6 1.2 1.8 2.4 3.0 3.6 4.2 4.8 5.4 6.0 6.6 v ce (v) i c (a) t j =125c v ge =17v v ge =15v v ge =13v v ge =11v v ge =9v downloaded from: http:///
irg5k50p5k50pm06e IRG5U300HF12B 5 www.irf.com ? 2014 international rectifier submit datasheet feedback september 2, 2014 fig.7 typical load current vs. frequency fig.8 reverse bias safe operation area (rbsoa) fig.9 typical transient thermal impedance (igbt) fig.10 typical transient thermal impedance (diode) 0.001 0.01 0.1 1 2 0.00 0.02 0.04 0.06 0.08 z thjc (k/w) t ( s ) z thjc :igbt 0 60 120 180 240 300 360 1 10 100 duty cycle:50% t j =125c t c =80c rg =4.7 ohm,v ge =15v frequency (khz) load current (a) square wave: diode as specified v cc i 0 200 400 600 800 1000 1200 0 100 200 300 400 500 600 i c (a) v ces (v) module chip 0.001 0.01 0.1 1 2 0.00 0.03 0.06 0.09 0.12 0.15 0.18 z thjc (k/w) t ( s ) z thjc :didoe downloaded from: http:///
irg5k50p5k50pm06e IRG5U300HF12B 6 www.irf.com ? 2014 international rectifier submit datasheet feedback september 2, 2014 internal circuit: package outline (unit: mm): qualification information ? qualification level industrial moisture sensitivity level not applicable rohs compliant yes ? qualification standards can be found at international rectifie rs web site: http://www.irf.com/product - info/reliability/ ir world headquarters: 101 north sepulveda blvd, el segundo, california, 90245, usa to contact international rectifier, please visit: http://www.irf.com/whoto - call/ downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of IRG5U300HF12B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X