Part Number Hot Search : 
MAX715 0402SF0A C330M SK36SMA M5278LE TDA98 AD768 M37733
Product Description
Full Text Search
 

To Download HER506G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  r semiconductor her501 th u her508 gr g glass passivated high efficiency rectifier reverse voltage: 50 to 1000 volts forward current:5.0amperes features mechanical data maximum ratings and electrical characteristics note : 1.test conditions: i 0.5a,i =1.0a,i =0.25a. f= r rr 2.measured at 1mh and applied reverse voltage of 4.0 volts. z maximum peak reverse voltage recurrent v rrm v olts v olts v olts v olts a p f a mps a mps v rms v dc i (av) i fsm t stg v f i r c j maximum rms voltage maximum dc blocking voltage maximum average forward rectified current maximum instantaneous forward voltage at 5.0 a operating junction and storage temperature range maximum reverse recovery time(note1) typical junction capacitance(note2) peak forward surge current 8.3ms single half sine-wave superimposed on rated load (jedec method) -55 to+150 200 50 75 75 10.0 c t j 50 50 35 100 100 70 200 200 140 400 300 400 300 280 210 600 600 420 800 800 560 1000 1000 700 170 1.3 1.0 1 7 . ns t rr 5.0 do-201ad dimensions in inches and (millimeters) 0.375(9.50) 0.210(5.3) 0.052(1.32) 1.0(25.4) min 1.0(25.4) min 0.285(7.20) 0.190(4.8) dia 0.045(1.14) dia r semiconductor symbols units her 501g her 502g her 503g her 504g her 505g her 506g her 507g her 508g plastic package has underwriters laboratory flammability classification 94v-0 low power loss, high efficiency high surge current capability high speed switching, low leakage low forward voltage drop high current capability, high reliability high temperature soldering guaranteed:260 /10 seconds at terminals component in accordance to rohs 2011 65 eu // maximum dc reverse current at rated dc blocking voltage t =100 a t =25 a (rating at 25 ambient temperature unless otherwise specified. single phase ,half wave , resistive or inductive load. for capacitive load, derate current by 20%.) 60h , z case: jedec do-201ad molded plastic body lead: plated axial leads, solderable per mil-std-750,method 2026 polarity: color band denotes cathode end any weight: 0.042ounce, 1 19 grams mounting position: . jinan jingheng electronics co., ltd. http www.jinghenggroup.com :// 21 -
ratings and characteristic curves her501g thru her508g 0.01 0.1 1.0 100 1000 10 0.01 0.1 100 1 10 0 20 0 40 60 80 100 120 140 0.2 0.4 0.6 0.8 1.0 1.4 1.6 1.8 1.2 fig.2-typical forward current derating curve fig.5-maximum non-repetitive forward surge current fig.3-typical instantaneous forward characteristics fig.4-typical reverse characteristics average forwa rd curren t(a) instantaneous forwa rd curren t( amperes) instantaneous forward voltage (volts) reverse voltage. (v) percent of rated peak reverse voltage(%) t =25 c j t =25 c j t =100 c j t =150 c j 1 2 6 4 0.1 0.2 0.4 1 4 21040 20 100 10 60 40 100 20 200 fig.6-typical junction capacitance junction capacitance(pf) t =25 c j pulse width=300 s 1% duty cycle 600\800\1000v 0 25 50 75 100 125 150 175 0 1.0 3.0 5.0 2.0 4.0 6.0 ambient temperature ( ) single phase half wave 60h resistive or inductive load 0.375"(9.5mm)lead length z instantaneous reverse curren t(a) set time base for 50/100 ns/cm 1cm -0.25a 0 +0.5a -1.0a fig.1-test circuit diagram and reverse recovery time characteristic pulse generator (note2) noninductive oscilloscope (note1) d.u.t. noninductive nonin- ductive 50 50vdc (approx) 10 1 () () trr notes:1.rise time=7ns max. input impedance=1 megohm 22pf 2.rise time=10ns max. source impedance= 50 ohms 50\100\200\300v 400 500v \ jinan jingheng electronics co., ltd. http www.jinghenggroup.com :// 22 - 0 150 50 15 50 10 100 peak forward surge current(amperes) number of cycles at 60hz 8.3ms single half sine-wave (jedec method) 100 200


▲Up To Search▲   

 
Price & Availability of HER506G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X