Part Number Hot Search : 
ZX84C3V6 MC68HC11 780208 P4KE220A A102A MX2000 HC4066 00312
Product Description
Full Text Search
 

To Download DMS3100F10SL-29PBSS-0 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ddk's d/ms e/f/r series provides a set of moisture-resistant and oil-resistant connectors. this series uses synthetic rubber for their inserts to cope with the various environments in which industrial machines are installed. the products in the d/ms e/f/r series are compatible and comply with mil-dtl-5015. the f and r types prevent the entry of water moisture, cutting oil and other foreign substances into machines where those connectors are employed, helping enhance the reliability of the equipment. d/ms e/f/r series mil-dtl-5015 compatible environment resistant type. 160620 outline features application material / finish item material finish contact copper alloy silver plating insert ethylene propylene rubber black shell aluminum alloy zinc plating , trivalent chromium treatment (black) synthetic rubber inserts. grommet for moisture-proof. grommet and cable clamp combination for extra strength to hold cable. solder termination contacts. the d/ms e/f/r series is designed and manufactured for reliable performance is a broadrange of electric / electronic equipment applications. these include machine tools, communications, instrumentation and high current systems. receptacle connector plug connector rohs compliant angle plug d/ms3108 e / f straight plug d/ms3106 e / f box receptacle d/ms3102 e / r cable receptacle d/ms3101e wall receptacle d/ms3100e 3p)4 $pnqmjbou 3p)4 $pnqmjbou conforming standard mil-dtl-5015 ip55 wa t e r p r o o f lock type threaded coupling http://www.ddknet.co.jp specifcations and/or dimensions in this catalog are subject to change without notice. please varify the latest specifcations with our drawings.
2 specifcation structural explanation ferrule ferrule wall receptacle connector d/ms3100e - p - straight plug connector d/ms3106 - s - grommet grommet pin contact socket contact pin insert socket insert wall receptacle shell straight plug shell backshell coupling ring backshell insulation resistance more than 500m at dc500v (at 25 degree) temperature range -55 to +125 durability 500 cycle mating / unmating operatings thermal shock mil-std-202 method 107 temperature range of -55 to +125 humidity relative humidity : 95 3 temperature : 71 2 duration : 14 days(336hrs.) vibration mil-std-1344 method 2005 10-500hz or 10g units shock, electrical 1-2 sine wave transient shock impulse of 50g units duration: 10 micro sec(there must not be current interception.) test current / 100ma salt spray mil-std-1344 method 1001 salt solution / 5% temperature in tank / 35 duration: 48h unitmm http://www.ddknet.co.jp d/ms e/f/r series d/ms e/f/r series specifcations and/or dimensions in this catalog are subject to change without notice. please varify the latest specifcations with our drawings.
3 contact ---solder type--- ---crimp type--- pin contact dmse - # p pin contact dmse - # p - c applicable wire rated current rated voltage socket contact dmse - # s socket contact dmse - # s -c contact size awg sectional area capacitance (mm 2 ) max. conductor external diameter (mm) #16 #16 - #22 1.25 1.6 #12 #12 - #14 3.50 2.5 #8 #8 - #10 8.00 4.5 #4 #4 - #6 22.00 7.0 #0 #0 - #2 50.00 11.0 contact size awg max. value per contact(a) #16 #16 - #22 13 #12 #12 - #14 23 #8 #8 - #10 46 #4 #4 - #6 80 #0 #0 - #2 150 service rating rated voltage(v) dc ac (r.m.s) inst 250 200 a 700 500 d 1250 900 e 1750 1250 b 2450 1750 note) solder cup of the contact it varies according to contact size. # 0, # 4, # 8, straight (there is no cut) # 12, # 16, solder cup (there is a cut) 6ojunn iuuqxxxeelofudpkq %.4&'34fsjft %.4&'34fsjft ? 4qfdjpdbujpotboepsejnfotjpotjouijtdbubmphbsftvckfduupdibohfxjuipvuopujdf y1mfbtfwbsjgzuifmbuftutqfdjpdbujpotxjuipvsesbxjoht
4 number of contact 1 2 insert arrangement insert number 20 - 2 10sl - 4 12s - 3 18 - 3 contact size 1 - #0 2 - #16 2 - #16 2 - #12 service rating serv. d serv. a serv. a serv. d number of contact 3 insert arrangement insert number 10sl - 3 14s - 7 16s - 5 16 - 10 contact size 3 - #16 3 - #16 3 - #16 3 - #12 service rating serv. a serv. a serv. a serv. a number of contact 4 insert arrangement insert number 14s - 2 16 - 9 18 - 10 22 - 22 32 - 17 contact size 4 - #16 2 - #16 / 2 - #12 4 - #12 4 - #8 4 - #4 service rating serv. inst. serv. a serv. a serv. a serv. d number of contact 5 insert arrangement insert number 14s - 5 16s - 8 18 - 11 28 - 5b contact size 5 - #16 5 - #16 5 - #12 2 - #4 / 3 - #8 service rating serv. inst. serv. a serv. a serv. d ( a, b ) serv. a ( c, d, e ) front face of pin insert or rear face of socket insert illustrated. #16 contact size #12 #8 #4 #0 note: serv = service rating b a b a c b a c b a d b c a d c b a b c d e a d c b e d a b c a b d e c a b f d e c a b c d e f g h j g h e a b c d e f g h j k l m n p q r s t u v w x y z a b c d e f g h j k l m n p r s t u v w x z a b c d e f g h j k m p r s n insert arrangement list unitmm http://www.ddknet.co.jp d/ms e/f/r series d/ms e/f/r series specifcations and/or dimensions in this catalog are subject to change without notice. please varify the latest specifcations with our drawings.
5 #16 contact size #12 #8 #4 #0 number of contact 6 insert arrangement insert number 14s - 6 36 - 3 contact size 6 - #16 3 - #0 / 3 - #12 service rating serv. inst. serv. d 7 16s - 1 20 - 15 24 - 10 7 - #16 7 - #12 7 - #8 serv. a serv. a serv. a number of contact 10 11 insert arrangement insert number 18 - 1 18 - 19 20 - 33 contact size 10 - #16 10 - #16 11 - #16 service rating serv.a (b,c,f,g) serv.inst. (others) serv. a serv. a number of contact 24 37 48 insert arrangement insert number 24 - 28 28 - 21 36 - 10 contact size 24 - #16 37 - #16 48 - #16 service rating serv. inst. serv. a serv. a number of contact 14 17 19 insert arrangement insert number 20 - 27 22 - 19 20 - 29 22 - 14 contact size 14 - #16 14 - #16 17 - #16 19 - #16 service rating serv. a serv. a serv. a serv. a front face of pin insert or rear face of socket insert illustrated. note: serv = service rating b a b a c b a c b a d b c a d c b a b c d e a d c b e d a b c a b d e c a b f d e c a b c d e f g h j g h e a b c d e f g h j k l m n p q r s t u v w x y z a b c d e f g h j k l m n p r s t u v w x z a b c d e f g h j k m p r s n insert arrangement list 6ojunn iuuqxxxeelofudpkq %.4&'34fsjft %.4&'34fsjft ? 4qfdjpdbujpotboepsejnfotjpotjouijtdbubmphbsftvckfduupdibohfxjuipvuopujdf y1mfbtfwbsjgzuifmbuftutqfdjpdbujpotxjuipvsesbxjoht
6 insert no key / keyway no. w x y z 10sl-3 - - - - 10sl-4 - - - - 12s-3 70 145 215 290 14s-2 - 120 240 - 14s-5 - 110 - - 14s-6 - - - - 14s-7 90 180 270 - 16s-1 80 180 270 - 16s-5 70 145 215 290 16s-8 - 170 265 - 16-9 35 110 250 325 16-10 90 180 270 - 18-1 70 145 215 290 18-3 35 110 250 325 18-10 - 120 240 - 18-11 - 170 265 - 18-19 - 120 240 - 20-2 - - - - 20-15 80 - - 280 20-27 35 110 250 325 20-29 80 - - 280 20-33 - - - - 22-14 80 110 250 280 22-19 80 110 250 280 22-22 - 110 250 - 24-10 80 - - 280 24-28 80 110 250 280 28-5b - - - - 28-21 80 110 250 280 32-17 45 110 250 - 36-3 70 145 215 290 36-10 80 125 235 280 alternate insert position front face of pin insert or rear face of socket insert c l unitmm http://www.ddknet.co.jp d/ms e/f/r series d/ms e/f/r series specifcations and/or dimensions in this catalog are subject to change without notice. please varify the latest specifcations with our drawings.
7 insert no no.of contacts contact size service rating #0 #4 #8 #12 #16 10sl 10sl-3 3 a 10sl-4 2 a 12s 12s-3 2 a 14s 14s-2 4 inst 14s-5 5 inst 14s-6 6 inst 14s-7 3 a 16s 16s-1 7 a 16s-5 3 a 16s-8 5 a 16 16-9 2 2 a 16-10 3 a 18 18-1 10 a (b, c, f, g) / inst(other) 18-3 2 d 18-10 4 a 18-11 5 a 18-19 10 a 20 20-2 1 d 20-15 7 a 20-27 14 a 20-29 17 a 20-33 11 a 22 22-14 19 a 22-19 14 a 22-22 4 a 24 24-10 7 a 24-28 24 inst 28 28-5b 2 3 a (c, d, e) / d (a, b) 28-21 37 a 32 32-17 4 d 36 36-3 3 3 d 36-10 48 a insert specifcations note : 10sl-3 and 10sl-4 arrangement available only with pin contacts in receptacle andsocket contacts in plug ( example : d/ms3102r10sl-3p, d/ms3102r10sl-4p,d/ms3106e10sl-3s, d/ms3106e10sl-4s) 6ojunn iuuqxxxeelofudpkq %.4&'34fsjft %.4&'34fsjft ? 4qfdjpdbujpotboepsejnfotjpotjouijtdbubmphbsftvckfduupdibohfxjuipvuopujdf y1mfbtfwbsjgzuifmbuftutqfdjpdbujpotxjuipvsesbxjoht
8 d/ms 3106 f 20 - 29 s w - bss - 1 applicable cable diameter 0 : with non - waterproof cable clamp 1 ? 8 : with waterproof cable clamp backshell style bsn : with non - waterproof straight backshell. bss : with waterproof straight backshell. bsl : with waterproof long straight backshell. omit : applicable cable diameter refer to the following name of articles. 3100e / 3101e : with waterproof straight backshell, grommet and ferrule. 3106e / f : with waterproof straight backshell, grommet and ferrule. 3108e / f : with waterproof angle backshell, grommet and ferrule. insert arrangement : refer to page 4 - 6 alternate insert position omit : normal position "w", "x", "y", "z" : refer to page 7 service class e : environmental with rubber insert. f : environmental with rubber insert and gasket r : environmental with rubber insert and gasket ( 3102 ) r : environmental with rubber insert and potting backshell( 3100, 3101, 3106 ). shell size 10sl, 12s, 14s, 16s, 16, 18, 20, 22, 24, 28, 32, 36 contact confguration (style) p : solder pin contacts s : solder socket contacts pc : crimp pin contacts sc : crimp socket contacts shell style 3100 : wall connecting receptacle (in-line receptacle) 3101 : cable connecting receptacle (in-line receptacle) 3102 : box mounting receptacle 3106 : straight plug 3108 : 90 degree angle plug connector series d/ms : trivalent chromium treatment (black) (example part number shown.) d/ms e/f/r part numbering system unitmm http://www.ddknet.co.jp d/ms e/f/r series d/ms e/f/r series specifcations and/or dimensions in this catalog are subject to change without notice. please varify the latest specifcations with our drawings.
9 wall receptacle connector d/ms3100e - p / s - - attached articles d/ms3100e - p / s - d/ms3100e - p / s - bs - d/ms3100e - p / s - - bsn - d/ms3100e - p / s - - ba - waterproof straight backshell d/mse - bss waterproof long straight backshell d/mse - bssl angle backshell d/mse - ba cable clamp ce3057 - a - -d cable clamp d/ms3057 - a straight backshell d/mse - bsn grommet d/mse - - gm backshell d/mse - bs ferrule d/mse - fl 6ojunn iuuqxxxeelofudpkq %.4&'34fsjft %.4&'34fsjft ? 4qfdjpdbujpotboepsejnfotjpotjouijtdbubmphbsftvckfduupdibohfxjuipvuopujdf y1mfbtfwbsjgzuifmbuftutqfdjpdbujpotxjuipvsesbxjoht
10 cable receptacle connector d/ms3101e - p / s - - attached articles d/ms3101e - p / s - d/ms3101e - p / s - bs - d/ms3101e - p / s - - bsn - d/ms3101e - p / s - - ba - waterproof straight backshell d/mse - bss waterproof long straight backshell d/mse - bssl angle backshell d/mse - ba cable clamp ce3057 - a - -d cable clamp d/ms3057 - a straight backshell d/mse - bsn grommet d/mse - - gm cable receptacle shell d/mse - crs backshell d/mse - bs ferrule d/mse - fl unitmm http://www.ddknet.co.jp d/ms e/f/r series d/ms e/f/r series specifcations and/or dimensions in this catalog are subject to change without notice. please varify the latest specifcations with our drawings.
11 box mounting receptacle connector d/ms3102e - - d/ms3102r - - ( with gasket ) d/ms3102e - p / s - d/ms3102r - p / s - gasket 6ojunn iuuqxxxeelofudpkq %.4&'34fsjft %.4&'34fsjft ? 4qfdjpdbujpotboepsejnfotjpotjouijtdbubmphbsftvckfduupdibohfxjuipvuopujdf y1mfbtfwbsjgzuifmbuftutqfdjpdbujpotxjuipvsesbxjoht
12 straight plug connector d/ms3106e - - d/ms3106f - - ( with gasket ) attached articles d/ms3106f - p / s - d/ms3106f - p / s - - bs - d/ms3106e - p / s - - bsn - 0 d/ms3106r - p / s - waterproof straight backshell d/mse - bss waterproof long straight backshell d/mse - bssl backshell (type - r) d/mse - bsr- cable clamp ce3057 - a - -d cable clamp d/ms3057 - a straight backshell d/mse - bsn grommet d/mse - - gm plug shell assembly d/mse - psa backshell d/mse - bs ferrule d/mse - fl unitmm http://www.ddknet.co.jp d/ms e/f/r series d/ms e/f/r series specifcations and/or dimensions in this catalog are subject to change without notice. please varify the latest specifcations with our drawings.
13 angle plug connector d/ms3108e - - d/ms3108f - - ( with gasket ) attached articles d/ms3108f - p / s - grommet d/mse - - gm plug shell assembly d/mse - psa angle backshell d/mse - ba ferrule d/mse - fl 6ojunn iuuqxxxeelofudpkq %.4&'34fsjft %.4&'34fsjft ? 4qfdjpdbujpotboepsejnfotjpotjouijtdbubmphbsftvckfduupdibohfxjuipvuopujdf y1mfbtfwbsjgzuifmbuftutqfdjpdbujpotxjuipvsesbxjoht
14 wall receptacle connector d/ms3100e - - shell size a b k0.05 l m r0.12 s0.5 h j0.3 10sl 5/8-24unef 11 2.2 51 14.5 18.26 25.40 3.0 8.0 12s 3/4-20unef 12 3.0 52 14.6 20.62 27.80 3.3 8.3 14s 7/8-20unef 11 2.9 54 14.6 23.01 30.18 3.3 11.1 16s 1-20unef 12 3.2 60 14.5 24.61 32.54 3.3 14.2 16 1-20unef 16 2.9 65 19.5 24.61 32.54 3.3 14.2 18 1 1/8-18unef 16 4.2 69 19.2 26.94 34.93 3.3 15.8 20 1 1/4-18unef 16 3.7 68 19.2 29.36 38.10 3.3 19.1 22 1 3/8-18unef 16 4.0 68 19.2 31.75 41.28 3.3 19.1 24 1 1/2-18unef 17 3.4 77 21.0 34.93 45.00 3.8 24.0 28 1 3/4-18uns 18 3.4 75 21.3 39.67 50.80 3.8 24.0 32 2-18uns 18 4.0 77 22.5 44.45 57.15 4.5 32.0 36 2 1/4-16un 18 4.1 76 22.4 49.20 63.50 4.5 38.0 +0.78 0 +0.25 -0.12 wall receptacle connector d/ms3100e - - bss - shell size a b k0.05 l m r0.12 s0.5 h 10sl 5/8-24unef 11 2.2 56 14.5 18.26 25.40 3.0 12s 3/4-20unef 12 3.0 57 14.6 20.62 27.80 3.3 14s 7/8-20unef 11 2.9 64 14.6 23.01 30.18 3.3 16s 1-20unef 12 3.2 69 14.5 24.61 32.54 3.3 16 1-20unef 16 2.9 71 19.5 24.61 32.54 3.3 18 1 1/8-18unef 16 4.2 72 19.2 26.94 34.93 3.3 20 1 1/4-18unef 16 3.7 73 19.2 29.36 38.10 3.3 22 1 3/8-18unef 16 4.0 78 19.2 31.75 41.28 3.3 24 1 1/2-18unef 17 3.4 89 21.0 34.93 45.00 3.8 28 1 3/4-18uns 18 3.4 95 21.3 39.67 50.80 3.8 32 2-18uns 18 4.0 104 22.5 44.45 57.15 4.5 36 2 1/4-16un 18 4.1 110 22.4 49.20 63.50 4.5 +0.78 0 +0.25 -0.12 insert arrangement list b min. r h s m k l max. b min. r h s m k (l max.) b min. r h s m k (l max.) b min. r h s m k (l max.) a b min. s d m k l max. insert arrangement list b min. s d m k (l max.) b min. m k (l max.) b min. m k (l max.) insert arrangement list s d insert arrangement list s d insert arrangement list insert arrangement list insert arrangement list insert arrangement list a a a a a a a jdia. jdia. insert arrangement list b min. r h s m k l max. b min. r h s m k (l max.) b min. r h s m k (l max.) b min. r h s m k (l max.) a b min. s d m k l max. insert arrangement list b min. s d m k (l max.) b min. m k (l max.) b min. m k (l max.) insert arrangement list s d insert arrangement list s d insert arrangement list insert arrangement list insert arrangement list insert arrangement list a a a a a a a jdia. jdia. unitmm http://www.ddknet.co.jp d/ms e/f/r series d/ms e/f/r series specifcations and/or dimensions in this catalog are subject to change without notice. please varify the latest specifcations with our drawings.
15 insert arrangement list b min. r h s m k l max. b min. r h s m k (l max.) b min. r h s m k (l max.) b min. r h s m k (l max.) a b min. s d m k l max. insert arrangement list b min. s d m k (l max.) b min. m k (l max.) b min. m k (l max.) insert arrangement list s d insert arrangement list s d insert arrangement list insert arrangement list insert arrangement list insert arrangement list a a a a a a a jdia. jdia. insert arrangement list b min. r h s m k l max. b min. r h s m k (l max.) b min. r h s m k (l max.) b min. r h s m k (l max.) a b min. s d m k l max. insert arrangement list b min. s d m k (l max.) b min. m k (l max.) b min. m k (l max.) insert arrangement list s d insert arrangement list s d insert arrangement list insert arrangement list insert arrangement list insert arrangement list a a a a a a a jdia. jdia. wall receptacle connector d/ms3100e - - bsl - shell size a b k0.05 l m r0.12 s0.5 h 10sl 5/8-24unef 11 2.2 76 14.5 18.26 25.40 3.0 12s 3/4-20unef 12 3.0 77 14.6 20.62 27.80 3.3 14s 7/8-20unef 11 2.9 84 14.6 23.01 30.18 3.3 16s 1-20unef 12 3.2 85 14.5 24.61 32.54 3.3 16 1-20unef 16 2.9 91 19.5 24.61 32.54 3.3 18 1 1/8-18unef 16 4.2 112 19.2 26.94 34.93 3.3 20 1 1/4-18unef 16 3.7 93 19.2 29.36 38.10 3.3 22 1 3/8-18unef 16 4.0 98 19.2 31.75 41.28 3.3 24 1 1/2-18unef 17 3.4 109 21.0 34.93 45.00 3.8 28 1 3/4-18uns 18 3.4 115 21.3 39.67 50.80 3.8 32 2-18uns 18 4.0 124 22.5 44.45 57.15 4.5 36 2 1/4-16un 18 4.1 130 22.4 49.20 63.50 4.5 +0.78 0 +0.25 -0.12 wall receptacle connector d/ms3100e - - bsn - shell size a b k0.05 l m r0.12 s0.5 h 10sl 5/8-24unef 11 2.2 50 14.5 18.26 25.40 3.0 12s 3/4-20unef 12 3.0 56 14.6 20.62 27.80 3.3 14s 7/8-20unef 11 2.9 55 14.6 23.01 30.18 3.3 16s 1-20unef 12 3.2 58 14.5 24.61 32.54 3.3 16 1-20unef 16 2.9 63 19.5 24.61 32.54 3.3 18 1 1/8-18unef 16 4.2 67 19.2 26.94 34.93 3.3 20 1 1/4-18unef 16 3.7 70 19.2 29.36 38.10 3.3 22 1 3/8-18unef 16 4.0 69 19.2 31.75 41.28 3.3 24 1 1/2-18unef 17 3.4 73 21.0 34.93 45.00 3.8 28 1 3/4-18uns 18 3.4 75 21.3 39.67 50.80 3.8 32 2-18uns 18 4.0 76 22.5 44.45 57.15 4.5 36 2 1/4-16un 18 4.1 80 22.4 49.20 63.50 4.5 +0.78 0 +0.25 -0.12 6ojunn iuuqxxxeelofudpkq %.4&'34fsjft %.4&'34fsjft ? 4qfdjpdbujpotboepsejnfotjpotjouijtdbubmphbsftvckfduupdibohfxjuipvuopujdf y1mfbtfwbsjgzuifmbuftutqfdjpdbujpotxjuipvsesbxjoht
16 cable receptacle connector d/ms3101e - - shell size a b l d0.5 s0.5 j0.3 10sl 5/8-24unef 11 51 22.0 16.5 8.0 12s 3/4-20unef 12 52 25.0 19.3 8.3 14s 7/8-20unef 11 54 28.0 22.6 11.1 16s 1-20unef 12 60 31.0 25.5 14.2 16 1-20unef 16 65 31.0 25.5 14.2 18 1 1/8-18unef 16 69 33.9 28.7 15.8 20 1 1/4-18unef 16 68 37.0 32.0 19.1 22 1 3/8-18unef 16 68 40.0 35.0 19.1 24 1 1/2-18unef 17 77 43.3 38.2 24.0 28 1 3/4-18uns 18 75 49.5 44.7 24.0 32 2-18uns 18 77 55.5 50.8 32.0 36 2 1/4-16un 18 76 62.3 57.3 38.0 cable receptacle connector d/ms3101e - - bss - shell size a b l d0.5 s0.5 10sl 5/8-24unef 11 56 22.0 16.5 12s 3/4-20unef 12 57 25.0 19.3 14s 7/8-20unef 11 64 28.0 22.6 16s 1-20unef 12 65 31.0 25.5 16 1-20unef 16 71 31.0 25.5 18 1 1/8-18unef 16 72 33.9 28.7 20 1 1/4-18unef 16 73 37.0 32.0 22 1 3/8-18unef 16 78 40.0 35.0 24 1 1/2-18unef 17 89 43.3 38.2 28 1 3/4-18uns 18 95 49.5 44.7 32 2-18uns 18 104 55.5 50.8 36 2 1/4-16un 18 110 62.3 57.3 insert arrangement list b min. r h s m k l max. b min. r h s m k (l max.) b min. r h s m k (l max.) b min. r h s m k (l max.) a b min. s d m k l max. insert arrangement list b min. s d m k (l max.) b min. m k (l max.) b min. m k (l max.) insert arrangement list s d insert arrangement list s d insert arrangement list insert arrangement list insert arrangement list insert arrangement list a a a a a a a jdia. jdia. insert arrangement list b min. r h s m k l max. b min. r h s m k (l max.) b min. r h s m k (l max.) b min. r h s m k (l max.) a b min. s d m k l max. insert arrangement list b min. s d m k (l max.) b min. m k (l max.) b min. m k (l max.) insert arrangement list s d insert arrangement list s d insert arrangement list insert arrangement list insert arrangement list insert arrangement list a a a a a a a jdia. jdia. unitmm http://www.ddknet.co.jp d/ms e/f/r series d/ms e/f/r series specifcations and/or dimensions in this catalog are subject to change without notice. please varify the latest specifcations with our drawings.
17 insert arrangement list b min. r h s m k l max. b min. r h s m k (l max.) b min. r h s m k (l max.) b min. r h s m k (l max.) a b min. s d m k l max. insert arrangement list b min. s d m k (l max.) b min. m k (l max.) b min. m k (l max.) insert arrangement list s d insert arrangement list s d insert arrangement list insert arrangement list insert arrangement list insert arrangement list a a a a a a a jdia. jdia. insert arrangement list b min. r h s m k l max. b min. r h s m k (l max.) b min. r h s m k (l max.) b min. r h s m k (l max.) a b min. s d m k l max. insert arrangement list b min. s d m k (l max.) b min. m k (l max.) b min. m k (l max.) insert arrangement list s d insert arrangement list s d insert arrangement list insert arrangement list insert arrangement list insert arrangement list a a a a a a a jdia. jdia. cable receptacle connector d/ms3101e - - bsl - shell size a b l d0.5 s0.5 10sl 5/8-24unef 11 76 22.0 16.5 12s 3/4-20unef 12 77 25.0 19.3 14s 7/8-20unef 11 84 28.0 22.6 16s 1-20unef 12 85 31.0 25.5 16 1-20unef 16 91 31.0 25.5 18 1 1/8-18unef 16 92 33.9 28.7 20 1 1/4-18unef 16 93 37.0 32.0 22 1 3/8-18unef 16 98 40.0 35.0 24 1 1/2-18unef 17 109 43.3 38.2 28 1 3/4-18uns 18 115 49.5 44.7 32 2-18uns 18 124 55.5 50.8 36 2 1/4-16un 18 130 62.3 57.3 cable receptacle connector d/ms3101e - - bsn - shell size a b l d0.5 s0.5 10sl 5/8-24unef 11 50 22.0 16.5 12s 3/4-20unef 12 56 25.0 19.3 14s 7/8-20unef 11 55 28.0 22.6 16s 1-20unef 12 58 31.0 25.5 16 1-20unef 16 63 31.0 25.5 18 1 1/8-18unef 16 67 33.9 28.7 20 1 1/4-18unef 16 70 37.0 32.0 22 1 3/8-18unef 16 69 40.0 35.0 24 1 1/2-18unef 17 73 43.3 38.2 28 1 3/4-18uns 18 75 49.5 44.7 32 2-18uns 18 76 55.5 50.8 36 2 1/4-16un 18 80 62.3 57.3 6ojunn iuuqxxxeelofudpkq %.4&'34fsjft %.4&'34fsjft ? 4qfdjpdbujpotboepsejnfotjpotjouijtdbubmphbsftvckfduupdibohfxjuipvuopujdf y1mfbtfwbsjgzuifmbuftutqfdjpdbujpotxjuipvsesbxjoht
18 box receptacle connector d/ms3102e - - d/ms3102r - - ( with gasket ) shell size a b k0.05 l m r0.12 s0.5 h 10sl 5/8-24unef 11 2.2 25.0 14.5 18.26 25.40 3.0 12s 3/4-20unef 12 3.0 27.0 14.6 20.62 27.80 3.3 14s 7/8-20unef 11 2.9 26.5 14.6 23.01 30.18 3.3 16s 1-20unef 12 3.2 25.6 14.5 24.61 32.54 3.3 16 1-20unef 16 2.9 33.3 19.5 24.61 32.54 3.3 18 1 1/8-18unef 16 4.2 33.4 19.2 26.94 34.93 3.3 20 1 1/4-18unef 16 3.7 32.1 19.2 29.36 38.10 3.3 22 1 3/8-18unef 16 4.0 35.0 19.2 31.75 41.28 3.3 24 1 1/2-18unef 17 3.4 36.0 21.0 34.93 45.00 3.8 28 1 3/4-18uns 18 3.4 36.7 21.3 39.67 50.80 3.8 32 2-18uns 18 4.0 39.0 22.5 44.45 57.15 4.5 36 2 1/4-16un 18 4.1 39.5 22.4 49.20 63.50 4.5 +0.78 0 +0.25 -0.12 box receptacle connector d/ms3102e - - d/ms3102r - - ( with gasket ) shell size r0.12 u1 u2 t w 10sl 18.26 15.5 16.7 3.05 3.0 12s 20.62 16.8 19.9 3.05 3.0 14s 23.01 20.0 23.1 3.05 3.0 16s 24.61 23.0 26.3 3.05 3.0 16 24.61 22.9 26.3 3.05 3.0 18 26.94 27.0 29.4 3.05 3.0 20 29.36 30.0 32.6 3.05 3.0 22 31.75 33.0 35.8 3.05 3.0 24 34.93 36.3 39.0 3.75 3.0 28 39.67 43.0 45.3 3.75 3.0 32 44.45 48.3 51.6 4.40 3.0 36 49.23 54.3 57.9 4.40 3.0 +0.2 0 +0.2 0 b min. r h s m k l max. insert arrangement list t u1 (thru hole) (thru hole) r w panel thickness(max) (1.5) u2 (thru hole) r 1.5 insert arrangement list a (l max.) d max. insert arrangement list a (l max.) d max. insert arrangement list a insert arrangement list a (l max.) d max. u max. insert arrangement list a t (l max.) d max. a (l max.) d max. insert arrangement list lmax. d max. a jdia. jdia. jdia. b min. r h s m k l max. insert arrangement list t u1 (thru hole) (thru hole) r w panel thickness(max) (1.5) u2 (thru hole) r 1.5 insert arrangement list a (l max.) d max. insert arrangement list a (l max.) d max. insert arrangement list a insert arrangement list a (l max.) d max. u max. insert arrangement list a t (l max.) d max. a (l max.) d max. insert arrangement list lmax. d max. a jdia. jdia. jdia. unitmm http://www.ddknet.co.jp d/ms e/f/r series d/ms e/f/r series specifcations and/or dimensions in this catalog are subject to change without notice. please varify the latest specifcations with our drawings.
19 b min. r h s m k l max. insert arrangement list t u1 (thru hole) (thru hole) r w panel thickness(max) (1.5) u2 (thru hole) r 1.5 insert arrangement list a (l max.) d max. insert arrangement list a (l max.) d max. insert arrangement list a insert arrangement list a (l max.) d max. u max. insert arrangement list a t (l max.) d max. a (l max.) d max. insert arrangement list lmax. d max. a jdia. jdia. jdia. b min. r h s m k l max. insert arrangement list t u1 (thru hole) (thru hole) r w panel thickness(max) (1.5) u2 (thru hole) r 1.5 insert arrangement list a (l max.) d max. insert arrangement list a (l max.) d max. insert arrangement list a insert arrangement list a (l max.) d max. u max. insert arrangement list a t (l max.) d max. a (l max.) d max. insert arrangement list lmax. d max. a jdia. jdia. jdia. straight plug connector d/ms3106e - - d/ms3106f - - ( with gasket ) shell size a l d j0.3 10sl 5/8-24unef 51 22.30 8.0 12s 3/4-20unef 51 26.25 8.3 14s 7/8-20unef 53 28.90 11.1 16s 1-20unef 59 31.90 14.2 16 1-20unef 63 31.90 14.2 18 1 1/8-18unef 67 33.80 15.8 20 1 1/4-18unef 67 37.55 19.1 22 1 3/8-18unef 68 40.85 19.1 24 1 1/2-18unef 76 43.70 24.0 28 1 3/4-18uns 74 50.70 24.0 32 2-18uns 74 57.20 32.0 36 2 1/4-16un 72 63.40 38.0 straight plug connector d/ms3106e - - d/ms3106f - - bss - ( with gasket ) shell size a l d 10sl 5/8-24unef 56 22.30 12s 3/4-20unef 56 26.25 14s 7/8-20unef 62 28.90 16s 1-20unef 65 31.90 16 1-20unef 70 31.90 18 1 1/8-18unef 70 33.80 20 1 1/4-18unef 72 37.55 22 1 3/8-18unef 78 40.85 24 1 1/2-18unef 88 43.70 28 1 3/4-18uns 93 50.70 32 2-18uns 102 57.20 36 2 1/4-16un 105 63.40 6ojunn iuuqxxxeelofudpkq %.4&'34fsjft %.4&'34fsjft ? 4qfdjpdbujpotboepsejnfotjpotjouijtdbubmphbsftvckfduupdibohfxjuipvuopujdf y1mfbtfwbsjgzuifmbuftutqfdjpdbujpotxjuipvsesbxjoht
20 straight plug connector d/ms3106e - - d/ms3106f - - bsl - ( with gasket ) shell size a l d 10sl 5/8-24unef 76 22.30 12s 3/4-20unef 76 26.25 14s 7/8-20unef 82 28.90 16s 1-20unef 85 31.90 16 1-20unef 90 31.90 18 1 1/8-18unef 90 33.80 20 1 1/4-18unef 92 37.55 22 1 3/8-18unef 98 40.85 24 1 1/2-18unef 108 43.70 28 1 3/4-18uns 113 50.70 32 2-18uns 122 57.20 36 2 1/4-16un 125 63.40 straight plug connector d/ms3106e - - d/ms3106f - - bsn - ( with gasket ) shell size a l d 10sl 5/8-24unef 50 22.30 12s 3/4-20unef 55 26.25 14s 7/8-20unef 63 28.90 16s 1-20unef 57 31.90 16 1-20unef 63 31.90 18 1 1/8-18unef 65 33.80 20 1 1/4-18unef 69 37.55 22 1 3/8-18unef 66 40.85 24 1 1/2-18unef 72 43.70 28 1 3/4-18uns 73 50.70 32 2-18uns 74 57.20 36 2 1/4-16un 75 63.40 b min. r h s m k l max. insert arrangement list t u1 (thru hole) (thru hole) r w panel thickness(max) (1.5) u2 (thru hole) r 1.5 insert arrangement list a (l max.) d max. insert arrangement list a (l max.) d max. insert arrangement list a insert arrangement list a (l max.) d max. u max. insert arrangement list a t (l max.) d max. a (l max.) d max. insert arrangement list lmax. d max. a jdia. jdia. jdia. b min. r h s m k l max. insert arrangement list t u1 (thru hole) (thru hole) r w panel thickness(max) (1.5) u2 (thru hole) r 1.5 insert arrangement list a (l max.) d max. insert arrangement list a (l max.) d max. insert arrangement list a insert arrangement list a (l max.) d max. u max. insert arrangement list a t (l max.) d max. a (l max.) d max. insert arrangement list lmax. d max. a jdia. jdia. jdia. unitmm http://www.ddknet.co.jp d/ms e/f/r series d/ms e/f/r series specifcations and/or dimensions in this catalog are subject to change without notice. please varify the latest specifcations with our drawings.
21 b min. r h s m k l max. insert arrangement list t u1 (thru hole) (thru hole) r w panel thickness(max) (1.5) u2 (thru hole) r 1.5 insert arrangement list a (l max.) d max. insert arrangement list a (l max.) d max. insert arrangement list a insert arrangement list a (l max.) d max. u max. insert arrangement list a t (l max.) d max. a (l max.) d max. insert arrangement list lmax. d max. a jdia. jdia. jdia. b min. r h s m k l max. insert arrangement list t u1 (thru hole) (thru hole) r w panel thickness(max) (1.5) u2 (thru hole) r 1.5 insert arrangement list a (l max.) d max. insert arrangement list a (l max.) d max. insert arrangement list a insert arrangement list a (l max.) d max. u max. insert arrangement list a t (l max.) d max. a (l max.) d max. insert arrangement list lmax. d max. a jdia. jdia. jdia. straight plug connector d/ms3106r - - ( with gasket ) shell size a l d j0.3 10sl 5/8-24unef 42 22.30 8.0 12s 3/4-20unef 43 26.25 8.3 14s 7/8-20unef 43 28.90 11.1 16s 1-20unef 47 31.90 14.2 16 1-20unef 51 31.90 14.2 18 1 1/8-18unef 55 33.80 15.8 20 1 1/4-18unef 55 37.55 19.1 22 1 3/8-18unef 56 40.85 19.1 24 1 1/2-18unef 61 43.70 24.0 28 1 3/4-18uns 60 50.70 24.0 32 2-18uns 60 57.20 32.0 36 2 1/4-16un 58 63.40 38.0 angle plug connector d/ms3108e - - d/ms3108f - - ( with gasket ) shell size a l d u j0.3 10sl 5/8-24unef 54 22.30 37 8.0 12s 3/4-20unef 57 26.25 38 8.0 14s 7/8-20unef 59 28.90 40 11.0 16s 1-20unef 65 31.90 47 14.2 16 1-20unef 69 31.90 47 14.2 18 1 1/8-18unef 69 33.80 46 15.8 20 1 1/4-18unef 76 37.55 47 19.0 22 1 3/8-18unef 79 40.85 52 19.0 24 1 1/2-18unef 86 43.70 54 23.8 28 1 3/4-18uns 85 50.70 56 23.8 32 2-18uns 101 57.20 67 32.0 36 2 1/4-16un 101 63.40 71 38.0 6ojunn iuuqxxxeelofudpkq %.4&'34fsjft %.4&'34fsjft ? 4qfdjpdbujpotboepsejnfotjpotjouijtdbubmphbsftvckfduupdibohfxjuipvuopujdf y1mfbtfwbsjgzuifmbuftutqfdjpdbujpotxjuipvsesbxjoht
22 accessories ---backshell--- waterproof straight backshell d/mse - bss backshell (type-r) d/mse - bsr backshell d/mse - bs front gasket of receptacle dmse - fg waterproof long straight backshell d/mse - bssl rear gasket of receptacle dmse - rg angle backshell d/mse - ba straight backshell d/mse - bsn unitmm http://www.ddknet.co.jp d/ms e/f/r series d/ms e/f/r series specifcations and/or dimensions in this catalog are subject to change without notice. please varify the latest specifcations with our drawings.
23 accessories ---cable clamp--- ---bushing--- cable clamp d/ms3057 - a waterproof cable clamp ce3057 - a - -d rubber bushing an3420 - environmental bushing ce3420 - - 6ojunn iuuqxxxeelofudpkq %.4&'34fsjft %.4&'34fsjft ? 4qfdjpdbujpotboepsejnfotjpotjouijtdbubmphbsftvckfduupdibohfxjuipvuopujdf y1mfbtfwbsjgzuifmbuftutqfdjpdbujpotxjuipvsesbxjoht
24 number cable clamp p/n shell size bushing used applicable cable diameter 0 d/ms3057-4a 10sl, 12s an3420-4 5.6 max 0 d/ms3057-6a 14s an3420-6 7.9 max 0 d/ms3057-8a 16s, 16 an3420-8 11.1 max 0 d/ms3057-10a 18 an3420-10 14.3 max 0 d/ms3057-12a 20, 22 an3420-12 15.9 max 0 d/ms3057-16a 24, 28 an3420-16 19.1 max 0 d/ms3057-20a 32 an3420-20 23.8 max 0 d/ms3057-24a 36 an3420-24 31.8 max number cable clamp p/n shell size bushing used applicable cable diameter 1 ce3057-4a-1-d 10sl, 12s ce3420-4-1 3.6 ` 5.6 1 ce3057-6a-1-d 14s ce3420-6-1 7.0 ` 9.0 1 ce3057-8a-1-d 16s, 16 ce3420-8-1 10.0 ` 12.0 2 ce3057-8a-2-d ce3420-8-2 8.5 ` 10.5 1 ce3057-10a-1-d 18 ce3420-10-1 10.5 ` 14.1 2 ce3057-10a-2-d ce3420-10-2 8.5 ` 11.0 3 ce3057-10a-3-d ce3420-10-3 6.5 ` 8.7 1 ce3057-12a-1-d 20, 22 ce3420-12-1 12.5 ` 16.0 2 ce3057-12a-2-d ce3420-12-2 9.5 ` 13.0 3 ce3057-12a-3-d ce3420-12-3 6.8 ` 10.0 7 ce3057-12a-7-d ce3420-12-7 14.5 ` 17.0 1 ce3057-16a-1-d 24, 28 ce3420-16-1 15.0 ` 19.1 2 ce3057-16a-2-d ce3420-16-2 13.0 ` 15.5 4 ce3057-16a-4-d j-06814 czy005-gb-3 19.1 ` 21.5 6 ce3057-16a-6-d ce3420-16-6 18.5 ` 20.0 7 ce3057-16a-7-d ce3420-16-7 11.5 ` 13.5 8 ce3057-16a-8-d j-07369 czy005-gb-6(mo) 10.5 ` 12.5 1 ce3057-20a-1-d 32 ce3420-20-1 22.0 ` 23.8 2 ce3057-20a-2-d ce3420-20-2 24.0 ` 26.6 3 ce3057-20a-3-d czy005-gb-5 21.0 ` 22.5 1 ce3057-24a-1-d 36 ce3420-24-1 30.0 ` 32.5 2 ce3057-24a-2-d ce3420-24-2 27.5 ` 29.6 3 ce3057-24a-3-d an3420-24(d246) 29.0 ` 31.0 1. series d/ms : trivalent chromium treatment (black) 2.shell style 3100 : wall connecting receptacle (in-line receptacle) 3101 : cable connecting receptacle (in-line receptacle) 3102 : box mounting receptacle 3106 : straight plug 3106r : straight plug 3108 : 90 degree angle plug 3.service class(connector class) e : environmental with rubber insert f : environmental with rubber insert and gasket. r : environmental with rubber insert and gasket (3102). r : environmental with rubber insert and potting backshell (3100, 3101, 3106). 4.shell size 20 : 20 size shell size 10sl,14s,16s through 36 available 5.insert arrangement 20-29 :20-29 insert refer to pages xx-xx for insert availability 6.contact confguration (style) p : solder pin contacts s : solder socket contacts pc : crimp pin contacts sc : crimp socket contacts 7.insert rotation omit:normal position w,"x","y","z"refer to page 6 8.backshell style bss : with waterproof straight backshell bsl : with long waterproof backshell bsn : with non - waterproof straight backshell omit : refer to the following name of articles 3100e /3101e : with waterproof straight backshell grommet and ferrule 3106e / f / r : with waterproof straight backshell grommet and ferrule 3108e / f : with waterproof angle backshell grommet and ferrule 9.applicable cable diameter 0 : with non - waterproof cable clamp (refer to table 1) 1 ? 8 : with waterproof cable clamp (refer to table 2) table 1 table 2 d/ms 3106 f 20 - 29 s w - bss - 1 d/ms e/f/r part numbering system d/ms e/f/r series mil-dtl-5015 1 2 3 5 6 7 8 9 4 an3420- is an accessory which is designed to tighten the cable. when you need thinner cable, you can duplicate or triplicate the rubber bushings. iuuqxxxeelofudpkq specifcations and/or dimensions in this catalog are subject to change without notice. your checking the latest specifcations with our drawings would be highly appreciated.
25 crimp tooi for ddk d/ms-e/f/r crimp contacts tool applicable wire crimp tool body locator gage semi- automatic note contact p/n contact size awg military p/n dmc p/n ddk p/n dmc p/n dmse-#12p -c1 #12 4mm 2 m22520/1-01 af8 357j-53229t (with stopper) m22520/3-1 g125 wa27f dmse-#12s -c1 dmse-#12p -c2 #12 awg14-12 m22520/1-01 af8 dmse-#12s -c2 dmse-#12p -c3 #12 awg18-16 m22520/1-01 af8 dmse-#12s -c3 dmse-s#16p -c1 #16 awg18-16 m22520/1-01 af8 357j-53230t (with stopper) wa27f note: stopper for 7 kinds of contacts will be attached to each locator part number. dmse-#16p -c1 dmse-l#16p -c1 dmse-ss#16s -c1 dmse-s#16s -c1 dmse-#16s -c1 dmse-l#16s -c1 dmse-s#16p -c2 #16 awg18-22 m22520/1-01 af8 dmse-#16p -c2 dmse-l#16p -c2 dmse-ss#16s -c2 dmse-s#16s -c2 dmse-#16s -c2 dmse-l#16s -c2 dmse-s#16p -c3 #16 awg26-22 m22520/1-01 af8 dmse-#16p -c3 dmse-l#16p -c3 dmse-ss#16s -c3 dmse-s#16s -c3 dmse-#16s -c3 dmse-l#16s -c3 note : dmc stands for daniels manufacturing corporation. 6ojunn iuuqxxxeelofudpkq %.4&'34fsjft %.4&'34fsjft ? 4qfdjpdbujpotboepsejnfotjpotjouijtdbubmphbsftvckfduupdibohfxjuipvuopujdf y1mfbtfwbsjgzuifmbuftutqfdjpdbujpotxjuipvsesbxjoht
26 crimp tooi for ddk d/ms-e/f/r crimp contacts contact p/n contact size applicable wire awg dmc p/n dmc die assembly p/n lokator ddk p/n dmse-#0p -c1 #0 awg 0 50mm 2 awg 2 (35mm 2 ) awg 4 (25mm 2 ) 16mm 2 wa23 wa23-5 357j-53244t dmse-#0p -c2 dmse-#0p -c3 dmse-#0p -c4 dmse-#0p -c5 dmse-#0s -c1 dmse-#0s -c2 dmse-#0s -c3 dmse-#0s -c4 dmse-#0s -c5 dmse-l#0p -c1 awg 0 50mm 2 awg 2 (35mm 2 ) awg 4 (25mm 2 ) wa23-5 357j-53245t dmse-l#0p -c2 dmse-l#0p -c3 dmse-l#0p -c4 dmse-l#0p -c5 dmse-l#0s -c1 dmse-l#0s -c2 dmse-l#0s -c3 dmse-l#0s -c4 dmse-l#0s -c5 dmse-#4p -c1 #4 awg 4 16mm 2 awg 6 10mm 2 wa23-4 357j-53246t dmse-#4p -c2 dmse-#4p -c3 dmse-#4p -c4 dmse-#4s -c1 dmse-#4s -c2 dmse-#4s -c3 dmse-#4s -c4 dmse-l#4p -c1 awg 4 16mm 2 awg 6 10mm 2 wa23-4 357j-53247t dmse-l#4p -c2 dmse-l#4p -c3 dmse-l#4p -c4 dmse-l#4s -c1 dmse-l#4s -c2 dmse-l#4s -c3 dmse-l#4s -c4 dmse-#8p -c1 #8 10mm 2 awg 8 awg 10 awg 14/12 wa23-2 357j-53248t dmse-#8p -c2 dmse-#8p -c3 dmse-#8p -c4 dmse-#8s -c1 dmse-#8s -c2 dmse-#8s -c3 dmse-#8s -c4 dmse-l#8p -c1 10mm 2 awg 8 awg 10 awg 14/12 wa23-2 357j-53249t dmse-l#8p -c2 dmse-l#8p -c3 dmse-l#8p -c4 dmse-l#8s -c1 dmse-l#8s -c2 dmse-l#8s -c3 dmse-l#8s -c4 unitmm http://www.ddknet.co.jp d/ms e/f/r series d/ms e/f/r series specifcations and/or dimensions in this catalog are subject to change without notice. please varify the latest specifcations with our drawings.


▲Up To Search▲   

 
Price & Availability of DMS3100F10SL-29PBSS-0

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X