Part Number Hot Search : 
76001 2SK3149 DG506ACJ BZX79 91381 M29F010B AD660 PRODUCT
Product Description
Full Text Search
 

To Download DF208ST-G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  smd glass passivated bridge rectifiers page 1 qw -bbr47 comchip t echnology co., l td. df2005s-g thru. df210s-g pa ra m et er sy m bo l un it d i m e n s i o n s i n i n c h e s a n d ( m i l l i m e t e r ) features -rating to 1000v pr v -ideal for printed circuit board. -low forward voltage drop. - high current capability . mechanical data -polarit:as marked on body -w eight:0.02 ounces, 0.38 grams maximum reverse peak repetitive v oltage maximum rms v oltage maximum dc blocking v oltage maximum a verage forward rectified current @t a =40 c peak forward surage current , 8.3ms single half sine-w ave super imposed on rated load 2 i t rating for fusing (t 8.3ms) maximum forward v oltage at 2.0a dc maximum dc reverse current at rated dc blocking v oltage @t j =125 c operating t emperature range storage t emperature range @ c t j = 25 t ypical junction capacitance per element (note 1) t ypical thermal resistance (note 2) reverse v oltage: 50 to 1000v forward current: 2.0a rohs device maximum ratings and electrical characteristics rating at 25 ambient temperature unless otherwise specified. c single phase, half wave ,60hz, resistive or inductive load. for capacitive load, derate current by 20% 50 35 50 v rrm v rms v dc i (a v) i fsm 2 i t v f i r c j r ja t j t stg 2.0 60 10.4 1.1 10 500 25 40 -55 ~ +150 -55 ~ +150 v v v a a 2 a s v a pf c c c /w dfs 100 70 100 200 140 200 400 280 400 600 420 600 800 560 800 1000 700 1000 0.102(2.6) 0.087(2.2) 0.406(10.30) 0.394(10.00) 0.335(8.50) 0.307(7.80) 0.014(0.35) 0.008(0.20) 0.205(5.20) 0.197(5.00) 0.047(1.20) 0.037(0.95) 0.323(8.2) 0.315(8.0) notes: 1. measured at 1.0mhz and applied reverse voltage of 4.0v dc 2. unit mounted on p .c.b with 0.50"0.50 (1313mm) copper pads. 0.031(0.80) 0.023(0.60) 0.256(6.50) 0.244(6.20) 0.063(1.6) 0.055(1.4) -the plastic material has ul flammability classification 94v -0 -mounting position:any ~ ~ + - rev : e df df df df df df df 2005s-g 201s-g 202s-g 204s-g 206s-g 208s-g 210s-g company reserves the right to improve product design , functions and reliability without notice.
smd glass passivated bridge rectifiers page 2 rev : e rating and characteristics curves (df2005s-g thru. df210s-g) qw -bbr47 comchip t echnology co., l td. 1 10 100 number of cycle at 60hz p e a k f o r w a r d s u r g e c u r r e n t , ( a ) 0 50 100 150 0 0.8 1.6 2.0 ambient t emperature, (c) fig.3 - t ypical junction capacitance 0.1 1 10 100 1 10 100 reverse v oltage, (v) c a p a c i t a n c e , ( p f ) 0.4 1.2 fig.4 - t ypical forward characteristics 0 0.4 0.8 1.0 1.4 0.01 instantaneous forward v oltage, (v) i n s t a n t a n e o u s f o r w a r d c u r r e n t , ( a ) 0.1 1.0 10 0 20 40 70 10 30 50 1.2 0.6 0.2 mounted on pc board, single phase half wave, 60hz, resistive or inductive load fig.5 - t ypical reverse characteristics 20 40 60 80 0.01 1 100 percent of peak reverse v oltage, (%) i n s t a n t a n e o u s r e v e r s e c u r r e n t , ( a ) 1.8 1.6 100 120 140 0 0.1 10 single half sine wave (jedec method) 60 o t j =125 c o t j =25 c 20 fig.1 - derating curve for output rcetified current b r i d g e o u t p u t f u l l w a v e r e c t i f i e d c u r r e n t a v e r a g e , ( a ) fig.2 - maximum non-repetitive peak forward surge current t j =25c f=1mhz vsig=50mvp-p o t j =25 c pulse width: 300 s 2% duty cycle company reserves the right to improve product design , functions and reliability without notice.
smd glass passivated bridge rectifiers page 3 rev : e qw -bbr47 comchip t echnology co., l td. o 1 2 0 d 1 d 2 d w 1 t railer device leader 10 pitches (min) 10 pitches (min) ....... ....... ....... ....... ....... ....... ....... ....... end start direction of feed reel t aping specification b c d d d 2 d 1 d f s s y m b o l ( m m ) ( i n c h ) 1 . 9 6 9 m i n . 1 2 . 0 0 0 . 1 0 1 . 5 5 0 . 0 5 5 0 . 0 m i n . 1 3 . 0 0 0 . 2 0 4 . 0 0 0 . 1 0 2 . 0 0 0 . 1 0 1 6 . 0 0 0 . 3 0 1 6 . 0 0 ~ 1 8 . 4 0 3 3 0 0 . 0 6 1 0 . 0 0 2 1 3 0 . 5 1 2 0 . 0 0 8 s y m b o l ( m m ) ( i n c h ) 0 . 6 3 0 0 . 0 1 2 0 . 4 7 2 0 . 0 0 4 0 . 1 5 7 0 . 0 0 4 0 . 0 7 9 0 . 0 0 4 0 . 6 3 0 ~ 0 . 7 2 4 e f p p 0 p 1 w w 1 1 . 7 5 0 . 1 0 0 . 0 6 9 0 . 0 0 4 7 . 5 0 0 . 0 5 0 . 2 9 5 0 . 0 0 2 8 . 6 4 0 . 1 0 0 . 3 4 0 0 . 0 0 4 1 0 . 4 1 0 . 1 0 0 . 4 0 9 0 . 0 0 4 3 . 8 1 0 . 1 0 0 . 1 5 0 0 . 0 0 4 0 . 3 2 0 . 0 1 3 t a t c i n d e x h o l e d e f b w p p 0 p 1 a d f s company reserves the right to improve product design , functions and reliability without notice.
smd glass passivated bridge rectifiers page 4 rev : e qw -bbr47 comchip t echnology co., l td. standard packaging df2005sp-g df201sp-g df202sp-g df204sp-g df206sp-g df208sp-g part number marking code marking code xxx / xxxx = product type marking code c = comchip logo + - c df xxxs df210sp-g ~ ~ df2005st -g df201st -g df202st -g df204st -g df206st -g df208st -g df210st -g df2005s df 201s df 202s df 204s df 206s df 208s df 210s df 2005s df 201s df 202s df 204s df 206s df 208s df 210s packaging t ube t ube t ube t ube t ube t ube t ube reel reel reel reel reel reel reel suggested p ad layout c b size (inch) 0.047 min (mm) 1.20 min 5.21 ref 1.52 min 0.205 ref 0.060 min dfs 10.26 max 0.404 max a b c d d a c a s e t y p e 1 , 0 0 0 r e e l ( p c s ) reel size (inch) 1 3 r e e l p a c k c a s e t y p e d f s 5 0 t u b e ( p c s ) t u b e p a c k 1 0 , 0 0 0 c a r t o n ( p c s ) d f s 1) suf fix code after part number to specify packaging item . note: p a c k a g in g t u b e p a c k r e e l p a c k c o d e p t company reserves the right to improve product design , functions and reliability without notice.


▲Up To Search▲   

 
Price & Availability of DF208ST-G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X