Part Number Hot Search : 
CSD2490 GP502 AQY214S DC37SFM1 NEA005 2622940 TLHR5205 SS120
Product Description
Full Text Search
 

To Download CP30238 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  for more information, please visit the product page. ????????? ?????????????????? cui .com date 05/07/2012 page 1 of 5 series: cp30 description: 3.0 a peltier module date 05/07/2012 page 1 of 5 features ? solid state device ? small and lightweight ? precise temperature control ? quiet operation rohs model input voltage input current output qmax 1 output ? tmax 2 max (v) max (a) t h =27c (w) t h =50c (w) t h =27c (c) t h =50c (c) cp30138 3.8 3 6.5 7.2 66 72 CP30238 8.6 3 15 16.7 66 72 cp30338 15.4 3 27 30.1 66 72 notes: 1. maximum cooling capacity at i max , v max , and ? t=0c 2. maximum temperature difference at i max , v max , and q=0w (maximum parameters are measured in a vacuum) general parameter conditions/description min typ max units internal resistance 3 cp30138 CP30238 cp30338 0.9 2.07 3.6 1.0 2.3 4.0 1.1 2.53 4.4 solder melting temperature connection between termoelectric pairs 138 c assembly compression 98.07 10 n/cm 2 kgf/cm 2 hot side plate 80 c mtbf 200,000 hours notes: 3. measured by ac 4-terminal method at 25c for further information and product selection refer to peltier applicaftion notes.pdf cp30 x 38 base number part number key thickness length/width: 1 = 15 x 15 mm 2 = 20 x 20 mm 3 = 30 x 30 mm
for more information, please visit the product page. ?????????????????? cui .com cui inc series: cp30 description: 3.0 a peltier module date 05/07/2012 page 2 of 5 70 60 50 40 30 20 10 0 )1)7)2? heat pumped (w) 2.0 0 0 4.0 6.0 2.0 4.0 input voltage (v) 3.0 a 2.4 a 1.8 a 1.2 a 0.6 a 3.0 a 2.4 a 1.8 a 1.2 a 0.6 a cp30138 performance ( th=27c )         )1)7)2? 0 2.0 4.0 6.0 0 2.0 4.0 heat pumped (w) input voltage (v) 3.0 a 2.4 a 1.8 a 1.2 a 0.6 a 3.0 a 2.4 a 1.8 a 1.2 a 0.6 a cp30138 performance ( th=50c )
for more information, please visit the product page. ?????????????????? cui .com cui inc series: cp30 description: 3.0 a peltier module date 05/07/2012 page 3 of 5 70 60 50 40 30 20 10 0 )1)7)2? 0 0 4.0 8.0 4.0 8.0 12.0 16.0 heat pumped (w) input voltage (v) 3.0 a 2.4 a 1.8 a 1.2 a 0.6 a 3.0 a 2.4 a 1.8 a 1.2 a 0.6 a CP30238 performance ( th=27c )         )1)7)2? 0 0 4.0 8.0 4.0 8.0 12.0 16.0 heat pumped (w) input voltage (v) 3.0 a 2.4 a 1.8 a 1.2 a 0.6 a 3.0 a 2.4 a 1.8 a 1.2 a 0.6 a CP30238 performance ( th=50c )
for more information, please visit the product page. ?????????????????? cui .com cui inc series: cp30 description: 3.0 a peltier module date 05/07/2012 page 4 of 5 70 60 50 40 30 20 10 0 )1)7)2? 0 0 8.0 16.0 24.0 8.0 16.0 heat pumped (w) input voltage (v) 3.0 a 2.4 a 1.8 a 1.2 a 0.6 a 3.0 a 2.4 a 1.8 a 1.2 a 0.6 a cp30338 performance ( th=27c ) 70 60 50 40 30 20 10 0 )1)7)2? 0 0 8.0 16.0 24.0 8.0 16.0 heat pumped (w) input voltage (v) 3.0 a 2.4 a 1.8 a 1.2 a 0.6 a 3.0 a 2.4 a 1.8 a 1.2 a 0.6 a cp30338 performance ( th=50c )
for more information, please visit the product page. ????????? cui inc series: cp30 description: 3.0 a peltier module date 05/07/2012 page 5 of 5 cui offers a one (1) year limited warranty. complete warranty information is listed on our website. cui reserves the right to make changes to the product at any time without notice. information provided by cui is believed to b e accurate and reliable. however, no responsibility is assumed by cui for its use, nor for any infringements of patents or other rights of third parties which may result from its use . cui products are not authorized or warranted for use as critical components in equipment that requires an extremely high level of reliability. a critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. headquarters 20050 sw 112th ave. tualatin, or 97062 800.275.4899 fax 503.612.2383 cui .com techsupport@cui.com rev. description date 1.0 initial release 09/03/2009 1.01 applied new template 05/07/2012 the revision history provided is for informational purposes only and is believed to be accurate. mechanical drawing revision history cold side black (-) red (+) l w 3.0 7.0 100.0 5.0 cold side hot side 0.01 3.8 0.80 (typ) material plating ceramic plate al 2 0 3 (alumina) sealer silicon rubber rtv lead wire ul1430 (22awg) tin joint cover silicon rubber rtv units: mm model length x width ( mm ) cp30138 15 x 15 0.3 CP30238 20 x 20 0.3 cp30338 30 x 30 0.3


▲Up To Search▲   

 
Price & Availability of CP30238

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X