Part Number Hot Search : 
1781MST NCE8205 BD898 02M10 DG411 CDL13005 MS2213 P202W
Product Description
Full Text Search
 

To Download COADMG2100219 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  product description features cwdmoadmg series min typical max unit working wavelength range 1464~1618 nm center wavelength c itu grid nm channel spacing 20 nm passband bandwidth c 6.5 nm insertion loss 1) add/drop 0.35 0.45 db express 0.60 0.70 polarization dependent loss (pdl) 0.20 db passband ripple 0.25 db adjacent channel isolation 30 db non-adjacent channel isolation 40 db express channel isolation 20 db polarization mode dispersion (pmd) 0.20 ps return loss 45 db directivity 50 db operating power 500 mw operating temperature 0 to +70 c storage temperature -40 to +85 c fiber type corning smf-28 package dimensions 3) 125 x 90 x 8 mm applications performance specification ns center channel wavelength table (nm, itu grid): ns note: 1) the maximum il is under all states of polarization and within the full operating temperature and wavele ngth ranges specifed.. 2) all the parameters are excluding connectors. 3) the mechanical tolerance should be +/-0.2 mm on all package dimensions unless otherwise custom specifed. 1471.0 1491.0 1511.0 1531.0 1551.0 1571.0 1591.0 1611.0 s0006 - r03. 20100615 green single channel cwdm oadm (2x2) coadmg 2x2 series oplinks optical add/drop multiplexer is based on patented athermal plat - form for optical device. this multiplexer features ultra low insertion loss, super thermal stability, and unparallel reliability. the technology is a lead-free packag - ing platform and no epoxy in the optical path. green cwdm is telcordia gr- 1221and gr-1209 tested, qualifed for uncontrolled environment applications and complied with industry green initiatives such as rohs and weee. oplink can provide customized designs to meet specialized feature applica - tions. also, oplink offers modular assemblies that integrate other components to form a full function module or subsystem. ? environmental green plan compliance ? ultra-low insertion loss ? narrow down distribution ? super thermal stability ? highly reliability ? high channel isolation ? epoxy-free optical path ? add/drop channels ? wdm systems
46335 landing pkwy fremont, ca 94538 tel: (510) 933-7200 fax: (510) 933-7300 email: sales@oplink.com ? www.oplink.com product lines: ? mux/demux ? switching/routing ? coupling/splitting ? monitoring/conditioning ? amplifcation ? transmission ? interconnect ? rgb laser modules coadm ordering information mechanical drawing / package dimensions (dimension in mm) oplink can provide a remarkable range of customized optical solutions. for detail, please contact oplinks oem design team or account manager for your requirements and ordering information (510) 933-7200. 0 2 2 g fiber jacket m looe tbe channel spacing platform center channel wavelength fiber length* nm reen efer t ri table eter eter eter eter connector type one fcpc fcspc fcpc scpc scspc scpc st lc green single channel cwdm oadm (2x2) coadmg 2x2 series s 2 * the tolerance of fber length is +/-0.1m. 1 meter is standard. the lead-time for special fber length will be longer.


▲Up To Search▲   

 
Price & Availability of COADMG2100219

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X