Part Number Hot Search : 
16LV8 EL4544 24223 0F9TRP00 HA8002 B1422BB1 STBC0 MAX6037
Product Description
Full Text Search
 

To Download C1210C184G3HACAUTO Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c 1007_x8r_ultra_150c_smd ? 3/3/2016 1 overview kemets ultra-stable x8r dielectric features a 150c maxi - mum operating temperature, offering the latest in high tempera - ture dielectric technology and reliability for extreme tempera- ture applications. it offers the same temperature capability as conventional x8r, but without the capacitance loss due to applied dc voltage. ultra-stable x8r exhibits no change in capacitance with respect to voltage and boasts a minimal change in capacitance with reference to ambient temperature. it is a suitable replacement for higher capacitance and larger footprint devices that fail to offer capacitance stability. capaci - tance change with respect to temperature is limited to 15% from ?55c to +150c. driven by the demand for a more robust and reliable compo- nent, ultra-stable x8r dielectric capacitors were developed for critical applications where reliability and capacitance stability at higher operating temperatures are a concern. these capacitors are widely used in automotive circuits as well as general high temperature applications. in addition to commercial grade, automotive grade devices are available and meet the demanding automotive electronics councils aecCq200 qualifcation requirements. surface mount multilayer ceramic chip capacitors (smd mlccs) high temperature 150 c, ultra-stable x8r dielectric, 25 C 100 vdc (commercial & automotive grade) ordering information c 1210 c 184 k 3 h a c auto ceramic case size (l" x w") specifcation/ series 1 capacitance code (pf) capacitance tolerance rated voltage (vdc) dielectric failure rate/ design termination finish 2 packaging/grade (c-spec) 0402 0603 0805 1206 1210 1812 c = standard two signifcant digits + number flexible termination option is available. please see ft-cap product bulletin c1013_x8r_ft-cap_smd 2 additional termination fnish options may be available. contact kemet for details. 2 snpb termination fnish option is not available on automotive grade product. one world. one kemet
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c 1007_x8r_ultra_150c_smd ? 3/3/2016 2 packaging c-spec ordering options table packaging type packaging/grade ordering code (c-spec) commercial grade 1 bulk bag not required (blank) 7" reel / unmarked tu 13" reel / unmarked 7411 (eia 0603 and smaller case sizes) 7210 (eia 0805 and larger case sizes) 7" reel / unmarked / 2 mm pitch 2 7081 13" reel / unmarked / 2 mm pitch 2 7082 automotive grade 3 7" reel auto 13" reel / unmarked auto7411 (eia 0603 and smaller case sizes) auto7210 (eia 0805 and larger case sizes) 7" reel / unmarked / 2 mm pitch 2 310 13" reel / unmarked / 2 mm pitch 2 311 1 default packaging is bulk bag. an ordering code c-spec is not required for bulk bag packaging. 1 the terms marked and unmarked pertain to laser marking option of capacitors. all packaging options labeled as unmarked will contain capacitors that have not been laser marked. 2 the 2 mm pitch option allows for double the packaging quantity of capacitors on a given reel size. this option is limited to eia 0603 (1608 metric) case size devices. for more information regarding 2 mm pitch option see tape & reel packaging information. 3 reeling tape options (paper or plastic) are dependent on capacitor case size (l x w) and thickness dimension. see chip thickness/tape & reel packaging quantities and tape & reel packaging information. 3 for additional information regarding auto c-spec options, see automotive c-spec information. 3 all automotive packaging c-specs listed exclude the option to laser mark components. please contact kemet if you require a laser marked option. for more information see capacitor marking. benefts 55c to 15c operating temperature range ? l ead (pb)-free, rohs and reach compliant ? e ia 0402, 0603, 0805, 1206, 1210, and 1812 case sizes ? d c voltage ratings of 25 v, 50 v, and 100 v &d sdflwdqfhriihulqjvudqjlqjiurps)wr) ? a vailable capacitance tolerances of 1%, 2%, 5%, 10%, and 20% ? e xtremely low esr and esl ? h igh thermal stability ? h igh ripple current capability ? n o capacitance change with respect to applied rated dc voltage ? n on-polar device, minimizing installation concerns ? o ffered in both commercial and automotive grades sxuhpdwwhwlqsodwhgwhuplqdwlrqqlvkwkdwdoorlqjiru excellent solderability. 6q 3esodwhgwhuplqdwlrqqlvkrswlrqdydlodeohxsrquhtxhvw pb minimum) applications 7sldodssoldwlrqvlqoxghghrxsolqesdvvdqgowhulqlqhwuhphhqylurqphqwvvxkdvgrqkrohrlohsorudwlrqxqghukrrg automotive, military and aerospace. surface mount multilayer ceramic chip capacitors (smd mlccs) high temperature 150c ultra-stable x8r dielectric, 25 C 100 vdc (commercial & automotive grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c 1007_x8r_ultra_150c_smd ? 3/3/2016 3 automotive c-spec information kemet automotive grade products meet or exceed the requirements outlined by the automotive electronics council. details regarding test methods and conditions are referenced in document aecCq200, stress test qualif cation for passive components. these products are supported by a product change notif cation (pcn) and production part approval process warrant (ppap). automotive products offered through our distribution channel have been assigned an inclusive ordering code c-spec, "auto". this c-spec was developed in order to better serve small and medium sized companies that prefer an automotive grade component without the requirement to submit a customer source controlled drawing (scd) or specif cation for review by a kemet engineering specialist. this c-spec is therefore not intended for use by kemets oem automotive customers and are not granted the same privileges as other automotive c-specs. customer pcn approval and ppap request levels are limited (see details below). product change notif cation (pcn) the kemet product change notif cation system is used to communicate primarily the following types of changes: ? product/process changes that affect product form, f t , function, and /or reliability ? changes in manufacturing site ? product obsolescence kemet automotive c-spec customer notif cation due to: days prior to implementation process/product change obsolescence* kemet assigned 1 yes (with approval and sign off) yes 180 days minimum auto yes (without approval) yes 90 days minimum 1 .(0(7dvvljqhg&6shfvuhtxluhwkhvxeplwwdoridfxvwrphu6&rufxvwrphuvshflfdwlrqiruuhylh)rudgglwlrqdolqirupdwlrqfrqwdfw.(0(7 production part approval process (ppap) the purpose of the production part approval process is: ? to ensure that supplier can meet the manufacturability and quality requirements for the purchased parts. ? to provide the evidence that all customer engineering design record and specif cation requirements are properly understood and fulf lled by the manufacturing organization. ? to demonstrate that the established manufacturing process has the potential to produce the part kemet automotive c-spec ppap (product part approval process) level 1 2 3 4 5 kemet assigned 1 auto 1 .(0(7dvvljqhg&6shfvuhtxluhwkhvxeplwwdoridfxvwrphu6&rufxvwrphuvshflfdwlrqiruuhylh)rudgglwlrqdolqirupdwlrqfrqwdfw.(0(7 part number specif c ppap available product family ppap only surface mount multilayer ceramic chip capacitors (smd mlccs) high temperature 150c ultra-stable x8r dielectric, 25 C 100 vdc (commercial & automotive grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c 1007_x8r_ultra_150c_smd ? 3/3/2016 4 dimensions C millimeters (inches) l b w s t eia size code metric size code l length w width t thickness b bandwidth s separation minimum mounting technique 0402 1005 1.00 (0.040) 0.05 (0.002) 0.50 (0.020) 0.05 (0.002) see table 2 for thickness 0.30 (0.012) 0.10 (0.004) 0.30 (0.012) solder refow only 0603 1608 1.60 (0.063) 0.15 (0.006) 0.80 (0.032) 0.15 (0.006) 0.35 (0.014) 0.15 (0.006) 0.70 (0.028) solder wave or solder refow 0805 2012 2.00 (0.079) 0.20 (0.008) 1.25 (0.049) 0.20 (0.008) 0.50 (0.02) 0.25 (0.010) 0.75 (0.030) 1206 3216 3.20 (0.126) 0.20 (0.008) 1.60 (0.063) 0.20 (0.008) 0.50 (0.02) 0.25 (0.010) n/a 1210 3225 3.20 (0.126) 0.20 (0.008) 2.50 (0.098) 0.20 (0.008) 0.50 (0.02) 0.25 (0.010) solder refow only 1812 4532 4.50 (0.177) 0.30 (0.012) 3.20 (0.126) 0.30 (0.012) 0.60 (0.024) 0.35 (0.014) qualifcation/certifcation commercial grade products are subject to internal qualifcation. details regarding test methods and conditions are referenced in table 4, performance & reliability. automotive grade products meet or exceed the requirements outlined by the automotive electronics council. details regarding test methods and conditions are referenced in document aecCq200, stress test qualifcation for passive components. for additional information regarding the automotive electronics council and aecCq200, please visit their website at www.aecouncil.com. environmental compliance lead (pb)-free, rohs, and reach compliant without exemptions (excluding snpb termination fnish option). surface mount multilayer ceramic chip capacitors (smd mlccs) high temperature 150c ultra-stable x8r dielectric, 25 C 100 vdc (commercial & automotive grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c 1007_x8r_ultra_150c_smd ? 3/3/2016 5 electrical parameters/characteristics item parameters/characteristics operating temperature range ?55c to +150c capacitance change with reference to +25c and 0 vdc applied (tcc) 15% aging rate (maximum % capacitance loss/decade hour) 0% dielectric withstanding voltage (dwv) 250% of rated voltage (5 1 seconds and charge/discharge not exceeding 50 ma) dissipation factor (df) maximum limit @ 25oc 2.5% insulation resistance (ir) limit @ 25c 1,000 megohm microfarads or 100 g to obtain ir limit, divide m-f value by the capacitance and compare to g limit. select the lower of the two limits. capacitance and dissipation factor (df) measured under the following conditions: 1 m hz 100 khz and 1.0 0.2 vrms if capacitance 1,000 pf. 1 k hz 50 hz and 1.0 0.2 vrms if capacitance > 1,000 pf note: when measuring capacitance it is important to ensure the set voltage level is held constant. the hp4284 and agilent e4980 have a feature known as automatic level control (alc). the alc feature should be switched to "on." post environmental limits high temperature life, biased humidity, moisture resistance dielectric rated dc voltage capacitance value dissipation factor (maximum %) capacitance shift insulation resistance ultra-stable x8r all all 3.0 0.3% or 0.25 pf 10% of initial limit surface mount multilayer ceramic chip capacitors (smd mlccs) high temperature 150c ultra-stable x8r dielectric, 25 C 100 vdc (commercial & automotive grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c 1007_x8r_ultra_150c_smd ? 3/3/2016 6 table 1 C capacitance range/selection waterfall (0402 C 1812 case sizes) capacitance cap code case size/ series c0402c c0603c c0805c c1206c c1210c c1812c voltage code 3 5 1 3 5 1 3 5 1 3 5 1 3 5 1 5 1 rated voltage (vdc) 25 50 100 25 50 100 25 50 100 25 50 100 25 50 100 50 100 capacitance tolerance product availability and chip thickness codes see table 2 for chip thickness dimensions 100 pf 101 f g j k m bb bb bb 110 pf 111 f g j k m bb bb bb 120 pf 121 f g j k m bb bb bb 130 pf 131 f g j k m bb bb bb 150 pf 151 f g j k m bb bb bb 160 pf 161 f g j k m bb bb bb 180 pf 181 f g j k m bb bb bb 200 pf 201 f g j k m bb bb bb 220 pf 221 f g j k m bb bb bb 240 pf 241 f g j k m bb bb bb 270 pf 271 f g j k m bb bb bb 300 pf 301 f g j k m bb bb bb 330 pf 331 f g j k m bb bb bb 360 pf 361 f g j k m bb bb bb 390 pf 391 f g j k m bb bb bb 430 pf 431 f g j k m bb bb bb cf cf cf 470 pf 471 f g j k m bb bb bb cf cf cf 510 pf 511 f g j k m bb bb bb cf cf cf 560 pf 561 f g j k m bb bb bb cf cf cf 620 pf 621 f g j k m bb bb bb cf cf cf 680 pf 681 f g j k m bb bb bb cf cf cf 750 pf 751 f g j k m bb bb bb cf cf cf 820 pf 821 f g j k m bb bb bb cf cf cf 910 pf 911 f g j k m bb bb bb cf cf cf 1,000 pf 102 f g j k m bb bb bb cf cf cf 1,100 pf 112 f g j k m bb bb cf cf cf 1,200 pf 122 f g j k m bb bb cf cf cf 1,300 pf 132 f g j k m bb bb cf cf cf 1,500 pf 152 f g j k m bb bb cf cf cf 1,600 pf 162 f g j k m cf cf cf 1,800 pf 182 f g j k m cf cf cf 2,000 pf 202 f g j k m cf cf cf dn dn dn 2,200 pf 222 f g j k m cf cf cf dn dn dn 2,400 pf 242 f g j k m cf cf cf dn dn dn 2,700 pf 272 f g j k m cf cf cf dn dn dn 3,000 pf 3 02 f g j k m cf cf cf dn dn dn 3,300 pf 332 f g j k m cf cf cf dn dn dn 3,600 pf 362 f g j k m cf cf cf dn dn dn 3,900 pf 392 f g j k m cf cf cf dn dn dn 4,300 pf 432 f g j k m cf cf cf dn dn dn 4,700 pf 472 f g j k m cf cf cf dn dn dn 5,100 pf 512 f g j k m cf cf dn dn dn 5,600 pf 562 f g j k m cf cf dn dn dn 6,200 pf 622 f g j k m cf cf dn dn dn 6,800 pf 682 f g j k m cf cf dn dn dn eb eb eb 7,50 0 pf 752 f g j k m cf dn dn dn eb eb eb 8,200 pf 822 f g j k m cf dn dn dn eb eb eb 9,100 pf 912 f g j k m cf dn dn dn eb eb eb 10,000 pf 103 f g j k m cf dn dn dp eb eb eb 12,000 pf 123 f g j k m dn dn de eb eb eb fb fb fb 15,000 pf 153 f g j k m dn dp dg eb eb eb fb fb fb gb gb 18,000 pf 183 f g j k m dn dp eb eb eb fb fb fb gb gb 22,000 pf 223 f g j k m dp df eb eb ec fb fb fb gb gb 27,000 pf 273 f g j k m df eb eb ee fb fb fb gb gb 33,000 pf 333 f g j k m dg eb eb ee fb fb fb gb gb capacitance cap code rated voltage (vdc) 25 50 100 25 50 100 25 50 100 25 50 100 25 50 100 50 100 voltage code 3 5 1 3 5 1 3 5 1 3 5 1 3 5 1 5 1 case size/series c0402c c0603c c0805c c1206c c1210c c1812c surface mount multilayer ceramic chip capacitors (smd mlccs) high temperature 150c ultra-stable x8r dielectric, 25 C 100 vdc (commercial & automotive grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c 1007_x8r_ultra_150c_smd ? 3/3/2016 7 table 1 C capacitance range/selection waterfall (0402 C 1812 case sizes) contd table 2a C chip thickness/tape & reel packaging quantities thickness code case size 1 thickness range (mm) paper quantity 1 plastic quantity 7" reel 13" reel 7" reel 13" reel bb 0402 0.50 0.05 10,000 50,000 0 0 cf 0603 0.80 0.07 4,000 15,000 0 0 dn 0805 0.78 0.10 4,000 15,000 0 0 dp 0805 0.90 0.10 4,000 15,000 0 0 de 0805 1.00 0.10 0 0 2,500 10,000 df 0805 1.10 0.10 0 0 2,500 10,000 dg 0805 1.25 0.15 0 0 2,500 10,000 eb 1206 0.78 0.10 4,000 10,000 4,000 10,000 ec 1206 0.90 0.10 0 0 4,000 10,000 ed 1206 1.00 0.10 0 0 2,500 10,000 ee 1206 1.10 0.10 0 0 2,500 10,000 ef 1206 1.20 0.15 0 0 2,500 10,000 eh 1206 1.60 0.20 0 0 2,000 8,000 fb 1210 0.78 0.10 0 0 4,000 10,000 fc 1210 0.90 0.10 0 0 4,000 10,000 fe 1210 1.00 0.10 0 0 2,500 10,000 ff 1210 1.10 0.10 0 0 2,500 10,000 fg 1210 1.25 0.15 0 0 2,500 10,000 fh 1210 1.55 0.15 0 0 2,000 8,000 fm 1210 1.70 0.20 0 0 2,000 8,000 fj 1210 1.85 0.20 0 0 2,000 8,000 gb 1812 1.00 0.10 0 0 1,000 4,000 gd 1812 1.25 0.15 0 0 1,000 4,000 gh 1812 1.40 0.15 0 0 1,000 4,000 gk 1812 1.60 0.20 0 0 1,000 4,000 gn 1812 1.70 0.20 0 0 1,000 4,000 thickness code case size 1 thickness range (mm) 7" reel 13" reel 7" reel 13" reel paper quantity 1 plastic quantity package quantity based on fnished chip thickness specifcations. if ordering using the 2 mm tape and reel pitch option, the packaging quantity outlined in the table above will be doubled. this option is limited to eia 0603 (1608 metric) case size devices. for more information regarding 2 mm pitch option see tape & reel packaging information. capacitance cap code case size/ series c0402c c0603c c0805c c1206c c1210c c1812c voltage code 3 5 1 3 5 1 3 5 1 3 5 1 3 5 1 5 1 rated voltage (vdc) 25 50 100 25 50 100 25 50 100 25 50 100 25 50 100 50 100 capacitance tolerance product availability and chip thickness codes see table 2 for chip thickness dimensions 47,000 pf 473 f g j k m ec ee eh fb fb fe gb gb 56,000 pf 563 f g j k m ed ef eh fb fb ff gb gb 68,000 pf 683 f g j k m ef eh fb fc fg gb gb 82,000 pf 823 f g j k m eh eh fc ff fh gb gb 100,000 pf 104 f g j k m eh fe fg fm gb gd 120,000 pf 124 f g j k m fg fh gb gh 150,000 pf 154 f g j k m fh fm gd gn 180,000 pf 184 f g j k m fj gh 220,000 pf 224 f g j k m gk capacitance cap code rated voltage (vdc) 25 50 100 25 50 100 25 50 100 25 50 100 25 50 100 50 100 voltage code 3 5 1 3 5 1 3 5 1 3 5 1 3 5 1 5 1 case size/series c0402c c0603c c0805c c1206c c1210c c1812c surface mount multilayer ceramic chip capacitors (smd mlccs) high temperature 150c ultra-stable x8r dielectric, 25 C 100 vdc (commercial & automotive grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c 1007_x8r_ultra_150c_smd ? 3/3/2016 8 table 2b C bulk packaging quantities packaging type loose packaging bulk bag (default) packaging c-spec 1 n/a 2 case size packaging quantities (pieces/unit packaging) eia (in) metric (mm) minimum maximum 0402 1005 1 50,000 0603 1608 0805 2012 1206 3216 1210 3225 1808 4520 20,000 1812 4532 1825 4564 2220 5650 2225 5664 1 the "packaging c-spec" is a 4 to 8 digit code which identifes the packaging type and/or product grade. when ordering, the proper code must be included in the 15th through 22nd character positions of the ordering code. see "ordering information" section of this document for further details. commercial grade product ordered without a packaging c-spec will default to our standard "bulk bag" packaging. contact kemet if you require a bulk bag packaging option for automotive grade products. 2 a packaging c-spec (see note 1 above) is not required for "bulk bag" packaging (excluding anti-static bulk bag and automotive grade products). the 15th through 22nd character positions of the ordering code should be left blank. all product ordered without a packaging c-spec will default to out standard "bulk bag" packaging. surface mount multilayer ceramic chip capacitors (smd mlccs) high temperature 150c ultra-stable x8r dielectric, 25 C 100 vdc (commercial & automotive grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c 1007_x8r_ultra_150c_smd ? 3/3/2016 9 table 3 C chip capacitor land pattern design recommendations per ipcC7351 eia size code metric size code density level a: maximum (most) land protrusion (mm) density level b: median (nominal) land protrusion (mm) density level c: minimum (least) land protrusion (mm) c y x v1 v2 c y x v1 v2 c y x v1 v2 0402 1005 0.50 0.72 0.72 2.20 1.20 0.45 0.62 0.62 1.90 1.00 0.40 0.52 0.52 1.60 0.80 0603 1608 0.90 1.15 1.10 4.00 2.10 0.80 0.95 1.00 3.10 1.50 0.60 0.75 0.90 2.40 1.20 0805 2012 1.00 1.35 1.55 4.40 2.60 0.90 1.15 1.45 3.50 2.00 0.75 0.95 1.35 2.80 1.70 1206 3216 1.60 1.35 1.90 5.60 2.90 1.50 1.15 1.80 4.70 2.30 1.40 0.95 1.70 4.00 2.00 1210 3225 1.60 1.35 2.80 5.65 3.80 1.50 1.15 2.70 4.70 3.20 1.40 0.95 2.60 4.00 2.90 1210 1 3225 1.50 1.60 2.90 5.60 3.90 1.40 1.40 2.80 4.70 3.30 1.30 1.20 2.70 4.00 3.00 1812 4532 2.15 1.60 3.60 6.90 4.60 2.05 1.40 3.50 6.00 4.00 1.95 1.20 3.40 5.30 3.70 1 only for capacitance values 22 f density level a: for low-density product applications. recommended for wave solder applications and provides a wider process window for refow solder processes. kemet only recommends wave soldering of eia 0603, 0805 and 1206 case sizes. density level b: for products with a moderate level of component density. provides a robust solder attachment condition for refow solder processes. density level c: for high component density product applications. before adapting the minimum land pattern variations the user should perform qualifcation testing based on the conditions outlined in ipc standard 7351 (ipcC7351). image below based on density level b for an eia 1210 case size. y c c x x v1 v2 grid placement courtyard y surface mount multilayer ceramic chip capacitors (smd mlccs) high temperature 150c ultra-stable x8r dielectric, 25 C 100 vdc (commercial & automotive grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c 1007_x8r_ultra_150c_smd ? 3/3/2016 10 soldering process recommended soldering technique: ? s older wave or solder refow for eia case sizes 0603, 0805 and 1206 ? a ll other eia case sizes are limited to solder refow only recommended refow soldering profle: kemets families of surface mount multilayer ceramic capacitors (smd mlccs) are compatible with wave (single or dual), convection, ir or vapor phase refow techniques. preheating of these components is recommended to avoid extreme thermal stress. kemet s recommended profle conditions for convection and ir refow refect the profle conditions of the ipc/j-std-020 standard for moisture sensitivity testing. these devices can safely withstand a maximum of three refow passes at these conditions. profle feature termination finish snpb 100% matte sn preheat/soak temperature minimum (t smin ) 100c 150c temperature maximum (t smax ) 150c 200c time (t s ) from t smin to t smax 60 C 120 seconds 60 C 120 seconds ramp-up rate (t l to t p ) 3c/second maximum 3c/second maximum liquidous temperature (t l ) 183c 217c time above liquidous (t l ) 60 C 150 seconds 60 C 150 seconds peak temperature (t p ) 235c 260c time within 5c of maximum peak temperature (t p ) 20 seconds maximum 30 seconds maximum ramp-down rate (t p to t l ) 6c/second maximum 6c/second maximum time 25c to peak temperature 6 minutes maximum 8 minutes maximum 1rwhoowhpshudwxuhvuhihuwrwkhhqwhuriwkhsdndhphdvxuhgrqwkh dsdlwruergvxuidhwkdwlvidlqxsgxulqdvvhpeouhr time temperature t smin 25 c to peak t l t s 25 t p t smax t l t p maximum ramp up rate = 3 c/sec maximum ramp down rate = 6 c/sec surface mount multilayer ceramic chip capacitors (smd mlccs) high temperature 150c ultra-stable x8r dielectric, 25 C 100 vdc (commercial & automotive grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c 1007_x8r_ultra_150c_smd ? 3/3/2016 11 table 4 C performance & reliability: test methods and conditions stress reference test or inspection method terminal strength jisCcC6429 appendix 1, note: force of 1.8 kg for 60 seconds. board flex jisCcC6429 appendix 2, note: standard termination system C 2.0 mm (minimum) for all except 3 mm for c0g. flexible termination system C 3.0 mm (minimum). solderability jCstdC002 magnifcation 50 x. conditions: a) method b, 4 hours @ 155c, dry heat @ 235c b) method b @ 215c category 3 c) method d, category 3 @ 260c temperature cycling jesd22 method jaC104 1,000 cycles (?55c to +150c). measurement at 24 hours +/- 4 hours after test conclusion. biased humidity milCstdC202 method 103 load humidity: 1,000 hours 85c/85%rh and rated voltage. add 100k ohm resistor. measurement at 24 hours +/- 4 hours after test conclusion. low volt humidity: 1,000 hours 85c/85% rh and 1.5 v. add 100 k ohm resistor. measurement at 24 hours +/- 4 hours after test conclusion. t = 24 hours/cycle. steps 7a and 7b not required. measurement at 24 hours. +/- 4 hours after test conclusion. thermal shock milCstdC202 method 107 ?55c/+150. note: number of cycles required C 300. maximum transfer time C 20 seconds. dwell time C 15 minutes. air C air. high temperature life milCstdC202 method 108 /eiaC198 1,000 hours at 150c with 2 x rated voltage applied. storage life milCstdC202 method 108 150c, 0 vdc for 1,000 hours. vibration milCstdC202 method 204 5 g's for 20 min., 12 cycles each of 3 orientations. note: use 8" x 5" pcb 0.031" thick 7 secure storage and handling ceramic chip capacitors should be stored in normal working environments. while the chips themselves are quite robust in other environments, solderability will be degraded by exposure to high temperatures, high humidity, corrosive atmospheres, and long term storage. in addition, packaging materials will be degraded by high temperatureC reels may soften or warp and tape peel force may increase. kemet recommends that maximum storage temperature not exceed 40oc and maximum storage humidity not exceed 70% relative humidity. temperature fuctuations should be minimized to avoid condensation on the parts and atmospheres should be free of chlorine and sulfur bearing compounds. for optimized solderability chip stock should be used promptly, preferably within 1.5 years of receipt. surface mount multilayer ceramic chip capacitors (smd mlccs) high temperature 150c ultra-stable x8r dielectric, 25 C 100 vdc (commercial & automotive grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c 1007_x8r_ultra_150c_smd ? 3/3/2016 12 construction dielectric material (cazro 3 ) detailed cross section barrier layer (ni) inner electrodes (ni) barrier layer (ni) inner electrodes (ni) dielectric material (cazro 3 ) termination finish (100% matte sn / snpb - 5% pb min) termination finish (100% matte sn / snpb - 5% pb min) end termination/ external electrode (cu) end termination/ external electrode (cu) capacitor marking (optional): laser marking option is not available on: ? c 0g, ultra stable x8r and y5v dielectric devices ? e ia 0402 case size devices ? e ia 0603 case size devices with flexible termination option. ? k ps commercial and automotive grade stacked devices. these capacitors are supplied unmarked only. surface mount multilayer ceramic chip capacitors (smd mlccs) high temperature 150c ultra-stable x8r dielectric, 25 C 100 vdc (commercial & automotive grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c 1007_x8r_ultra_150c_smd ? 3/3/2016 13 tape & reel packaging information kemet offers multilayer ceramic chip capacitors packaged in 8, 12 and 16 mm tape on 7" and 13" reels in accordance with eia standard 481. this packaging system is compatible with all tape-fed automatic pick and place systems. see table 2 for details on reeling quantities for commercial chips. 8 mm, 12 mm or 16 mm carrier tape 178 mm (7.00") or 330 mm (13.00") anti-static reel embossed plastic* or punched paper carrier. embossment or punched cavity anti-static cover tape (.10 mm (.004") maximum thickness) chip and kps orientation in pocket (except 1825 commercial, and 1825 and 2225 military) *eia 01005, 0201, 0402 and 0603 case sizes available on punched paper carrier only. kemet ? bar code label sprocket holes table 5 C carrier tape conf guration, embossed plastic & punched paper (mm) eia case size tape size (w)* embossed plastic punched paper 7" reel 13" reel 7" reel 13" reel pitch (p 1 )* pitch (p 1 )* 01005 C 0402 8 2 2 0603 8 2/4 2/4 0805 8 4 4 4 4 1206 C 1210 8 4 4 4 4 1805 C 1808 12 4 4 1812 12 8 8 kps 1210 12 8 8 kps 1812 & 2220 16 12 12 array 0508 & 0612 8 4 4 5hihuwr)ljxuhvirudqg3 1 fduulhuwdshuhihuhqfhorfdwlrqv 5hihuwr7deohviruwrohudqfhvshflfdwlrqv new 2 mm pitch reel options* packaging ordering code (c-spec) packaging type/options c-3190 automotive grade 7" reel unmarked c-3191 automotive grade 13" reel unmarked c-7081 commercial grade 7" reel unmarked c-7082 commercial grade 13" reel unmarked ppslwfkuhhorqodydlodeohiru(,fdvhvlh ppslwfkuhhoiru(,fdvhvlhxqghughyhorsphqw benef ts of changing from 4 mm to 2 mm pitching spacing ? lower placement costs ? double the parts on each reel results in fewer reel changes and increased eff ciency ? fewer reels result in lower packaging, shipping and storage costs, reducing waste surface mount multilayer ceramic chip capacitors (smd mlccs) high temperature 150c ultra-stable x8r dielectric, 25 C 100 vdc (commercial & automotive grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c 1007_x8r_ultra_150c_smd ? 3/3/2016 14 figure 1 C embossed (plastic) carrier tape dimensions po t f w cent er line s of ca vity ao bo user direction of unre elin g cover tape ko b 1 is for tape feeder reference only, including dra ft concentric abou t b o . t 2 ?d 1 ?do b 1 s 1 t 1 e 1 e 2 p 1 p 2 embossment for c avity size, see note 1 table 4 [10 pitches cumulative tolerance on tape 0.2 mm] table 6 C embossed (plastic) carrier tape dimensions metric will govern constant dimensions millimeters (inches) tape size d 0 d 1 minimum note 1 e 1 p 0 p 2 r reference note 2 s 1 minimum note 3 t maximum t 1 maximum 8 mm 1.5 +0.10/-0.0 (0.059 +0.004/-0.0) 1.0 (0.039) 1.75 0.10 (0.069 0.004) 4.0 0.10 (0.157 0.004) 2.0 0.05 (0.079 0.002) 25.0 (0.984) 0.600 (0.024) 0.600 (0.024) 0.100 (0.004) 12 mm 1.5 (0.059) 30 (1.181) 16 mm variable dimensions millimeters (inches) tape size pitch b 1 maximum note 4 e 2 minimum f p 1 t 2 maximum w maximum a 0 ,b 0 & k 0 8 mm single (4 mm) 4.35 (0.171) 6.25 (0.246) 3.5 0.05 (0.138 0.002) 4.0 0.10 (0.157 0.004) 2.5 (0.098) 8.3 (0.327) note 5 12 mm single (4 mm) & double (8 mm) 8.2 (0.323) 10.25 (0.404) 5.5 0.05 (0.217 0.002) 8.0 0.10 (0.315 0.004) 4.6 (0.181) 12.3 (0.484) 16 mm triple (12 mm) 12.1 (0.476) 14.25 (0.561) 7.5 0.05 (0.138 0.002) 12.0 0.10 (0.157 0.004) 4.6 (0.181) 16.3 (0.642) 7khhpervvphqwkrohorfdwlrqvkdooehphdvxuhgiurpwkhvsurfnhwkrohfrqwuroolqjwkhorfdwlrqriwkhhpervvphqwlphqvlrqvrihpervvphqworfdwlrqdqg krohorfdwlrqvkdooehdssolhglqghshqghqwrihdfkrwkhu 7khwdshlwkrulwkrxwfrpsrqhqwvvkdoosdvvdurxqg5lwkrxwgdpdjhvhh)ljxuh ,i6 1 pppdrrxddrfrdsrsrsdssddsdddsfr 1 prdfprrdsfddfr fd 0 0 d. 0 dxrxfrpsrxffddfd dfrpsrrrsrxdrrsxdfrfdds frpsrfdprrpfddfdfrrxpfdfdfrdrsfrdsdpr frdrrfrpsrprpdpxprdppdsdpdpxprppdsx ddprprfrpsrfrpppdpxprdppdsdrpppdpxprppdsx r.3srxf 0 d 0 dpdxrdsdppdrrrprsrf xpddrdddrprsfdstxp surface mount multilayer ceramic chip capacitors (smd mlccs) high temperature 150c ultra-stable x8r dielectric, 25 C 100 vdc (commercial & automotive grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c 1007_x8r_ultra_150c_smd ? 3/3/2016 15 figure 2 C punched (paper) carrier tape dimensions user direct ion of unr eeli ng top cover t ape t center li nes o f cavity p 1 ?do po p 2 e 1 f e 2 w g a 0 b 0 cavity size, see n ote 1, tab le 7 bottom cover tape t 1 t 1 bottom cover tape [10 pitc he s cumulative tolerance on tape 0.2 mm] table 7 C punched (paper) carrier tape dimensions metric will govern constant dimensions millimeters (inches) tape size d 0 e 1 p 0 p 2 t 1 maximum g minimum r reference note 2 8 mm 1.5 +0.10 -0.0 (0.059 +0.004 -0.0) 1.75 0.10 (0.069 0.004) 4.0 0.10 (0.157 0.004) 2.0 0.05 (0.079 0.002) 0.10 (0.004) maximum 0.75 (0.030) 25 (0.984) variable dimensions millimeters (inches) tape size pitch e2 minimum p 1 t maximum w maximum a 0 b 0 8 mm half (2 mm) 625 (0246) 35 005 (0138 0002) 20 005 (007 0002) 11 (008) 83 (0327) note 1 8 mm single (4 mm) 40 010 (0157 0004) 83 (0327) 7khdylwghqhge 0 0 ddxrxfrpsrxffddfd dfrpsrrrsrxrxdfrfdds frpsrfdprrpfddfdfrrxpfdfdfrdrsfrdsdpr frdrrfrpsrprpdpxpx ddprprfrpsrfrpppdpxpx xpddrdddrprsfdstxp dsrrxfrpsrdsddrxrxdpdx surface mount multilayer ceramic chip capacitors (smd mlccs) high temperature 150c ultra-stable x8r dielectric, 25 C 100 vdc (commercial & automotive grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c 1007_x8r_ultra_150c_smd ? 3/3/2016 16 packaging information performance notes 1. cover tape break force: 1.0 kg minimum. 2. cover tape peel strength: the total peel strength of the cover tape from the carrier tape shall be: tape width peel strength 8 mm 0.1 to 1.0 newton (10 to 100 gf) 12 and 16 mm 0.1 to 1.3 newton (10 to 130 gf) the direction of the pull shall be opposite the direction of the carrier tape travel. the pull angle of the carrier tape shall be 165 to 180 from the plane of the carrier tape. during peeling, the carrier and/or cover tape shall be pulled at a velocity of 300 10 mm/minute. 3. labeling: bar code labeling (standard or custom) shall be on the side of the reel opposite the sprocket holes. 5hihuwr(, 6wdqgdugvdqg . figure 3 C maximum component rotation ao bo t s max imum c ompon en t rota ti on t op view maxi mum co mponent rotat ion s id e view tape m ax imum width (mm) r otat io n ( t ) 8,12 20 16 ? 200 10 tap e m aximum wid th ( mm) ro tat ion ( s ) 8,12 20 16 ? 56 10 72 ? 200 5 typical pocke t cente r line typical com po nent centerline figure 4 C maximum lateral movement 0.5 mm maxi mum 0.5 mm maxi mum 8 mm & 1 2 mm tape 1.0 mm maxi mum 1.0 mm maxi mum 1 6 mm tape figure 5 C bending radius r r b en ding radius e mbo ssed carrier p unc hed ca rrier surface mount multilayer ceramic chip capacitors (smd mlccs) high temperature 150c ultra-stable x8r dielectric, 25 C 100 vdc (commercial & automotive grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c 1007_x8r_ultra_150c_smd ? 3/3/2016 17 figure 6 C reel dimensions a d (see note) full radi us, see note b (see note) access hole at slot location (? 40 mm minimum) if present, tape slot in core for t ap e start: 2.5 mm minimum width x 10.0 mm minimum depth w 3 (includes flange distortion at outer edge) w 2 (m ea sured at hu b) w 1 (m ea sured at hu b) c (arbor hole diameter) note: drive spokes optional; if used, dimensions b and d shall apply. n table 8 C reel dimensions metric will govern constant dimensions millimeters (inches) tape size a b minimum c d minimum 8 mm 178 0.20 (7.008 0.008) or 330 0.20 (13.000 0.008) 1.5 (0.059) 13.0 +0.5/-0.2 (0.521 +0.02/-0.008) 20.2 (0.795) 12 mm 16 mm variable dimensions millimeters (inches) tape size n minimum w 1 w 2 maximum w 3 8 mm 50 (1.969) 8.4 +1.5/-0.0 (0.331 +0.059/-0.0) 12.4 +2.0/-0.0 (0.488 +0.078/-0.0) 16.4 +2.0/-0.0 (0.646 +0.078/-0.0) surface mount multilayer ceramic chip capacitors (smd mlccs) high temperature 150c ultra-stable x8r dielectric, 25 C 100 vdc (commercial & automotive grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c 1007_x8r_ultra_150c_smd ? 3/3/2016 18 figure 7 C tape leader & trailer dimensions trailer 16 0 mm minimum carrier t ape end start rou nd sp rock et holes el ongated spro ck et holes ( 32 mm tape and wi de r) t op co ve r t ape top c ove r t ape p unche d carrier 8 mm & 12 mm only e mboss ed carrier components 100 mm minimum leader 400 mm minimum figure 8 C maximum camber carrier tape round sprocket holes 1 mm ma ximum , either direction straight edge 250 mm elongated sprocket holes (32 mm & wider ta pe s) surface mount multilayer ceramic chip capacitors (smd mlccs) high temperature 150c ultra-stable x8r dielectric, 25 C 100 vdc (commercial & automotive grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c 1007_x8r_ultra_150c_smd ? 3/3/2016 19 kemet corporation world headquarters 2835 kemet way simpsonville, sc 29681 mailing address: p.o. box 5928 greenville, sc 29606 www.kemet.com tel: 864-963-6300 fax: 864-963-6521 corporate off ces fort lauderdale, fl tel: 954-766-2800 north america northeast wilmington, ma tel: 978-658-1663 southeast lake mary, fl tel: 407-855-8886 central novi, mi tel: 248-994-1030 irving, tx tel: 972-915-6041 west milpitas, ca tel: 408-433-9950 mexico guadalajara, jalisco tel: 52-33-3123-2141 europe southern europe sasso marconi, italy tel: 39-051-939111 skopje, macedonia tel: 389-2-55-14-623 central europe landsberg, germany tel: 49-8191-3350800 kamen, germany tel: 49-2307-438110 northern europe wyboston, united kingdom tel: 44-1480-273082 espoo, finland tel: 358-9-5406-5000 asia northeast asia hong kong tel: 852-2305-1168 shenzhen, china tel: 86-755-2518-1306 beijing, china tel: 86-10-5877-1075 shanghai, china tel: 86-21-6447-0707 seoul, south korea tel: 82-2-6294-0550 taipei, taiwan tel: 886-2-27528585 southeast asia singapore tel: 65-6701-8033 penang, malaysia tel: 60-4-6430200 bangalore, india tel: 91-806-53-76817 note: kemet reserves the right to modify minor details of internal and external construction at any time in the interest of product improvement. kemet does not assume any responsibility for infringement that might result from the use of kemet capacitors in potential circuit designs. kemet is a registered trademark of kemet electronics corporation. surface mount multilayer ceramic chip capacitors (smd mlccs) high temperature 150c ultra-stable x8r dielectric, 25 C 100 vdc (commercial & automotive grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c 1007_x8r_ultra_150c_smd ? 3/3/2016 20 disclaimer all product specif cations, statements, information and data (collectively, the information) in this datasheet are subject to change. the customer is responsible for checking and verifying the extent to which the information contained in this publication is applicable to an order at the time the order is placed. all information given herein is believed to be accurate and reliable, but it is presented without guarantee, warranty, or responsibility of any kind, expressed or implied. statements of suitability for certain applications are based on kemet electronics corporations (kemet) knowledge of typical operating conditions for such applications, but are not intended to constitute C and kemet specif cally disclaims C any warranty concerning suitability for a specif c customer application or use. the information is intended for use only by customers who have the requisite experience and capability to determine the correct products for their application. any technical advice inferred from this information or otherwise provided by kemet with reference to the use of kemets products is given gratis, and kemet assumes no obligation or liability for the advice given or results obtained. although kemet designs and manufactures its products to the most stringent quality and safety standards, given the current state of the art, isolated component failures may still occur. accordingly, customer applications which require a high degree of reliability or safety should employ suitable designs or other safeguards (such as installation of protective circuitry or redundancies) in order to ensure that the failure of an electrical component does not result in a risk of personal injury or property damage. although all productCrelated warnings, cautions and notes must be observed, the customer should not assume that all safety measures are indicted or that other measures may not be required. surface mount multilayer ceramic chip capacitors (smd mlccs) high temperature 150c ultra-stable x8r dielectric, 25 C 100 vdc (commercial & automotive grade)


▲Up To Search▲   

 
Price & Availability of C1210C184G3HACAUTO

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X