Part Number Hot Search : 
C1390 LM209 ZEN2901P BFXXXX 2SA56 AH304 SII9011 SMA28
Product Description
Full Text Search
 

To Download BZT52C6V2K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  bzt52c2v0k~bzt52c75k 200mw,surface mount zener diode ? surface device type mounting ? moisture sensitivity level 1 ? matte tin(sn) lead finish with nickel(ni) underplate ? pb free version,rohs compliant min max min max ? case :sod-523f small outline plastic package 0.70 0.90 0.028 0.035 1.50 1.70 0.059 0.067 0.25 0.40 0.010 0.016 1.10 1.30 0.043 0.051 0.60 0.70 0.024 0.028 0.10 0.14 0.004 0.006 package code package packing rk sod-523f 3k / 7" reel rkg sod-523f 3k / 7" reel maximum ratings notes:1. valid provided that electrodes are kept at ambient temperature v br : voltage at i zk i zk : test current for voltage v br z zk : dynamic impedance at i zk i zt : test current for voltage v z v z : voltage at current i zt z zt : dynamic impedance at i zt i zm : maximum steady state current v zm : voltage at i zm bzt52c2v0k~75k ? weight :1.680.5 mg part no. forward voltage bzt52c2v0k~75k sod-523f maximum ratings and electrical characteristics features mechanical data ? terminal: matte tin plated, lead free., solderable per mil-std-202, method 208 guaranteed ? wide zener voltage range selection : 2.0v to 75v ? high temperature soldering guaranteed:260c/10s ? polarity : indicated by cathode band ? green compound (halogen free) with suffix "g" on packing code and prefix "g" on date codejunction and storage temperature range v f 625 1 i f =10ma p d mw type numberpower dissipation symbol value 200 zener i vs. v characteristics t j , t stg f orderin g information rating at 25 c ambient temperature unless otherwise specified. pin configutation su gg ested pad la y out thermal resistance (junction to ambient) (note 1) r ja units v -65 to + 150 dimensions unit (inch) unit (mm) ab cd e c/w c voltage current i f v f v r i r v br i zk v z i zt v zm i zm forward region leakage region breakdownregion small signal diode d a b c e f version : b11 downloaded from: http:///
bzt52c2v0k~bzt52c75k 200mw,surface mount zener diode small signal diode electrical characteristics ta = 25c unless otherwise notedv f forward voltage = 0.9v maximum @ i f = 10 ma for all part numbers min nom max bzt52c2v0k rd 1.8 2.0 2.15 5 100 - - 120 0.5 bzt52c2v2k re 2.08 2.2 2.33 5 100 - - 120 0.7 bzt52c2v4k z7 2.2 2.4 2.6 5 100 1 1000 120 1 bzt52c2v7k a8 2.5 2.7 2.9 5 100 1 1000 120 1 bzt52c3v0k b8 2.8 3 3.2 5 100 1 1000 50 1 bzt52c3v3k c8 3.1 3.3 3.5 5 95 1 1000 20 1 bzt52c3v6k d8 3.4 3.6 3.8 5 90 1 1000 10 1 bzt52c3v9k e8 3.7 3.9 4.1 5 90 1 1000 5 1 bzt52c4v3k f8 4 4.3 4.6 5 90 1 1000 5 1 bzt52c4v7k g8 4.4 4.7 5 5 80 1 800 2 1 bzt52c5v1k h8 4.8 5.1 5.4 5 60 1 500 2 1.5 bzt52c5v6k i8 5.2 5.6 6 5 40 1 200 1 2.5 BZT52C6V2K j8 5.8 6.2 6.6 5 10 1 100 1 3 bzt52c6v8k k8 6.4 6.8 7.2 5 15 1 160 0.5 3.5 bzt52c7v5k l8 7 7.5 7.9 5 15 1 160 0.5 4 bzt52c8v2k m8 7.7 8.2 8.7 5 15 1 160 0.5 5 bzt52c9v1k n8 8.5 9.1 9.6 5 15 1 160 0.5 6 bzt52c10k o8 9.4 10 10.6 5 20 1 160 0.1 7 bzt52c11k p8 10.4 11 11.6 5 20 1 160 0.1 8 bzt52c12k q8 11.4 12 12.7 5 25 1 80 0.1 9 bzt52c13k r8 12.4 13 14.1 5 30 1 80 0.1 10 bzt52c15k s8 14.3 15 15.8 5 30 1 80 0.1 11 bzt52c16k t8 15.3 16 17.1 2 40 1 80 0.1 12 bzt52c18k u8 16.8 18 19.1 2 45 1 80 0.1 13 bzt52c20k v8 18.8 20 21.2 2 55 1 100 0.1 15 bzt52c22k w8 20.8 22 23.3 2 55 1 100 0.1 17 bzt52c24k x8 22.8 24 25.6 2 70 1 120 0.1 19 bzt52c27k y8 25.1 27 28.9 2 80 1 300 0.1 21 bzt52c30k z8 28 30 32 2 80 1 300 0.1 23 bzt52c33k a9 31 33 35 2 80 1 300 0.1 25 bzt52c36k b9 34 36 38 2 90 1 500 0.1 27 bzt52c39k c9 37 39 41 2 130 1 500 2 30 bzt52c43k d9 40 43 46 1 150 1 500 2 33 bzt52c47k e9 44 47 50 1 170 1 500 2 36 bzt52c51k f9 48 51 54 1 180 1 500 1 39 bzt52c56k g9 52 56 60 1 200 1 500 1 43 bzt52c62k h9 58 62 66 1 215 1 500 0.2 47 bzt52c68k i9 64 68 72 1 240 1 500 0.2 52 bzt52c75k j9 70 75 79 1 255 1 500 0.2 57 notes:1. the zener voltage ( v z ) is tested under pulse condition of 20ms 2. the device numbers listed have a standard tolerance on the nominal zener voltage of 2%. device marking 4. the zener impedance is derived from the 60-cycle ac voltage, which results when an ac current having an rms value equal to 10% of the dc zener current part number z zt @ i zt ( ? ) max z zk @ i zk ( ? ) max v z @ i zt (volt) i r @ v r ( a) max i zk (ma) i zt (ma) v r (v) 3. for detailed information on price, availability and delivery of nominal zener voltages between the voltages shown and tighter voltage tolerances, version : b11 downloaded from: http:///
bzt52c2v0k~bzt52c75k 200mw,surface mount zener diode small signal dioderating and sharacteristic curves version : b11 downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of BZT52C6V2K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X