Part Number Hot Search : 
74ALVC1 LT397 8M2012 LS390F UFV14 S25VB40 PE43503 L2901
Product Description
Full Text Search
 

To Download BAS316 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  silicon epitaxial planar diode BAS316 features pb lead-free z very small plastic smd package. z high switching speed:max.4ns z continuous reverse voltage:max.100v z repetitive peak reverse voltage:max.100v z repetitive peak forward current:max.500ma applications sod-323 z surface mount fast switching diode ordering information type no. marking package code BAS316 a6 sod-323 maximum rating @ ta=25 unless otherwise specified characteristic symbol value unit dc reverse voltage v r 100 v forward current i f 300 ma power dissipation p d 200 mw junction and storage temperature rage t j ,t stg -65 to+150 diode semiconductor korea www.diode.kr
silicon epitaxial planar diode BAS316 electrical characteristics @ ta=2 5 unless otherwise specified characteristic symbol mi n max unit test condition reverse breakdown voltage v (br)r 100 - v i r =100 a forward voltage v f 0.62 0.715 0.855 1.0 1.25 v i f =1.0ma i f =10ma i f =50ma i f =150ma reverse current i r - 1.0 0.03 a v r =75v v r =25v capacitance between terminals c t - 1.5 pf v r =0,f=1.0mhz reverse recovery time t rr - 4.0 ns i f =i r =10ma,r l =100 ? typical characteristics @ ta=25 unless otherwise specified www.diode.kr diode semiconductor korea
silicon epitaxial planar diode BAS316 www.diode.kr diode semiconductor korea
silicon epitaxial planar diode BAS316 package outline plastic surface mounted package sod-323 sod-323 dim min max a 1.275 1.325 b 1.675 1.725 c 0.9 typical d 0.25 0.35 e 0.27 0.37 h 0.02 0.1 j 0.1 typical k 2.6 2.7 all dimensions in mm e k h d c b a j soldering footprint unit mm package information device package shipping BAS316 sod-323 3000/tape&reel


▲Up To Search▲   

 
Price & Availability of BAS316

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X