Part Number Hot Search : 
D4K05 CCA028V1 CCA028V1 KA7533 20M10 ASI10623 AD1838AS TLP361
Product Description
Full Text Search
 

To Download AUIRS20302S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.irf.com ? 2009 international rectifier september 1 4 th , 2011 automotive grade AUIRS20302S pre - regulated t hree phase gate d river features ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? typical applications 24 v to 150 v C typical connection diagram product summary topology 3 - phase gate driver v offset 200 v v out 8.0 v C o+ & i o - (typical) 0.20 a & 0.35 a t on & t off (typical) 530 ns / 530 ns deadtime (typical) 0.7 us package soic 28wb + bat - bat u v w AUIRS20302S vpr vcp vb1 lin1 vb2 vs1 vs2 vs3 ho1 ho2 ho3 lo1 lo2 lo3 cap com can vss ref 5v reg asic or up lin2 lin3 hin1 hin2 hin3 flt frst en vb3
AUIRS20302S www.irf.com ? 2010 international rectifier 2 table of contents page typical connection diagram 1 description /feature comparison 3 qualification information 4 absolute maximum ratings 5 recommended operating con ditions 5 static electrical characteristics 6 dynamic electrical characteristics 7 functional block diagram 8 input/output pin equivalent circuit diagram 9 lead definitions 10 lead assignments 10 application information and additional details 11 p arameter temperature trends 1 6 package details 21 tape and reel details 22 part marking information & ordering information 23
AUIRS20302S www.irf.com ? 2010 international rectifier 3 description the AUIRS20302S is a three phase gate driver dedicated to bldc motor driv e up to 600w. proprietary hvic techn ology enables this rugged monolithic design with enforced automotive esd & latch - up grades. pri marily designed for 24v battery application, its drive capability goes from 12v to 200v which cover all the abnormal conditions of the vehicle. the gate drive ci rcuitry features cross - conduction preventive and minimum dead - time blocks. it is powered by a constant voltag e so that the gate drives nev er exceed 17v including during load dump condition. an external mosfet is acting as a pre - regulator. the inner charg e pump and voltage control loop drive s its gate in order to keep the vpr pin constant when the battery voltage varies . the AUIRS20302S also features an ov er - current protection that definitively shut s down all gates in case of short - circuit. t he fault condi tion is reset by cycling the frst pin while the i.c is disabled. a blanking time , synchronized with each high side switch command, avoid s any premature triggering of the protection. the logic control block of the AUIRS20302S is developed in order t o supp ort a fast and reliable 3 phase bldc design. for example, its inputs are compatible with the 3.3v logic processors and feature a short - pulse/ noise rejection filter. the 6 commands include matched propagation delays , shoot - through protections and minimum de ad - time . the bootstrap capacitor voltage of each phase is monitored independently (uvlo) . also , the maximum gate voltage is controlled by the pre - regulator in all conditions. no linear or abnormal gate drive is possible. the vpr pin can also supply t he sur rounding system components if the total consumption doesnt exceed 0.1a.
AUIRS20302S www.irf.com ? 2010 international rectifier 4 qualification information ? qualification level automotive (per aec - q100 ?? ) comments: this family of ics has passed an automotive qualification. irs industrial and consumer qua lification level is granted by extension of the higher automotive level. moisture sensitivity level soic28 msl3 ??? 260c (per ipc/jedec j - std - 020) esd machine model m1 (+/ - 200v) (per aec - q100 - 003) human body model h1b (+/ - 2000v) ( per aec - q100 - 002 ) ch arged device model c3b (+/ - 500 v ) (per aec - q100 - 011) ic latch - up test class ii level a (per aec - q100 - 004) rohs compliant yes ? qualification standards can be found at international rectifiers web site http://www.irf .com/ ?? exceptions to aec - q100 requirements are noted in the qualification report. ??? higher msl ratings may be available for the specific package types listed here. please contact your international rectifier sales representative for further informa tion.
AUIRS20302S www.irf.com ? 2010 international rectifier 5 absolute maximum ratings absolute maximum ratings indicate sustained limits beyond which damage to the device may occur. all voltage parameters are a bsolute voltages referenced to vss, all cu rrent s are defined positive into any lead. an operati on above the absolute maximum limit is not implied and could damage the part. the thermal resistance and power dissipation ratings are measured under board m ounted and free air conditions symbol definition min. max. units v b1,2,3 high side floating supp ly voltage - 0.3 220 v v ho1,2,3 high side floating output voltage v s1,2,3 - 0.3 v b 1,2,3 + 0.3 v s1,2,3 high side offset voltage v b 1,2,3 - 20 v b 1,2,3 + 0.3 vpr low side supply voltage - 0.3 17 vcp charge pu mp output voltage - 0.3 17 com power groun d - 5 5 v lo1,2,3 , / flt low side output voltage lo# ; flt pin - 0.3 vpr + 0.3 v in input pin voltage (lin#, hin#, ) - 0.3 vpr + 0.3 can/cap over - current comparator inputs - 0.3 vpr + 0.3 en/frst enable & fault reset inputs - 0.3 vpr + 0.3 dv/dt high side floating voltage slew rate 50 v/ns rth ja j unction to am bient thermal resistance 80 c/w t j maximum operating j unction temperature 150 c t s maximum s torage temperature - 55 150 t reflow reflow max. temperature ( 60 sec. ) 260 r ecommended operating conditions the input/output timing diagram is shown in figure 1. for proper operation the device should be used within the recommended c onditions. all voltage parameters are referenced to vss. the vs & com offset rating are tested wi th all supplies biased at 15v differential. symbol definition min. max. units v b1,2,3 high side floating supply voltage v s1,2,3 +6 v s1,2,3 +19 v v ho 1,2,3 high side output voltage ho# v s1,2,3 - 0.3 v b1,2,3 +0.3 v s 1,2,3 high side floating supply voltag e ( note 1 ) 200 vpr low side supply voltage 6 17 v lo1,2,3 low side output voltage lo# - 0.3 vpr+0.3 com power ground - 5 5 v ho1,2,3 high side output voltage v s1,2,3 v b1,2,3 v lo1,2,3 low side output voltage com vpr v in logic input voltage lin, hin, en, cap, can, frst v ss - 0.3 vpr vcan/cap common mode voltage on the can & cap inputs 0 5 vcp charge pump output voltage - 15 note 1: logic operational for v s between com - 5v to com +200v. logic state held for v s of com - 5 to com C v bs. (please refer to the design tip dt97 - 3 for more details).
AUIRS20302S www.irf.com ? 2010 international rectifier 6 static electrical characteristics u nless otherwise note d , these specifications apply for an operating junction temperature range of - 40 c tj 125 c with bias conditions of vbias (vpr,vbs 1,2,3) = 15v. the vin , vth and in parameters are referenced to vss and are applicable to all six channels (hs 1,2,3 and ls 1,2,3). the vo and io parameters are referenced to com and vs 1,2,3 and are applicable to the respective output leads: lo1,2,3 and ho1,2,3. symbol definition min typ max units test conditions vin,th+ input positive going threshold (hin#, lin#, en, frst) - 1.9 2.5 v vin,th - input negative going threshold (hin#, lin #, en, frst) 0,7 1 - iin+ input bias current (lin#, hin #, en, fr st) 15 100 220 a vin=5v iin - input bias current (lin#, hin#, en, frst) - 1 0 1 vin=0v vpr,uvth+ vpr supply undervoltage positive going threshold (note 2) 6.4 7.2 8,2 v vpr,uvth - vpr supply undervoltage negative going threshold (note 2) 6 6.7 7.6 vp r,uvhys vpr supply undervoltage hysteresis (note 2) 0.4 0.5 0.7 vbs, uvth+ vbs supply undervoltage positive going threshold 6.4 7.2 8,2 vbs, uvth - vbs supply undervoltage negative going threshold 6 6.7 7.6 vbs, uvhys vbs supply undervoltage hyster esis 0.4 0.5 0.7 i lk offset supply leakage current - 5 50 a vb=vs=200v iqbs quiescent vbs supply current 20 45 120 iqpr quiescent vpr supply current 1 2,5 5 ma vpr=14v v oh high level output voltage, vpr C vo, ho# 0,2 0.9 1.4 v io =20ma v ol low le vel output voltage, vo, ho# 0,05 0.2 0.6 io+ output high short circuit pulsed current , ho# ,lo# 105 200 450 ma vo =0v, pw 10 s io - output low short circuit pulsed current, ho# ,lo# 210 350 650 ma vo =15 v, pw 10 s vcp charge pump output voltage vpr=4v 5 6 7,5 v r ext =100k vpr=8v 10 13 15 vpr=9v 13 15 17 vpr=14v 13 15 17 icp+ charge pump source current v pr=6v 100 200 400 a vpr=14v 200 500 1000 icp - charge pump sink current - 5 10 ma vcl_vcp vcp pin active clamp 17 18.6 21 icp=10ma v flt flt low output voltage - - 0.8 v i flt = 10ma ican 1 comparator input high bias current - - 7 a can=5v ica n 0 comparator input low bias current - - 7 can=0v voff comparator input offset - 33 - 3 3 mv vcap= 5v tfrst minimum fault reset time 20 - - us ton_en minimum enable time 20 - - us (note 2): . uvpr is latched; when vpr>uvpr, fault remains pulled down. t his leads to have the fault active and latched at vpr ramp up if no fault reset occurs.
AUIRS20302S www.irf.com ? 2010 international rectifier 7 dynamic electrical characteristics unless otherwise noted, these specifications apply for an operating junction temperature range of - 40 c tj 125 c with bias con ditions of vpr = vbs = 15v, vs1,2,3 = vss = com, and cl = 1000 pf. symbol definition min typ max units test conditions ton turn - on propagation delay, lo#, ho# 350 550 850 ns v in = 0 & 5v toff turn - off propagation delay, lo#, ho# 350 600 850 lot r , h ot r turn - on rise time lo#, ho# 10 100 300 lot f , hot r turn - off fall time lo#, ho# 5 35 75 t oc over - current to output shutdown response time - 1 1.7 us v (can) - v (cap) =1v t flt over - current flt response time - 0.7 1.2 t blank current limit blankin g time 5 6 7.5 tfilin input filter time (hin, lin) 200 270 510 ns v in = 0 & 5v dt dead - time 420 700 1000 vpr=1 5 v truth table enable can>ca p frst lin # /hin # lo # /ho # flt comments 0 0 0 x 0 no change flt keeps showing same status 0 1 0 x 0 vss 0 0 1 x 0 open flt reset sequence (note3) 0 1 1 x 0 vss 1 0 x lin#/hin# lo#/ho# open normal operation : a n anti - shoot - through logic prevents each channel from turning on simultaneously the hs and ls switches 1 1 0 lin#/hin# 0 vss over - current detec tion (flt) 1 * 1 * 1 * lin#/hin# * lo#/ho# * open* * not recommended (cycling on default) note 3: the proper sequence to reset the fault latch is to first set en at 0v and then cycle the frst pin. the gate drives return to normal operation when en is set again at 5v.
AUIRS20302S www.irf.com ? 2010 international rectifier 8 functional block diagram lin1 en hin1 hin2 hin3 lin2 lin3 deadtime & shoot - through protection hv level s hifter latch & undervoltage detection driver vb1 ho1 vs1 driver lo1 deadtime & shoot - through protection hv level shifter latch & undervoltage detection driver vb2 ho2 vs2 driver lo2 deadtime & shoot - through protection hv level shifter la tch & undervoltage detection driver vb3 ho3 vs3 driver lo3 over - current blanking time + _ cap can logic control vpr pre - regulation control vcp com vss q r s fault latch frst flt vcc
AUIRS20302S www.irf.com ? 2010 international rectifier 9 input/output pin equivalent circuit diagram
AUIRS20302S www.irf.com ? 2010 international rectifier 10 le ad definitions symbol description hin# input for high side gate drive C active high lin# input for low side gate drive C active high vss logic g round vcp pre - regulated mosfet gate output C analog gate drive vpr power supply pin of the i.c (equivalen t to vcc) lo# low side gate driver outputs (1,2 & 3) com common low side gate drive return pin & power ground cap non inverting input of the over - current comparator can inverting input of the over - current comparator vs# high side floating supply retur n (1, 2 & 3) ho# high side gate driver outputs (1, 2 & 3) vb# high side floating supply (1, 2 & 3) en en able input C active high fault fault output pin C open collector frst fault reset input pin C active high lead assignm en ts
AUIRS20302S www.irf.com ? 2010 international rectifier 11 application inf ormation and additional details input short - pulse / noise rejection filter the inputs of this i.c are compatible with cmos and ttl standards. the AUIRS20302S has been designed i n order to also interface the 3. 3v logic signals. the vin th+ and vin th - thr esholds of the input schmitt trigger were se t to 1.9v and 1v (typical) . figure #1 shows the inner logic signal versus the input profile. figure 1: input thresholds figure 2: input filter a filter is then implemented just after the schmitt trigger on every input pin. hin & lin feature a 270 ns filter (typical) while frst & en have a 50 ns one. its principle greatly improves the input/output pulse symmetry as well as helps reject noise spikes. the behaviour of the input fil ters is presented in the figure #2. the parameter tfilin represents the minimum pulse duration to pass the filter. logic control block this block centralizes all the logic signals in order to: generate the proper outputs drives with minimum dead - time ins ertion, prevent shoot - through sequences, blank premature triggering of the short - circuit comparator and reset the fault flag. the enable pin (en) switches off all outputs immediately in case of an urgent system request. it actually can be used to cycle the gate s . the figure #3 shows all the signals timing. figure 3: input/output timing diagram the AUIRS20302S features an embedded dead - time circuitry. it inserts a minimum time period in which both the high and low side switches are forced off. by t his mean and for each leg, each power switch is fully off before the next one turns on. this dead - time is automatically inserted by the AUIRS20302S including when the command sequence does
AUIRS20302S www.irf.com ? 2010 international rectifier 12 include a shorter dt. sequences with larger dead - time are not affec ted by the driver. figure s # 4 & 5 show the dead - time principle and timing on the outputs. the dead - times are matched not only for each leg (high side / low side matching) but also among the three legs. figure 4: dead - time principle figure 5: output timing (dead - time) protection blanking time & fault reset sequence the can and cap pins are intended to interface a shunt. in case of over - current protection (can>cap), the flt pin and all the gates are pulled down. there is a b lanking time circuitry on the over - current protection. the comparator output is ignored for (t blank ) s after each hinx rising edge. the fault reset is achieved by the following sequence: a) force en pin to gnd and b) cycle the frst pin for the recommended minimum time (t frst ). then, p ulling - up again the en pin resume s normal operation. figure #6 shows the fault and output sequences while figure #7 emphasizes the reset sequence. figure 6: fault/output after sc figure 7: fault r eset sequence pre - regulated vpr voltage the auirs20302 s features a pre - regulated supply in order to maintain reasonable gate voltages in all conditions. this circuitry is composed of a vco controlled charge pump, a comparator and a protective active clam p . t h o se three blocks were specifically designed in order to minimize the ir emi contribution to the whole system. th e mosfet gate is regulated at 15v. depending on the mosfet gate threshold, vpr is then stabilized at vcp C vt which usually ends up be tween 12v and 13.5 v. a high er vpr voltage is achievable by using a logic level mosfet . the gate voltage and the charge pump output are protected by a 17v clamp. the figure #8 presents the block diagram of the pre - regulator circuitry with the 100k resisto r needed between the gate and the drain of the mosfet.
AUIRS20302S www.irf.com ? 2010 international rectifier 13 figure 8: pre - regulator block diagram during the power - up sequ ence, the gate is biased thanks to the 100k resistor connected to its drain. when vbat exceeds 4v, the ch arge pump output is already close to the mosfet gate threshold. at 6v, vcp is typically higher than 9 v (see vcp values C page 5 C static electrical characteristics). so, during vbat ramp - up, the mosfet is first biased by the resistor until the charge pump overcomes the gate voltage and turns it fully on . as vbat keeps increasing, the mosfet remains fully on until the voltage closed loop enters the linear mode to control and stabilize vcp at 15v. pre - regulator mosfet drive the stabilized vpr voltage suppli es the i.c and the bootstrap diodes thus the mosfet power dissipation is quite low. it can also supply the system components. in that case, the power mosfet dissipation has to be evaluated carefully and the implementation of an extra heat - sink considered. in s ome applications, it may be necessary to know at what exact voltage the charge pump overcomes the resistive bias of the pre - regulator mosfet . this voltage depends on the total moseft drain current (iqpr + system consumption). for example, t he system in telligence may include a regulator whose voltage drop influences the minim um operation voltage . i f we consider the voltage drop of a 5v regulator at 0.8v, what is the status of the pre - regulator mosfet when vbat passes 5,8v ( already fully on or still in th e source follower mode )? figure #9 summarizes the procedure to evaluate the exact vbat voltage at which the pre - regulator mosfet is turned fully on by the charge pump. it is a 4 steps procedure where i load represents the quiescent current of the i . c plus the system consumption (in the voltage range considered ) . looking to the mosfet characteristic at the specific i l oad drain current point gives the corresponding vgs value. the mosfet will be fully on when the vcp pin exceed s this vgs value. the charge pump characterization is then used to determine the exact vpr voltage at which the quantity vc p - vpr exactly equals the identified vg s . f inally, from the vpr value , the corresponding vcp voltage is extracted again from the charge pump charact erization. at this point of operation, the vcp voltage equa ls the vbat potential at which the mosfet becomes fully on (no voltage drop across the biasing resistor in this mode). ref charge pump vco vcp vss - + active clamp vcp voltage control loop vpr vcc + bat system intelligence vcp comparator 100k 1.1m 2.2m
AUIRS20302S www.irf.com ? 2010 international rectifier 14 figure 9: the 4 step procedure pcb recommendations the pcb is desig ned in order to minimize the gate drive wires, make the power topology up to 15a continuous capable and have the shunt interface as short as possible. also, ground star connection is located at the bottom of the shunt. figure 10: co mponent face layout figure 11: solder face layout the following schematic is an example of the AUIRS20302S application. it is a 100w - 24v bldc motor drive for an actuator. the power mosfets and the pre - regulator are designed in order to pass the 60v truck load dump condition. the system intelligence is powered via a 5v regulator connected to the vpr pin.
AUIRS20302S www.irf.com ? 2010 international rectifier 15 figure 12: 100w C 24v bldc application schematic figure 13: component implementation title size document number rev date: sheet of AUIRS20302Sdemoboard a3 1 1 thursday , may 06, 2010 0 d2 bav21 c2 100n /100v c11 1n c3 100n d3 bav21 tp1 1 c4 100n r1 100k r2 100k r3 100k r4 100k r5 100k c5 2.2u r6 100k r7 100k r8 1k r9 6k8 r10 10k r11 10 c6 100n r12 10 r13 10 r14 4k7 r15 4k7 tp2 1 c7 100n r16 4k7 r17 1k r18 1k 0 r19 1k r20 1k /63v r21 1k r22 1k r23 1k r24 10k r25 10k r26 10k r27 100k r28 22k vbusp r29 1k2 tp3 1 r30 0 r31 100k r32 0 r33 100k r34 0 r35 100k gnd r36 0 0 r37 100k r38 0 r39 100k r40 0 r41 100k tp4 1 r42 2k2 vcc5v vcc5v a b c tp5 1 pwm 0 tp6 1 u coms 0 0 tp7 1 ld1 tp8 1 sensor vcc hall hall a hall b hall c tp9 1 tp10 1 frequency 20khz sensor gnd hall tp11 1 tp12 1 tp13 1 v m1 irfs3607 w tp14 1 tp15 1 on 1 2 sw1 tp16 1 comppwm phase w phase v phase u vcc5v shunt r43 forward bt1 1 2 3 vcc5v enable lo1 lo2 external drive lo3 c8 100n m3 irfs3607 0 u2 irs20302s en 1 hin1 2 hin2 3 hin3 4 lin1 5 lin2 6 lin3 7 vss 8 vcp 9 vpr 10 lo1 11 lo2 12 lo3 13 com 14 nc 15 can 16 cap 17 vs3 18 ho3 19 vb3 20 vs2 21 ho2 22 vb2 23 vs1 24 ho1 25 vb1 26 flt 27 frst 28 m4 irfs3607 ho3 m5 irfs3607 ho2 bt2 1 2 3 0 lo2 m6 irfs3607 lo3 vcc5v coms m7 irfs3607 vcc5v 24v to 60v power supply 0 d4 smcj54a 1 2 ho1 u v u1 mc7805cd in 1 out 3 gnd 2 ho2 w ho3 0 ho1 lo1 m2 irfs3607 masse logic /100v c9 100n logiccpld cpld a b c p d f vss liw liv liu hlw hlv hlu vcc /100v j8p1 1 2 3 4 5 6 7 8 0 + cp1 470f c10 100n 0 modif.: r30; r32; r34; r36; r38; r40 =0 d1 bav21 c1 470n 0
AUIRS20302S www.irf.com ? 2010 international rectifier 16 parameter tempe rature trends figures illustrated in this chapter provide information on the experimental performance of the auirs 20302 s hvic. the line plotted in each figure is generated from actual lab data. a large number of individual samples were tested at three tem peratures ( - 40 oc, 25 oc, and 125 oc) with supply voltage of 15v in order to generate the experimental curve. the line consists of three data points (one data point at each of the tested temperatures) that have been connected together to illustrate the un derstood trend. the individual data points on the typ. curve were determined by calculating the averaged experimental value of the parameter (for a given temperature). figure 1 4. turn - on propagation delay vs. temperature figure 1 5. tur n - off propagation delay vs. temperature figure 16 . turn - on rise time vs. temperature figure 17 . turn - off fall time vs. temperature
AUIRS20302S www.irf.com ? 2010 international rectifier 17 figure 18 . input filter time vs. temperature figure 19 . current limit blanking time vs. temperature figure 20 . over current response time vs. temperature figure 21 . over current shutdown time vs. temperature figure 22 . dead time vs. temperature figure 23 . offset leakage current vs. temperature
AUIRS20302S www.irf.com ? 2010 international rectifier 18 figure 24 . quiescent vpr current vs. temp erature figure 25 . quiescent vbs current vs. temperature figure 26 . output high pulse current vs. temperature figure 27 . output low pulse current vs. temperature figure 28 . charge pump source current vs. temperature vpr = 6v figure 29 . charg e pump source current vs. temperature vpr = 14v
AUIRS20302S www.irf.com ? 2010 international rectifier 19 figure 30 . comparator input high current vs. temperature figure 31 . comparator input low current vs. temperature figure 32 . vpr uv+ going threshold vs. temperature figure 33 . vpr uv - going t hreshold vs. temperature figure 34 . vbs uv+ going threshold vs. temperature figure 35 . vbs uv - going threshold vs. temperature
AUIRS20302S www.irf.com ? 2010 international rectifier 20 figure 36 . high level output voltage vs. temperature io = 20ma figure 37 . low level output voltage vs. temperatur e io = 20ma figure 38 . flt low output voltage vs. temperature figure 39 . charge pump output voltage vs. temperature vpr = 4v figure 40 . charge pump output voltage vs. temperature vpr = 8v figure 41 . charge pump output voltage vs. temperature v pr = 14v
AUIRS20302S www.irf.com ? 2010 international rectifier 21 package details:
AUIRS20302S www.irf.com ? 2010 international rectifier 22 tape and reel information
AUIRS20302S www.irf.com ? 2010 international rectifier 23 part marking information ordering information base part number package type standard pack complete part number fo rm quantity AUIRS20302S soic28w tube/bulk 25 AUIRS20302S tape and reel 1000 AUIRS20302Str a u i r s 2 0 3 0 2 s i r l o g o a y w w ? p a r t n u m b e r d a t e c o d e p i n 1 i d e n t i f i e r l o t c o d e ( p r o d m o d e C 4 d i g i t s p n c o d e ) a s s e m b l y s i t e c o d e p e r s c o p 2 0 0 - 0 0 2 ? x x x x m a r k i n g c o d e l e a d f r e e r e l e a s e d n o n - l e a d f r e e r e l e a s e d ? p
AUIRS20302S www.irf.com ? 2010 international rectifier 24 important notice unless specifically designated for the automotive market, international rectifier corporation and its subsidiaries (ir) reserve the right to make corrections, modifications, enhancements, improvements, and other changes to its products and services at any time and to discontinue any product or services without notice. part numbers designated with the au prefix follow automotive indu stry and / or customer specific requirements with regards to product discontinuance and process change notification. all products are sold subject to irs terms and conditions of sale supplied at the time of order acknowledgment. ir warrants performance o f its hardware products to the specifications applicable at the time of sale in accordance with irs standard warranty. testing and other quality control techniques are used to the extent ir deems necessary to support this warranty. except where mandated by government requirements, testing of all parameters of each product is not necessarily performed. ir assumes no liability for applications assistance or customer product design. customers are responsible for their products and applications using ir co mponents. to minimize the risks with customer products and applications, customers should provide adequate design and operating safeguards. reproduction of ir information in ir data books or data sheets is permissible only if reproduction is without alter ation and is accompanied by all associated warranties, conditions, limitations, and notices. reproduction of this information with alterations is an unfair and deceptive business practice. ir is not responsible or liable for such altered documentation. information of third parties may be subject to additional restrictions. resale of ir products or serviced with statements different from or beyond the parameters stated by ir for that product or service voids all express and any implied warranties for the associated ir product or service and is an unfair and deceptive business practice. ir is not responsible or liable for any such statements. ir products are not designed, intended, or authorized for use as components in systems intended for surgical impl ant into the body, or in other applications intended to support or sustain life, or in any other application in which the failure of the ir product could create a situation where personal injury or death may occur. should buyer purchase or use ir products for any such unintended or unauthorized application, buyer shall indemnify and hold international rectifier and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable a ttorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that ir was negligent regarding the design or manufacture of the product. only produ cts certified as military grade by the defense logistics agency (dla) of the us department of defense, are designed and manufactured to meet dla military specifications required by certain military, aerospace or other applications. buyers acknowledge and a gree that any use of ir products not certified by dla as military - grade, in applications requiring military grade products, is solely at the buyers own risk and that they are solely responsible for compliance with all legal and regulatory requirements in connection with such use. ir products are neither designed nor intended for use in automotive applications or environments unless the specific ir products are designated by ir as compliant with iso/ts 16949 requirements and bear a part number including th e designation au. buyers acknowledge and agree that, if they use any non - designated products in automotive applications, ir will not be responsible for any failure to meet such requirements. for technical support, please contact irs technical assista nce center http://www.irf.com/technical - info/ world headquarters: 101 n. sepulveda blvd ., el segundo, california 90245 tel: (310) 252 - 7105
AUIRS20302S www.irf.com ? 2010 international rectifier 25 revision history date comment no nov 20th , 2010 dr2 form at and revision (preliminary) march 14 th 2011 note 2 at page 5 modified ( uvpr is latched ) and moved under st el char table. august 3 1 , 2011 added au qualified, leadfree, rosh; revised qualification level table; added tri - temp graphs; modified part mark ing graph; revise notice page to the latest version. sep 13 th , 2011 abs max rat: com limits set to - 5v..5v ; max oper junc temp=150^c; static el char: voffset min= - 33mv. fig4 and fig5 and fig6 change. sep 14 th , 2011 added au qualified, leadfree rosh; remo ved preliminary ; revised dt condition vpr=15v


▲Up To Search▲   

 
Price & Availability of AUIRS20302S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X