Part Number Hot Search : 
NCP1652A 4VHCT1 45970 PRODUCT UM221X 8H101 1N5239 S1T8531
Product Description
Full Text Search
 

To Download AFK475M35B12T-F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  series fk 220 capacitance ( f) v oltage lot no. j6 . 3 v d c a1 0 v d c c1 6 v d c e2 5 v d c v3 5 v d c h5 0 v d c j6 3 v d c k8 0 v d c 2a 10 0v dc h l w p d 0.3 mm max. a i i k specifcations C55 c to +105 c 6.3, 10, 16, 25, 35, 50, 63, 80 & 100 vdc 3.3 f to 6800 f 20% @ 120 hz and +20 c 0.01 cv or 3 a @ +20 c, after two minutes (whichever is greater) low impedance and long-life for filtering, bypassing and power supply decoupling highlights ? +105 c, up to 5000 hour load life ? capacitance range: 3.3 f to 6800 f ? voltage range: 6.3 vdc to 100 vdc operating temperature: rated voltage: capacitance: capacitance tolerance: leakage current: ripple current multiplier: dissipation factor: afk series marking outline drawing case dimensions add 0.02 per 1000 f for values greater that 1000 f life test: 2000 h @ 105 c, 4.0 10.0 mm dia. 5000 h @ 105 c, 12.5 18.0 mm dia. ? capacitance 30% df: 200% of limit dcl: 100% of limit shelf test: 1000 h @ 105 c ? capacitance 30% df: 200% of limit dcl: 100% of limit type afk capacitors are the best and by a wide margin. with 40% to 60% lower impedance, 30% to 50% smaller case size and more than twice the life compared to low-esr type afc, the type afk also excels at cold performance down to C55 c. in addition, this terrifc low-impedance performance, approaching low-esr tantalum capacitors, is at a signifcant cost savings compared to tantalum. the vertical cylindrical cases facilitate automatic mounting and refow soldering into the same footprint of like- rated tantalum capacitors except without the need for voltage derating. case d .05 l a 0.2 h i w p k code (max) (ref) (ref) (mm) b 4.0 5.8 0.3 4.3 5.5 1.8 0.65 0.1 1.0 0.35 +0.15/C0.20 c 5.0 5.8 0.3 5.3 6.5 2.2 0.65 0.1 1.5 0.35 +0.15/C0.20 d 6.3 5.8 0.3 6.6 7.8 2.6 0.65 0.1 1.8 0.35 +0.15/C0.20 x 6.3 7.9 0.3 6.6 7.8 2.6 0.65 0.1 1.8 0.35 +0.15/C0.20 e 8.0 6.2 0.3 8.3 9.5 3.4 0.65 0.1 2.2 0.35 +0.15/C0.20 f 8.0 10.2 0.3 8.3 10.0 3.4 0.90 0.2 3.1 0.70 0.20 g 10.0 10.2 0.3 10.3 12.0 3.5 0.90 0.2 4.6 0.70 0.20 h 12.5 13.5 0.5 13.5 15.0 4.7 0.90 0.3 4.4 0.70 0.30 p 16.0 16.5 0.5 17.0 19.0 5.5 1.2 0.3 6.7 0.70 0.30 r 18.0 16.5 0.5 19.0 21.0 6.7 1.2 0.3 6.7 0.70 0.30 6.3v 10 v 16 v 25 v 35 v 50 v 63 v 80 v 100 v 0.26 0.19 0.16 0.14 0.12 0.1 0.08 0.08 0.07 frequency 50/60 hz 120 hz 1 khz 10 khz 100 khz 0.70 .0.75 0.90 0.95 1.00 cornell dubilier ? 1605 e. rodney french blvd. ? new bedford, ma 02744 ? phone: (508)996-8564 ? fax: (508)996-3830 ? www.cde.com type afk C55 c to 105 c smt aluminum electrolytic capacitors - lowest e.s.r., 105 c
ratings table cap (f) catalog part number max. dcl 2 min (a) max. dissipation factor @120 hz/20 c max. esr @100 khz/20 c ( ? ) impedance @ 100 khz/20 c ( ? ) max. ripple current @ 100 khz/105 c (ma) case code size d x l (mm) quantity per reel 6.3 vdc ( 8 vdc surge ) 22 afk226m06b12t-f 3.0 0.26 1.350 1.350 90 b 4 x 5.8 2000 47 afk476m06b12t-f 3.0 0.26 1.350 1.350 90 b 4 x 5.8 2000 47 afk476m06c12t-f 3.0 0.26 0.700 0.700 160 c 5 x 5.8 1000 100 afk107m06c12t-f 6.3 0.26 0.700 0.700 160 c 5 x 5.8 1000 100 afk107m06d16t-f 6.3 0.26 0.360 0.360 240 d 6.3 x 5.8 1000 220 afk227m06d16t-f 13.9 0.26 0.360 0.360 240 d 6.3 x 5.8 1000 330 afk337m06x16t-f 20.8 0.26 0.340 0.340 280 x 6.3 x 7.7 900 330 afk337m06e16t-f 20.8 0.26 0.260 0.260 300 e 8 x 6.2 1000 470 afk477m06f24t-f 29.6 0.26 0.160 0.160 600 f 8 x 10.2 500 1000 afk108m06f24t-f 63.0 0.26 0.160 0.160 600 f 8 x 10.2 500 1500 afk158m06g24t-f 94.5 0.26 0.080 0.080 850 g 10 x 10.2 500 3300 afk338m06h32t-f 207.9 0.30 0.060 0.060 1100 h 12.5 x 13.5 200 6800 afk688m06p44t-f 428.4 0.36 0.035 0.035 1800 p 16 x 16.5 125 10 vdc ( 13 vdc surge ) 22 afk226m10b12t-f 3.0 0.19 1.350 1.350 90 b 4 x 5.8 2000 33 afk336m10b12t-f 3.3 0.19 1.350 1.350 90 b 4 x 5.8 2000 33 afk336m10c12t-f 3.3 0.19 0.700 0.700 160 c 5 x 5.8 1000 150 afk157m10d16t-f 15.0 0.19 0.360 0.360 240 d 6.3 x 5.8 1000 220 afk227m10x16t-f 22.0 0.19 0.340 0.340 280 x 6.3 x 7.7 900 220 afk227m10e16t-f 22.0 0.19 0.260 0.260 300 e 8 x 6.2 1000 330 afk337m10f24t-f 33.0 0.19 0.160 0.160 600 f 8 x 10.2 500 470 afk477m10f24t-f 47.0 0.19 0.160 0.160 600 f 8 x 10.2 500 680 afk687m10f24t-f 68.0 0.19 0.160 0.160 600 f 8 x 10.2 500 1000 afk108m10g24t-f 100.0 0.19 0.080 0.080 850 g 10 x 10.2 500 2200 afk228m10h32t-f 220.0 0.21 0.060 0.060 1100 h 12.5 x 13.5 200 4700 afk478m10p44t-f 470.0 0.25 0.035 0.035 1800 p 16 x 16.5 125 6800 afk688m10r44t-f 680.0 0.29 0.033 0.033 2060 r 18 x 16.5 125 16 vdc ( 20 vdc surge ) 10 afk106m16b12t-f 3.0 0.16 1.350 1.350 90 b 4 x 5.8 2000 22 afk226m16b12t-f 3.5 0.16 1.350 1.350 90 b 4 x 5.8 2000 22 afk226m16c12t-f 3.5 0.16 0.700 0.700 160 c 5 x 5.8 1000 47 afk476m16c12t-f 7.5 0.16 0.700 0.700 160 c 5 x 5.8 1000 47 afk476m16d16t-f 7.5 0.16 0.360 0.360 240 d 6.3 x 5.8 1000 68 afk686m16d16t-f 10.9 0.19 0.360 0.360 240 d 6.3 x 5.8 1000 100 afk107m16d16t-f 16.0 0.16 0.360 0.360 240 d 6.3 x 5.8 1000 150 afk157m16x16t-f 24.0 0.16 0.340 0.340 280 x 6.3 x 7.7 900 220 afk227m16x16t-f 35.2 0.16 0.340 0.340 280 x 6.3 x 7.7 900 220 afk227m16e16t-f 35.2 0.16 0.260 0.260 300 e 8 x 6.2 1000 330 afk337m16f24t-f 52.8 0.16 0.160 0.160 600 f 8 x 10.2 500 470 afk477m16f24t-f 75.2 0.16 0.160 0.160 600 f 8 x 10.2 500 680 afk687m16g24t-f 108.8 0.16 0.080 0.080 850 g 10 x 10.2 500 1500 afk158m16h32t-f 240.0 0.16 0.060 0.060 1100 h 12.5 x 13.5 200 3300 afk338m16p44t-f 528.0 0.20 0.035 0.035 1800 p 16 x 16.5 125 4700 afk478m16r44t-f 752.0 0.22 0.033 0.033 2060 r 18 x 16.5 125 cornell dubilier ? 1605 e. rodney french blvd. ? new bedford, ma 02744 ? phone: (508)996-8564 ? fax: (508)996-3830 ? www.cde.com type afk C55 c to 105 c ? 1605 e. rodney french blvd. ? new bedford, ma 02744 ? phone: (508)996-8564 ? fax: (508)996-3830 ? www.cde.com smt aluminum electrolytic capacitors - lowest e.s.r., 105 c type afk C55 c to 105 c
cap (f) catalog part number max. dcl 2 min (a) max. dissipation factor @120 hz/20 c max. esr @100 khz/20 c ( ? ) impedance @ 100 khz/20 c ( ? ) max. ripple current @ 100 khz/105 c (ma) case code size d x l (mm) quantity per reel 25 vdc ( 31 vdc surge ) 10 afk106m25b12t-f 3.0 0.14 1.350 1.350 90 b 4 x 5.8 2000 22 afk226m25c12t-f 5.5 0.14 0.700 0.700 160 c 5 x 5.8 1000 33 afk336m25c12t-f 8.3 0.14 0.700 0.700 160 c 5 x 5.8 1000 33 afk336m25d16t-f 8.3 0.14 0.360 0.360 240 d 6.3 x 5.8 1000 47 afk476m25d16t-f 11.8 0.14 0.360 0.360 240 d 6.3 x 5.8 1000 68 afk686m25d16t-f 17.0 0.14 0.360 0.360 240 d 6.3 x 5.8 1000 100 afk107m25x16t-f 25.0 0.14 0.340 0.340 280 x 6.3 x 7.7 900 100 afk107m25e16t-f 25.0 0.14 0.260 0.260 300 e 8 x 6.2 1000 150 afk157m25f24t-f 37.5 0.14 0.160 0.160 600 f 8 x 10.2 500 220 afk227m25f24t-f 55.0 0.14 0.160 0.160 600 f 8 x 10.2 500 330 afk337m25f24t-f 82.5 0.14 0.160 0.160 600 f 8 x 10.2 500 470 afk477m25g24t-f 117.5 0.14 0.080 0.080 850 g 10 x 10.2 500 1000 afk108m25h32t-f 250.0 0.14 0.060 0.060 1100 h 12.5 x 13.5 200 1500 afk158m25p44t-f 375.0 0.14 0.035 0.035 1800 p 16 x 16.5 125 2200 afk228m25p44t-f 550.0 0.16 0.035 0.035 1800 p 16 x 16.5 125 3300 afk338m25r44t-f 825.0 0.18 0.033 0.033 2060 r 18 x 16.5 125 35 vdc ( 44 vdc surge ) 4.7 AFK475M35B12T-F 3.0 0.12 1.350 1.350 90 b 4 x 5.8 2000 10 afk106m35b12t-f 3.5 0.12 1.350 1.350 90 b 4 x 5.8 2000 10 afk106m35c12t-f 3.5 0.12 0.700 0.700 160 c 5 x 5.8 1000 22 afk226m35c12t-f 7.7 0.12 0.700 0.700 160 c 5 x 5.8 1000 33 afk336m35d16t-f 11.6 0.12 0.360 0.360 240 d 6.3 x 5.8 1000 47 afk476m35d16t-f 16.5 0.12 0.360 0.360 240 d 6.3 x 5.8 1000 68 afk686m35x16t-f 23.8 0.12 0.340 0.340 280 x 6.3 x 7.7 900 100 afk107m35x16t-f 35.0 0.12 0.340 0.340 280 x 6.3 x 7.7 900 100 afk107m35f24t-f 35.0 0.12 0.160 0.160 600 f 8 x 10.2 500 150 afk157m35f24t-f 52.5 0.12 0.160 0.160 600 f 8 x 10.2 500 220 afk227m35f24t-f 77.0 0.12 0.160 0.160 600 f 8 x 10.2 500 330 afk337m35g24t-f 115.5 0.12 0.080 0.080 850 g 10 x 10.2 500 470 afk477m35h32t-f 164.5 0.12 0.060 0.060 1100 h 12.5 x 13.5 200 680 afk687m35h32t-f 238.0 0.12 0.060 0.060 1100 h 12.5 x 13.5 200 1000 afk108m35p44t-f 350.0 0.12 0.035 0.035 1800 p 16 x 16.5 125 1500 afk158m35p44t-f 525.0 0.12 0.035 0.035 1800 p 16 x 16.5 125 50 vdc ( 63 vdc surge ) 4.7 afk475m50b12t-f 3.0 0.10 2.900 2.900 60 b 4 x 5.8 2000 10 afk106m50c12t-f 5.0 0.10 1.520 1.520 85 c 5 x 5.8 1000 10 afk106m50d16t-f 5.0 0.10 0.880 0.880 165 d 6.3 x 5.8 1000 22 afk226m50d16t-f 11.0 0.10 0.880 0.880 165 d 6.3 x 5.8 1000 33 afk336m50x16t-f 16.5 0.10 0.680 0.680 195 x 6.3 x 7.7 900 33 afk336m50e16t-f 16.5 0.10 0.680 0.680 195 e 8 x 6.2 1000 47 afk476m50x16t-f 23.5 0.10 0.680 0.680 195 x 6.3 x 7.7 900 47 afk476m50e16t-f 23.5 0.10 0.680 0.680 195 e 8 x 6.2 1000 100 afk107m50f24t-f 50.0 0.10 0.340 0.340 350 f 8 x 10.2 500 cornell dubilier ? 1605 e. rodney french blvd. ? new bedford, ma 02744 ? phone: (508)996-8564 ? fax: (508)996-3830 ? cornell dubilier ? 1605 e. rodney french blvd. ? new bedford, ma 02744 ? phone: (508)996-8564 ? fax: (508)996-3830 ? www.cde.com type afk C55 c to 105 c smt aluminum electrolytic capacitors - lowest e.s.r., 105 c
typical performance curves cap (f) catalog part number max. dcl 2 min (a) max. dissipation factor @120 hz/20 c max. esr @100 khz/20 c ( ? ) impedance @ 100 khz/20 c ( ? ) max. ripple current @ 100 khz/105 c (ma) case code size d x l (mm) quantity per reel 50 vdc ( 63 vdc surge ) 150 afk157m50g24t-f 75.0 0.10 0.180 0.180 670 g 10 x 10.2 500 220 afk227m50g24t-f 110.0 0.10 0.180 0.180 670 g 10 x 10.2 500 330 afk337m50h32t-f 165.0 0.10 0.120 0.120 900 h 12.5 x 13.5 200 390 afk397m50h32t-f 195.0 0.10 0.120 0.120 900 h 12.5 x 13.6 200 470 afk477m50p44t-f 235.0 0.10 0.073 0.073 1610 p 16 x 16.5 125 560 afk567m50p44t-f 280.0 0.10 0.073 0.073 1610 p 16 x 16.5 125 680 afk687m50p44t-f 340.0 0.10 0.073 0.073 1610 p 16 x 16.5 125 1000 afk108m50p44t-f 500.0 0.10 0.073 0.073 1610 p 16 x 16.5 125 63 vdc ( 75 vdc surge ) 4.7 afk475m63c12t-f 3.0 0.08 3.000 3.000 50 c 5 x 5.8 1000 10 afk106m63d16t-f 6.3 0.08 1.500 1.500 80 d 6.3 x 5.8 1000 22 afk226m63x16t-f 13.9 0.08 1.200 1.200 120 x 6.3 x 7.7 900 22 afk226m63e16t-f 13.9 0.08 1.200 1.200 120 e 8 x 6.2 1000 33 afk336m63f24t-f 20.8 0.08 0.650 0.650 250 f 8 x 10.2 500 47 afk476m63f24t-f 29.6 0.08 0.650 0.650 250 f 8 x 10.2 500 68 afk686m63g24t-f 42.8 0.08 0.350 0.350 400 g 10 x 10.2 500 100 afk107m63g24t-f 63.0 0.08 0.350 0.350 400 g 10 x 10.2 500 150 afk157m63h32t-f 94.5 0.08 0.160 0.160 800 h 12.5 x 13.5 200 220 afk227m63h32t-f 138.6 0.08 0.160 0.160 800 h 12.5 x 13.5 200 470 afk477m63p44t-f 296.1 0.08 0.082 0.082 1410 p 16 x 16.5 125 680 afk687m63r44t-f 428.4 0.08 0.080 0.080 1690 r 18 x 16.5 125 80 vdc ( 100 vdc surge ) 3.3 afk335m80c12t-f 3.0 0.08 5.00 5.00 25 c 5 x 5.8 1000 4.7 afk475m80d16t-f 3.8 0.08 3.00 3.00 40 d 6.3 x 5.8 1000 10.0 afk106m80x16t-f 8.0 0.08 2.40 2.40 60 x 6.3 x 7.7 900 10.0 afk106m80e16t-f 8.0 0.08 2.40 2.40 60 e 8 x 6.2 1000 22.0 afk226m80f24t-f 17.6 0.08 1.30 1.30 130 f 8 x 10.2 500 33.0 afk336m80f24t-f 26.4 0.08 1.30 1.30 130 f 8 x 10.2 500 47.0 afk476m80g24t-f 37.6 0.08 0.70 0.70 200 g 10 x 10.2 500 68.0 afk686m80h32t-f 54.4 0.08 0.32 0.32 500 h 12.5 x 13.5 200 100.0 afk107m80h32t-f 80.0 0.08 0.32 0.32 500 h 12.5 x 13.5 200 150.0 afk157m80h32t-f 120.0 0.08 0.32 0.32 500 h 12.5 x 13.5 200 330.0 afk337m80p44t-f 264.0 0.08 0.17 0.17 793 p 16 x 16.5 125 470.0 afk477m80r44t-f 376.0 0.08 0.15 0.15 917 r 18 x 16.5 125 100 vdc (125 vdc surge ) 22.0 afk226m2af24t-f 22.0 0.07 1.30 1.30 130 f 8 x 10.2 500 33.0 afk336m2ag24t-f 33.0 0.07 0.70 0.70 200 g 10 x 10.2 500 47.0 afk476m2ah32t-f 47.0 0.07 0.32 0.32 500 h 12.5 x 13.5 200 68.0 afk686m2ah32t-f 68.0 0.07 0.32 0.32 500 h 12.5 x 13.5 200 100.0 afk107m2ap44t-f 100.0 0.07 0.17 0.17 793 p 16 x 16.5 125 150.0 afk157m2ap44t-f 150.0 0.07 0.17 0.17 793 p 16 x 16.5 125 220.0 afk227m2ar44t-f 220.0 0.07 0.15 0.15 917 r 18 x 16.5 125 330.0 afk337m2ar44t-f 330.0 0.07 0.15 0.15 917 r 18 x 16.5 125 cornell dubilier ? 1605 e. rodney french blvd. ? new bedford, ma 02744 ? phone: (508)996-8564 ? fax: (508)996-3830 ? www.cde.com type afk C55 c to 105 c ? 1605 e. rodney french blvd. ? new bedford, ma 02744 ? phone: (508)996-8564 ? fax: (508)996-3830 ? www.cde.com smt aluminum electrolytic capacitors - lowest e.s.r., 105 c type afk C55 c to 105 c
typical performance curves part numbering system afk 106 m 16 b 12t Cf type capacitance capacitance voltage code case packaging code rohs 105 1.0 f tolerance 06 6.3 vdc 35 35 vdc code 12 carrier tape compliant 106 10.0 f m 20 10 10 vdc 50 50 vdc width (mm) 107 100.0 f 16 16 vdc 63 63 vdc t tape reel 108 1000.0 f 25 25 vdc 80 80 vdc b bulk 2a 100 vdc afk 106 m 16 b 12t Cf type afk C55 c to 105 c smt aluminum electrolytic capacitors - lowest e.s.r., 105 c part numbering system type capacitance capacitance 108 = 1000.0 f typical performance curves ratio to 5 voltage code case packaging code rohs 105 = 1.0 f tolerance 06 = 6.3 vdc 35 = 35 vdc code 12 = carrier tape compliant 106 = 10.0 f m = 20% 10 = 10 vdc 50 = 50 vdc width (mm) 107 = 100.0 f 16 = 16 vdc 63 = 63 vdc t = tape & reel 25 = 25 vdc 80 = 8 0 vdc b = bulk 2a = 100 vdc capacitace . temperature ad freuec 3300f6.3vdc (12.5 13.5 mm) 0 0.2 0.4 0.6 0.8 1 1.2 1.4 o o e 65c 25c 85c 0c C40c 45c C 20c 105 C55c . 10 100 1,000 10,000 100,000 1,000,000 cce . emee eec 65 c 25 c 85 c 0 c 105 c C40 c 45 C20 c C55 c 1 0.8 0.6 0.4 0.2 0 10 100 1,000 10,000 100,000 1,000,000 frequency (hz) cornell dubilier ? 1605 e. rodney french blvd. ? new bedford, ma 02744 ? phone: (508)996-8564 ? fax: (508)996-3830 ? www .cde.com . cornell dubilier ? 1605 e. rodney french blvd. ? new bedford, ma 02744 ? phone: (508)996-8564 ? fax: (508)996-3830 ? cornell dubilier ? 1605 e. rodney french blvd. ? new bedford, ma 02744 ? phone: (508)996-8564 ? fax: (508)996-3830 ? www.cde.com type afk C55 c to 105 c smt aluminum electrolytic capacitors - lowest e.s.r., 105 c
typical performance curves type afk C55 c to 105 c typical performance curves smt aluminum electrolytic capacitors - lowest e.s.r., 105 c e o o ratio to 25c, 120 hz value 100 10 0.1 capacitance change () esr vs. temperature and frequency d.f. (@ 120 hz) ratio to 25 c, 120 hz value ratio to 25 c, 120 hz value 100 10 1 0.1 esr vs. temperature and frequency 3300 C40 c C20 c 0 c 25 c 45 c 85 c 65 c 105 C55 c C40 c C20 c 0 c 25 c 45 c 85 c 65 c 105 c C55 c 10 1 0.1 impedance vs temperature and frequency 3300 f /6.3 v (12.5 x13.5mm) medce . emee d eec C 40c 0c 25c 65c 85c 45c C20c 105c C 55c 10 1 C40 c 0 c 25 c 65 c 85 c 45 c C20 c 105 c C55 c 0.1 0.01 0.001 10 100 1000 10000 100000 1000000 eec o co . frequency (hz) capacitance change vs. time temperature (afk series typical performance) 3 0.01 22 f @ 6.3 vdc (4 x 5.4 mm) 100 f @ 6.3 vdc ( 6.3 x 5.4 mm) 1500 f @ 6.3 vdc (10 x 10.2 mm) 0 . dc . mm . dc . . mm . dc . mm me o emee cornell dubilier ? 1605 e. rodney french blvd. ? new bedford, ma 02744 ? phone: (508)996-8564 ? fax: (508)996-3830 ? www .cde.com . -15 ac 4 notice and disclaimer: all product drawings, descriptions, specifcations, statements, information and data (collectively, the information) in this datasheet or other publication are subject to change. the customer is responsible for checking, confrming and verifying the extent to which the information con- tained in this datasheet or other publication is applicable to an order at the time the order is placed. all information given herein is believed to be accurate and reliable, but it is presented without any guaran- tee, warranty, representation or responsibility of any kind, expressed or implied. statements of suitability for certain applications are based on the knowledge that the cornell dubilier company providing such statements (cornell dubilier) has of operating conditions that such cornell dubilier company regards as typical for such applications, but are not intended to constitute any guarantee, warranty or representa- tion regarding any such matter C and cornell dubilier specifcally and expressly disclaims any guarantee, warranty or representation concerning the suitability for a specifc customer application, use, storage, transportation, or operating environment. the information is intended for use only by customers who have the requisite experience and capability to determine the correct products for their application. any technical advice inferred from this information or otherwise provided by cornell dubilier with reference to the use of any cornell dubilier products is given gratis (unless otherwise specifed by cornell dubilier), and cornell dubilier assumes no obligation or liability for the advice given or results obtained. although cornell dubilier strives to apply the most stringent quality and safety standards regarding the design and manufacturing of its products, in light of the current state of the art, isolated component failures may still occur. accordingly, customer applications which require a high degree of reliability or safety should employ suitable designs or other safeguards (such as installation of protective circuitry or redundancies or other appropriate protective measures) in order to ensure that the failure of an electrical component does not result in a risk of personal injury or property damage. although all product-related warnings, cautions and notes must be observed, the customer should not assume that all safety measures are indi- cated in such warnings, cautions and notes, or that other safety measures may not be required. cornell dubilier ? 1605 e. rodney french blvd. ? new bedford, ma 02744 ? phone: (508)996-8564 ? fax: (508)996-3830 ? www.cde.com type afk C55 c to 105 c ? 1605 e. rodney french blvd. ? new bedford, ma 02744 ? phone: (508)996-8564 ? fax: (508)996-3830 ? www.cde.com smt aluminum electrolytic capacitors - lowest e.s.r., 105 c type afk C55 c to 105 c
type afk C55 c to 105 c typical performance curves smt aluminum electrolytic capacitors - lowest e.s.r., 105 c e o o ratio to 25c, 120 hz value 100 10 0.1 capacitance change () esr vs. temperature and frequency d.f. (@ 120 hz) ratio to 25 c, 120 hz value ratio to 25 c, 120 hz value 100 10 1 0.1 esr vs. temperature and frequency 3300 C40 c C20 c 0 c 25 c 45 c 85 c 65 c 105 C55 c C40 c C20 c 0 c 25 c 45 c 85 c 65 c 105 c C55 c 10 1 0.1 impedance vs temperature and frequency 3300 f /6.3 v (12.5 x13.5mm) medce . emee d eec C 40c 0c 25c 65c 85c 45c C20c 105c C 55c 10 1 C40 c 0 c 25 c 65 c 85 c 45 c C20 c 105 c C55 c 0.1 0.01 0.001 10 100 1000 10000 100000 1000000 eec o co . frequency (hz) capacitance change vs. time temperature (afk series typical performance) 3 0.01 22 f @ 6.3 vdc (4 x 5.4 mm) 100 f @ 6.3 vdc ( 6.3 x 5.4 mm) 1500 f @ 6.3 vdc (10 x 10.2 mm) 0 . dc . mm . dc . . mm . dc . mm me o emee cornell dubilier ? 1605 e. rodney french blvd. ? new bedford, ma 02744 ? phone: (508)996-8564 ? fax: (508)996-3830 ? www . -15 ac 4 otice and disclaimer all product drawings, descriptions, specifcations, statements, information and data (collectively, the information) in this datasheet or other publication are subject to change. the customer is responsible for checking, confrming and verifying the extent to which the information con- tained in this datasheet or other publication is applicable to an order at the time the order is placed. all information given herein is believed to be accurate and reliable, but it is presented without any guaran- tee, warranty, representation or responsibility of any kind, expressed or implied. statements of suitability for certain applications are based on the knowledge that the cornell dubilier company providing such statements (cornell dubilier) has of operating conditions that such cornell dubilier company regards as typical for such applications, but are not intended to constitute any guarantee, warranty or representa- tion regarding any such matter C and cornell dubilier specifcally and expressly disclaims any guarantee, warranty or representation concerning the suitability for a specifc customer application, use, storage, transportation, or operating environment. the information is intended for use only by customers who have the requisite experience and capability to determine the correct products for their application. any technical advice inferred from this information or otherwise provided by cornell dubilier with reference to the use of any cornell dubilier products is given gratis (unless otherwise specifed by cornell dubilier), and cornell dubilier assumes no obligation or liability for the advice given or results obtained. although cornell dubilier strives to apply the most stringent quality and safety standards regarding the design and manufacturing of its products, in light of the current state of the art, isolated component failures may still occur. accordingly, customer applications which require a high degree of reliability or safety should employ suitable designs or other safeguards (such as installation of protective circuitry or redundancies or other appropriate protective measures) in order to ensure that the failure of an electrical component does not result in a risk of personal injury or property damage. although all product-related warnings, cautions and notes must be observed, the customer should not assume that all safety measures are indi- cated in such warnings, cautions and notes, or that other safety measures may not be required. cornell dubilier ? 1605 e. rodney french blvd. ? new bedford, ma 02744 ? phone: (508)996-8564 ? fax: (508)996-3830 ? cornell dubilier ? 1605 e. rodney french blvd. ? new bedford, ma 02744 ? phone: (508)996-8564 ? fax: (508)996-3830 ? www.cde.com type afk C55 c to 105 c smt aluminum electrolytic capacitors - lowest e.s.r., 105 c


▲Up To Search▲   

 
Price & Availability of AFK475M35B12T-F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X