Part Number Hot Search : 
FM4006 0100CT CWTF2 1344174 B66322 74LCX54 50B60PD 00405
Product Description
Full Text Search
 

To Download 9250A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features n formerly model n shielded n high q value n inductance range: 0.1 h to 8200 h n rohs compliant* applications n filters n output chokes 9250A series molded axial inductor *rohs directive 2002/95/ec jan. 27, 2003 including annex and rohs recast 2011/65/eu june 8, 2011. specifcations are subject to change without notice. the device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time. users should verify actual device performance in their specifc applications. *rohs compliant lead free *rohs compliant versions available lead free versions are rohs compliant* electrical specifcations general specifcations temperature rise ................ 35 c at idc rated current ..... inductance drop 5 % typical at isat operating temperature ................................ -55 c to +125 c storage temperature .............................. ................................ -55 c to +125 c dielectric strength ................. 1000 vrms materials core .............................................. ferrite wire ............................ enameled copper terminal coating ................................. sn packaging standard .................. 1000 pcs. per bag optional ...... 2500 pcs. per 12-inch reel electrical schematic how to order 9250A - 102 - __ - rc model value code (see table) packaging code blank = 1000 pcs./bag tr = 2500 pcs./12-inch reel compliance code rc = rohs compliant* examples: ? 9250A-151-rc = 0.15 h packaged 1000 pcs./bag. ? 9250A-681-tr-rc = 0.68 h packaged 2500 pcs./12-inch reel. bourns part no. inductance q min. test frequency (mhz) srf (mhz) min. dcr () max. idc (ma) isat (ma) (h) tol. (%) 9250A-101-rc 0.10 10 50 25 250 0.025 1790 1790 9250A-121-rc 0.12 10 51 25 250 0.034 1530 1530 9250A-151-rc 0.15 10 51 25 250 0.037 1470 1470 9250A-181-rc 0.18 10 50 25 250 0.047 1300 1300 9250A-221-rc 0.22 10 49 25 250 0.067 1100 1100 9250A-271-rc 0.27 10 47 25 250 0.11 855 855 9250A-331-rc 0.33 10 46 25 250 0.13 780 780 9250A-391-rc 0.39 10 44 25 250 0.18 670 670 9250A-471-rc 0.47 10 44 25 235 0.25 565 565 9250A-561-rc 0.56 10 43 25 210 0.33 490 490 9250A-681-rc 0.68 10 42 25 190 0.45 420 420 9250A-821-rc 0.82 10 50 25 180 0.59 370 370 9250A-102-rc 1.0 10 40 25 140 0.07 1070 1070 9250A-122-rc 1.2 10 44 7.9 130 0.10 895 895 9250A-152-rc 1.5 10 44 7.9 115 0.12 815 815 9250A-182-rc 1.8 10 44 7.9 105 0.14 775 775 9250A-222-rc 2.2 10 44 7.9 100 0.19 650 650 9250A-272-rc 2.7 10 44 7.9 92 0.28 535 535 9250A-332-rc 3.3 10 44 7.9 85 0.35 480 480 9250A-392-rc 3.9 10 44 7.9 75 0.40 450 450 9250A-472-rc 4.7 10 44 7.9 70 0.55 380 380 9250A-562-rc 5.6 10 44 7.9 65 0.72 335 335 9250A-682-rc 6.8 10 50 7.9 55 1.02 280 280 9250A-822-rc 8.2 10 50 7.9 50 1.32 250 250 9250A-103-rc 10 10 50 7.9 46 1.62 220 220 9250A-123-rc 12 10 55 2.5 44 2.00 200 200 9250A-153-rc 15 10 45 2.5 49 0.80 315 250 9250A-183-rc 18 10 45 2.5 45 0.89 300 235 9250A-223-rc 22 10 45 2.5 41 0.96 290 220 9250A-273-rc 27 10 45 2.5 38 1.19 260 200 9250A-333-rc 33 10 45 2.5 34 1.37 240 190 9250A-393-rc 39 10 50 2.5 29 1.93 205 180 9250A-473-rc 47 10 50 2.5 27 2.11 195 175 9250A-563-rc 56 10 50 2.5 25 2.23 190 160 9250A-683-rc 68 10 50 2.5 21 2.70 170 150 9250A-823-rc 82 10 50 2.5 10.5 2.44 180 140 9250A-104-rc 100 10 50 2.5 10 3.12 160 120 9250A-124-rc 120 10 55 0.79 9.7 3.6 150 95 9250A-154-rc 150 10 55 0.79 8.5 4.1 140 90 9250A-184-rc 180 10 55 0.79 8.0 4.4 135 85 9250A-224-rc 220 10 55 0.79 7.5 5.0 125 80 9250A-274-rc 270 10 55 0.79 7.0 5.8 115 70 9250A-334-rc 330 10 55 0.79 6.5 6.4 110 65 9250A-394-rc 390 10 60 0.79 6.2 7.4 105 60 9250A-474-rc 470 10 60 0.79 5.7 9.5 92 58 9250A-564-rc 560 10 60 0.79 4.7 10.5 90 55 9250A-684-rc 680 10 60 0.79 4.5 11.8 80 50 9250A-824-rc 820 10 60 0.79 4.2 13.0 80 45 electrical specifcations continued on page 2.
specifcations are subject to change without notice. the device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time. users should verify actual device performance in their specifc applications. 9250A series molded axial inductor typ. part marking - mil-std color code dimensions: mm (inches) product dimensions rev. 04/17 bourns part no. inductance q min. test frequency (mhz) srf (mhz) min. dcr () max. idc (ma) isat (ma) (h) tol. (%) 9250A-105-rc 1000 10 60 0.79 3.8 17.5 70 40 9250A-125-rc 1200 10 45 0.25 1.5 22.1 60 35 9250A-155-rc 1500 10 45 0.25 1.2 26.5 55 33 9250A-185-rc 1800 10 45 0.25 1.0 29.9 50 30 9250A-225-rc 2200 10 45 0.25 0.97 33.8 50 27 9250A-275-rc 2700 10 45 0.25 0.92 47.3 40 25 9250A-335-rc 3300 10 45 0.25 0.84 53.0 40 22 9250A-395-rc 3900 10 45 0.25 0.8 73.8 35 20 9250A-475-rc 4700 10 45 0.25 0.74 81.6 31 19 9250A-565-rc 5600 10 44 0.25 0.73 98.9 28 17 9250A-685-rc 6800 10 40 0.25 0.66 111 27 16 9250A-825-rc 8200 10 40 0.25 0.54 119 26 15 electrical specifcations (continued) 10.41 0.51 (0.41 0.02) 25.4 (1.00) typ . 0.635 (0.025) 4.11 0.25 (0.162 0.01) tape and reel packaging specifcations 66.0 2.0 (2.598 .079) 80.0 2.0 (3.150 .079) 305.0 2.0 (12.008 .079) dia. 17.0 2.0 (.669 .079) dia. d1 note: the difference between d1 and d2 should not exceed 1.0 (.039). d2 1.0 (.039) max. 52.0 1.5 (2.047 .059) 3.20 (.126) min. 6.0 1.0 (.236 .039) 0.5 (.020) max. 1.20 (.047) max. 5.0 0.5 (.197 .020) dimensions: mm (inches) mi l. identi ? er (silve r, twice the width of other bands) 1st signi? cant ? gur e (blue) decimal point (g old) 2nd signi? cant ? gure ( gray) t olerance (silver) example: 6.8 h, 10 % mi l. identi ? er (silve r, twice the width of other bands) 1st signi? cant ? gur e (blue) decimal point (g old) 2nd signi? cant ? gure ( gray) t olerance (silver) example: 6.8 h, 10 %


▲Up To Search▲   

 
Price & Availability of 9250A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X