Part Number Hot Search : 
ZSR485 TPD2004F NTE584 MZ12GW BZV48C FSUSB23 TS932BI HW300A
Product Description
Full Text Search
 

To Download 70V27L20BFG8 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ?2012 integrated device technology, inc. 6.01 1 september 2012 dsc 3603/12 features: true dual-ported memory cells which allow simultaneous access of the same memory location high-speed access ? commercial: 15/20/25/35/55ns (max.) ? industrial: 20/35ns (max.) low-power operation ? idt70v27s active: 500mw (typ.) standby: 3.3mw (typ.) ? idt70v27l active: 500mw (typ.) standby: 660 w (typ.) separate upper-byte and lower-byte control for bus matching capability dual chip enables allow for depth expansion without external logic idt70v27s/l idt70v27 easily expands data bus width to 32 bits or more using the master/slave select when cascading more than one device m/ s = v ih for busy output flag on master, m/ s = v il for busy input on slave busy and interrupt flags on-chip port arbitration logic full on-chip hardware support of semaphore signaling between ports fully asynchronous operation from either port lvttl-compatible, single 3.3v (0.3v) power supply available in 100-pin thin quad flatpack (tqfp), and 144- pin fine pitch bga (fpbga) industrial temperature range (-40c to +85c) is available for selected speeds green parts available, see ordering information i/o control address decoder 32kx16 memory array 70v27 arbitration interrupt semaphore logic ce 0l oe l r/ w l a 14l a 0l a 14l a 0l sem l int l (2) busy l (1,2) lb l ce 0l oe l ub l i/o control address decoder ce 0r oe r r/ w r a 14r a 0r a 14r a 0r sem r int r (2) busy r (1,2) lb r r/ w r oe r ub r m/ s (2) ce 1l ce 0r ce 1r 3603 drw 01 i/o 0-7l ce 1r ce 1l i/o 8-15l i/o 0-7r i/o 8-15r r/ w l , notes: 1) busy is an input as a slave (m/ s =v il ) and an output as a master (m/ s =v ih ). 2) busy and int are non-tri-state totem-pole outputs (push-pull). high-speed 3.3v 32k x 16 dual-port static ram functional block diagram
commercial and industrial temperature range idt 70v27s/l high-speed 3.3v 32k x 16 dual-port static ram 2 description: the idt70v27 is a high-speed 32k x 16 dual-port static ram, designed to be used as a stand-alone 512k-bit dual-port ram or as a combination master/slave dual-port ram for 32-bit and wider word systems. using the idt master/slave dual-port ram approach in 32- bit or wider memory system applications results in full-speed, error-free operation without the need for additional discrete logic. the device provides two independent ports with separate control, address, and i/o pins that permit independent, asynchronous access for reads or writes to any location in memory. an automatic power down feature controlled by the chip enables ( ce 0 and ce 1 ) permits the on-chip circuitry of each port to enter a very low standby power mode. fabricated using cmos high-performance technology, these devices typically operate on only 500mw of power. the idt70v27 is packaged in a 100-pin thin quad flatpack (tqfp) and a 144-pin fine pitch bga (fp bga). pin configurations (1,2,3) notes: 1. all v dd pins must be connected to power supply. 2. all v ss pins must be connected to ground supply. 3. package body is approximately 14mm x 14mm x 1.4mm. 4. this package code is used to reference the package diagram. 5. this text does not indicate orientation of the actual part-marking. index 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 1009998 979695 94 9392 9190 8988 8786 8584 8382 81 8079 7877 76 idt70v27pf pn100-1 (4) 100-pin tqfp top view (5) v ss oe r r/ w r sem r ce 1r ce 0r nc nc v ss a 12r a 13r a 11r a 10r a 9r a 14r nc i/o 10r i/o 11r i/o 12r i/o 13r i/o 14r i/o 15r v ss ub r lb r 3603 drw 02 i/o 15l v ss oe l r/ w l sem l ce 1l ce 0l v dd nc a 14l a 13l nc nc a 12l a 11l a 10l a 9l i/o 10l i/o 11l i/o 12l i/o 13l i/o 14l ub l lb l v ss i / o 5 r i / o 4 r i / o 3 r i / o 2 r i / o 0 r i / o 0 l v s s i / o 2 l i / o 4 l i / o 5 l i / o 6 l i / o 7 l i / o 3 l i / o 1 r i / o 7 r n c i / o 8 r i / o 9 r i / o 8 l i / o 9 l i / o 6 r a 7 r a 8 l a 7 l a 6 r a 5 r a 4 r a 3 r a 2 r a 1 r a 0 r i n t r b u s y r m / s b u s y l i n t l n c a 0 l a 2 l a 3 l a 5 l a 6 l a 1 l a 4 l a 8 r v s s v d d i / o 1 l v d d v s s 07/29/04
commercial and industrial temperature range idt 70v27s/l high-speed 3.3v 32k x 16 dual-port static ram 3 pin configurations (1,2,3) (con't.) notes: 1. all v dd pins must be connected to power supply. 2. all v ss pins must be connected to ground supply. 3. package body is approximately 12mm x 12mm x 1.4mm. 4. this package code is used to reference the package diagram. 5. this text does not indicate orientation of the actual part-marking. 3603 drw 02a idt70v27bf bf144-1 (4) 144-pin fpbga top view (5) m/ s busy l a 2l a 4l a 7l nc nc a 11l i/o 3r v dd i/o 2r v ss i/o 0r i/o 0l i/o 3l nc i/o 6l i/o 5l v dd nc nc nc nc lb r ce 0r sem r v ss i/o 14r v ss nc v ss r/ w r oe r i/o1 5r i/o 12r nc v ss ce 1r nc i/o 10r nc nc nc a 12l a 13l nc nc ub l ce 0l v dd v dd nc r/ w l ce 1l i/o 15l nc nc nc oe l i/o 14l nc a 9l i/o 10l i/0 13l a 6l nc nc i/o 11r nc i/o 8r nc i/o 6r nc i/o 2l i/o 4l i/o 5r nc nc nc i/o 4r i/o 7r nc ub r nc nc i/o 13r a1 nc a2 nc a3 a 8l a4 a 5l a5 a 1l a6 int l a7 v ss a8 busy r a9 a 1r nc a 10l a 14l a10 a 5r a11 nc a12 nc a13 nc lb l sem l v dd nc v ss i/o 12l i/o 11l i/o 9l nc nc i/o 8l i/o 7l nc i/o 1l v dd i/o 1r nc v dd nc nc nc b1 b2 b3 b4 b5 b6 b7 b8 b9 b10 b11 b12 b13 c1 c2 c3 c4 c5 c6 c7 c8 c9 c10 c11 c12 c13 d1 d2 d3 d4 d5 d6 d7 d8 d9 d10 d11 d12 d13 e1 e2 e3 e4 e10 e11 e12 e13 f1 f2 f3 f4 f10 f11 f12 f13 g1 g2 g3 g4 g10 g11 g12 g13 h1 h2 h3 h4 h10 h11 h12 h13 j1 j2 j3 j4 j10 j11 j12 j13 k1 k2 k3 k4 k5 k6 k7 k8 k9 k10 k11 k12 k13 l1 l2 l3 l4 l5 l6 l7 l8 l9 l10 l11 l12 l13 m1 m2 m3 m4 m5 m6 m7 m8 m9 m10 m11 m12 m13 n1 n2 n3 n4 n5 n6 n7 n8 n9 n10 n11 n12 n13 int r a 2r a 6r a 3l nc nc nc a 3r a 7r a 9r a 10r a 11r a 4r a 8r a 12r a 13r a 14r a 0r a 0l i/o 9r , 07/29/04 v ss left port right port names ce 0l , ce 1l ce 0r , ce 1r chip enable r/ w l r/ w r read/write enable oe l oe r output enable a 0l - a 14l a 0r - a 14r address i/o 0l - i/o 15l i/o 0r - i/o 15r data input/output sem l sem r semaphore enable ub l ub r upper byte select lb l lb r lower byte select int l int r interrupt flag busy l busy r busy flag m/ s master or slave select v dd power (3.3v) v ss ground (0v) 3603 tbl 01 pin names
commercial and industrial temperature range idt 70v27s/l high-speed 3.3v 32k x 16 dual-port static ram 4 truth table ii ? non-contention read/write control notes: 1. chip enable references are shown above with the actual ce 0 and ce 1 levels, ce is a reference only. 2. port "a" and "b" references are located where ce is used. 3. "h" = v ih and "l" = v il truth table i ? chip enable (1,2,3) truth table iii ? semaphore read/write control notes: 1. a 0l ? a 14l a 0r ? a 14r. 2. refer to chip enable truth table. notes: 1. there are eight semaphore flags written to i/o 0 and read from all the i/os (i/o 0 -i/o 15 ). these eight semaphore flags are addressed by a 0 -a 2 . 2. refer to chip enable truth table. ce ce 0 ce 1 mode l v il v ih port selected (ttl active) < 0.2v > v dd -0.2v port selected (cmos active) h v ih x port deselected (ttl inactive) xv il port deselected (ttl inactive) > v dd -0.2v x port deselected (cmos inactive) x< 0.2v port deselected (cmos inactive) 3603 tbl 02 inputs (1 ) outputs mode ce (2) r/ w oe ub lb sem i/o 8-1 5 i/o 0-7 h x x x x h high-z high-z deselecte d: power-down x x x h h h high-z high-z both bytes deselected llxlhhdata in high-z write to upper byte only l l x h l h high-z data in write to lower byte only llxllhdata in data in write to both bytes lhllhhdata out high-z read upper byte only lhlhlhhigh-zdata out read lower byte only lhlllhdata out data out read both bytes x x h x x x high-z high-z outputs disabled 3603 tbl 03 inputs (1 ) outputs mode ce (2) r/ w oe ub lb sem i/o 8-1 5 i/o 0-7 hhlxx ldata out data out read data in semaphore flag xhlhhldata out data out read data in semaphore flag h xxxldata in data in write i/o 0 into semaphore flag x xhhldata in data in write i/o 0 into semaphore flag lxxlxl ______ ______ not allowed lxxxll ______ ______ not allowed 3603 tbl 04
commercial and industrial temperature range idt 70v27s/l high-speed 3.3v 32k x 16 dual-port static ram 5 capacitance (1) (t a = +25c, f = 1.0mhz)tqfp only dc electrical characteristics over the operating temperature and supply voltage range (v dd = 3.3v 0.3v) note: 1. at v dd < 2.0v, input leakages are undefined. maximum operating temperature and supply voltage (1) recommended dc operating conditions (1) notes: 1. stresses greater than those listed under absolute maximum ratings may cause permanent damage to the device. this is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. exposure to absolute maximum rating conditions for extended periods may affect reliability. 2. v term must not exceed v dd + 0.3v for more than 25% of the cycle time or 10ns maximum, and is limited to < 20ma for the period of v term > v dd + 0.3v. absolute maximum ratings (1) notes: 1. v il > -1.5v for pulse width less than 10ns. 2. v term must not exceed v dd + 0.3v. notes: 1. this parameter is determined by device characterization but is not production tested. 2. c out also reference c i / o . notes: 1. this is the parameter t a . this is the "instant on" case temperature. symbol rating commercial & industrial unit v te rm (2) terminal voltage with respect to gnd -0.5 to +4.6 v t bias temperature under bias -55 to +125 o c t stg storage temperature -65 to +150 o c i out dc output current 50 ma 3603 tbl 05 grade ambient temperature gnd v dd commercial 0 o c to +70 o c0v 3.3v + 0.3v industrial -40 o c to +85 o c0v 3.3v + 0.3v 3603 tbl 06 symbol parameter conditions max. unit c in input capacitance v in = 0v 9 pf c out (2) output capacitance v out = 0v 10 pf symbol parameter min. typ. max. unit v dd supply voltage 3.0 3.3 3.6 v v ss ground 0 0 0 v v ih inp ut high vo ltag e 2.0 ____ v dd +0.3v (2 ) v v il inp ut lo w vo ltage -0.3 (1) ____ 0.8 v 3603 tbl 07 symbol parameter test conditions 70v27s 70v27l unit min. max. min. max. |i li | input leakage current (1 ) v dd = 3.6v, v in = 0v to v dd ___ 10 ___ 5a |i lo | output leakage current ce = v ih , v out = 0v to v dd ___ 10 ___ 5a v ol output low voltage i ol = 4ma ___ 0.4 ___ 0.4 v v oh output high voltage i oh = -4ma 2.4 ___ 2.4 ___ v 3603 tbl 09
commercial and industrial temperature range idt 70v27s/l high-speed 3.3v 32k x 16 dual-port static ram 6 dc electrical characteristics over the operating temperature and supply voltage range (1,6) (v dd = 3.3v 0.3v) notes: 1. 'x' in part numbers indicates power rating (s or l). 2. v dd = 3.3v, t a = +25c, and are not production tested. i dd dc = 90ma (typ.) 3. at f = f max , address and control lines (except output enable) are cycling at the maximum frequency read cycle of 1/t rc, and using ?ac test conditions? of input levels of gnd to 3v. 4. f = 0 means no address or control lines change. 5. port "a" may be either left or right port. port "b" is the opposite from port "a". 6. refer to chip enable truth table. 70v27x15 com'l only 70v27x20 com'l & ind 70v27x25 com'l only symbol parameter test condition version typ. (2) max. typ. (2) max. typ. (2) max. unit i dd dynamic operating current (both ports active) ce = v il , outputs disabled sem = v ih f = f max (3) com'l s l 170 170 260 225 165 165 255 220 145 145 245 210 ma ind'l s l ____ ____ ____ ____ ____ 165 ____ 230 ____ ____ ____ ____ i sb1 standby current (both ports - ttl level inp uts) ce l = ce r = v ih sem r = sem l = v ih f = f max (3) com'l s l 44 44 70 60 39 39 60 50 27 27 50 40 ma ind'l s l ____ ____ ____ ____ ____ 39 ____ 55 ____ ____ ____ ____ i sb2 standby current (one port - ttl level inp uts) ce "a" = v il and ce "b" = v ih (5) active port outputs disabled, f=f max (3) sem r = sem l = v ih com'l s l 115 115 160 145 105 105 155 140 90 90 150 135 ma ind'l s l ____ ____ ____ ____ ____ 105 ____ 150 ____ ____ ____ ____ i sb3 full standby current (both ports - all cmos level inputs) both ports ce l and ce r > v dd - 0.2v v in > v dd - 0.2v or v in < 0.2v, f = 0 (4) sem r = sem l > v dd - 0.2v com'l s l 1.0 0.2 6 3 1.0 0.2 6 3 1.0 0.2 6 3 ma ind'l s l ____ ____ ____ ____ ____ 0.2 ____ 6 ____ ____ ____ ____ i sb4 full standby current (one port - all cmos level inputs) ce "a" < 0.2v and ce "b" > v dd - 0.2v (5) sem r = sem l > v dd - 0.2v v in > v dd - 0.2v or v in < 0.2v active port outputs disabled f = f max (3) com'l s l 115 115 155 140 105 105 150 135 90 90 145 130 ma ind'l s l ____ ____ ____ ____ ____ 105 ____ 145 ____ ____ ____ ____ 3603 tbl 10a
commercial and industrial temperature range idt 70v27s/l high-speed 3.3v 32k x 16 dual-port static ram 7 ac test conditions figure 1. ac output test load 3603 drw 04 590 ? 30pf 435 ? 3.3v data out busy int 590 ? 5pf* 435 ? 3.3v data out input pulse levels input rise/fall times input timing reference levels output reference levels output load gnd to 3.0v 3ns max. 1.5v 1.5v fi gures 1 and 2 3603 tbl 11 figure 2. output test load (for t lz , t hz , t wz , t ow ) *including scope and jig dc electrical characteristics over the operating temperature and supply voltage range (1,6) (v dd = 3.3v 0.3v) notes: 1. 'x' in part numbers indicates power rating (s or l). 2. v dd = 3.3v, t a = +25c, and are not production tested. i dd dc = 90ma (typ.) 3. at f = f max , address and control lines (except output enable) are cycling at the maximum frequency read cycle of 1/t rc, and using ?ac test conditions? of input levels of gnd to 3v. 4. f = 0 means no address or control lines change. 5. port "a" may be either left or right port. port "b" is the opposite from port "a". 6. refer to chip enable truth table. 70v27x35 com'l & ind 70v27x55 com'l only symbol parameter test condition version typ. (2) max. typ. (2) max. unit i dd dynamic operating current (both ports active) ce = v il , outputs disabled sem = v ih f = f max (3) com'l s l 135 135 235 190 125 125 225 180 ma ind'l s l ____ 135 ____ 235 ____ ____ ____ ____ i sb1 standby current (both ports - ttl level inp uts) ce l = ce r = v ih sem r = sem l = v ih f = f max (3) com'l s l 22 22 45 35 15 15 40 30 ma ind'l s l ____ 22 ____ 45 ____ ____ ____ ____ i sb2 standby current (one port - ttl level inp uts) ce "a" = v il and ce "b" = v ih (5) active port outputs disabled, f=f max (3) sem r = sem l = v ih com'l s l 85 85 140 125 75 75 140 125 ma ind'l s l ____ 85 ____ 140 ____ ____ ____ ____ i sb3 full standby current (both ports - all cmos level inp uts) both ports ce l and ce r > v dd - 0.2v v in > v dd - 0.2v or v in < 0.2v, f = 0 (4) sem r = sem l > v dd - 0.2v com'l s l 1.0 0.2 6 3 1.0 0.2 6 3 ma ind'l s l ____ 0.2 ____ 6 ____ ____ ____ ____ i sb4 full standby current (one port - all cmos level inputs) ce "a" < 0.2v and ce "b" > v dd - 0.2v (5) sem r = sem l > v dd - 0.2v v in > v dd - 0.2v or v in < 0.2v active port outputs disabled f = f max (3) com'l s l 85 85 135 120 75 75 135 120 ma ind'l s l ____ 85 ____ 135 ____ ____ ____ ____ 3603 tbl 10b
commercial and industrial temperature range idt 70v27s/l high-speed 3.3v 32k x 16 dual-port static ram 8 ac electrical characteristics over the operating temperature and supply voltage range (4) notes: 1. transition is measured 0mv from low or high-impedance voltage with output test load (figure 2). 2. this parameter is guaranteed by device characterization, but is not production tested. 3. to access ram, ce = v il and sem = v ih . to access semaphore, ce = v ih and sem = v il . 4. 'x' in part numbers indicates power rating (s or l). 5. refer to chip enable truth table. 70v27x15 com'l only 70v27x20 com'l & ind 70v27x25 com'l only unit symbol parameter min. max. min. max. min. max. read cycle t rc read cycle time 15 ____ 20 ____ 25 ____ ns t aa address access time ____ 15 ____ 20 ____ 25 ns t ace chip enable access time (3 ) ____ 15 ____ 20 ____ 25 ns t abe byte enable access time (3 ) ____ 15 ____ 20 ____ 25 ns t aoe output enable access time ____ 10 ____ 12 ____ 15 ns t oh output hold from address change 3 ____ 3 ____ 3 ____ ns t lz outp ut lo w-z time (1,2) 3 ____ 3 ____ 3 ____ ns t hz output high-z time (1,2) ____ 12 ____ 12 ____ 15 ns t pu chip enable to power up time (2,5) 0 ____ 0 ____ 0 ____ ns t pd chip disable to power down time (2,5) ____ 15 ____ 20 ____ 25 ns t sop semaphore flag update pulse ( oe or sem )10 ____ 10 ____ 15 ____ ns t saa semaphore address access time ____ 15 ____ 20 ____ 35 ns 3603 tbl 12a 70v27x35 com'l & ind 70v27x55 com'l only unit symbol parameter min.max.min.max. read cycle t rc read cycle time 35 ____ 55 ____ ns t aa address access time ____ 35 ____ 55 ns t ace chip enable access time (3) ____ 35 ____ 55 ns t abe byte enable access time (3) ____ 35 ____ 55 ns t aoe output enable access time ____ 20 ____ 30 ns t oh output hold from address change 3 ____ 3 ____ ns t lz output low-z time (1,2) 3 ____ 3 ____ ns t hz output high-z time (1,2) ____ 20 ____ 25 ns t pu chip enable to power up time (2,5) 0 ____ 0 ____ ns t pd chip disable to power down time (2,5) ____ 45 ____ 50 ns t sop semaphore flag update pulse ( oe or sem )15 ____ 15 ____ ns t saa semaphore address access time ____ 45 ____ 65 ns 3603 tbl 12b
commercial and industrial temperature range idt 70v27s/l high-speed 3.3v 32k x 16 dual-port static ram 9 waveform of read cycles (5) timing of power-up power-down notes: 1. timing depends on which signal is asserted last: ce , oe , lb , or ub . 2. timing depends on which signal is de-asserted first: ce , oe , lb , or ub . 3. t bdd delay is required only in cases where the opposite port is completing a write operation to the same address location. for simu ltaneous read operations busy has no relation to valid output data. 4. start of valid data depends on which timing becomes effective last t aoe , t ace , t aa or t bdd . 5. sem = v ih . 6. refer to chip enable truth table. t rc r/ w ce addr t aa oe ub , lb 3603 drw 05 (4) t ace (4) t aoe (4) t abe (4) (1) t lz t oh (2) t hz (3,4) t bdd data out busy out valid data (4) (6) ce 3603 drw 06 t pu i cc i sb t pd 50% 50% (6) ,
commercial and industrial temperature range idt 70v27s/l high-speed 3.3v 32k x 16 dual-port static ram 10 notes: 1. transition is measured 0mv from low or high-impedance voltage with output test load (figure 2). 2. this parameter is guaranteed by device characterization, but is not production tested. 3. to access ram ce = v il and sem = v ih . to access semaphore, ce = v ih and sem = v il . either condition must be valid for the entire t ew time. refer to chip enable truth table. 4. the specification for t dh must be met by the device supplying write data to the ram under all operating conditions. although t dh and t ow values will vary over voltage and temperature, the actual t dh will always be smaller than the actual t ow . 5. 'x' in part numbers indicates power rating (s or l). ac electrical characteristics over the operating temperature and supply voltage (5) symbol parameter 70v27x15 com'l only 70v27x20 com'l & ind 70v27x25 com'l only unit min. max. min. max. min. max. wri te cycle t wc write cycle time 15 ____ 20 ____ 25 ____ ns t ew chip enable to end-of-write (3) 12 ____ 15 ____ 20 ____ ns t aw address valid to end-of-write 12 ____ 15 ____ 20 ____ ns t as address set-up time (3) 0 ____ 0 ____ 0 ____ ns t wp write pulse width 12 ____ 15 ____ 20 ____ ns t wr write recovery time 0 ____ 0 ____ 0 ____ ns t dw data valid to end-of-write 10 ____ 15 ____ 15 ____ ns t hz output high-z time (1,2) ____ 10 ____ 10 ____ 15 ns t dh data hold time (4) 0 ____ 0 ____ 0 ____ ns t wz write enable to output in high-z (1,2) ____ 10 ____ 10 ____ 15 ns t ow output active from end-of-write (1, 2,4) 0 ____ 0 ____ 0 ____ ns t swrd sem flag write to read time 5 ____ 5 ____ 5 ____ ns t sps sem flag contention window 5 ____ 5 ____ 5 ____ ns 3603 tbl 13a symbol parameter 70v27x35 com'l & ind 70v27x55 com'l only unit min. max. min. max. write cycle t wc write cycle time 35 ____ 55 ____ ns t ew chip enable to end-of-write (3) 30 ____ 45 ____ ns t aw address valid to end-of-write 30 ____ 45 ____ ns t as address set-up time (3) 0 ____ 0 ____ ns t wp write pulse width 25 ____ 40 ____ ns t wr write recovery time 0 ____ 0 ____ ns t dw data valid to end-of-write 20 ____ 30 ____ ns t hz output high-z time (1,2) ____ 20 ____ 25 ns t dh data ho ld time (4) 0 ____ 0 ____ ns t wz write enable to output in high-z (1,2) ____ 20 ____ 25 ns t ow output active from end-of-write (1,2,4) 0 ____ 0 ____ ns t swrd sem flag write to read time 5 ____ 5 ____ ns t sps sem flag contention window 5 ____ 5 ____ ns 3603 tbl 13b
commercial and industrial temperature range idt 70v27s/l high-speed 3.3v 32k x 16 dual-port static ram 11 timing waveform of write cycle no. 1, r/ w controlled timing (1,5,8) notes: 1. r/ w or ce or ub and lb must be high during all address transitions. 2. a write occurs during the overlap (t ew or t wp ) of a low ce and a low r/ w for memory array writing cycle. 3. t wr is measured from the earlier of ce or r/ w (or sem or r/ w ) going high to the end of write cycle. 4. during this period, the i/o pins are in the output state and input signals must not be applied. 5. if the ce or sem low transition occurs simultaneously with or after the r/ w low transition, the outputs remain in the high-impedance state. 6. timing depends on which enable signal is asserted last, ce or r/ w . 7. this parameter is guaranteed by device characterization, but is not production tested. transition is measured 0mv from steady state with the output test load (figure 2). 8. if oe is low during r/ w controlled write cycle, the write pulse width must be the larger of t wp or (t wz + t dw ) to allow the i/o drivers to turn off and data to be placed on the bus for the required t dw . if oe is high during an r/ w controlled write cycle, this requirement does not apply and the write pulse can be as short as the specified t wp . 9. to access ram, ce = v il and sem = v ih . to access semaphore, ce = v ih and sem = v il . t ew must be met for either condition. 10. refer to chip enable truth table. timing waveform of write cycle no. 2, ce , ub , lb controlled timing (1,5) r/ w t wc t hz t aw t wr t as t wp data out (2) t wz t dw t dh t ow oe address data in (6) (4) (4) (7) ub or lb 3603 drw 07 (9) ce or sem (9,10) (7) (3) 3603 drw 08 t wc t as t wr t dw t dh address data in r/ w t aw t ew ub or lb (3) (2) (6) ce or sem (9,10) (9)
commercial and industrial temperature range idt 70v27s/l high-speed 3.3v 32k x 16 dual-port static ram 12 timing waveform of semaphore read after write timing, either side (1) notes: 1. d or = d ol = v il , ce r = ce l = v ih , or both ub & lb = v ih (refer to chip enable truth table). 2. all timing is the same for left and right ports. port ?a? may be either left or right port. port ?b? is the opposite from por t ?a?. 3. this parameter is measured from r/ w "a" or sem "a" going high to r/w "b" or sem "b" going high. 4. if t sps is not satisfied, there is no guarantee which side will be granted the semaphore flag. sem 3603 drw 09 t aw t ew t sop i/o valid address t saa r/ w t wr t oh t ace valid address data valid in data out t dw t wp t dh t as t swrd t aoe read cycle write cycle a 0 -a 2 oe valid (2) notes: 1. ce = v ih or ub and lb = v ih for the duration of the above timing (both write and read cycle), refer to chip enable truth table. 2. "data out valid" represents all i/o's (i/o 0 -i/o 15 ) equal to the semaphore value. sem "a" 3603 drw 10 t sps match r/ w "a" match a 0"a" -a 2"a" side ?a? (2) sem "b" r/ w "b" a 0"b" -a 2"b" side (2) ?b? timing waveform of semaphore write contention (1,3,4)
commercial and industrial temperature range idt 70v27s/l high-speed 3.3v 32k x 16 dual-port static ram 13 notes: 1. port-to-port delay through ram cells from writing port to reading port, refer to "timing waveform of write with port-to-port read and busy (m/ s = v ih )". 2. to ensure that the earlier of the two ports wins. 3. t bdd is a calculated parameter and is the greater of 0, t wdd ? t wp (actual), or t ddd ? t dw (actual). 4. to ensure that the write cycle is inhibited on port "b" during contention on port "a". 5. to ensure that a write cycle is completed on port "b" after contention on port "a". 6. 'x' in part numbers indicates power rating (s or l). ac electrical characteristics over the operating temperature and supply voltage range (6) 70v27x15 com'l only 70v27x20 com'l & ind 70v27x25 com'l only unit symbol parameter min.max.min.max.min.max. busy timing (m/ s =v ih ) t baa busy access time from address match ____ 15 ____ 20 ____ 25 ns t bda busy disable time from address not matched ____ 15 ____ 20 ____ 25 ns t bac busy access time from chip enable low ____ 15 ____ 20 ____ 25 ns t bdc busy disable time from chip enable high ____ 15 ____ 20 ____ 25 ns t aps arbitration priority set-up time (2) 5 ____ 5 ____ 5 ____ ns t bdd busy disab le to valid data (3) ____ 17 ____ 35 ____ 35 ns t wh write hold after busy (5) 12 ____ 15 ____ 20 ____ ns busy timing (m/ s =v il ) t wb busy input to write (4) 0 ____ 0 ____ 0 ____ ns t wh write hold after busy (5) 12 ____ 15 ____ 20 ____ ns port-to-port delay timing t wdd write pulse to data delay (1) ____ 30 ____ 45 ____ 55 ns t ddd write data valid to read data delay (1) ____ 25 ____ 30 ____ 50 ns 3603 tbl 14a 70v27x35 com'l & ind 70v27x55 com'l only unit symbol parameter min. max. min. max. busy timing (m/ s =v ih ) t baa busy access time from address match ____ 35 ____ 45 ns t bda busy disable time from address not matched ____ 35 ____ 45 ns t bac busy access time from chip enable low ____ 35 ____ 45 ns t bdc busy disable time from chip enable high ____ 35 ____ 45 ns t aps arbitration priority set-up time (2) 5 ____ 5 ____ ns t bdd busy disable to valid data (3) ____ 40 ____ 50 ns t wh write hold after busy (5) 25 ____ 25 ____ ns busy timing (m/ s =v il ) t wb busy input to write (4) 0 ____ 0 ____ ns t wh write hold after busy (5) 25 ____ 25 ____ ns port-to-port delay timing t wdd write pulse to data delay (1) ____ 65 ____ 85 ns t ddd write data valid to read data delay (1) ____ 60 ____ 80 ns 3603 tbl 14b
commercial and industrial temperature range idt 70v27s/l high-speed 3.3v 32k x 16 dual-port static ram 14 timing waveform of write with port-to-port read and busy (2,5) (m/ s = v ih ) (4) notes: 1. t wh must be met for both busy input (slave) and output (master). 2. busy is asserted on port "b" blocking r/ w "b" , until busy "b" goes high. 3. t wb is only for the "slave" version. timing waveform write with busy (m/ s = v il ) 3603 drw 11 t dw t aps addr "a" t wc data out "b" match t wp r/ w "a" data in "a" addr "b" t dh valid (1) match busy "b" t bda valid t bdd t ddd (3) t wdd t baa notes: 1. to ensure that the earlier of the two ports wins. t aps is ignored for m/ s = v il (slave). 2. ce l = ce r = v il (refer to chip enable truth table). 3. oe = v il for the reading port. 4. if m/ s = v il (slave), then busy is an input. then for this example busy " a "= v ih and busy " b "= input is shown above. 5. all timing is the same for left and right ports. port "a" may be either the left or right port. port "b" is the port opposite from port "a". 3603 drw 12 r/w "a" busy "b" t wp t wb r/ w "b" t wh (2) (3) (1) , ,
commercial and industrial temperature range idt 70v27s/l high-speed 3.3v 32k x 16 dual-port static ram 15 waveform of busy arbitration cycle controlled by address match timing (m/ s = v ih ) (1) notes: 1. all timing is the same for left and right ports. port ?a? may be either the left or right port. port ?b? is the port opposite from port ?a?. 2. if t aps is not satisfied, the busy signal will be asserted on one side or another but there is no guarantee on which side busy will be asserted. 3. refer to chip enable truth table. waveform of busy arbitration controlled by ce timing (m/ s = v ih ) (1,3) notes: 1. 'x' in part numbers indicates power rating (s or l). ac electrical characteristics over the operating temperature and supply voltage range (1) 3603 drw 13 addr "a" and "b" addresses match ce "b" busy "b" t aps t bac t bdc (2) ce "a" 3603 drw 14 addr "a" address "n" addr "b" busy "b" t aps t baa t bda (2) matching address "n" symbol parameter 70v27x15 com'l only 70v27x20 com'l & ind 70v27x25 com'l only unit min. max. min. max. min. max. interrupt timing t as address set-up time 0 ____ 0 ____ 0 ____ ns t wr write recovery time 0 ____ 0 ____ 0 ____ ns t ins inte rrup t se t time ____ 15 ____ 20 ____ 25 ns t inr inte rrup t re s et time ____ 25 ____ 20 ____ 35 ns 3603 tbl 15a symbol parameter 70v27x35 com'l & ind 70v27x55 com'l only unit min. max. min. max. interrupt timing t as address set-up time 0 ____ 0 ____ ns t wr write recovery time 0 ____ 0 ____ ns t ins interrupt set time ____ 30 ____ 40 ns t inr interrupt reset time ____ 35 ____ 45 ns 3603 tbl 15b
commercial and industrial temperature range idt 70v27s/l high-speed 3.3v 32k x 16 dual-port static ram 16 waveform of interrupt timing (1,5) truth table iv ? interrupt flag (1,4) notes: 1. assumes busy l = busy r =v ih . 2. if busy l = v il , then no change. 3. if busy r = v il , then no change. 4. refer to chip enable truth table. notes: 1. all timing is the same for left and right ports. port ?a? may be either the left or right port. port ?b? is the port opposite from port ?a?. 2. see interrupt truth table. 3. timing depends on which enable signal ( ce or r/ w ) is asserted last. 4. timing depends on which enable signal ( ce or r/ w ) is de-asserted first. 5. refer to chip enable truth table. 3603 drw 15 addr "a" interrupt set address ce "a" r/ w "a" t as t wc t wr (3) (4) t ins (3) int "b" (2) 3603 drw 16 addr "b" interrupt clear address ce "b" oe "b" t as t rc (3) t inr (3) int "b" (2) left port right port function r/ w l ce l oe l a 14l -a 0l int l r/ w r ce r oe r a 14r -a 0r int r llx7fffxxxx x l (2) se t rig ht int r flag xxx x xxll7fff h (3) re se t rig ht int r flag xxx x l (3) l lx7ffexset left int l flag xll7ffe h (2) x x x x x reset left int l flag 3603 tbl 16
commercial and industrial temperature range idt 70v27s/l high-speed 3.3v 32k x 16 dual-port static ram 17 truth table v ? address busy arbritration (4) notes: 1. pins busy l and busy r are both outputs when the part is configured as a master. both are inputs when configured as a slave. busy outputs on the idt70v27 are push-pull, not open drain outputs. on slaves the busy input internally inhibits writes. 2. "l" if the inputs to the opposite port were stable prior to the address and enable inputs of this port. "h" if the inputs to the opposite port became stable after the address and enable inputs of this port. if t aps is not met, either busy l or busy r = low will result. busy l and busy r outputs can not be low simultaneously. 3. writes to the left port are internally ignored when busy l outputs are driving low regardless of actual logic level on the pin. writes to the right port are internally ignored when busy r outputs are driving low regardless of actual logic level on the pin. 4. refer to chip enable truth table. truth table vi ? example of semaphore procurement sequence (1,2) notes: 1. this table denotes a sequence of events for only one of the eight semaphores on the idt70v27. 2. there are eight semaphore flags written to via i/o 0 and read from all the i/o's (i/o 0 -i/o 15 ). these eight semaphores are addressed by a 0 - a 2 . functional description the idt70v27 provides two ports with separate control, address and i/o pins that permit independent access for reads or writes to any location in memory. the idt70v27 has an automatic power down feature controlled by ce 0 and ce 1 . the ce 0 and ce 1 control the on-chip power down circuitry that permits the respective port to go into a standby mode when not selected ( ce high). when a port is enabled, access to the entire memory array is permitted. interrupts if the user chooses the interrupt function, a memory location (mail box or message center) is assigned to each port. the left port interrupt flag ( int l ) is asserted when the right port writes to memory location 7ffe (hex), where a write is defined as ce r = r/ w r = v il per the truth table iv. the left port clears the interrupt through access of address location 7ffe when ce l = oe l = v il , r/ w is a "don't care". likewise, the right port interrupt flag ( int r ) is asserted when the left port writes to memory location 7fff (hex) and to clear the interrupt flag ( int r ), the right port must read the memory location 7fff. the message (16 bits) at 7ffe or 7fff is user-defined since it is an addressable sram location. if the interrupt function is not used, address locations 7ffe and 7fff are not used as mail boxes, but as part of the random access memory. refer to truth table iv for the interrupt operation. busy logic busy logic provides a hardware indication that both ports of the ram have accessed the same location at the same time. it also allows one of the two accesses to proceed and signals the other side that the ram is ?busy?. the busy pin can then be used to stall the access until the operation on inputs outputs function ce l ce r a 0l -a 14l a 0r -a 14r busy l (1 ) busy r (1) x x no match h h normal h x match h h normal x h match h h normal l l match (2) (2) write inhibit (3) 3603 tbl 17 functions d0 - d15 left d 0 - d 15 right status no action 1 1 semaphore free left port writes "0" to semaphore 0 1 left port has semaphore token right port writes "0" to semaphore 0 1 no change. right side has no write access to semaphore left port writes "1" to semaphore 1 0 right port obtains semaphore token left port writes "0" to semaphore 1 0 no change. left port has no write access to semaphore right port writes "1" to semaphore 0 1 left port obtains semaphore token left port writes "1" to semaphore 1 1 semaphore free right port writes "0" to semaphore 1 0 right port has semaphore token right port writes "1" to semaphore 1 1 semaphore free left port writes "0" to semaphore 0 1 left port has semaphore token left port writes "1" to semaphore 1 1 semaphore free 3603 tbl 18
commercial and industrial temperature range idt 70v27s/l high-speed 3.3v 32k x 16 dual-port static ram 18 the other side is completed. if a write operation has been attempted from the side that receives a busy indication, the write signal is gated internally to prevent the write from proceeding. the use of busy logic is not required or desirable for all applications. in some cases it may be useful to logically or the busy outputs together and use any busy indication as an interrupt source to flag the event of an illegal or illogical operation. if the write inhibit function of busy logic is not desirable, the busy logic can be disabled by placing the part in slave mode with the m/ s pin. once in slave mode the busy pin operates solely as a write inhibit input pin. normal operation can be programmed by tying the busy pins high. if desired, unintended write operations can be prevented to a port by tying the busy pin for that port low. the busy outputs on the idt 70v27 ram in master mode, are push- pull type outputs and do not require pull up resistors to operate. if these rams are being expanded in depth, then the busy indication for the resulting array requires the use of an external and gate. figure 3. busy and chip enable routing for both width and depth expansion with idt70v27 rams. width expansion with busy logic master/slave arrays when expanding an idt70v27 ram array in width while using busy logic, one master part is used to decide which side of the ram array will receive a busy indication, and to output that indication. any number of slaves to be addressed in the same address range as the master, use the busy signal as a write inhibit signal. thus on the idt70v27 ram the busy pin is an output if the part is used as a master (m/ s pin = v ih ), and the busy pin is an input if the part is used as a slave (m/ s pin = v il ) as shown in figure 3. if two or more master parts were used when expanding in width, a split decision could result with one master indicating busy on one side of the array and another master indicating busy on one other side of the array. this would inhibit the write operations from one port for part of a word and inhibit the write operations from the other port for the other part of the word. the busy arbitration, on a master, is based on the chip enable and address signals only. it ignores whether an access is a read or write. in a master/slave array, both address and chip enable must be valid long enough for a busy flag to be output from the master before the actual write pulse can be initiated with either the r/ w signal or the byte enables. failure to observe this timing can result in a glitched internal write inhibit signal and corrupted data in the slave. semaphores the idt70v27 is a fast dual-port 32k x 16 cmos static ram with an additional 8 address locations dedicated to binary semaphore flags. these flags allow either processor on the left or right side of the dual-port ram to claim a privilege over the other processor for functions defined by the system designer?s software. as an example, the semaphore can be used by one processor to inhibit the other from accessing a portion of the dual-port ram or any other shared resource. the dual-port ram features a fast access time, and both ports are completely independent of each other. this means that the activity on the left port in no way slows the access time of the right port. both ports are identical in function to standard cmos static ram and can be read from, or written to, at the same time with the only possible conflict arising from the simultaneous writing of, or a simultaneous read/write of, a non- semaphore location. semaphores are protected against such ambiguous situations and may be used by the system program to avoid any conflicts in the non-semaphore portion of the dual-port ram. these devices have an automatic power-down feature controlled by ce the dual-port ram enable, and sem , the semaphore enable. the ce and sem pins control on-chip power down circuitry that permits the respective port to go into standby mode when not selected. this is the condition which is shown in truth table ii where ce and sem are both high. systems which can best use the idt70v27 contain multiple processors or controllers and are typically very high-speed systems which are software controlled or software intensive. these systems can benefit from a performance increase offered by the idt70v27's hardware sema- phores, which provide a lockout mechanism without requiring complex programming. software handshaking between processors offers the maximum in system flexibility by permitting shared resources to be allocated in varying configurations. the idt70v27 does not use its semaphore flags to control any resources through hardware, thus allowing the system designer total flexibility in system architecture. an advantage of using semaphores rather than the more common methods of hardware arbitration is that wait states are never incurred in either processor. this can prove to be a major advantage in very high- speed systems. how the semaphore flags work the semaphore logic is a set of eight latches which are independent of the dual-port ram. these latches can be used to pass a flag, or token, from one port to the other to indicate that a shared resource is in use. the semaphores provide a hardware assist for a use assignment method called ?token passing allocation.? in this method, the state of a semaphore latch is used as a token indicating that shared resource is in use. if the left processor wants to use this resource, it requests the token by setting the latch. this processor then verifies its success in setting the latch by reading it. if it was successful, it proceeds to assume control over the shared resource. if it was not successful in setting the latch, it determines that the right side processor has set the latch first, has the token and is using the shared resource. the left processor can then either repeatedly request that semaphore?s status or remove its request for that semaphore to perform another task and occasionally attempt again to gain control of the token via the set and test sequence. once the right side has relinquished the token, the left side should succeed in gaining control. 3603 drw 17 master dual port ram busy r ce 0 master dual port ram busy r slave dual port ram busy r slave dual port ram busy r ce 1 ce 1 ce 0 a 15 busy l busy l busy l busy l busy l busy r ,
commercial and industrial temperature range idt 70v27s/l high-speed 3.3v 32k x 16 dual-port static ram 19 d 3603 drw 1 8 0 d q write d 0 d q write semaphore request flip flop semaphore request flip flop lport rport semaphore read semaphore read the semaphore flags are active low. a token is requested by writing a zero into a semaphore latch and is released when the same side writes a one to that latch. the eight semaphore flags reside within the idt70v27 in a separate memory space from the dual-port ram. this address space is accessed by placing a low input on the sem pin (which acts as a chip select for the semaphore flags) and using the other control pins (address, oe , and r/ w ) as they would be used in accessing a standard static ram. each of the flags has a unique address which can be accessed by either side through address pins a 0 ? a 2 . when accessing the semaphores, none of the other address pins has any effect. when writing to a semaphore, only data pin d 0 is used. if a low level is written into an unused semaphore location, that flag will be set to a zero on that side and a one on the other side (see table vi). that semaphore can now only be modified by the side showing the zero. when a one is written into the same location from the same side, the flag will be set to a one for both sides (unless a semaphore request from the other side is pending) and then can be written to by both sides. the fact that the side which is able to write a zero into a semaphore subsequently locks out writes from the other side is what makes semaphore flags useful in interprocessor communications. (a thorough discussion on the use of this feature follows shortly.) a zero written into the same location from the other side will be stored in the semaphore request latch for that side until the semaphore is freed by the first side. when a semaphore flag is read, its value is spread into all data bits so that a flag that is a one reads as a one in all data bits and a flag containing a zero reads as all zeros. the read value is latched into one side?s output register when that side's semaphore select ( sem ) and output enable ( oe ) signals go active. this serves to disallow the semaphore from changing state in the middle of a read cycle due to a write cycle from the other side. because of this latch, a repeated read of a semaphore in a test loop must cause either signal ( sem or oe ) to go inactive or the output will never change. a sequence write/read must be used by the semaphore in order to guarantee that no system level contention will occur. a processor requests access to shared resources by attempting to write a zero into a semaphore location. if the semaphore is already in use, the semaphore request latch will contain a zero, yet the semaphore flag will appear as a one, a fact which the processor will verify by the subsequent read (see table vi). as an example, assume a processor writes a zero to the left port at a free semaphore location. on a subsequent read, the processor will verify that it has written successfully to that location and will assume control over the resource in question. meanwhile, if a processor on the right side attempts to write a zero to the same semaphore flag it will fail, as will be verified by the fact that a one will be read from that semaphore on the right side during the subsequent read. had a sequence of read/write been used instead, system contention problems could have occurred during the gap between the read and write cycles. it is important to note that a failed semaphore request must be followed by either repeated reads or by writing a one into the same location. the figure 4. idt70v27 semaphore logic reason for this is easily understood by looking at the simple logic diagram of the semaphore flag in figure 4. two semaphore request latches feed into a semaphore flag. whichever latch is first to present a zero to the semaphore flag will force its side of the semaphore flag low and the other side high. this condition will continue until a one is written to the same semaphore request latch. should the other side?s semaphore request latch have been written to a zero in the meantime, the semaphore flag will flip over to the other side as soon as a one is written into the first side?s request latch. the second side?s flag will now stay low until its semaphore request latch is written to a one. from this it is easy to understand that, if a semaphore is requested and the processor which requested it no longer needs the resource, the entire system can hang up until a one is written into that semaphore request latch. the critical case of semaphore timing is when both sides request a single token by attempting to write a zero into it at the same time. the semaphore logic is specially designed to resolve this problem. if simulta- neous requests are made, the logic guarantees that only one side receives the token. if one side is earlier than the other in making the request, the first side to make the request will receive the token. if both requests arrive at the same time, the assignment will be arbitrarily made to one port or the other. one caution that should be noted when using semaphores is that semaphores alone do not guarantee that access to a resource is secure. as with any powerful programming technique, if semaphores are misused or misinterpreted, a software error can easily happen. initialization of the semaphores is not automatic and must be handled via the initialization program at power-up. since any semaphore request flag which contains a zero must be reset to a one, all semaphores on both sides should have a one written into them at initialization from both sides to assure that they will be free when needed.
commercial and industrial temperature range idt 70v27s/l high-speed 3.3v 32k x 16 dual-port static ram 20 ordering information notes: 1. industrial temperature range is available on selected tqfp packages in low power. for other speeds, packages and powers contact your sales office. 2. green parts available. for specific speeds, packages and powers contact your local sales office. datasheet document history 12/03/98: initiated document history converted to new format typographical and cosmetic changes added fpbga information added 15ns and 20ns speed grades updated dc electrical characteristics added additional notes to pin configurations 04/02/99: page 5 fixed typo in table iii 08/01/99: page 3 changed package body height from 1.1mm to 1.4mm 08/30/99: page 1 changed 660mw to 660 w 04/25/00: replaced idt logo page 2 made pin correction changed 200mv to 0mv in notes datasheet document history continued on page 21 a power 999 speed a package a process/ temperature range blank i (1) commercial (0c to +70c) industrial (-40c to +85c) 15 20 25 35 55 s l standard power low power xxxxx device type 512k (32k x 16) 3.3v dual-port ram 70v27 3603drw19 speed in nanoseconds commercial only commercial & industrial commercial only commercial & industrial commercial only 144-pin fpbga (bf144-1) 100-pin tqfp (pn100-1) bf pf a g (2) green a blank 8 tube or tray tape and reel
commercial and industrial temperature range idt 70v27s/l high-speed 3.3v 32k x 16 dual-port static ram 21 corporate headquarters for sales: for tech support: 6024 silver creek valley road 800-345-7015 or 408-284-8200 408-284-2794 san jose, ca 95138 fax: 408-284-2775 dual porthelp@idt.com www.idt.com the idt logo is a registered trademark of integrated device technology, inc. datasheet document history(cont'd) 01/12/01: page 1 fixed page numbering; copyright page 6 increased storage temperature parameter clarified t a parameter page 7 & 8 dc electrical parameters?changed wording from "open" to "disabled" removed preliminary status 08/02/04: page 1, 4 & 20 removed gu-108 package offering page 2 & 3 added date revision for pin configurations page 2 - 7 changed naming convention from v cc to v dd and from gnd to v ss page 5 upda ted capacitance table page 6 added i- temp for low power for 20ns speed to dc electrical characteristics page 6 - 7 removed i-temp for 25ns & 55ns speeds and removed i-temp for 35ns standard power from dc electrical characteristics page 7 changed input rise/fall times from 5ns to 3ns page 8, 10, 13 removed i-temp for 25ns & 55ns speeds from ac electrical characteristics for read, & 15 write, busy and interrupt page 6 - 8, 10, removed i-temp note from all table footnotes 13 & 15 01/20/06: page 1 added green availability to features page 20 added green indicator to ordering information 09/21/06: page 20 added die stepping indcator to ordering information 10/23/08: page 20 removed "idt" from orderable part number 09/27/12: page 20 added t&r indicator to and removed w stepping from ordering information page 2,17 & 19 corrected miscellaneous typo's


▲Up To Search▲   

 
Price & Availability of 70V27L20BFG8

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X