Part Number Hot Search : 
AS22BV 300R1 AS1320 200AB P1727 74100310 EPA3578 AS22AB
Product Description
Full Text Search
 

To Download 2SD965 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  production specification low voltage high current transistor 2SD965 e032 www.gmicroelec.com rev.b 1 features z collector current up to 5a z collector-emitter voltage up to 20v applications z audio amplifier z flash unit of camera z switching circuit sot-89 ordering information type no. marking package code 2SD965 d965 sot-89 maximum rating @ ta=25 unless otherwise specified symbol parameter value unit v cbo collector-base voltage 40 v v ceo collector-emitter voltage 20 v v ebo emitter-base voltage 7 v i c collector current 5 a p c collector power dissipation 750 mw t j junction temperature 150 t stg storage temperature -65 to +150 pb lead-free
production specification low voltage high current transistor 2SD965 e032 www.gmicroelec.com rev.b 2 electrical characteristics @ ta=25 unless otherwise specified parameter symbol test conditions min typ max unit collector-base breakdown voltage v (br)cbo i c =100 a, i e =0 40 v collector-emitter breakdown voltage v (br)ceo i c =1ma ,i b =0 20 v emitter-base breakdown voltage v (br)ebo i e =10 a, i c =0 7 v collector cut-off current i cbo v cb =10v, i e =0 0.1 ua emitter cut-off current i ebo v eb =7v,i c =0 0.1 ua collector-emitter saturation voltage v ce(sat) i c/ i b =3a/0.1a 1 v v ce =2v, i c =1ma 200 v ce =2v, i c =0.5a 230 1000 dc current gain(note) h fe v ce =2v, i c =0.1a 150 current gain bandwidth product f t v ce =6v,i c =50ma 150 mhz output capacitance c ob v cb =20v, f=1mhz ,i e =0a 50 pf classification of h fe2 rank q r s t range 230-380 340-600 560-800 600-1000
production specification low voltage high current transistor 2SD965 e032 www.gmicroelec.com rev.b 3 typical characteristics @ ta=25 unless otherwise specified
production specification low voltage high current transistor 2SD965 e032 www.gmicroelec.com rev.b 4 package outline plastic surface mounted package sot-89 soldering footprint unit:mm package information sot-89 dim min max a 4.30 4.70 b 2.25 2.65 c 1.50 typical d 0.40 typical e 1.40 1.60 f 0.48 typical h 1.60 1.80 j 0.40 typical l 0.90 1.10 k 3.95 4.35 all dimensions in mm device package shipping 2SD965 sot-89 1000/tape&reel b k c d e j f a h l 4 5 4 5 1.00 1.50 1.50 0.90 2.20 0.90 1.00 1.50


▲Up To Search▲   

 
Price & Availability of 2SD965

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X