Part Number Hot Search : 
M62003P ZMM5241 TM32F VCSP50L 2SJ46407 FR2KL FRS14 2SC460
Product Description
Full Text Search
 

To Download 2SB1290 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2SB1290 rev.f mar.-2016 data sheet http://www.fsbrec.com 1 / 6 to-220f ?? pnp ?? silicon pnp transistor in a to-220f plastic package.  ??,??,??, 2sd1833  low v ce(sat) ,excellent dc current gain characterist ics, wide soa, complements the 2sd1833. ???? general power amplifier applications. pin1 base pin 2 collector pin 3 emitter ?? / h fe classifications & marking ?? see marking instructions. / descriptions / features ? / applications ? / equivalent circuit / pinning 3 2 1
2SB1290 rev.f mar.-2016 data sheet http://www.fsbrec.com 2 / 6 parameter symbol ? rating unit collector to base voltage v cbo -80 v collector to emitter voltage v ceo -80 v emitter to base voltage v ebo -5.0 v collector current - continuous i c -7.0 a collector current ? continuous(pulse) i cp -10 a collector power dissipation p c 2.0 w collector power dissipation p c (tc=25 ) 30 w junction temperature t j 150 storage temperature range t stg -55 150 parameter symbol test conditions ? min ? typ ? max unit collector to base breakdown v oltage v cbo i c =-50 a i e =0 -80 v collector to base breakdown v oltage v ceo i c =-1.0ma i b =0 -80 v emitter to base breakdown voltage v ebo i e =-50 a i c =0 -5.0 v collector cut-off current i cbo v cb =-80v i e =0 -10 a emitter cut-off current i ebo v eb =-4.0v i c =0 -10 a dc current gain h fe v ce =-5.0v i c =-1.0a 60 320 collector to emitter saturation v oltage v ce(sat) i c =-4.0a i b =-0.4a -1.0 v base to emitter saturation voltage v be(sat) i c =-4.0a i b =-0.4a -1.5 v transition frequency f t v ce =-5.0v i e =0.5a f=5.0mhz 12 mhz collector output capacitance c ob v cb =-10v i e =0a f=1.0mhz 200 pf ? / absolute maximum ratings(ta=25 ) ? / electrical characteristics(ta=25 )
2SB1290 rev.f mar.-2016 data sheet http://www.fsbrec.com 3 / 6 ? / electrical characteristic curve
2SB1290 rev.f mar.-2016 data sheet http://www.fsbrec.com 4 / 6 ?? / package dimensions
2SB1290 rev.f mar.-2016 data sheet http://www.fsbrec.com 5 / 6 ?? / marking instructions ? br   ?? b1290  ??? ****  ???? note: br:   company code. b1290: product type. ****:  lot no. code, code change with lot no. br **** b1290
2SB1290 rev.f mar.-2016 data sheet http://www.fsbrec.com 6 / 6 ??? ( ? ) / temperature profile for dip soldering(pb-free) ? note: 1 ?? 25 150 ? 60 90sec; 1.preheating:25~150 , time:60~90sec. 2 ?? 255 5 ?? 5 0.5sec; 2.peak temp.:255 5 , duration:5 0.5sec. 3 ???? 2 10 /sec. 3. cooling speed: 2~10 /sec. ? / resistance to soldering heat test conditions ?? 270 5 ?? 10 1 sec. temp.:2705 time:101 sec ? / packaging spec. ?? / bulk package type ?? units ? dimension ?? (unit mm 3 ) units/bag ? / bags/inner box / units/inner box ? / inner boxes/outer box / units/outer box ? / bag inner box outer box to-220/f 200 10 2,000 5 10,000 135190 237172102 560245195 ??? / tube package type ?? units ? dimension ?? (unit mm 3 ) units/tube ? / ? tubes/inner box ? / units/inner box ? / inner boxes/outer box / units/outer box ? / tube ? inner box outer box to-220/f 50 20 1,000 5 5,000 53231.45.5 55516450 575290180 ?? / notices


▲Up To Search▲   

 
Price & Availability of 2SB1290

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X