Part Number Hot Search : 
TW8824 CY62137F 21M10 MC333 H11A33SD C8107 012N492
Product Description
Full Text Search
 

To Download 2N4401SC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2015. 5. 12 1/3 semiconductor technical data 2N4401SC epitaxial planar npn transistor revision no : 0 general purpose application.switching application. features h complementary to the 2n4403sc maximum rating (ta=25 ? ) dim millimeters sot-23(1) a bc d e 2.90 0.1 1.30+0.20/-0.150.40+0.15/-0.05 2.40+0.30/-0.20 g 1.90 j k l m n 0.10 0.00 ~ 0.10 0.55 0.20 min 1.00+0.20/-0.10 m j k e 1 2 3 g a n c b d 1.30 max ll + _ 1. emitter2. base 3. collector note : * package mounted on 99.5% alumina 10 ? 8 ? 0.6 x ) marking lot no. zuc type name characteristic symbol rating unit collector-base voltage v cbo 75 v collector-emitter voltage v ceo 40 v emitter-base voltage v ebo 6 v collector current i c 600 ma collector power dissipation p c * 350 mw junction temperature t j 150 ? storage temperature range t stg -55 q 150 ? downloaded from: http:///
2015. 5. 12 2/3 2N4401SC revision no : 0 electrical characteristics (ta=25 ? ) * pulse test : pulse width " 300  s, duty cycle " 2%. characteristic symbol test condition min. typ. max. unit collector cut-off current i cex v ce =60v, v eb =-3v - - 10 na collector cut-off current i cbo v cb =60v, i e =0 - - 10 na emitter cut-off current i ebo v eb =3v, i c =0 - - 10 na collector-base breakdown voltage v (br)cbo i c =100  a, i e =0 75 - - v collector-emitter breakdown voltage v (br)ceo i c =1ma, i b =0 40 - - v emitter-base breakdown voltage v (br)ebo i e =100  a, i c =0 6.0 - - v dc current gain * h fe v ce =10v, i c =150ma 150 - 250 collector-emitter saturation voltage * v ce(sat) i c =500ma, i b =50ma - - 1.0 v base-emitter saturation voltage * v be(sat) i c =500ma, i b =50ma - - 2.0 v transition frequency f t v ce =20v, i c =20ma, f=100mhz 250 - - mhz downloaded from: http:///
2015. 5. 12 3/3 2N4401SC revision no : 0 downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of 2N4401SC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X