Part Number Hot Search : 
LTC2636I CM6800X MAX166 C908G 24C16 1G58GW C00TE DS214
Product Description
Full Text Search
 

To Download 100PSI-G-CGRADE-MINI Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  a 16035 vineyard blvd. morgan hill, ca 95037 p 408 225 4314 f 408 225 2079 e www.allsensors.com all sensors all sensors ds-0106 rev b marking: right dot: silver c-grade left dot: l04: white l10: yellow 0.3: pink 1.0: green 05: blue 15: purple 30: orange 100: brown the miniature series pressure sensors are based upon a proprietary technology to reduce the size of the sensor and yet maintain a high level of performance. this model provides a calibrated millivolt output with superior output offset characteristics. output offset errors due to change in temperature, stability to warm-up, stability to long time period, and position sensitivity are all signifcantly reduced when compared to conventional compensation meth - ods. in addition the sensor utilizes a silicon, micromachined, stress concentration enhanced structure to provide a very linear output to measured pressure. these calibrated and temperature compensated sensors give an accurate and stable output over a wide temperature range. this series is intended for use with non-corrosive, non-ionic working fuids such as air, dry gases and the like. the c-grade is a lowest cost version of the millivolt output pressure sensors. the output of the device is ratiometric to the supply voltage and operation from any d.c. supply voltage. c-grade pressure sensors ? 0 to 4 h2o to 0 to 100 psi pressure ranges ? 1 % linearity version ? temperature compensated ? calibrated zero and span physical dimensions ? medical instrumentation ? environmental controls ? hvac general description applications features miniature pressure sensors no pressure port single pressure port dual pressure port all dimensions in inches equivalent circuit input resittance output resistance 5.0 k ohm 3.0 k ohm mkt date mfg date eng date qa date approvals as is with change as is with change as is with change as is with change
miniature c-grade pressure sensors minimum -- 23 -- -- -- -- parameter, note 1 operating range, differential pressure output span, note 5 offset voltage @ zero differential pressure offset temperature shift (0c-50c), note 2 linearity, hysteresis error, note 4 span shift (0c-50c), note 2 nominal 4.0 25 -- -- 0.5 -- maximum -- 27 1.5 1.5 1.0 2 units h2o mv mv mv %fs %fs minimum -- 18 -- -- -- -- parameter, note 1 operating range, differential pressure output span, note 5 offset voltage @ zero differential pressure offset temperature shift (0c-70c), note 2 linearity, hysteresis error, note 4 span shift (0c-70c), note 2 nominal 10.0 20 -- -- 0.5 -- maximum -- 22 1.5 1.5 1.0 2 units h2o mv mv mv %fs %fs operating pressure 0 - 4 h2o 0 - o.3 psi 0 - 10 h2o 0 - 1 psi 0 - 5 psi 0 - 15 psia 0-15 psi 0-30 psia 0-30 psi 0-100 psi standard pressure ranges supply supply voltage vs common-mode pressure lead temperature (soldering 2-4 sec.) 16 vdc 50 psig 250c pressure sensor characteristics maximum ratings temperature ranges compensated operating storage humidity limits 0 to 70 c -25 to 85 c -40 to 125 c 0 to 95% rh (non condensing) environmental specifcations performance characteristics for 4 inch-g-cgrade-mini no prssure port part number 4 inch-g-cgrade-mini 0.3 psi-g-cgrade-mini 10 inch-g-cgrade-mini 1 psi-g-cgrade-mini 5 psi-g-cgrade-mini 15 psi-a-cgrade-mini 15 psi-g-cgrade-mini 30 psi-a-cgrade-mini 30 psi-g-cgrade-mini 100 psi-g-cgrade-mini single pressure port part number 4 inch-gf-cgrade-mini 0.3 psi-gf-cgrade-mini 10 inch-gf-cgrade-mini 1 psi-gf-cgrade-mini 5 psi-gf-cgrade-mini 15 psi-af-cgrade-mini 15 psi-gf-cgrade-mini 30 psi-af-cgrade-mini 30 psi-gf-cgrade-mini 100 psi-gf-cgrade-mini dual pressure port part number 4 inch-d-cgrade-mini 0.3 psi-d-cgrade-mini 10 inch-d-cgrade-mini 1 psi-d-cgrade-mini 5 psi-d-cgrade-mini 15 psi-d-cgrade-mini 30 psi-d-cgrade-mini proof pressure 3 psi 3 psi 5 psi 10 psi 20 psi 60 psi 60 psi 60 psi 60 psi 150 psi performance characteristics for 10 inch-g-cgrade-mini
a 16035 vineyard blvd. morgan hill, ca 95037 p 408 225 4314 f 408 225 2079 e www.allsensors.com all sensors all sensors ds-0106 rev b minimum -- 16 -- -- -- -- nominal 1.0 18 -- -- 0.5 -- maximum -- 20 1 1 1.0 2 units psi mv mv mv %fs %fs parameter, note 1 operating range, differential pressure output span, note 5 offset voltage @ zero differential pressure offset temperature shift (0c-70c), note 2 linearity, hysteresis error, note 4 span shift (0c-70c), note 2 minimum -- 57 -- -- -- -- nominal 5.0 60 -- -- 0.5 -- maximum -- 63 1 1 1.0 2 units psi mv mv mv %fs %fs parameter, note 1 operating range, differential pressure output span, note 5 offset voltage @ zero differential pressure offset temperature shift (0c-70c), note 2 linearity, hysteresis error, note 4 span shift (0c-70c), note 2 minimum -- 18 -- -- -- -- nominal 0.3 20.0 -- -- 0.5 -- maximum -- 22 1 1 1 2 units psi mv mv mv %fs %fs parameter, note 1 operating range, differential pressure output span, note 5 offset voltage @ zero differential pressure offset temperature shift (0c-70c), note 2 linearity, hysteresis error, note 4 span shift (0c-70c), note 2 minimum -- 85 -- -- -- -- nominal 15.0 90.0 -- -- 0.5 -- maximum -- 95 1 1 1.0 2 units psi mv mv mv %fs %fs parameter, note 1 operating range, gage pressure output span, note 5 offset voltage @ zero gage pressure offset temperature shift (0c-70c), note 2 linearity, hysteresis error, note 4 span shift (0c-70c), note 2 performance characteristics for 1 psi-g-cgrade-mini performance characteristics for 5 psi-g-cgrade-mini performance characteristics for 0.3 psi-g-cgrade-mini performance characteristics for 15 psi-g-cgrade-mini
miniature c-grade pressure sensors specifcation notes n o t e 1: a l l p a r a m e t e r s a r e m e a s u r e d a t 12.0 v o l t e x c i t a t i o n , f o r t h e n o m i n a l f u l l s c a l e p r e s s u r e a n d r o o m t e m p e r a t u r e u n l e s s o t h e r w i s e s p e c i f i e d . p r e s s u r e m e a s u r e m e n t s a r e w i t h p o s i t i v e p r e s s u r e a p p l i e d t o p o r t b. n o t e 2: s h i f t i s r e l a t i v e t o 25c. n o t e 3: s h i f t i s w i t h i n t h e f i r s t h o u r o f e x c i t a t i o n a p p l i e d t o t h e d e v i c e . n o t e 4: m e a s u r e d a t o n e - h a l f f u l l s c a l e r a t e d p r e s s u r e u s i n g b e s t s t r a i g h t l i n e c u r v e f i t . n o t e 5: t h e v o l t a g e a d d e d t o t h e o f f s e t v o l t a g e a t f u l l s c a l e p r e s s u r e . minimum -- 5 -- -- -- -- nominal 15.0 0.0 -- -- 0.5 -- maximum -- 5 1 1 1.0 2 units psia mv mv mv %fs %fs parameter, note 1 operating range, absolute pressure output span, note 5 offset voltage ero absolute pressure offset temperature shift (0c-0c), note 2 linearity, hysteresis error, note 4 span shift (0c-0c), note 2 minimum -- 5 -- -- -- -- nominal 30.0 0.0 -- -- 0.5 -- maximum -- 5 1 1 1.0 2 units psi mv mv mv %fs %fs parameter, note 1 operating range, gage pressure output span, note 5 offset voltage ero pressure offset temperature shift (0c-0c), note 2 linearity, hysteresis error, note 4 span shift (0c-0c), note 2 minimum -- 5 -- -- -- -- nominal 100.0 100.0 -- -- 0.5 -- maximum -- 105 1 1 1.0 2 units psi mv mv mv %fs %fs parameter, note 1 operating range, gage pressure output span, note 5 offset voltage ero pressure offset temperature shift (0c-0c), note 2 linearity, hysteresis error, note 4 span shift (0c-0c), note 2 pressure response: for any pressure applied the response time to get to 90% of pressure applied is typically less than 100 useconds. minimum -- 5 -- -- -- -- nominal 30.0 0.0 -- -- 0.5 -- maximum -- 5 1 1 1.0 2 units psia mv mv mv %fs %fs parameter, note 1 operating range, absolute pressure output span, note 5 offset voltage ero absolute pressure offset temperature shift (0c-0c), note 2 linearity, hysteresis error, note 4 span shift (0c-0c), note 2 performance characteristics for 30 psi-a-cgrade-mini performance characteristics for 15 psi-a-cgrade-mini performance characteristics for 30 psi-g-cgrade-mini performance characteristics for 100 psi-g-cgrade-mini


▲Up To Search▲   

 
Price & Availability of 100PSI-G-CGRADE-MINI

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X