Part Number Hot Search : 
AK53210 IP117 5KP70A IRF8113 D2W101 L7405 SGM8552 TK15402M
Product Description
Full Text Search
 

To Download -R40-E-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  |||||||||||||| | abm3b 5 . 0 x 3 . 2 x 1 . 1 m m applications:  cellular telephone s , p agers .  comm unication and t est equipment.  high density application s .  pcmcia and wireless application s . features:  fundamental mod e .  suitab le f or reflo w .  tight stability a v ailab le .  cer amic pa c kage and metal lid assures high precision and reliabilit y .  seam sealing. frequency stability over the operating temperature (ref to + 25c) equivalent series resistance shunt capacitance c0 load capacitance cl drive level aging (first y ear) @ 25c 3c insulation resistance frequency range abracon p/n operation mode operating t emperature storage t emperature frequency t olerance @ 25c p arameters abm3b series - 10c to + 60c (see options) - 40c to + 85c 50 ppm max. (see options) 50 ppm max. (see options) see table 1 7 pf max. 18 pf (see options) 100 w max., 10 w typical 5ppm max. 500 m ? min at 100vdc 15 v pb rohs compliant c e r a m i c s m d c ryst a l abracon is iso 9001 / qs 9000 cer tified abracon is iso 9001:2008 cer tified standard specifications: 8.0mhz - 50.0mhz (fundamental 50.1mhz - 125mhz (3rd overtone) fundamental or 3rd overtone table 1- standard esr frequency (mhz ) esr( ) ) max 80.001 - 125.000 (3rd ot) 80 50.001 - 80.000 (3rd ot) 60 50 100 16.000 - 50.000 (fund.) 8.000 - 9.999 (fund.) esr( ) ) max 70 frequency (mhz) 10.000 -11.999 (fund.) 12.000 - 15.999 (fund.) 200 2 f a r a d a y , s u i t e # b | i r v i n e | c a 9 2 6 1 8 revised: 08.25.15 p h . 9 4 9 . 5 4 6 . 8 0 0 0 | f a x . 9 4 9 . 5 4 6 . 8 0 0 1 v i s i t w w w . a b r a c o n . c o m f o r t e r m s a n d c o n d i t i o n s o f s a l e llc
a b m 3 b ? m h z - - - - - - p ack a g i n g b l a n k : b u l k t : 1 k p c s p e r r e e l t 2 : 2 5 0 p c s p e r r e e l h e i g h t ( mm) b l a n k : 1.1m m m a x 1 : 0.8 m m m a x f r e q u e n c y i n m h z e . g . 8 . 0 0 0 m h z 1 4 . 318 1 8 m h z 2 6 . 000 m h z 125 . 000 m h z f r e q . t o l e r a n c e 1 : 1 0 p p m 7 : 1 5 p p m 2 : 2 0 p p m 3 : 2 5 p p m 4 : 3 0 p p m o p e r a t i n g t e m p . e : 0 c ~ +70 c b : - 2 0 c ~ + 7 0 c c : - 3 0 c ~ + 7 0 c n : - 3 0 c ~ + 8 5 c d : - 4 0 c ~ + 8 5 c j * * * * : - 40 c ~ +1 0 5 c k * * * * : - 40 c ~ +125 c l * : - 55 c ~ +125 c f r e q . s t a b ili t y u * * : 1 0 p p m g * * * : 1 5 p p m x : 2 0 p p m w : 2 5 p p m y : 3 0 p p m h : 3 5 p p m z : 1 0 0 p p m ( * ) o p t i o n z o n l y ( * * ) s t a n d a r d t e m p o r o p t i o n s e a n d b o n l y ( * * * ) s t a n d a r d t e m p o r o p t i o n s e , b , c a n d n o n l y . ( **** ) f r e q . s t a b i l i t y 5 0 p p m a n d 1 0 0 p p m o n l y . c o n t a c t a b r a c o n f o r t i g h t e r f r e q . s t a b ili t y . l o a d c a p a c i t a n c e p l e a s e s p e c i f y c l ( 6 t o 3 2 p f ) i n p f o r s f o r s e r i e s p l e a s e c o n t a c t a b r a c o n f o r v a l u e s und e r 6 p f s t d |||||||||||||| | abm3b 5 . 0 x 3 . 2 x 1 . 1 m m pb rohs compliant c e r a m i c s m d c ryst a l abracon is iso 9001 / qs 9000 cer tified abracon is iso 9001:2008 cer tified options and part identification: (left blank if standard) please see table 2 below for height and chamfer information. note: due to the availability of raw materials, this part may be manufactured with the chamfer on pin 4. be advised that this does not affect the electrical characteristics of the crystal in any way. table 2 abm3b 1.1mm max abm3b1 0.8mm max dimension : inches (mm) height (mm) #1 (default), #4 (see note) #1 (default), #4 (see note) chamfer pin # chamfer on pin 1 (default) chamfer on pin 4 (see note) outline dimensions: cus t o m e sr if o t her t ha n sta nd a rd r : sp ec if y a v al u e i n ? ( e. g . : r4 0 ) 2 f a r a d a y , s u i t e # b | i r v i n e | c a 9 2 6 1 8 revised: 08.25.15 p h . 9 4 9 . 5 4 6 . 8 0 0 0 | f a x . 9 4 9 . 5 4 6 . 8 0 0 1 v i s i t w w w . a b r a c o n . c o m f o r t e r m s a n d c o n d i t i o n s o f s a l e llc
|||||||||||||| | abm3b 5 . 0 x 3 . 2 x 1 . 1 m m pb rohs compliant c e r a m i c s m d c ryst a l abracon is iso 9001 / qs 9000 cer tified abracon is iso 9001:2008 cer tified tape & reel: t=1000pcstape and reel t2=250pcstape and reel dimension : mm a tte n t i o n : a b r a c o n c orp o r atio n ? s p rod uct s a r e c o t s ? comme r cial - o f f - t h e -sh e l f p r o d uct s ; s u ita b l e for comme r cial , indus t r ial a nd, w h e r e d e s i g n ate d , a u t o m otive app lica - t i o n s . abr a c o n ? s p r o d u c t s a r e not s peci f ically d e s igned for m ilita r y , a viati on, a e ros pace , l i f e - d e p e n d a n t m e d ical a p p licati ons o r a n y a p p licati o n r e q u i r i n g h i g h r elia b ility w h e r e c o mpo n e n t f ail u r e could r e s ult i n l o s s o f l i f e and/o r p r o p e r t y . for a p p licati ons r e q u i r i n g h i g h r elia b ilit y a n d / o r p r e s e n t i ng a n e x t r eme o p e r ati n g e n v i ron m e n t , wr itten con s e n t an d autho r ization f r o m a b r acon co r p o r ation i s r e q u i r e d. p lea s e c o n tact abr a c on c orpor ati on for m o r e i nfor mati o n . reflow profile: 2 f a r a d a y , s u i t e # b | i r v i n e | c a 9 2 6 1 8 revised: 08.25.15 p h . 9 4 9 . 5 4 6 . 8 0 0 0 | f a x . 9 4 9 . 5 4 6 . 8 0 0 1 v i s i t w w w . a b r a c o n . c o m f o r t e r m s a n d c o n d i t i o n s o f s a l e llc


▲Up To Search▲   

 
Price & Availability of -R40-E-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X