Part Number Hot Search : 
MAX4839 R2025 05001 46436 SMCJ200A R2025 UPB550A 1N4001
Product Description
Full Text Search
 

To Download YG225S2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  maximum ratings and electrical characteristics for capacitive load, derate current by 20%. single phase, half wave, 60hz, resistive or inductive load. rating at 25 o c ambient temperature unless otherwise specified. notes : -55 to +150 symbol v rrm v rms v dc if (av) i fsm v f i r trr c j t j , t stg 200 140 200 400 280 400 600 420 600 10.0 5.0 100 1.3 1.7 0.98 35 100 65 2.2 unit v v v v a a ua ua o c pf o c/w ns maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage maximum average forward rectified peak forward surge current, 8.3ms single maximum instantaneous forward voltage maximum dc reverse current @t j =25 o c typical junction capacitance (note 2) operating junction and storage current t c =100 o c half sine-wave superimposed on rated load (jedec method) @ 5.0 a at rated dc blocking voltage @t j =125 o c maximum reverse recovery time (note 1) typical thermal resistance (note 3) r jc temperature range (1) reverse recovery test conditions i f = 0.5a, i r = 1.0a, irr = 0.25a. (2) measured at 1.0 mhz and applied reverse voltage of 4.0 volts dc. (3) thermal resistance junction to case. ? YG225S2 thru yg225s6 ? 2006 thinki semiconductor co., ltd. http://www.thinkisemi.com/ page 1/2 pb free plating product YG225S2/yg225s4/yg225s6 pb YG225S2 features low forward voltage drop high current capability case: fully isolated molding to-220fp high surge current capability weight: 2.0 gram approximately polarity: as marked on diode body method 208 mounting position: any terminals: solderable per mil-std-202 mechanical data low reverse leakage current epoxy: ul 94v-0 rate flame retardant ito-220ab unit:mm application automotive inverters and solar inverters plating power supply,smps,motor control and ups car audio amplifiers and sound device systems rev.05 10 ampere insulated series connection fast recovery half bridge rectifiers yg225s4 latest gpp technology with super fast recovery time positive negative common cathode case case common anode doubler case tandem polarity case series connection tandem polarity suffix "n2" suffix "d2" suffix "s2" suffix "c2" yg225s6 suffix "n4" suffix "d4" suffix "s4" suffix "c4" suffix "n6" suffix "d6" suffix "s6" suffix "c6"
fig.1 - forward current derating curve fig.3 - typical instantaneous forward characteristics average forward rectified current, amperes 10 6 4 2 8 iinstantaneous forward current, amperes 1 5 50 0.1 0.4 0.2 0.6 0.8 1.0 1.2 1.4 1.6 0 0 50 100 150 case temperature, o c instantaneous forward voltage, volts fig.2 - maximum non-repetitive peak forward surge current peak forward surge current, amperes number of cycles at 60hz 0 20 40 60 80 100 1 10 100 fig.4 - typical reverse characteristics percent of rated peak reverse voltage,% instantaneous reverse current, microamperes 0.1 0 1 10 1000 100 20 40 60 80 100 fig.5 - typical junction capacitance reverse voltage, volts 0.1 10 junction capacitance, pf 1000 1.0 4.0 10 100 100 60 hz resistive or inductive load pulse width 8.3ms single half-sire-wave (jedec method) t j =25 o c pulse width=300us 1% duty cycle t j =125 o c t j =25 o c t j = 25 o c f = 1.0 mhz vsig = 50mvp-p YG225S2 yg225s4 yg225s6 ? 2006 thinki semiconductor co., ltd. http://www.thinkisemi.com/ page 2/2 rev.05 ? YG225S2 thru yg225s6


▲Up To Search▲   

 
Price & Availability of YG225S2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X