Part Number Hot Search : 
H2920 82XX11 UVTOP310 H2920 F0919 DS6501E 200MMT SB130
Product Description
Full Text Search
 

To Download VS-5EWH06FNTRHM3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  vs-5ewh06fnhm3 www.vishay.com vishay semiconductors revision: 10-jul-15 1 document number: 94817 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 hyperfast rectifier, 5 a fred pt ? features ? hyperfast recovery time, reduced q rr and soft recovery ? 175 c maximum operating junction temperature ? for pfc crm/ccm operation ? low forward voltage drop ? low leakage current ? meets msl level 1, pe r j-std-020, lf maximum peak of 260 c ? aec-q101 qualified ? meets jesd 201 class 2 whisker test ? material categorization: fo r definitions of compliance please see www.vishay.com/doc?99912 description / applications state of the art hyperfast recovery rectifiers designed with optimized performance of forward voltage drop, hyperfast recovery time, an d soft recovery. ? the planar structure and the platinum doped life time control guarantee the best overall performance, ruggedness and reliability characteristics. ? these devices are intended for use in pfc boost stage in the ac/dc section of smps inverters or as freewheeling diodes. their extremely optimized stored charge and low recovery current minimize the switching losses and reduce over dissipation in the switching element and snubbers. product summary package to-252aa (d-pak) i f(av) 5 a v r 600 v v f at i f 1.2 v t rr (typ.) 18 ns t j max. 175 c diode variation single die 2, 4 3 anode 1 n/c to-252aa (d-pak) absolute maximum ratings parameter symbol test conditions values units peak repetitive reverse voltage v rrm 600 v average rectified forward current i f(av) t c = 150 c 5 a non-repetitive peak surge current i fsm t j = 25 c 70 peak repetitive forward current i fm t c = 150 c, f = 20 khz, d = 50 % 10 operating junction and storage temperatures t j , t stg -65 to +175 c electrical specifications (t j = 25 c unless otherwise specified) parameter symbol test conditio ns min. typ. max. units breakdown voltage, ? blocking voltage v br , v r i r = 100 a 600 - - v forward voltage v f i f = 5 a - 1.54 1.85 i f = 5 a, t j = 150 c - 1.20 1.40 reverse leakage current i r v r = v r rated - - 5 a t j = 150 c, v r = v r rated - - 130 junction capacitance c t v r = 600 v - 3.5 - pf series inductance l s measured lead to lead 5 mm from package body - 8 - nh
vs-5ewh06fnhm3 www.vishay.com vishay semiconductors revision: 10-jul-15 2 document number: 94817 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 fig. 1 - typical forward voltage drop characteristics fig. 2 - typical values of reverse current vs. reverse voltage dynamic recovery characteristics (t j = 25 c unless otherwise specified) parameter symbol test conditions min. typ. max. units reverse recovery time t rr i f = 1 a, di f /dt = 100 a/s, v r = 30 v - 18 - ns i f = 1 a, di f /dt = 50 a/s, v r = 30 v - 22 - t j = 25 c i f = 5 a ? di f /dt = 200 a/s ? v r = 390 v -25- t j = 125 c - 35 - peak recovery current i rrm t j = 25 c - 3.9 - a t j = 125 c - 5.1 - reverse recovery charge q rr t j = 25 c - 51 - nc t j = 125 c - 93 - thermal - mechanical specifications parameter symbol test conditions min. typ. max. units maximum junction and storage temperature range t j , t stg -65 - 175 c thermal resistance, ? junction to case per leg r thjc --3c/w approximate weight 0.3 g 0.01 oz. marking device case style to-252aa (d-pak) 5ewh06fnh i f - instantaneous forward current (a) v fm - forward voltage drop (v) 0 0.5 1.0 1.5 2.0 3.0 2.5 0.1 1 100 10 93245_01 t j = 175 c t j = 125 c t j = 25 c i r - reverse current (a) v r - reverse voltage (v) 0 100 200 300 500 400 600 0.001 0.01 0.1 1 10 100 93245_02 t j = 125 c t j = 175 c t j = 150 c t j = 100 c t j = 75 c t j = 50 c t j = 25 c
vs-5ewh06fnhm3 www.vishay.com vishay semiconductors revision: 10-jul-15 3 document number: 94817 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 fig. 3 - typical junction ca pacitance vs. reverse voltage fig. 4 - maximum thermal impedance z thjc characteristics fig. 5 - maximum allowable case temperature vs. average forward current fig. 6 - forward power loss characteristics c t - junction capacitance (pf) v r - reverse voltage (v) 0 100 200 400 500 300 600 1 100 10 93245_03 0.1 1 10 0.00001 0.0001 0.001 0.01 0.1 t 1 - rectangular pulse duration (s) z thjc - thermal impedance (c/w) 1 single pulse (thermal resistance) d = 0.50 d = 0.20 d = 0.10 d = 0.05 d = 0.02 d = 0.01 93245_04 allowable case temperature (c) i f(av) - average forward current (a) 6 4 2 8 0 150 170 180 110 130 140 160 120 93245_05 square wave (d = 0.50) rated v r applied see note (1) dc average power loss (w) i f(av) - average forward current (a) 6 4 2 8 0 8 10 12 0 4 6 2 rms limit d = 0.01 d = 0.02 d = 0.05 d = 0.10 d = 0.20 d = 0.50 dc 93245_06
vs-5ewh06fnhm3 www.vishay.com vishay semiconductors revision: 10-jul-15 4 document number: 94817 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 fig. 7 - typical reverse recovery time vs. di f /dt fig. 8 - typical stored charge vs. di f /dt note (1) formula used: t c = t j - (pd + pd rev ) x r thjc ; ? pd = forward power loss = i f(av) x v fm at (i f(av) /d) (see fig. 6); ? pd rev = inverse power loss = v r1 x i r (1 - d); i r at v r1 = rated v r fig. 9 - reverse recovery waveform and definitions t rr (ns) di f /dt (a/s) 100 1000 10 40 25 35 20 15 35 5 a, t j = 25 c 5 a, t j = 125 c 93245_07 q rr (nc) di f /dt (a/s) 100 1000 0 200 80 120 160 180 40 60 100 140 20 5 a, t j = 25 c 5 a, t j = 125 c 93245_08 q rr 0.5 i rrm di (rec)m /dt 0.75 i rrm i rrm t rr t b t a i f di f /dt 0 (1) (2) (3) (4) (5) (1) di f /dt - rate of change of current through zero cro ss ing (2) i rrm - peak rever s e recovery current (3) t rr - rever s e recovery time mea s ured from zero cro ss ing point of negative going i f to point where a line pa ss ing through 0.75 i rrm and 0.50 i rrm extrapolated to zero current. (4) q rr - area under curve defined by t rr and i rrm t rr x i rrm 2 q rr = (5) di (rec)m /dt - peak rate of change of current during t b portion of t rr
vs-5ewh06fnhm3 www.vishay.com vishay semiconductors revision: 10-jul-15 5 document number: 94817 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 ordering information table ordering information (example) preferred p/n quantity per t/r minimum order quantity packaging description vs-5ewh06fnhm3 75 3000 antistatic plastic tube VS-5EWH06FNTRHM3 2000 2000 13" diameter reel vs-5ewh06fntrlhm3 3000 3000 13" diameter reel vs-5ewh06fntrrhm3 3000 3000 13" diameter reel links to related documents dimensions www.vishay.com/doc?95519 part marking information www.vishay.com/doc?95176 packaging information www.vishay.com/doc?95518 spice model www.vishay.com/doc?95186 2 - current rating (5 = 5 a) 4 - package identifier: w = d-pak e = single diode 5 - h = hyperfast recovery 6 - voltage rating (06 = 600 v) 7 - fn = to-252aa 8 - tr = tape and reel none = tube trl = tape and reel (left oriented) trr = tape and reel (right oriented) 3 - circuit configuration: 1 - vishay semiconductors product - h = aec-q101 qualified 9 device code 5 1 3 2 4 6 7 8 9 10 vs- 5 e w h 06 fn trl h m3 - environmental digit: m3 = halogen-free, rohs-compliant, and terminations lead (pb)-free 10
legal disclaimer notice www.vishay.com vishay revision: 13-jun-16 1 document number: 91000 disclaimer ? all product, product specifications and data ar e subject to change with out notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability fo r any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, representation or guarantee regarding the suitability of th e products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product , (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all implied warranties, includ ing warranties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain types of applicatio ns are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular applic ation. it is the customers responsibility to validate tha t a particular product with the prope rties described in the product sp ecification is suitable for use in a particular application. parameters provided in datasheets and / or specifications may vary in different ap plications and perfor mance may vary over time. all operating parameters, including ty pical parameters, must be va lidated for each customer application by the customer s technical experts. product specifications do not expand or otherwise modify vishays term s and conditions of purchase, including but not limited to the warranty expressed therein. except as expressly indicated in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vishay product could result in personal injury or death. customers using or selling vishay product s not expressly indicated for use in such applications do so at their own risk. please contact authorized vishay personnel to obtain writ ten terms and conditions rega rding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is gran ted by this document or by any conduct of vishay. product names and markings noted herein may be trademarks of their respective owners.


▲Up To Search▲   

 
Price & Availability of VS-5EWH06FNTRHM3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X