p o w e r t r a n s f o r m e r chassis mount : international series web: www.triadmagnetics.com phone 951-277-0757 fax 951-277-2757 460 harley knox blvd. perris, california 92571 publish date: december 4, 2013 VPL2-10000 electrical specifications (@25c) 1. maximum power: 25.0va 2. input voltage ? series : 230vac @ 50/60hz, parallel : 115vac@ 50/60hz 3. output voltage ? series: 2.5v ct@ 10.0a, parallel: 1.25v @ 20.0a 4. voltage regulation: 20% typ @ full load to no load 5. hipot: 3500vac between primary to secondary and windings to core. construction: dual winding construction with an insulated shroud, both made of a high temperature material that exceeds ul flammability requirements. shrouds are provided over the connections of the leads to the windings on both primary and secondary coils. devices are designed with a minimum of 6mm creepage distance between the primary and secondary and are manufactured with a class b (130c) insulation system. agency files: tuv certificate no.: r72103639, en60950, information technology dimensions: units: in inches a b c d e f 1.937 3.250 2.125 2.812 8.00 0.187 weight: 1.3 lbs. connections 1 : input: series ? blk to blu, jumper wht to brn parallel ? blk to blu, jumper blk to brn and wht to blu output: series ? red to gry, jumper yel to vio parallel ? red to gry, jumper red to vio and yel to gry rohs compliance: as of manufacturing date february 2005, all standard products meet the requirements of 2011/65/eu, known as the rohs initiative. * upon printing, this document is considered ?uncontrolled?. please contact triad magnetics? website for the most current version. 1 primary and secondary windings are designed to be connected in series or parallel. winding are not intended to be used independently. blk wht brn blu red yel vio gry schematic a d c b blk wht brn blu red yel vio gry f e
|