Part Number Hot Search : 
RF610 2SD649 STG4159 S8673 SPX432N 74HC1 TCMZ8V2 A26E001A
Product Description
Full Text Search
 

To Download VA100003A100RL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  78 axial transguard ? and staticguard avx axial multilayer ceramic transient voltage suppressors general description axial transguard ? multilayer varistors are zinc oxide (zno) based ceramic semiconductor devices with non-linear voltage-current characteristics (bi-directional) similar to back-to-back zener diodes. they have the added advantage of greater current and energy handling capabilities as well as emi/rfi attenuation. axial staticguard is low capacitance version of the transguard and are designed for general esd protection of cmos, bi-polar, and sige based systems. avx axial varistors are designed for applications where leaded component is prefered and for durability in harsh environment. va varistor axial how to order - axial transguard ? 1000 case size 1000 2000 18 voltage 03 = 3.3vdc 05 = 5.6vdc 14 = 14vdc 18 = 18vdc 26 = 26vdc 30 = 30vdc 48 = 48vdc 60 = 60vdc d energy rating a = 0.1j d = 0.4j k = 0.6j 400 clamping voltage 100 = 12v 150 = 18v 300 = 32v 400 = 42v 580 = 60v 650 = 67v 101 = 100v 121 = 120v r packaging d = 7" reel r = 7" reel t = 13" reel l termination l = ni/sn plated features ? axial leaded, epoxy encapsulated ? fast response ? emi/rfi filtering in the off-state ? multiple strikes capability applications ? white goods ? industrial equipment ? sensors ? relays ? dc motors ? and more general characteristics ? operating temperatures: -55oc to +125oc ? working voltage: 3.3 - 60vdc ? case size: axial ? energy: 0.1 - 2.0j ? peak current: 30 - 300a packaging (pcs/reel: style d r t va1000 1,000 3,000 7,500 va2000 1,000 2,500 5,000 va varistor axial how to order - axial staticguard 10 case size 10 = 1000 lc low capacitance 18 voltage 18 = 18vdc a energy rating a = 0.1j 500 clamping voltage 500 = 50v r packaging d = 7" reel r = 7" reel t = 13" reel l termination l = ni/sn plated
79 v w (dc) dc working voltage (v) v w (ac) ac working voltage (v) v b typical breakdown voltage (v @ 1ma dc ) v b tol v b tolerance is from typical value v c clamping voltage (v @ i vc ) i vc test current for v c (a, 8x20s) i l maximum leakage current at the working voltage (a) e t transient energy rating (j, 10x1000s) i p peak current rating (a, 8x20s) cap typical capacitance (pf) @ frequency specified and 0.5 v rms freq frequency at which capacitance is measured (k = 1khz, m = 1mhz) axial transguard ? and staticguard avx axial multilayer ceramic transient voltage suppressors dimensions: millimeters (inches) d max. 0.51 0.05 (0.020" 0.002") l max. 25.4 (1.0") min. lead length dimensions: mm (inches) avx style va1000 va2000 (l) max length mm 4.32 4.83 (in.) (0.170) (0.190) (d) max diameter mm 2.54 3.56 (in.) (0.100) (0.140) lead finish: copper clad steel, solder coated axial transguard ? avx pn v w (dc) v w (ac) v b v c i vc i l e t i p cap freq case va100003a100 3.3 2.3 5.020% 12 1 100 0.1 40 1500 k 1000 va100003d100 3.3 2.3 5.020% 12 1 100 0.4 150 4700 k 1000 va100005a150 5.6 4.0 8.520% 18 1 35 0.1 40 1000 k 1000 va100005d150 5.6 4.0 8.520% 18 1 35 0.4 150 2800 k 1000 va100014a300 14.0 10.0 18.512% 32 1 15 0.1 40 325 k 1000 va100014d300 14.0 10.0 18.512% 32 1 15 0.4 150 1100 k 1000 va100018a400 18.0 13.0 25.510% 42 1 10 0.1 40 350 k 1000 va100018d400 18.0 13.0 25.510% 42 1 10 0.4 150 900 k 1000 va100026d580 26.0 18.0 34.510% 60 1 10 0.4 120 650 k 1000 va100030d650 30.0 21.0 41.010% 67 1 10 0.4 120 550 k 1000 va100048d101 48.0 34.0 62.010% 100 1 10 0.4 100 200 k 1000 va200060k121 60.0 42.0 76.010% 120 1 10 2.0 300 400 k 2000 axial staticguard avx pn v w (dc) v w (ac) v b v c i vc i l e t i p cap freq case va10lc18a500 18.0 14.0 25-40 50 1 10 0.1 30 200 k 1000


▲Up To Search▲   

 
Price & Availability of VA100003A100RL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X