Part Number Hot Search : 
DK200B5 CT100 0KXXX 2N6509T C3312GA 68731N TM9723PM AN641
Product Description
Full Text Search
 

To Download UWFC513A5114 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  s0173 - r04.20120702 applications features performance specification ns product description port 1 in l ? port 2 main (high%) port 3 ta p port 4 (terminated fo r 1x2 configuration ) (low%) note: [1] values are referenced without connector loss. [2] insertion loss over operating wavelength range at ~23c (excluding pdl and tdl). [3] the mechanical tolerance should be +/-0.2 mm on all package dimensions unless otherwise custom specifed. uwfc series premium grade a unit coupling ratio 1/99, 2/98, 3/97, 5/95, 10/90 & 50/50 operating wavelength 1270 ~ 1350 or 1510 ~ 1590 or 1600 ~ 1640 nm fiber type corning smf-28 or equivalent uniformity (50/50) <0.5 < 0.8 db directivity > 55 db return loss [1] > 55 db optical power handing < 500 mw insertion loss [1] [2] split ratio : 50/50 split ratio : 10/90 split ratio : 5/95 split ratio : 3/97 split ratio : 2/98 split ratio : 1/99 < 3.4 < 10.8 / 0.65 < 13.8 / 0.40 < 16.2 / 0.35 < 19.0 / 0.32 19.0 ~ 21.0 / 0.25 < 3.7 < 11.2 / 0.65 < 14.4 / 0.42 < 17.0 / 0.45 < 19.5 / 0.35 19.0 ~ 21.5 / 0.25 db temperature dependent loss < 0.15 < 0.20 db polarization dependent loss 1310 band & c band < 0.10 < 0.13 db l band < 0.13 < 0.15 temperature sensitivity < 0.002 < 0.002 db/c operating temperature - 10 to + 70 c storage temperature - 40 to + 85 c package dimensions [3] p1: 250 m bare fber p2: 900 m loose tube p3: 3 mm cable (?) 3.0 x (l) 47.0 (?) 3.0 x (l) 60.0 (l)96 x (w)12 x (h)6.4 mm ultra hi-rel undersea component family single window single mode wideband fiber coupler (1x2,2x2) uwfc series oplinks single window wideband couplers split or combine light with excep - tional performance over a wide bandwidth. these couplers have very good uniformity, low excess loss and very low polarization sensitivity. all devices are supplied with all pertinent measurement data. please contact our oplink oem design team for further information. oplinks ultra hi-rel family of optical components are available for your un - dersea applications. please contact us with your requirements. ? wavelength independent ? low polarization sensitivity ? high directivity ? high stable & reliable ? undearsea
46335 landing pkwy fremont, ca 94538 tel: (510) 933-7200 fax: (510) 933-7300 email: sales@oplink.com ? www.oplink.com s0173 - r04.20120702 ultra hi-rel undersea component family single window single mode wideband fiber coupler (1x2, 2x2) product lines: ? mux/demux ? switching/routing ? coupling/splitting ? monitoring/conditioning ? amplifcation ? transmission ? interconnect ? rgb laser modules uwfc series oplink can provide a remarkable range of customized optical solutions. for detail, please contact oplinks oem design team or account manager for your requirements and ordering information (510) 933-7200. uwfc ordering information 0 0 package & fiber type type grade wavelength p1 + 250 m bare fber = 11 p2 + 900 m loose tube = 22 p3 + 3 mm cable = 33 1x2 = 1 2x2 = 2 premium grade = p a grade = a 1310 nm = 3 c band = 5 l band = 6 tap ratio fiber length** 50/50 = 50 3/97 = 03 2/98 = 02 1/99 = 01 0.5 meter = h 1.0 meter = 1 * 1.5 meters = 5 2.0 meters = 2 connector type none = 1 fc/pc = 2 fc/spc = 3 fc/apc = 4 sc/pc = 5 sc/spc = 6 sc/apc = 7 st = 8 lc/upc = 9 mu = a lc/apc = b notes : 11111111111111 1111111v


▲Up To Search▲   

 
Price & Availability of UWFC513A5114

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X