Part Number Hot Search : 
TK10A60W 74VHCT 00152 10112 1N4733 MP6TP 2SC514 DP90F18
Product Description
Full Text Search
 

To Download UMX-918-D16-G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 of 3 optimum technology matching? applied gaas hbt ingap hbt gaas mesfet sige bicmos si bicmos sige hbt gaas phemt si cmos si bjt gan hemt functional block diagram rf micro devices?, rfmd?, optimum technology matching?, enabling wireless connectivity?, powerstar?, polaris? total radio? and ultimateblue? are trademarks of rfmd, llc. bluetooth is a trade- mark owned by bluetooth sig, inc., u.s.a. and licensed for use by rfmd. all other trade names, trademarks and registered tradem arks are the property of their respective owners. ?2012, rf micro devices, inc. product description 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at (+1) 336-678-5570 or customerservice@rfmd.com . ordering information bifet hbt ldmos voltage controlled oscillator (vco) tank circuit resonator active circuit v tune v cc rf output UMX-918-D16-G ultra-low noise coaxial resonator oscillators this vco series features ultra-low phase noise, lower phase transients, lower har- monics, and lower pushing and pulling wi thout any performance penalties typically associated with high technology designs. features ? ultra-linear tuning / ultra-low phase noise ? frequency: 3230mhz to 3410mhz ? resonator: ceramic ? pcb: rogers ? package size: 12.7mm x 12.7mm x 5.6mm (0.5in x 0.5in x 0.22in) applications ? point-to-point radio ? dro/yig multiplied replacements ? low phase noise applications ? saw vco replacement ds110901 ? package: d16, 12.7mm x 12.7mm x 5.6mm umx-918-d16- gultra-low noise coaxial resonator oscillators UMX-918-D16-G contact us at 1-480-756-6070
2 of 3 UMX-918-D16-G ds110901 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at (+1) 336-678-5570 or customerservice@rfmd.com . absolute maximum ratings parameter rating unit operating ambient temperature[1] -40 to +85 c storage temperature -55 to +125 c [1] frequency drift: 8mhz typical (either extreme). parameter specification unit condition min. typ. max. overall frequency range 3230 3410 mhz tuning voltage 0 18 v dc tuning sensitivity 13 mhz/v output power -2.5 0 2.5 dbm -2.5 dbm at v t =0 output phase noise -84 -79 dbc/hz 1khz -112 -108 dbc/hz 10khz -132 -129 dbc/hz 100khz -152 -149 dbc/hz 1000khz -162 -155 dbc/hz 10000khz second harmonic -20 -10 dbc frequency pulling 0.3 1 mhz p-p at 12dbr, all phases tuning port capacitance 10 pf modulation bandwidth 5000 khz 3db bw frequency pushing 0.2 0.5 mhz /v power supply operating voltage 8 v supply current 30 ma caution! esd sensitive device. exceeding any one or a combination of the absolute maximum rating conditions may cause permanent damage to the device. ex tended application of absolute maximum rating conditions to the device may reduce device reliability. specified typical perfor- mance or functional operation of the devi ce under absolute maximum rating condi- tions is not implied. the information in this publication is believed to be accurate and reliable. however, no responsibility is assumed by rf micro devices, inc. ("rfmd") for its use, nor for any infringement of patents, or other rights of third parties, resulting from its use. no license is granted by implication or otherwise under any patent or patent rights of rfmd. rfmd reserves the right to change component circuitry, recommended appli- cation circuitry and specifications at any time without prior notice. rohs (restriction of hazardous subs tances): compliant per eu directive 2002/95/ec.
3 of 3 UMX-918-D16-G ds110901 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at (+1) 336-678-5570 or customerservice@rfmd.com . package drawing & pin outs 12.7mm x 12.7mm x 5.6mm (0.5in x 0.5in x 0.22in)


▲Up To Search▲   

 
Price & Availability of UMX-918-D16-G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X