Part Number Hot Search : 
EP120660 PAC7302 G106M MN347H 5KE40 3055EL ITA6V5B1 FCM1005
Product Description
Full Text Search
 

To Download UM10317 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  UM10317 pca9633 demonstrat ion board om6282 rev. 01 ? 15 december 2008 user manual document information info content keywords i2c, pca9633, rgb, rgba, 2 x 8-bit pwm abstract the om6282 is an add-on to nxp?s i2c 2 005 -1 demo board. this daughter board makes it easy to test and design with the pca9633, a 4-bit fast-mode plus (fm+) led driver. these boards, along with the i2cusb lite gui (pc based), provide an easy to use evaluation platform.
UM10317_1 ? nxp b.v. 2008. all rights reserved. user manual rev. 01 ? 15 december 2008 2 of 11 contact information for more information, please visit: http://www.nxp.com for sales office addresses, please send an email to: salesaddresses@nxp.com nxp semiconductors UM10317 pca9633 demonstration board om6282 revision history rev date description 01 20081215 user manual; initial release
UM10317_1 ? nxp b.v. 2008. all rights reserved. user manual rev. 01 ? 15 december 2008 3 of 11 nxp semiconductors UM10317 pca9633 demonstration board om6282 1. introduction the pca9633 evaluation board features le ds for color mixing, blinking and dimming demonstrations. a graphical interface allows the user to easily explore the different functions of the driver. the board can be connected in series with other i 2 c demo-boards to create an evaluation system. the ic communicates to the host via the industry standard i 2 c-bus/smbus port. the evaluation software runs under microsoft windows pc platform. 2. features ? a complete evaluation platform for the pca9633 4-bit led driver ? easy to use gui based software demonstr ates the capabilities of the pca9633 ? on-board leds for visual experience ? convenient test points for easy scope measurements and signal access ? usb interface to the host pc ? no external power supply required 3. getting started 3.1 assumptions familiarity with the i 2 c-bus is helpful but not required. 3.2 static handling requirements 3.3 minimum system requirements ? pc pentium 60 processor (or equivalent), 8 mb ram, 10 mb of hard drive space ? one usb port (either 2.0 or 1.1 compatible) ? windows 98se, me, 2000, xp, or vista ? i2c 2005-1 demonstration board (om6275) 3.4 power requirements the nxp demonstration board i2c 2005-1 and om6282 hardware obtain power from the pc usb port. care should be taken not to exceed the usb port current capabilities. caution this device is sensitive to electrostatic di scharge (esd). therefore care should be taken during transport and handling. you must use a ground strap or touch the pc case or other grounded source before unpacking or handling the hardware.
UM10317_1 ? nxp b.v. 2008. all rights reserved. user manual rev. 01 ? 15 december 2008 4 of 11 nxp semiconductors UM10317 pca9633 demonstration board om6282 4. installation 4.1 i2c 2005-1 board and win-12cusb lite software the om6282 is a daughter card to the om6275 i2c 2005-1 demo board. you may download the win-i2cusb lite software, the om6275 user manual um10206, and find ordering information at the nxp web site http://www.standardics.nxp.co m/support/boards/i2c20051/ . 4.2 om6282 connection to i2c 2005-1 board the i2c 2005-1 demo board should be disconnected from your pc before mounting the om6281 board on to it. the om6282 board has a 9-pin female connector that connects to the jp1 male connector on the i2c 2005-1 board. with both boards facing you, connect the om 6282 board to the i2c 2005-1 board before connecting the usb cable. once the board is connected, connect th e usb cable and start the win-i2cusb lite software. you are now ready to evaluate the pca9633. 5. hardware description the om6282 board has 3 jumper headers: ? j1 is for connection to jp1 on i2c 2005-1 demo board. ? j2 allows an external oe to be connected to the board. ? j3 is for pass-through signals from the i2c 2005-1 demo board. ? ic2 is an unpopulated area for signal access. all address, i 2 c, led signals are available. fig 1. om6282 demo board led light diffuser j3 card extender connector j1 connector to i2c 2005-1 board j2 oe select probe address and oe selector pca9633
UM10317_1 ? nxp b.v. 2008. all rights reserved. user manual rev. 01 ? 15 december 2008 5 of 11 nxp semiconductors UM10317 pca9633 demonstration board om6282 6. schematic fig 2. pca9633 daughter card led1 r9 pin3 r12 r10 r11 ld1 c2 c1 gnd led0 pin4 led1 pin5 led2 pin6 led3 pin15 a6 pin14 a5 pin11 a4 pca9633 v cc pin13 pin12 pin1 pin2 pin7 pin8 pin10 gnd sda scl a0 a1 a2 a3 oe pin9 pin16 a0 a1 a2 a3 3.3 v unswitched a6 a5 a4 c3 gnd led0 led1 led2 led3 3.3 v unswitched 3.3 v unswitched gnd j3 5 v unswitched 5 v switched 1 j2 oe 3.3 v unswitched 3.3 v switched scl sda gnd input output j1 5 v unswitched 5 v switched 3.3 v unswitched 3.3 v switched scl sda gnd input output 16 15 14 13 12 10 11 9 v cc a6 a5 sda scl oe a4 gnd ic2 dil16-1 socket - not populated gnd 1 2 3 4 5 7 6 8 a0 a1 led0 led1 led2 a2 led3 a3 r1 r2 r3 r4 r5 r6 r7 r8 a6 a5 a4 a3 a2 a1 a0 oe on s1 12345678 16 15 14 13 12 11 10 9 1 2 3 4 5 6 7 8 gnd 002aae179 3.3 v unswitched
UM10317_1 ? nxp b.v. 2008. all rights reserved. user manual rev. 01 ? 15 december 2008 6 of 11 nxp semiconductors UM10317 pca9633 demonstration board om6282 7. om6282 demonstration board main components 8. pca9633 evaluation steps the pca9633 functions are controlled by wi n-i2cusb lite gui. refer to the pca9633 data sheet for additional information on the registers and functionality. 8.1 color mixing and dimming leds 1. connect the hardware as described in section 4 . the pca9633 address is set to 0xc4. 2. start the gui software. 3. the main screen will appear. 4. from the ?device? drop-down menus select ?led blinkers and dimmers?, and from the subsequent drop-down menu select ?pca9633 4-bit led driver? as in figure 3 . 5. the device configuration scr een will be displayed as in figure 4 . 6. un-check the ?sleep enabled (oscillator of f)? box to enable the device, check the ?auto write? box (lower right), and click the ?write all? button. 7. go to the led driver outputs pull-down tabs and for led0 to led3 select ?ledn controlled by pwmn and grppwm?. 8. with the cursor, move the pwmn bars to change the colors on the om6282 board. pwm0 controls the red led. pwm1 controls the green led. pwm2 controls the blue led. pwm3 controls the amber led. 9. once you set a color with the pwm valu es, move the grppwm cursor and observe the dimming effect ( figure 5 ). table 1. om6282 demo board main components device description address location pca9633pw 4-bit fm+ i 2 c-bus led driver 0xc4 for i2c 2005-1 interface ic1
UM10317_1 ? nxp b.v. 2008. all rights reserved. user manual rev. 01 ? 15 december 2008 7 of 11 nxp semiconductors UM10317 pca9633 demonstration board om6282 fig 3. drop-down menu selections fig 4. device configuration screen fig 5. dimming effect
UM10317_1 ? nxp b.v. 2008. all rights reserved. user manual rev. 01 ? 15 december 2008 8 of 11 nxp semiconductors UM10317 pca9633 demonstration board om6282 8.2 color mixing and blinking leds to set-up a blinking demo, repeat step 1 through step 7 as in section 8.1 , then do the following: 1. in the mode 2 selection window, check the ?group control? box to change the mode to blinking. 2. select a color using the pwm cursors. 3. to set a blink cycle, use the grppwm curs or to select the duty cycle and use the grpfreq to select the blink frequency. 4. for example, set the grppwm to 0x05 (1.95 % duty cycle) and the grpfreq to 0x17 (1 second) for a short blink every second (see figure 6 ). 5. change the grppwm to 0x80 (50 % du ty cycle) and the led will be on for 0.5 seconds, repeating every second. 6. change the color of the leds by selecting a different pwm value for each led. 7. set the grppwm to 0x52 (32 % duty cycle) and the grpfreq to 0x01 (0.08 second) and observe the pattern. 8. change the pwmn values, grppwm and grpfreq values to create different blink patterns. 9. change the ledout register on one led output to be controlled only by its pwm, for example, ?led1 controlled by pwm1?. 10. change the blink rate and observe the results. 9. support for support, please send an e-mail to: i2c.support@nxp.com fig 6. example of short blink every second
UM10317_1 ? nxp b.v. 2008. all rights reserved. user manual rev. 01 ? 15 december 2008 9 of 11 nxp semiconductors UM10317 pca9633 demonstration board om6282 10. abbreviations 11. references [1] pca9633, 4-bit fm+ i 2 c-bus led driver ? product data sheet; nxp semiconductors; www.nxp.com/pip/pca9633 [2] um10206, i2c demonstration board 2005-1 quick start guide ? nxp semiconductors; www.nxp.com/acrobat/usermanuals/um10206 table 2. abbreviations acronym description esd electrostatic discharge gui graphical user interface i 2 c-bus inter-integrated circuit bus ic integrated circuit led light emitting diode pc personal computer pwm pulse width modulator ram random access memory rgb red/green/blue rgba red/green/blue/amber smbus system management bus usb universal serial bus
UM10317_1 ? nxp b.v. 2008. all rights reserved. user manual rev. 01 ? 15 december 2008 10 of 11 nxp semiconductors UM10317 pca9633 demonstration board om6282 12. legal information 12.1 definitions draft ? the document is a draft versi on only. the content is still under internal review and subject to formal approval, which may result in modifications or additions. nxp semiconductors does not give any representations or warranties as to the accuracy or completeness of information included herein and shall hav e no liability for the consequences of use of such information. 12.2 disclaimers general ? information in this document is believed to be accurate and reliable. however, nxp semiconductors d oes not give any representations or warranties, expressed or implied, as to the accuracy or completeness of such information and shall have no liability for the consequences of use of such information. right to make changes ? nxp semiconductors reserves the right to make changes to information published in this document, including without limitation specifications and product descriptions, at any time and without notice. this document supersedes and replaces all information supplied prior to the publication hereof. suitability for use ? nxp semiconductors products are not designed, authorized or warranted to be suitable for use in medical, military, aircraft, space or life support equipment, nor in applications where failure or malfunction of an nxp semiconductors product can reasonably be expected to result in personal injury, death or severe property or environmental damage. nxp semiconductors accepts no liability for inclusion and/or use of nxp semiconductors products in such equipment or applications and therefore such inclusion and/or use is at the customer?s own risk. applications ? applications that are described herein for any of these products are for illustrative purpos es only. nxp semiconductors makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. 12.3 trademarks notice: all referenced brands, produc t names, service names and trademarks are the property of their respective owners. i 2 c-bus ? logo is a trademark of nxp b.v.
nxp semiconductors UM10317 pca9633 demonstration board om6282 ? nxp b.v. 2008. all rights reserved. for more information, please visit: http://www.nxp.com for sales office addresses, please se nd an email to: salesaddresses@nxp.com date of release: 15 december 2008 document identifier: UM10317_1 please be aware that important notices concerning this document and the product(s) described herein, have been included in section ?legal information?. 13. contents 1 introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 2 features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 3 getting started . . . . . . . . . . . . . . . . . . . . . . . . . . 3 3.1 assumptions . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 3.2 static handling requirements . . . . . . . . . . . . . . 3 3.3 minimum system requirements. . . . . . . . . . . . . 3 3.4 power requirements . . . . . . . . . . . . . . . . . . . . . 3 4 installation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 4.1 i2c 2005-1 board and win-12cusb lite software . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 4.2 om6282 connection to i2c 2005-1 board . . . . 4 5 hardware description . . . . . . . . . . . . . . . . . . . . 4 6 schematic . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5 7 om6282 demonstration board main components . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6 8 pca9633 evaluation steps . . . . . . . . . . . . . . . . 6 8.1 color mixing and dimming leds . . . . . . . . . . . 6 8.2 color mixing and blinking leds . . . . . . . . . . . . 8 9 support . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8 10 abbreviations . . . . . . . . . . . . . . . . . . . . . . . . . . . 9 11 references . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9 12 legal information. . . . . . . . . . . . . . . . . . . . . . . 10 12.1 definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 12.2 disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 12.3 trademarks. . . . . . . . . . . . . . . . . . . . . . . . . . . 10 13 contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11


▲Up To Search▲   

 
Price & Availability of UM10317

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X