ac axial fans tel: 425-222-5900 800-453-4569 www.mechatronics.com e-mail: sales@mechatronics.com fax: 425-222-5155 cooling simplified 12.18.14 uf15kcr series 2.17 0.01 (55 0.5) ?5.91 0.04 (?150 0.5) 6.77 0.03 (172 0.5) 6.38 0.01 (162 0.3) ?0.17 0.01 (?4.2 0.2) (?137) (350) (6) 0.12 (3) 0.31 (8) terminal type lead wire .70 .60 .40 .20 0 50 100 150 200 250 air flow - cfm static pressure - in. of w a ter .80 h .50 .30 .10 (172 x 150 x 55 mm) 6.77 x 5.91 x 2.17 inches features: capacitor start motor; reverse air fow (air intake over struts); class b insulation operating voltage: 115 or 230 vac construction: aluminum die cast frame; ul94v-0 pbt impeller bearing option: motor quality ball bearings motor: capacitor start air flow: intake over struts connection: terminal or 22 awg lead wires protection: thermal model no. rated voltage v freq. hz input power w rated cur. a locked cur. a speed rpm air volume max. static pressure (h 2 0) sound noise dba weight oz m3/min. cfm mm inch uf15kcr12 -__h 115 60 30 0.25 0.58 3,400 6.8 241 18.5 0.73 66 38 uf15kcr23 -__h 230 60 31 0.13 0.28 3,400 6.8 241 18.5 0.73 66 38 not in catalog - this and below -
|