Part Number Hot Search : 
JE210 SD120 VN66AD 68HC90 BCW89 611225 BA7605N VN66AD
Product Description
Full Text Search
 

To Download TQP3M9037-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  tqp3m9037 ultra low noise, high linearity lna applications ? ? mobile infrastructure ? lt e / wcdma / cdma / gsm ? general purpose wireless ? tdd or fdd systems 8 pin 2x2 mm dfn package functional block diagram backside paddle - rf/dc gnd pin 1 reference mark 8 7 6 5 1 2 3 4 nc rf out shut down nc nc rf in nc nc ordering information part no. description tqp3m9 03 7 ultra low noise, high ip3 lna tqp3m903 7 - pcb 0.7 - 6 .0 ghz evaluation board standard t/r size = 25 00 pieces on a 7 ? reel pin configuration pin no. label 1, 3, 4, 5, 8 no connect or gnd 2 rf in 6 shut d own 7 rf out backside paddle rf/dc gnd product features ? ? ultra low noise figure, 0.4 db nf @ 1.95 ghz ? high gain, 20 db gain @ 1.95 ghz ? high linearity, +35 dbm output ip3 ? high input power ruggedness, 22 dbm cw ? unconditionally stable ? integrated on - chip matching , 50 ohm in/out ? integrated active bias ? integrated shutdown control pin ? +3v to +5v supply; does not require - vgg ? pin compatible with low - band tqp3m9036 general description the tqp3m9037 is a high - linearity, ultra - low noise gain block amplifier in a sma ll 2x2 mm surface - mount package. at 1.9 5 ghz, the amplifier typically provides 20 db gain, +35 dbm oip3, and 0.4 db noise figure while drawing 70 ma current from a 5v supply. this amplifier does not require a negative supply for operation and can be biase d from a single positive supply ranging from 3.3 to 5 volts. the device is housed in a green/rohs - compliant industry - standard 2x2 mm package. the tqp3m9037 is internally matched using a high performance e - phemt process and only requires four external com ponents for operation from a single positive supply: an external rf choke and blocking/bypass capacitors. this low noise amplifier contains an internal active bias to maintain high performance over temperature and integrates a shut - down biasing capability to allow for operation for tdd applications. the tqp3m9037 covers the 0.7 - 6 .0 ghz frequency band and is targeted for wireless infrastructure. it is pin compatible with the low - band, 0.4 - 2.0 ghz tqp3m9036. datasheet: rev m 1 2 - 1 8 - 14 - 1 of 1 4 - disclaimer: subject to change without notice ? 201 4 triquint www.triquint.com
tqp3m9037 ultra low noise, high linearity lna recommended operating conditions parameter min typ max units supply voltage (v dd ) 3.3 5.0 5.25 v t case ? absolute maximum ratings parameter rating storage temp erature ? rf input power, cw, 50, t=25 electrical specifications test conditions unless otherwise noted: v dd =+5v, temp= +25c, 50 system . parameter conditions min typ max units operational frequency range 7 00 6 0 00 mhz test frequency 1 9 5 0 mhz gain 18.5 20.0 21.5 db input return loss 10 db output return loss 11 db noise figure 0. 40 0.65 db output p1db +20 dbm output ip3 pout=+ 5 dbm/tone, f=1 mhz +32 +35 dbm power shutdown control (v pd ) 1 on state 0 0.4 v off state (power down) 2.5 3.3 v dd v current, i dd on state 40 70 90 ma off state (power down) 3 4 ma shutdown pin curren t, i sd v pd thermal resistance, - 2 of 1 4 - disclaimer: subject to change without notice ? 201 4 triquint www.triquint.com
tqp3m9037 ultra low noise, high linearity lna s - parameters test conditions: v dd = +5 v, i dd = 70 ma (typ.), t= +25 c, unmatched 50 ohm system, calibrated to device leads freq (ghz) s11 (db) s11 (ang) s21 (db) s21 (ang) s12 (db) s12 (ang) s22 (db) s22 (ang) 0.05 - 7.08 - 13.38 28.74 173.92 - 32.91 8.58 - 15.03 0.20 0.10 - 7.30 - 16.67 28.70 169.79 - 32.76 4.97 - 14.12 2.20 0.2 0 - 7.55 - 27.25 28.51 160.47 - 32.60 5.69 - 13.67 - 1.25 0.40 - 7.89 - 48.81 27.68 143.44 - 32.47 8.81 - 13.09 - 6.33 0.60 - 8.28 - 67.86 26.67 128.94 - 32.31 11.76 - 12.61 - 12.97 0.80 - 8.67 - 82.83 25.57 116.72 - 31.94 14.83 - 12.17 - 19.29 1.00 - 9.10 - 96.01 24.54 106 .22 - 31.49 16.95 - 11.87 - 25.85 1.20 - 9.48 - 106.85 23.55 97.05 - 30.96 17.84 - 11.62 - 31.76 1.40 - 9.97 - 116.61 22.63 88.79 - 30.34 19.60 - 11.45 - 37.19 1.60 - 10.36 - 126.05 21.78 81.19 - 29.81 19.78 - 11.41 - 42.80 1.80 - 10.78 - 135.06 20.99 74.13 - 29.42 19.53 - 11.43 - 47.57 2.00 - 11.14 - 144.52 20.28 67.42 - 28.85 19.14 - 11.56 - 53.18 2.20 - 11.43 - 153.91 19.61 60.92 - 28.45 19.04 - 11.79 - 58.28 2.40 - 11.54 - 163.77 19.00 54.49 - 27.99 17.71 - 12.17 - 64.71 2.60 - 11.50 - 174.25 18.41 48.28 - 27.67 16.22 - 12.63 - 71.10 2. 80 - 11.30 175.64 17.86 41.94 - 27.19 14.85 - 13.20 - 79.45 3.00 - 10.90 166.39 17.33 35.76 - 26.85 12.36 - 13.86 - 89.04 3.20 - 10.45 157.46 16.79 29.69 - 26.50 10.04 - 14.51 - 101.79 3.40 - 9.89 150.34 16.29 23.57 - 26.19 8.06 - 14.74 - 116.68 3.60 - 9.29 144.41 15.7 6 17.56 - 25.95 5.99 - 14.57 - 133.42 3.80 - 8.86 140.00 15.22 11.78 - 25.75 3.39 - 13.78 - 148.27 4.00 - 8.32 136.87 14.67 6.13 - 25.57 1.64 - 12.70 - 161.52 4.20 - 8.03 133.99 14.10 0.74 - 25.50 - 1.15 - 11.25 - 169.83 4.40 - 7.68 136.01 13.50 - 4.52 - 25.43 - 2.83 - 10. 05 - 178.99 4.60 - 7.40 136.69 12.83 - 9.19 - 25.38 - 4.24 - 8.64 175.79 4.80 - 7.21 140.78 12.13 - 13.41 - 25.53 - 5.31 - 7.25 170.49 5.00 - 6.35 149.93 11.26 - 16.91 - 25.78 - 6.38 - 6.41 163.10 noise parameters test conditions unless otherwise noted: v dd =+5 v, i dd = 70 ma (typ.), temp=+25c, 50 ohm system freq (ghz) nf min (db) magopt (mag) angopt (deg) rn ( ) 1.5 0.40 0.15 14.1 0.08 1.7 0.29 0.16 43.7 0.06 1.8 0.3 0.13 55.1 0.06 1.9 0.30 0.11 30.2 0.06 2 0.32 0.11 65.3 0.05 2.1 0.32 0.13 77.6 0.05 2.2 0.35 0.14 89.0 0.05 2.4 0.43 0.06 85.8 0.05 2.5 0.51 0.02 42.1 0.06 2.6 0.46 0.08 157.4 0.04 2.7 0.46 0.07 148.6 0.05 datasheet: rev m 1 2 - 1 8 - 14 - 3 of 1 4 - disclaimer: subject to change without notice ? 201 4 triquint www.triquint.com
tqp3m9037 ultra low noise, high linearity lna tqp3m90 37 - pcb evaluation board l 1 c 3 j 4 j 3 c 4 r 2 r 1 u 1 c 6 c 5 j 5 c 1 c 2 r3 q1 j2 rf output j4 gnd j3 v dd 2 1,3,4,5,8 7 j1 rf input l1 18 nh (0603) c2 100 pf c1 100 pf c3 100 pf c4 1 uf r2 33k ? r1 10k ? j5 p d 6 notes: 1. see evaluation board pcb information section for material and stack - up. 2. 5  mxpshu lvqrwvkrzqrqwkhvfkhpdwlfdqgpd\ehuhsodfhgzlwkfrsshuwudfhlqwkhwdujhwdssolfdwlrq layout. 3. all components are of 0402 size unless stated on the schematic. 4. c1, c2, and c3 are non - critical values. the reactive impedance should be as low as possible at the frequency of operation for optimal performance. 5. the l1 value is non - critical and nee ds to provide high reactive impedance at the frequency of operation. 6. r1 and r2 are optional and do not need to be loaded if the shut - down functionality is not needed; i.e. fdd applications. if r1 and r2 are not loaded, the lna will operate in its standard ?on? state. 7. a through line is included on the evaluation board to de - embed the board losses. bill of material ? tqp3m9037 - pcb reference des. value description manuf. part number n/a n/a printed circuit board triquint 1084112 u1 n/a ultra low noise, high linearity lna triquint tqp3m9037 r1 . resistor, chip, 0402, 5%, 1/16w various r2 . resistor, chip, 0402, 5%, 1/16w various r3  resistor, chip, 0402, 5%, 1/16w various l1 18 nh inductor, 0603, 5%, ceramic various c4 1.0 uf cap., ch ip, 0402, 10%, 10v, x5r various c1, c2, c3, c5, c6 100 pf cap., chip, 0402, 5%, 50v, npo/cog various resistive divider values v pd signal level 3.3v ttl 2.5v ttl 1.8v ttl units r1 10k 11k 12k ? r2 33k 33k 33k ? see note 6. resistors are not needed if shut - down functionality is not used. datasheet: rev m 1 2 - 1 8 - 14 - 4 of 1 4 - disclaimer: subject to change without notice ? 201 4 triquint www.triquint.com
tqp3m9037 ultra low noise, high linearity lna typical performance ? tq p3m9037 - pcb v dd = 5v test conditions unless otherwise noted: v dd =+5 v, i dd =70 ma (typ.), temp= +25c parameter conditions typical values units frequency 900 1700 1950 2300 2600 mhz gain 25.3 21.4 20.4 19.1 18.1 db input return loss 7.4 9.6 10. 1 10.5 10.9 db output return loss 11.7 11.6 11.0 10.2 9.8 db output p1db +22 +20.7 +20 +19.8 +19.5 dbm oip3 pout=+ g%pwrqhi 1 mhz +34.4 +34.9 +35.7 +35.1 +35.0 dbm noise figure (1) 0.4 0.36 0.41 0.43 0.53 db notes: 1. noise figure data shown in the table above is de - embedded to the device pin pads. datasheet: rev m 1 2 - 1 8 - 14 - 5 of 1 4 - disclaimer: subject to change without notice ? 201 4 triquint www.triquint.com
tqp3m9037 ultra low noise, high linearity lna performance plots ? tqp3m9037 - pcb v dd = 5v test condit ions unless otherwise noted: v dd =+5 v, i dd =70 ma (typ.), temp= +25c 10 15 20 25 30 0 1000 2000 3000 4000 5000 6000 gain (db) frequency (mhz) gain vs. frequency +85 c +25 c  c -20 -15 -10 -5 0 0 1000 2000 3000 4000 5000 6000 input return loss (db) frequency (mhz) input return loss vs. frequency +85 c +25 c  c -15 -10 -5 0 0 1000 2000 3000 4000 5000 6000 output return loss (db) frequency (mhz) output return loss vs. frequency +85 c +25 c  c 30 32 34 36 38 40 0 1 2 3 4 5 6 7 8 9 10 oip3 (dbm) pout/tone (dbm) oip3 vs. pout/tone at - 40oc 1700 mhz 1950 mhz 2300 mhz 2600 mhz 30 32 34 36 38 40 0 1 2 3 4 5 6 7 8 9 10 oip3 (dbm) pout/tone (dbm) oip3 vs. pout/tone at +25oc 1700 mhz 1950 mhz 2300 mhz 2600 mhz 3000 mhz 3500 mhz 30 32 34 36 38 40 0 1 2 3 4 5 6 7 8 9 10 oip3 (dbm) pout/tone (dbm) oip3 vs. pout/tone at +85oc 1700 mhz 1950 mhz 2300 mhz 2600 mhz 25 27 29 31 33 35 -5 -3 -1 1 3 5 oip3 (dbm) pout/tone (dbm) oip3 vs pout/tone at +25oc 3500 mhz 4000 mhz 4500 mhz 5000 mhz 5500 mhz 6000 mhz 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1500 2000 2500 3000 3500 4000 4500 5000 5500 6000 nf (db) frequency (mhz) noise figure vs. frequency +85 c +25 c  c 0 15 30 45 60 75 90 0 1 2 3 4 5 idd (ma) shutdown voltage (v) idd vs. shutdown voltage temp.=+25 c -29 -28 -27 -26 -25 -24 -23 -22 -21 -20 -19 500 1000 1500 2000 2500 3000 3500 4000 s21 (db) frequency (mhz) isolation vs. frequency off mode vpd > 2.5v 0 10 20 30 40 50 60 70 -40 -30 -20 -10 0 10 20 30 -15 -10 -5 0 5 10 pout (dbm) pin (dbm) off state pin stress test pout current, id current, id (ma) datasheet: rev m 1 2 - 1 8 - 14 - 6 of 1 4 - disclaimer: subject to change without notice ? 201 4 triquint www.triquint.com
tqp3m9037 ultra low noise, high linearity lna typical performance ? tqp3m90 37 - pcb v dd = 3.3v test conditions unless otherwise noted: v dd = + 3.3 v, i dd = 44 ma (typ.), temp= +25c parameter conditions typical values units frequency 1700 1950 2300 2600 mhz gain 19.9 19.2 17.7 17.0 db input return loss 8.3 9.2 9.5 10.5 db output return loss 11.3 11.3 9.5 9.5 db output p1db +16. 2 +16.1 + 15.5 +15.5 dbm oip3 pout = + g%pwrqhi 1 mhz +30.6 + 31 +30.5 + 30.7 dbm noise figure (1) 0.4 0. 38 0. 44 0. 53 db notes: 1. noise figure data shown in the table above is de - embedded from the eval board loss. performance plots ? tqp3m90 37 - pcb v dd = 3.3v test conditions unless otherwise noted: v dd = + 3.3 v, i dd = 44 ma (typ.), temp= +25c 10 13 16 19 22 25 1500 2000 2500 3000 3500 4000 gain (db) frequency (mhz) gain vs. frequency -15 -10 -5 0 1500 2000 2500 3000 3500 4000 input return loss (db) frequency (mhz) input return loss vs. frequency -15 -10 -5 0 1500 2000 2500 3000 3500 4000 output return loss (db) frequency (mhz) output return loss vs. frequency 25 27 29 31 33 35 0 2 4 6 8 10 oip3 (dbm) pout/tone (dbm) oip3 vs. pout/tone 1700 mhz 1950 mhz 2300 mhz 2600 mhz v dd = 3.3v 1 mhz tone spacing 0 0.2 0. 0.6 0. 1 1700 150 2000 2150 2300 250 2600 oie ige eenc mhz oie ige . eenc v dd = 3.3v datasheet: rev m 1 2 - 1 8 - 14 - 7 of 1 4 - disclaimer: subject to change without notice ? 201 4 triquint www.triquint.com
tqp3m9037 ultra low noise, high linearity lna reference design ? optimized return loss l 1 c 3 j 4 j 3 c 4 r 2 r 1 u 1 c 6 c 5 j 5 c 1 c 2 r3 l 2 performance plots test conditions unless otherwise noted: v dd = +5v, i dd = 70 ma (typ.), temp= +25c 15 17 19 21 23 25 1700 1800 1900 2000 2100 2200 gain (db) frequency (mhz) gain vs. frequency temp.=+25 c - 25 - 20 - 15 - 10 - 5 0 1700 1800 1900 2000 2100 2200 |s11| or |s22| (db) frequency (mhz) return loss vs. frequency temp.=+25 c s22 s11 0.3 0.4 0.5 0.6 0.7 0.8 1910 1930 1950 1970 1990 noise figure (db) frequency (mhz) noise figure vs. frequency temp.=+25 c bill of material reference des. value descr iption manuf. part number n/a n/a printed circuit board triquint 1084112 u1 n/a ultra low noise amplifier triquint tqp3m9037 r1 10 k resistor, chip, 0402, 5%, 1/16w various r2 33k resistor, chip, 0402, 5%, 1/16w various r3 0 w r1 10k : j5 p d 6 l2 3.9 nh notes: 1. distance from input pin of u1 to right edge of c1 = 100mil. datasheet: rev m 1 2 - 1 8 - 14 - 8 of 1 4 - disclaimer: subject to change without notice ? 201 4 triquint www.triquint.com
tqp3m9037 ultra low noise, high linearity lna evaluation board : 2300 ? 2600 mhz reference design l 1 c 3 j 4 j 3 c 4 r 2 r 1 u 1 c 6 c 5 j 5 c 1 c 2 r 3 l2 q1 j2 rf output j4 gnd j3 v dd 2 1,3,4,5,8 7 l1 5.6nh c2 100 pf c3 100 pf c4 1 uf r2 33k ? r1 10k ? j5 p d 6 j1 rf input c5 2.4 pf l2 2.7 nh performance plots: 2300 ? 2600 mhz reference design 17 18 19 20 21 22 2300 2350 2400 2450 2500 2550 2600 gain (db) frequency (mhz) gain vs. frequency -25 -20 -15 -10 -5 0 2300 2350 2400 2450 2500 2550 2600 return loss (db) frequency (mhz) return loss vs. frequency input return loss output return loss 0 0.2 0.4 0.6 0.8 1 2300 2350 2400 2450 2500 2550 2600 noise figure (db) frequency (mhz) noise figure vs. frequency bill of material : 2300 ? 2600 mhz reference design reference des. value description manuf. part number n/a n/a printed circuit board triquint u1 n/a ultra low noise amplifie r triquint tqp3m9037 r1 . resistor, chip, 0402, 5%, 1/16w various r2 . resistor, chip, 0402, 5%, 1/16w various r3  resistor, chip, 0402, 5%, 1/16w various l1 5.6 nh inductor, 0603, 5%, ceramic coilcraft 0603cs - 5n6xjl l2 2.7 nh inductor, 0402, 5%, ceramic toko ll1005 - fhl2n7s c1 2.4 pf cap, chip, 0402, 0.25 pf, 50v, npo/cog avx 04023j2r4bbstr c4 1.0 uf cap, chip, 0402, 10%, 10v, x5r various c2, c3, c5, c6 100 pf cap, chip, 0402, 5%, 50v, npo/cog various datasheet: rev m 1 2 - 1 8 - 14 - 9 of 1 4 - disclaimer: subject to change without notice ? 201 4 triquint www.triquint.com
tqp3m9037 ultra low noise, high linearity lna evaluation board : 3400 - 3600 mhz reference design q1 j2 rf output j4 gnd j3 v dd 2 1,3,4,5,8 7 l1 5.6nh c2 100 pf c3 100 pf c4 1 uf r2 33k ? r1 10k ? j5 p d 6 j1 rf input c1 100 pf performance plots: 3400 - 3600 mhz reference design 13 14 15 16 17 18 3400 3450 3500 3550 3600 gain (db) frequency (mhz) gain vs. frequency -20 -15 -10 -5 0 3400 3450 3500 3550 3600 return loss (db) frequency (mhz) return loss vs. frequency input return loss output return loss 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 3400 3450 3500 3550 3600 noise figure (db) frequency (mhz) noise figure vs. frequency bill of material : 3400 - 3600 mhz reference design reference des. value description manuf. part number n/a n/a printed circui t board triquint u1 n/a ultra low noise amplifier triquint tqp3m9037 r1 . resistor, chip, 0402, 5%, 1/16w various r2 . resistor, chip, 0402, 5%, 1/16w various r3  resistor, chip, 0402, 5%, 1/16w various l1 5.6 nh inductor, 0603, 5%, cer amic coilcraft 0603cs - 5n6xjl c4 1.0 uf cap, chip, 0402, 10%, 10v, x5r various c1, c2, c3, c5, c6 100 pf cap, chip, 0402, 5%, 50v, npo/cog various datasheet: rev m 1 2 - 1 8 - 14 - 10 of 1 4 - disclaimer: subject to change without notice ? 201 4 triquint www.triquint.com
tqp3m9037 ultra low noise, high linearity lna switching speed switching speed measurement based on tqs application board shown on pg. 4. v pd toggl ed with a 100hz square wave(0 - 3v) , v dd =5v parameter c1=100pf c=10pf units turn - off transition (50% ttl ? 10% rf) 0.5 0.15 s turn - on transition (50% ttl ? 90% rf) 1.45 0.23 s c1 = 100 pf turn - off ( 50% ttl ? 10% rf ) turn - on ( 50% ttl ? 9 0 % rf ) 1 = 10 p tn 50 tt 10 tn n 50 tt 9 0 rf signal control signal control signal rf signal rf signal control signal control signal rf signal datasheet: rev m 1 2 - 1 8 - 14 - 11 of 1 4 - disclaimer: subject to change without notice ? 201 4 triquint www.triquint.com
tqp3m9037 ultra low noise, high linearity lna pin configuration and description backside paddle - rf/dc gnd pin 1 reference mark 8 7 6 5 1 2 3 4 nc rf out shut down nc nc rf in nc nc pin no. label description 2 rf i n rf input pin. a dc block is required. 6 shut d own a high voltag e turns off the device. if the pin is not connected or is less than 1v, then the device will operate under its normal operating condition. 7 rf o ut / dc b ias rf output pin. dc bias will also need to be injected through a rf bias choke/inductor for operati on. 1, 3, 4, 5, 8 n c no electrical connection. provide grounded land pads for pcb mounting integrity. backside paddle rf/dc gnd rf/dc ground. use recommended via pattern to minimize inductance and thermal resistance; see pcb mounting pattern for sugges ted footprint. evaluation board pcb information triquint pcb 1084112 material and stack - up 1 oz. cu bottom layer rogers 4350b rogers 4450f rogers 4350b r =3.7 typ. 1 oz. cu top layer 1 oz. cu inner layer 1 oz. cu inner layer 0.010" 0.010" 0.062" 0.006" finished board thickness 50 ohm line dimensions: width = 0.020?, spacing = 0.032? datasheet: rev m 1 2 - 1 8 - 14 - 12 of 1 4 - disclaimer: subject to change without notice ? 201 4 triquint www.triquint.com
tqp3m9037 ultra low noise, high linearity lna mechanical information package marking and dimensions marking: part number ? 9037 lot cod e ? xxxx n otes : 1. all dimensions are in millimeters. angles are in degrees. 2. except where noted, this part outline conforms to jedec standard mo - 220, issue e (variation vggc) for thermally enhanced plastic very thin fine pitch quad flat no lead package ( qfn). 3. dimension and tolerance formats conform to asme y14.4m - 1994. 4. the terminal #1 identifier and terminal numbering conform to jesd 95 - 1 spp - 012. pcb mounting pattern n otes : 1. all dimensions are in millimeters. angles are in degrees. 2. use 1 oz. co pper minimum for top and bottom layer metal. 3. vias are required under the backside paddle of this device for proper rf/dc grounding and thermal dissipation. we recommend a 0.35mm (#80/.0135") diameter bit for drilling via holes and a final plated thru di ameter of 0.25 mm (0.10?). 4. ensure good package backside paddle solder attach for reliable operation and best electrical performance. datasheet: rev m 1 2 - 1 8 - 14 - 13 of 1 4 - disclaimer: subject to change without notice ? 201 4 triquint www.triquint.com
tqp3m9037 ultra low noise, high linearity lna product compliance information esd sensitivity ratings caution! esd - sensitive device esd rating: class 1a va lue: passes 250 v to < 500 v test: human body model (hbm) standard: jedec standard jesd22 - a114 esd rating: class c2 value: passes 5 0 0 v to < 10 00 v test: charged device model (cdm) standard: jedec standard jesd22 - c101 solderability compatible wi th both lead - free (260 c max. reflow temperature) and tin/lead (245 c max. reflow temperature) soldering processes. contact plating: nipdau rohs compliance this part is compliant with eu 2002/95/ec rohs directive (restrictions on the use of certain hazardous substances in electrical and electronic equipment). this product also has the following attributes: x lead free x halogen free (chlorine, bromine) x antimony free x tbbp - a (c 15 h 12 br 4 0 2 ) free x pfos free x svhc free msl rating msl rating : level 1 test: 2 60c convection reflow standard: jedec standard ipc/jedec j - std - 020 contact information for the latest specifications, additional product information, worldwide sales and distribution locations, and information about triquint: web: www.triquint.com tel: +1.503.615.9000 email: info - sales@triquint.com fax: +1.503.615.8902 for technical questions and application information: email: sjcapplications.engineering@triquint.com important notice the information contained herein is believed to be reliable. triquint makes no warranties regarding the information contained herein. triquint a ssumes no responsibility or liability whatsoever for any of the information contained herein. triquint assumes no responsibility or liability whatsoever for the use of the information contained herein. the information contained herein is provided "as is, where is" and with all faults, and the entire risk associated with such information is entirely with the user. all information contained herein is subject to change without notice. customers should obtain and verify the latest relevant information befor e placing orders for triquint products. the information contained herein or any use of such information does not grant, explicitly or implicitly, to any party any patent rights, licenses, or any other intellectual property rights, whether with regard to s uch information itself or anything described by such information. triquint products are not warranted or authorized for use as critical components in medical, life - saving, or life - sustaining applications, or other applications where a failure would reaso nably be expected to cause severe personal injury or death. datasheet: rev m 1 2 - 1 8 - 14 - 14 of 1 4 - disclaimer: subject to change without notice ? 201 4 triquint www.triquint.com


▲Up To Search▲   

 
Price & Availability of TQP3M9037-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X