Part Number Hot Search : 
MT9076AP SZ6A270 45800 3M100B SG1525 FC130 TSD515 SBYV26C
Product Description
Full Text Search
 

To Download SKBPC2506 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  suntan ? su ? skbpc25005/sbr25005 thru skbpc2516/sbr2516 silicon/glass passivated three phase bridge rectifiers voltage range 50 to 1600 volts current 25 amperes f e a t u r e s diffused junction low forward voltage drop high current capability high reliability high surge current capability ideal for printed circuit boards: mechanical data case:epoxy case with heat sink lnterally mounted in the bridge encapsulation terminals:plated leads soiderable per mil-std-202,method 208 polarity:as marked on body weight:20 grams(approx.) mounting position: bolt down on heatsink with silicone thermal compound between bridge and mounting surface for maximum heat transfer efficiency mounting torque:20 in lbs. max marking:type number skbpc dimensions in inches and (millimeters) maximum ratings and electr ical characteristics rating at 25 ambient temperature unless otherwise specified. single phase, half wave, 60hz, resis tive or inductive load.for capaci tive load, derate current by 20% type number skbpc /sbr 25005 skbpc /sbr 2501 skbpc /sbr 2502 skbpc /sbr 2504 skbpc /sbr 2506 skbpc /sbr 2508 skbpc /sbr 2510 skbpc /sbr 2512 skbpc /sbr 2514 skbpc /sbr 2516 units maximum repetitive peak reverse voltage v rrm 50 100 200 400 600 800 1000 1200 1400 1600 v maximum rms voltage v rms 35 70 140 280 420 560 700 840 980 1120 v maximum dc blocking voltage v dc 50 100 200 400 600 800 1000 1200 1400 1600 v maximum average forward rectified current @t c = 100 i(av) 25 a non-repetitive peak forward surge current (no voltage reapplied t=8.3ms at 60hz) (no voltage reapplied t=10ms at 50hz) (100% vrrm reapplied t=8.3ms at 60hz) (100% vrrm reapplied t=10ms at 50hz) i fsm 375 360 410 450 a
suntan ? su ? skbpc25005/sbr25005 thru skbpc2516/sbr2516 silicon/glass passivated three phase bridge rectifiers voltage range 50 to 1600 volts current 25 amperes maximum ratings and electr ical characteristics rating at 25 ambient temperature unless otherwise specified. single phase, half wave, 60hz, resis tive or inductive load.for capaci tive load, derate current by 20% type number skbpc /sbr 25005 skbpc /sbr 2501 skbpc /sbr 2502 skbpc /sbr 2504 skbpc /sbr 2506 skbpc /sbr 2508 skbpc /sbr 2510 skbpc /sbr 2512 skbpc /sbr 2514 skbpc /sbr 25005 units i2t rating for fusing (no voltage reapplied t=8.3ms at 60hz) (no voltage reapplied t=10ms at 50hz) (100% vrrm reapplied t=8.3ms at 60hz) (100% vrrm reapplied t=10ms at 50hz) i 2 t 580 635 410 450 a 2 s forward voltage (per element) @tj=25 ,@ifm=40apk per single junction v f 1.26 v peak reverse current (per leg) @tj=25 ua at rated dc blocking voltage @tj=125 i r 10 5.0 a ma rms lsolation voltage from case to lead v iso 2500 v thermal resistance junction to case at dc operation per bridge r jc 1.42 k/w thermal resistance case to heatsink mounting surface, smooth, flat and greased r cs 0.2 k/w operating temperature range t j -55 to +150 storage temperature range t stg -55 to +150
suntan ? su ? skbpc25005/sbr25005 thru skbpc2516/sbr2516 silicon/glass passivated three phase bridge rectifiers voltage range 50 to 1600 volts current 25 amperes rating and characteristic curves sk bpc25005/sbr25005 thru skbpc2516/sbr2516 rating and characteristic cu rves kbpc35005 thru kbpc3510
suntan ? su ? skbpc25005/sbr25005 thru skbpc2516/sbr2516 silicon/glass passivated three phase bridge rectifiers voltage range 50 to 1600 volts current 25 amperes rating and characteristic curves sk bpc25005/sbr25005 thru skbpc2516/sbr2516 note: specification are subject to change without notic e. for more detail and update, please visit our website. suntan ? technology company limited website: www.suntan.com.hk email: info@suntan.com.hk tel: (852) 8202 8782 fax: (852) 8208 6246


▲Up To Search▲   

 
Price & Availability of SKBPC2506

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X