Part Number Hot Search : 
MAX41 TSH70CD ATTIN BU4920G ZNBG4000 R1E10 LX08M 1N2806
Product Description
Full Text Search
 

To Download SFF2002G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ret y rt ? ul recognized file # e-326243 ? high efficiency, low vf ? high current capability ? high reliability ? high surge current capability ? low power loss sff2001g ito-220ab 50 / tube c0 maximum ratings and el ectrical characteristics rating at 25 ambient temperature unless otherwise specified. symbol sff 2001g sff 2002g sff 2003g sff 2004g sff 2005g sff 2006g sff 2007g sff 2008g unit v rrm 50 100 150 200 300 400 500 600 v v rms 35 70 105 140 210 280 350 420 v v dc 50 100 150 200 300 400 500 600 v i f(av) a trr ns cj pf r jc o c/w t j o c t stg o c note 3: measured at 1 mhz and applied reverse voltage of 4.0v d.c. version:g13 storage temperature range - 55 to + 150 note 1: pulse test with pw=300 usec, 1% duty cycle note 2: reverse recovery test conditions: i f =0.5a, i r =1.0a, i rr =0.25a ordering information (example) part no. package packing packing code packing code (green) typical junction capacitance (note 3) 90 typical thermal resistance 2.5 operating temperature range - 55 to + 150 maximum reverse current @ rated vr t a =25 t a =125 i r 10 ua 400 maximum reverse recovery time (note 2) 35 peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load (jedec method) i fsm 150 a maximum instantaneous forward voltage (note 1) @ 10a v f 0.975 1.3 1.7 v ? weight: 1.75 grams parameter maximum repetitive peak reverse voltage maximum rms voltage maximum dc blocking voltage maximum average forward rectified current c0g 20 mechanical data ? case: ito-220ab molded plastic ? epoxy: ul 94v-0 rate flame retardant ? terminals: pure tin plated, lead free, solderable per mil-std-202, method 208 guaranteed ? polarity: as marked ? high temperature soldering: 260 /10 seconds/.16",(4.06mm) from case sff2001g - sff2008g 20.0amps isolated glass passivated super fast rectifier ito-220ab features ? for use in low voltage, high frequency inverter, free wheeling, and polarity protection application ? green compound with suffix "g" on packing code & prefix "g" on datecode downloaded from: http:///
version:g13 ratings and characteristic curves (sff2001g thru sff2008g) 0 5 10 15 20 25 0 25 50 75 100 125 150 average forward a current (a) case temperature ( o c) fig.1 forward current derating curve resistive or inductiveload with heatsink 0 30 60 90 120 150 1 10 100 peak forward surge current (a) number of cycles at 60 hz fig. 3 maximum non-repetitive forward surge current 8.3ms single half sine wave jedec method ta=25 0.1 1 10 100 1000 0 20 40 60 80 100 120 140 instantaneous reverse current(ua) percent of rated peak reverse voltage (%) fig. 2 typical reverse characteristics ta=25 ta=100 ta=75 40 50 60 70 80 90 100 1 10 100 capacitance (pf) reverse voltage (v) fig. 4 typical junction capacitance ta=25 f=1.0mhz vsig=50mvp-p 0.1 1 10 100 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 instantaneous forward current (a) forward voltage (v) fig. 5 typical forward characteristics ta=25 pulse width=300us 1% duty cycle sff2001g-sff2004g sff2005g-sff2006g sff2007g-sff2008g downloaded from: http:///
ito-220ab dimensions min max min max a 4.30 4.70 0.169 0.185 b 2.50 3.16 0.098 0.124 c 2.30 2.96 0.091 0.117 d 0.46 0.76 0.018 0.030 e 6.30 6.90 0.248 0.272 f 9.60 10.30 0.378 0.406 g 3.00 3.40 0.118 0.134 h 0.95 1.45 0.037 0.057 i 0.50 0.90 0.020 0.035 j 2.40 3.20 0.094 0.126 k 14.80 15.50 0.583 0.610 l - 4.10 - 0.161 m 12.60 13.80 0.496 0.543 n - 1.80 - 0.071 o 2.41 2.67 0.095 0.105 p/n = specific device code g = green compound yww = date code f = factory code version:g13 dim. unit(mm) unit(inch) marking diagram sff200xg 50 / tube note: "x" is device code from "1" thru "8". c0g packing code c0 ordering information part no. package bulk packing packing code (green) downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of SFF2002G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X