Part Number Hot Search : 
IRFF430 MN3106 ST3241EB PG5398 LM393D M13FKE3 AT54C KD55F
Product Description
Full Text Search
 

To Download RKJXS1004001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  452 refer to p.461 for soldering conditions. typical specifications items specifications rating max. resistive load 10ma 5v dc switch on position 8-direction each direction 7 max. travel center-push 0.30.2mm operating life 8-direction each direction 500,000 cycles center-push 500,000 cycles circuit diagram output relation chart between lever position and on position. a b f c g d h e center push free 1 p 2 e 3 4 c operating direction of lever.contact points operating direction of lever. o n o f f not specified term. e ground terminal the direction of the operation term. a b c d e f g h 1 4 c p 2 3 rkjxs 8-directional stick switch (with center-push function) 8-direction center push type switch in 2.3mm low-profile design ?13 hole ?21 ?380 1.6 25.5 unit:mm reel size packing specifications taping number of packagespcs. tape width mm export package measurementsmm 1 reel 1 case / japan 1 case / export packing 950 3,800 3,800 24 4 054 05162 product line product no. maximum resolution operating force n minimum order unit pcs. direction center-push japan export RKJXS1004001 8-direction 0.80.5 2.51.5 3,800 3,800 dimensions unit:mm style pc board mounting hole dimensions viewed from mounting side 9.1 9.1 1.8 1.8 1.8 3 9.1 1.2 6.6 ?0.9hole ? 1.3hole 12.1 12.1 12.1 0.6 0.55 3.9 1.8 (90?) 1 2 3 4 e e c p co.4 ?1.2 hole 2.8 5.85 5.95 11 .7 11 .7 12.1 12.3 max. 2 c0.2 0.8 2.9 14? max. 0.3 2.3 ?1.2 ?0.8 guide bosses te rm.p te rm.1 te rm.2 te rm.4 te rm.e te rm.c te rm.e te rm.3 push switch travel 4.45 on position of terminal p and c 2 multi control devices variable resistor type switch type
435 type switch type series rkjxl rkjxs skrv skrh skrhaa/ab skrhac/ad photo dimensions typical value mm w 13 11 . 7 6.45 7. 3 5 / 7. 4 5 d 6.4 7. 5 h 6.4 2.3 4 5 number of operating shafts single-shaft shaft material metal resin directional resolution 8-direction 4-direction directional operating feeling tactile feeling without with lever return mechanism with center-push switch with encoder without operating temperature range ?30 to 70 ?20 to 70 ?40 to 85 operating life directional operation total with 8-direction 100,000 cycles 500,000 cycles for each direction 200,000 cycles for each direction 200,000 cycles for each direction 1,000,000 cycles for each direction center-push 100,000 cycles 500,000 cycles 200,000 cycles 200,000 cycles 1,000,000 cycles encoder ` ` ` ` automotive use ` ` ` life cycle (availability) ratingmax.resistive load 10 m a 5 v d c 5 0 m a 12 v d c electrical performance output voltage ` ` ` encoder resolution ` ` ` ` insulation resistance 10 0 m m i n . 2 5 0 v d c 50m min. 50v dc 10 0 m m i n . 10 0 v d c voltage proof 300v ac for 1min. or 360v ac for 2s 50v ac for 1min. or 60v ac for 2s 10 0 v a c f o r 1m i n . mechanical performance directional operating force 1 0 7 m n?m 0.80.5n 1. 2 0 . 6 n 1. 2 3 0 . 6 9 n 1. 2 0 . 6 9 n push operating force 4 . 5 1n 2.51.5n 2.40.69n 2.350.69n encoder detent torque ` ` ` ` terminal strength ` ` ` ` actuator strength push / pull directions 1 0 0 n p u s h , 5 0 n p u l l 3 0 n p u s h , 1 0 n p u l l ` ` operating direction 10 0 n 20n 29.4n environmental performance cold ?40 500h ?40 96h ?30 96h ?40 96h dry heat 85 500h 85 96h 80 96h 90 96h damp heat 60, 90 to 95%rh 500h 60, 90 to 95%rh 96h page 4 51 452 453 454 switch type multi control devices soldering conditions ????????????????????????????????????? 461 switch type multi control devices cautions ??????????????????????????????????????????? 462 note indicates applicability to all products in the series. 5v 5k + measuring terminal measuring circuit 1v max. at 1ma 5v dc resistive load multi control devices switch type variable resistor type
461 i max. h max. 300 200 100 room temperature pre-heating e max. time s t emperatur e a b c d f max. g max. notes 1. the above temperature shall be measured on the mounting surface of a pc board. there are cases where the pc boards temperature greatly differs from that of the switch, depending on the material, size thickness of pc boards and others. the above-stated conditions shall also apply to switch surface temperatures. 2. soldering conditions differ depending on reflow soldering machines. prior verification of soldering condition is highly recommended. soldering surface temperature soldering temperature heating time soldering time no. of solders rkjxs rkjxl rkjxt1f, rkjxm rkjxt1f, rkjxm, rkjxl, sllb, sllb5, srbe, skrv, skrh series series 3505 3s max. 1 time 10 0 m a x . 2605 2 min. max. 5 1s 2 time max. 3 5 0 10 3 s 2 time max. 12 0 m a x . 260 max. 70s max. 6s max. 2 time max. tip temperature soldering time no. of solders preheating dip soldering reference for dip soldering example of reflow soldering condition reference for manual soldering skrv, skrh, sllb, srbe sllb5 rkjxs series 260 230 15 0 15 0 2 min. ` 10 s 40s 4 min. 1 time 250 230 15 0 15 0 ` 2 min. ` 30s ` 1 time 260 230 18 0 15 0 2 min. ` ` 40s ` 1 time a b c d e f g h i no. of reflows temperature profile 1 ?0 switch type / soldering conditions multi control devices switch type variable resistor type


▲Up To Search▲   

 
Price & Availability of RKJXS1004001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X