Part Number Hot Search : 
D23C1 25FW403 BAS78D 090327 CY23S05 SAA7341 SAA7341 FRK160D
Product Description
Full Text Search
 

To Download RKJXK122400Y Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  437 typical specificationspotentiometer items rkjxk rkjxv rated power 0.0125w maximum operating voltage 50v ac, 5v dc operating angle 606 23 max. in each direction operating force 8mn?m max. not lever return type 64mn?m lever return type 1410mn?m operating life 100,000 cycles 2,000,000 cycles typical specificationscenter-push items rkjxk rkjxv ratingsmax. 50ma 12v dc operating force 5.22.6n 7.43n travel 0.5 mm 0.4 mm operating life 100,000 cycles 500,000 cycles 0.5 ?0.4 0.5 ?0.3 refer to p.442 for soldering conditions. thumbpointer tm stick controller rkjxk rkjxv compact size, standard type. also available with lever return mechanism packing specifications tray product no. number of packagespcs. export package measurementsmm 1 case / japan 1 case / export packing rkjxk 500 1,000 373 540 225 rkjxv 1, 6 0 0 1, 6 0 0 540 360 250 product line product no. lever return mechanism center-push total resistance k? resistance taper minimum order unit pcs. drawing no. japan export RKJXK122400Y with with 10 b 0 b 500 1,000 1 rkjxk122000d without 2 rkjxk1210002 without rkjxv1224005 with with 1, 6 0 0 1, 6 0 0 3 rkjxv1220001 without 4 note if the lever is tilted more than 23 from the vertical position, operating feel irregularities or return mechanism errors may occur. therefore, please do not tilt more than 23. multi control devices switch type variable resistor type
438 15.5 3.1 2 9 5 13.3 7.7 5 9 6 8.25 4.5 6- ? 1 hole 5- ? 2.6 4- ? 1.5 hole 4-1.35 1 square hole prohibited wiring area all directions return position 3.7 60? 19.3 22.7 20.7 12.9 ?2 ?7.9 16 16 x x yy 20.7 16 y ?7.9 x 16 25.4 x y 3.7 60? 12.9 19.3 ?2 4-?2.6 9 9 3.1 13.3 2 15.5 4-?1.5 holes 6-?1 holes 5 5 prohibited wiring area 2.2 8 4- ? 2.6 7 ? 3.5 ? 4 7 4- ? 1.2 hole 4.5 10 ? 1.5 hole 12.65 5 5 8.73 8.73 6- ? 1 hole 6.5 7 2- ? 1.6 hole 8.6 d ca b ?? 3 2 1 prohibited wiring area height of boss 13.15 13.15 17.79 21.28 vr2 vr2 vr1 b c d sw1 a ? 46 max. 11.2 2.5 2.6 10.8 12.45 18.95 2.9 0.75 3 height to top frame 1 2 3 lever return position any direction any direction dimention of vr rkjxk1210 rkjxk1220 rkjxk1224 rkjxv1224 v1j 4jmm rkjxk rkjxv dimensions unit:mm no. photo style pc board mounting hole dimensions viewed from mounting side 1 2 3 multi control devices variable resistor type switch type
439 5 5 prohibited wiring area 2.2 2.2 8 8 4- 2.6 4- 2.6 7 7 3.5 3.5 ?4 ?4 7 7 10 10 1.5 hole 1.5 hole 12.65 12.65 5 5 8.73 8.73 6- 1 hole 6- 1 hole 7 7 3 3 2 2 1 1 2- 1.6 hole 2- 1.6 hole 8.6 8.6 8.73 8.73 b 13.15 17.5 21 vr2 vr1 b c d sw1 a 46 max. 11.2 0.75 2.6 18.95 12.45 2.9 dimention of vr height to top frame 1 2 3 lever return position any direction height of boss 10.8 13.15 rkjxv1220 dimensions unit:mm no. photo style pc board mounting hole dimensions viewed from mounting side 4 rkjxk/rkjxvthumbpointer tm stick controller multi control devices switch type variable resistor type
433 type variable resistor type series rkjxk rkjxv rkjxy rkjxu photo dimensions typical value mm w 20.7 17. 8 19 . 6 18 . 6 d 25.4 21. 3 18 .1 24.3 h 12.9 11 . 2 4.9 5.2 number ofoperating shafts single-shaft shaft material metal resin directional resolution continuous directional operating feeling tactile feeling without lever return mechanism with / without with center-push switch with / without without encoder without operating temperature range ?10 to 70 operating life directional operation 100,000 cycles 2,000,000 cycles 1,000,000 cycles 2,000,000 cycles center-push 100,000 cycles 500,000 cycles ` ` automotive use ` ` ` ` life cycle (availability) electrical performance insulation resistance 10 0 m m i n . 2 5 0 v d c ` ` voltage proof 250v ac for 1 minute ` ` slider noise 300mv p-p max. by jis method mechanical performance directional operating force 8mn?m max. without lever return mechanism 64mn?m with lever return mechanism 14 10 m n ? m 0.430.25n 0.730.3n push operating force 5.22.6n 7. 43 n ` ` lever return precision 5 0 .1m m actuator strength push / pull directions 50n min. push/pull 98n min. push, 50n min. pull 100n min. push, 49n min. pull 100n min. push, 30n min. pull operating direction 0.3n?m ` 50n environmental performance cold ?30 96h dry heat 80 96h damp heat 60, 90 to 95rh 96h page 437 440 4 41 variable resistor type multi control devices soldering conditions ??????????????????????????????? 442 variable resistor type multi control devices cautions ?????????????????????????????????????? 442 variable resistor type switch type 437 443 multi control devices new list of varieties multi control devices new multi control devices switch type variable resistor type
442 pp pp 3 1 2 3 1 2 a / d a / d [fig.2] circuit used for analog stick controller we recommend you use the variable resistor in a voltage divider type as shown in fig. a. impedance on the output side since this pot is designed to use with its output is connected directly to a/d port. lmpedance is considered to be mega ohm level. then contact resistance in the pot is higher. please refer to flg-1. so when you use it in the circuit like flg-2.please make sure that impedance should be over than 1m-ohm. dew condensation avoid using the product when condensation or drops of water might occur inside the product. otherwise, insulation deterioration or shorting may occur. soldering do not employ wiring designs and soldering methods as illustrated in the schematic drawing. molten solder flowing over the upper surface of pc board can cause imperfect contacts. solder all metal inserted fixing including terminals & metal lugs into a substrate. stress being applied to the terminals always be careful not to apply excessive stress on the terminals. design appropriate soldering conditions. handling of variable resistors equipped with switches exercise care when packing or storing. packaging or storing while load is applied to the shaft may cause a malfunction in performance. storage store the products as delivered, at a normal temperature and humidity, without direct sunshine and corrosive gas ambient. use them at an earliest possible timing, not later than six months upon receipt. after breaking the seal, keep the products in a plastic bag to shut out ambient air, store them in the same environment as above, and use them up as soon as possible. do not stack too many switches. the above operation notes are quoted from the precaution and guideline of potentiometer for electrical devices, a technical report issued by the japan electronics and information technology industries association e iaj rcr-2191a in march 2002. for details, refer to the original technical report. variable resistor type / soldering conditions soldering surface temperature soldering temperature heating time soldering time no. of solders rkjxv rkjxk, rkjxv rkjxk series series 350max. 3s max. 1 time 90 to 100 260 45s max. 5s 1 time 90 to 100 260 60s max. 5s 1 time tip temperature soldering time no. of solders preheating dip soldering reference for dip soldering reference for manual soldering variable resistor type / cautions 1 3 2 v v 1 3 2 terminal solder solder pc board pp pp 3 1 2 3 1 2 a / d a / d [fig.1] fig.a.voltage divider type multi control devices variable resistor type switch type


▲Up To Search▲   

 
Price & Availability of RKJXK122400Y

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X