Part Number Hot Search : 
C1228A L1923 TA8256 X25043P 1428A S10K2 02210 EKM6611
Product Description
Full Text Search
 

To Download PZT751 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2015 january, 2015 ? rev. 9 1 publication order number: PZT751t1/d PZT751 pnp silicon planar epitaxial transistor this pnp silicon epitaxial transistor is designed for use in industrial and consumer applications. the device is housed in the sot?223 package which is designed for medium power surface mount applications. features ? high current ? the sot?223 package can be soldered using wave or reflow. ? sot?223 package ensures level mounting, resulting in improved thermal conduction, and allows visual inspection of soldered joints. the formed leads absorb thermal stress during soldering, eliminating the possibility of damage to the die ? npn complement is pzt651t1g ? s prefix for automotive and other applications requiring unique site and control change requirements; aec?q101 qualified and ppap capable ? these devices are pb?free, halogen free/bfr free and are rohs compliant* maximum ratings (t c = 25 c unless otherwise noted) rating symbol value unit collector?emitter voltage v ceo ?60 vdc collector?base voltage v cbo ?80 vdc emitter?base voltage v ebo ?5.0 vdc collector current i c ?2.0 adc total power dissipation @ t a = 25 c (note 1) derate above 25 c p d 0.8 6.4 w mw/ c storage temperature range t stg ?65 to 150 c junction temperature t j 150 c stresses exceeding those listed in the maximum ratings table may damage the device. if any of these limits are exceeded, device functionality should not be assumed, damage may occur and reliability may be affected. 1. device mounted on a fr?4 glass epoxy printed circuit board using minimum recommended footprint. thermal characteristics rating symbol value unit thermal resistance from junction?to? ambient in free air r  ja 156 c/w maximum temperature for soldering purposes time in solder bath t l 260 10 c sec *for additional information on our pb?free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. www. onsemi.com sot?223 package high current npn silicon transistor surface mount sot?223 case 318e style 1 collector 2, 4 base 1 emitter 3 device package shipping ? ordering information PZT751t1g sot?223 (pb?free) 1,000 / tape & ree l marking diagram a = assembly location y = year w = work week  = pb?free package ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our t ape and reel packaging specification s brochure, brd8011/d. 1 ayw zt751   (note: microdot may be in either location) sPZT751t1g sot?223 (pb?free) 1,000 / tape & ree l 1 2 3 4
PZT751 www. onsemi.com 2 electrical characteristics (t a = 25 c unless otherwise noted) characteristics symbol min max unit off characteristics collector?emitter breakdown voltage (i c = ?10 madc, i b = 0) v (br)ceo ?60 ? vdc collector?emitter breakdown voltage (i c = ?100  adc, i e = 0) v (br)cbo ?80 ? vdc emitter?base breakdown voltage (i e = ?10  adc, i c = 0) v (br)ebo ?5.0 ? vdc base?emitter cutoff current (v eb = ?4.0 vdc) i ebo ? ?0.1  adc collector?base cutoff current (v cb = ?80 vdc, i e = 0) i cbo ? ?100 nadc on characteristics (note 2) dc current gain (i c = ?50 madc, v ce = ?2.0 vdc) (i c = ?500 madc, v ce = ?2.0 vdc) (i c = ?1.0 adc, v ce = ?2.0 vdc) (i c = ?2.0 adc, v ce = ?2.0 vdc) h fe 75 75 75 40 ? ? ? ? ? collector?emitter saturation voltages (i c = ?2.0 adc, i b = ?200 madc) (i c = ?1.0 adc, i b = ?100 madc) v ce(sat) ? ? ?0.5 ?0.3 vdc base?emitter voltages (i c = ?1.0 adc, v ce = ?2.0 vdc) v be(on) ? ?1.0 vdc base?emitter saturation voltage (i c = ?1.0 adc, i b = ?100 madc) v be(sat) ? ?1.2 vdc current?gain?bandwidth (i c = ?50 madc, v ce = ?5.0 vdc, f = 100 mhz) f t 75 ? mhz 2. pulse test: pulse width 300  s, duty cycle = 2.0%.
PZT751 www. onsemi.com 3 typical characteristics i c , collector current (ma) -10 -20 -50 -100 -200 -500 h fe , dc current gain 250 0 25 50 75 100 125 200 175 150 225 -1.0 a -2.0 a -4.0 a v ce = -2.0 v t j = 125 c 25 c -55 c figure 1. typical dc current gain i c , collector current (ma) v, voltage (volts) 0 figure 2. on voltages -50 -2.0 -1.8 -1.6 -1.4 -1.2 -1.0 -0.4 -0.8 -0.6 -0.2 -100 -200 -500 -1.0 a -2.0 a -4.0 a v be(sat) @ i c /i b = 10 v ce(sat) @ i c /i b = 10 v be(on) @ v ce = 2.0 v i b , base current (ma) figure 3. collector saturation region v ce , collector-emitter voltage (volts) t j = 25 c i c = -10 ma i c = -100 ma i c = -500 ma i c = -2.0 a -0.05 -1.0 0 -0.1 -0.2 -0.3 -0.4 -0.5 -0.6 -0.7 -0.8 -0.9 -0.1 -0.2 -0.5 -1.0 -2.0 -5.0 -10 -20 -50 -100-200 -500
PZT751 www. onsemi.com 4 package dimensions sot?223 (to?261) case 318e?04 issue n a1 b1 d e b e e1 4 123 0.08 (0003) a l1 c notes: 1. dimensioning and tolerancing per asme y14.5m, 1994. 2. controlling dimension: inch. 1.5 0.059  mm inches  scale 6:1 3.8 0.15 2.0 0.079 6.3 0.248 2.3 0.091 2.3 0.091 2.0 0.079 soldering footprint* h e dim a min nom max min millimeters 1.50 1.63 1.75 0.060 inches a1 0.02 0.06 0.10 0.001 b 0.60 0.75 0.89 0.024 b1 2.90 3.06 3.20 0.115 c 0.24 0.29 0.35 0.009 d 6.30 6.50 6.70 0.249 e 3.30 3.50 3.70 0.130 e 2.20 2.30 2.40 0.087 0.85 0.94 1.05 0.033 0.064 0.068 0.002 0.004 0.030 0.035 0.121 0.126 0.012 0.014 0.256 0.263 0.138 0.145 0.091 0.094 0.037 0.041 nom max l1 1.50 1.75 2.00 0.060 6.70 7.00 7.30 0.264 0.069 0.078 0.276 0.287 h e ? ? e1 0 1 0 0 1 0   l l 0.20 ??? ??? 0.008 ??? ??? style 1: pin 1. base 2. collector 3. emitter 4. collector *for additional information on our pb?free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. p ublication ordering information n. american technical support : 800?282?9855 toll free usa/canada europe, middle east and africa technical support: phone: 421 33 790 2910 japan customer focus center phone: 81?3?5817?1050 PZT751t1/d literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 303?675?2175 or 800?344?3860 toll free usa/canada fax : 303?675?2176 or 800?344?3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : www.onsemi.com order literature : http://www.onsemi.com/orderlit for additional information, please contact your loc al sales representative on semiconductor and the are registered trademarks of semiconductor components industries, llc (scillc) or its subsidia ries in the united states and/or other countries. scillc owns the rights to a number of pa tents, trademarks, copyrights, trade secret s, and other intellectual property. a listin g of scillc?s product/patent coverage may be accessed at www.onsemi.com/site/pdf/patent?marking.pdf. scillc reserves the right to make changes without further notice to any product s herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for any part icular purpose, nor does sci llc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. ?typi cal? parameters which may be provided in scillc data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. all operating param eters, including ?typicals? must be validated for each customer application by customer?s technical experts. scillc does not convey any license under its patent rights nor the right s of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgic al implant into the body, or other applications intended to s upport or sustain life, or for any other application in which the failure of the scillc product could create a situation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer s hall indemnify and hold scillc and its officers , employees, subsidiaries, affiliates, and dist ributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding the design or manufac ture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws and is not for resale in any manner.


▲Up To Search▲   

 
Price & Availability of PZT751

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X