Part Number Hot Search : 
ZS4748A TD200F FR205P PZTA29 PZTA29 00907 OP802 2A0421
Product Description
Full Text Search
 

To Download PHE840MB6330MB14R17 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  rohs compliant rated voltage 275 vac 50/60 hz (enec) 280 vac 50/60 hz (ul, cul) capacitance range 0.01 C 10.0 f capacitance tolerance 20% standard, 10% option, 5% on request t emperature range C55 to +105c climatic category 55/105/56/b a pprovals enec, ul, cul dissipation factor maximum values at +23c c 0.1 f 0.1f < c 1 f c > 1 f 1 khz 0.1% 0.1% 0.1% 10 khz 0.2% 0.4% 0.8% 100 khz 0.6% C C t est voltage between the 100% screening factory test is carried out at 2200 terminals vdc. the voltage level is selected to meet the requirements in applicable equipment standards. all electrical characteristics are checked after the test. i nsulation resistance c 0.33 f: 30 000 m ? c > 0.33 f: 10 000 s in dc applications recommended voltage 760 vdc phe840m ? emi suppressor , class x 2, metallized polypropylene ? 0.01 C 10.0 f , 275/280 vac , +105c ? s mall dimensions including low profle capacitors typical applic ations construction technical data for worldwide use as electromagnetic interference suppressor in all x2 and across-the-line applications. metallized polypropylene flm encapsulated with selfextinguishing epoxy resin in a box of material recognized to ul 94 vC0. p d std l max l b 7.5 0.4 0.6 17 20 0.4 10.0 0.4 0.6 17 30 0.4 15.0 0.4 0.8 17 30 0.4 22.5 0.4 0.8 6 30 0.4 27.5 0.4 0.8 6 30 0.4 37.5 0.5 1.0 6 30 0.7 tolerance in lead length < 30 mm mm 30 mm mm +0 C1 +5 C0 l h b p l ? d 0.5 b environme ntal te st data endurance en/iec 60384-14:2005 1.25 x u r vac 50 hz, once every hour increased to 1000 vac for 0.1 s, 1000 h at upper rated temperature v ibration iec 60068C2C6 3 directions at 2 hours each, no visible damage test fc 10C55 hz at 0.75 mm or 98 m/s 2 no open or short circuit bump iec 60068C2C29 1000 bumps at no visible damage test eb 390 m/s 2 no open or short circuit c hange of temperature iec 60068C2C14 upper and lower rated no visible damage test na temperature 5 cycles active fammability en/iec 60384-14:2005 passive fammability enclosure material of en/iec 60384-14:2005 ul94vC0 fammability class humidity iec 60068-2-3 +40c and 56 days test ca 90 C 95% r.h. not for use in series with the mains. see www.kemet.com for more information.
phe840m ar ticle table lead sp acing 7.5 mm 0.010 k01 4.0 8.0 10.0 14 100 phe840mk5100mk01r17 0.012 k01 4.0 8.0 10.0 13 100 phe840mk5120mk01r17 0.015 k01 4.0 8.0 10.0 12 100 phe840mk5150mk01r17 0.018 k03 5.0 11.0 10.0 11 100 phe840mk5180mk03r17 0.022 k03 5.0 11.0 10.0 10 100 phe840mk5220mk03r17 0.027 k03 5.0 11.0 10.0 9.5 100 phe840mk5270mk03r17 0.033 k03 5.0 11.0 10.0 8.8 100 phe840mk5330mk03r17 0.039 k03 5.0 11.0 10.0 8.3 100 phe840mk5390mk03r17 0.047 k04 6.0 12.0 10.0 7.5 100 phe840mk5470mk04r17 lead sp acing 10 mm 0.022 a01 4.0 9.0 13.0 8.5 100 phe840ma5220ma01r17 0.027 a01 4.0 9.0 13.0 8.0 100 phe840ma5270ma01r17 0.033 a01 4.0 9.0 13.0 7.6 100 phe840ma5330ma01r17 0.039 a02 4.5 10.5 13.0 6.7 100 phe840ma5390ma02r17 0.047 a02 4.5 10.5 13.0 5.9 100 phe840ma5470ma02r17 0.056 a03 5.0 11.0 13.0 5.5 100 phe840ma5560ma03r17 0.068 a03 5.0 11.0 13.0 4.9 100 phe840ma5680ma03r17 0.082 a04 6.0 12.0 13.0 4.4 100 phe840ma5820ma04r17 0.10 a05 9.5 7.5 13.0 4.0 100 phe840mp6100ma05r17 0.10 a04 6.0 12.0 13.0 4.0 100 phe840ma6100ma04r17 lead sp acing 15 mm 0.047 b04 5.5 10.5 18.0 5.0 100 phe840mb5470mb04r17 0.056 b04 5.5 10.5 18.0 4.6 100 phe840mb5560mb04r17 0.068 b04 5.5 10.5 18.0 4.2 100 phe840mb5680mb04r17 0.082 b05 5.5 12.5 18.0 3.9 100 phe840mb5820mb05r17 0.10 b05 5.5 12.5 18.0 3.7 100 phe840mb6100mb05r17 0.12 b10 6.5 12.5 18.0 3.3 100 phe840mb6120mb10r17 0.15 b10 6.5 12.5 18.0 2.8 100 phe840mb6150mb10r17 0.18 b06 7.5 14.5 18.0 2.7 100 phe840mb6180mb06r17 0.22 b06 7.5 14.5 18.0 2.6 100 phe840mx6220mb06r17* 0.22 b17 13.0 12.5 18.0 2.5 100 phe840mq6220mb17r17 0.22 b12 8.0 15.0 18.0 2.5 100 phe840mb6220mb12r17 0.27 b11 8.5 16.0 18.0 2.3 100 phe840mb6270mb11r17 0.33 b11 8.5 16.0 18.0 2.2 100 phe840mx6330mb11r17* 0.33 b17 13.0 12.5 18.0 2.2 100 phe840mh6330mb17r17* 0.33 b14 9.5 17.5 18.0 2.0 100 PHE840MB6330MB14R17 0.39 b16 11.0 19.0 18.0 1.9 100 phe840mb6390mb16r17 0.47 b16 11.0 19.0 18.0 1.8 100 phe840mb6470mb16r17 approv als certifcation body specifcation enec en/iec 60384-14:2005 ul ul 6038 4-14 can/csa-e60384-14:09 ordering infor mation marking ? rifa ? rifa article code ? rated capacitance ? capacitance tolerance code ? rated voltage ? x2 ? approval marks ? manufacturing date code ? iec climatic category ? passive fammability class the article code for the standard part is given in the article table. lead sp acing 22.5 mm 0.22 d13 6.5 14.5 26.0 2.1 100 phe840md6220md13r06l2 0.27 d17 7.0 16.5 26.0 1.9 100 phe840md6270md17r06l2 0.33 d17 7.0 16.5 26.0 1.8 100 phe840md6330md17r06l2 0.39 d14 8.0 16.0 26.0 1.7 100 phe840md6390md14r06l2 0.47 d14 8.0 16.0 26.0 1.6 100 phe840my6470md14r06l2* 0.47 d15 9.0 18.5 26.0 1.5 100 phe840md6470md15r06l2 0.56 d15 9.0 18.5 26.0 1.4 100 phe840md6560md15r06l2 0.68 d15 9.0 18.5 26.0 1.3 100 phe840my6680md15r06l2* 0.68 d18 10.5 19.0 26.0 1.2 100 phe840md6680md18r06l2 0.82 d16 11.0 21.5 26.0 1.1 100 phe840md6820md16r06l2 1.0 d16 11.0 21.5 26.0 1.1 100 phe840my7100md16r06l2* 1.0 d20 13.5 23.0 26.0 1.0 100 phe840md7100md20r06l2 1.2 d19 15.5 24.5 26.0 0.90 100 phe840md7120md19r06l2 1.5 d19 15.5 24.5 26.0 0.85 100 phe840md7150md19r06l2 lead sp acing 27.5 mm 0.82 f11 10.5 20.5 31.5 1.0 100 phe840mf6820mf11r06l2 1.0 f11 10.5 20.5 31.5 1.0 100 phe840mz7100mf11r06l2 * 1.0 f12 11.5 22.5 31.5 0.95 100 phe840mf7100mf12r06l2 1.2 f03 13.5 23.0 31.5 0.82 100 phe840mf7120mf03r06l2 1.5 f13 14.5 24.5 31.5 0.73 100 phe840mf7150mf13r06l2 1.8 f14 17.5 28.0 31.5 0.65 100 phe840mf7180mf14r06l2 2.2 f14 17.5 28.0 31.5 0.64 100 phe840mz7220mf14r06l2 * 2.2 f15 19.0 29.0 31.5 0.62 100 phe840mf7220mf15r06l2 2.7 f15 19.0 29.0 31.5 0.58 100 phe840mf7270mf15r06l2 3.3 f15 19.0 29.0 31.5 0.54 100 phe840mz7330mf15r06l2 * 3.3 f16 21.0 30.0 31.5 0.50 100 phe840mf7330mf16r06l2 3.3 f18 31.0 19.0 31.5 0.50 100 phe840mt7330mf18r06l2 lead sp acing 37.5 mm 1.8 r05 13.0 24.0 41.0 0.60 100 phe840mr7180mr05r06l2 2.2 r05 13.0 24.0 41.0 0.58 100 phe840mr7220mr05r06l2 2.7 r04 15.0 26.0 41.0 0.53 100 phe840mr7270mr04r06l2 3.3 r04 15.0 26.0 41.0 0.49 100 phe840mr7330mr04r06l2 3.9 r02 16.5 32.0 41.0 0.46 100 phe840mr7390mr02r06l2 4.7 r03 19.0 36.0 41.0 0.44 100 phe840mr7470mr03r06l2 5.6 r06 21.0 38.0 41.0 0.41 100 phe840mr7560mr06r06l2 6.8 r06 21.0 38.0 41.0 0.39 100 phe840mr7680mr06r06l2 8.2 r08 28.0 43.0 41.0 0.30 100 phe840mr7820mr08r06l2 10.0 r08 28.0 43.0 41.0 0.26 100 phe840mr8100mr08r06l2 * only 20% tolerance capaci- box max dimensions max tance code in mm f o du/dt article code f b h l mhz v/s capaci- box max dimensions max tance code in mm f o du/dt article code f b h l mhz v/s statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applic ations, but are not intended to constitute and we specifically disclaim any warranty concerning suitabi lity for a specific customer application or use. this information is intended for use only by customers who have the requisite experience and capability to determine the correct products for their application. any technical advice in ferred from this inform ation or otherwise provided by us with reference to the use of our products is given gratis, and we assume no obligation or liability for the ad vice given or results obtained. ~h z a??s (u r = 280 vac)


▲Up To Search▲   

 
Price & Availability of PHE840MB6330MB14R17

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X