Part Number Hot Search : 
75N03 F71889A R5010615 30WQ06F MCP9701 UAF3286 SB120 SL74HC20
Product Description
Full Text Search
 

To Download MUR60120PT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  MUR60120PT MUR60120PT v rsm v 1200 v rrm v 1200 symbol test conditions maximum ratings unit i frms i favm i frm t vj =t vjm t c =85 o c; rectangular, d=0.5 t p <10us; rep. rating, pulse width limited by t vjm 50 60 375 a t vj =45 o c t=10ms (50hz), sine t=8.3ms (60hz), sine t vj =150 o c t=10ms(50hz), sine t=8.3ms(60hz), sine 200 210 185 195 a i fsm t vj =45 o c t=10ms (50hz), sine t=8.3ms (60hz), sine t vj =150 o c t=10ms(50hz), sine t=8.3ms(60hz), sine 200 180 170 160 a 2 s i 2 t t vj t vjm t stg -40...+150 150 -40...+150 o c p tot t c =25 o c m d mounting torque 125 0.8...1.2 6 w nm weight g a=anode, c=cathode, tab=cathode a a c c(tab) a c a dimensions to-247ad dim. millimeter inches min. max. min. max. a 19.81 20.32 0.780 0.800 b 20.80 21.46 0.819 0.845 c 15.75 16.26 0.610 0.640 d 3.55 3.65 0.140 0.144 e 4.32 5.49 0.170 0.216 f 5.4 6.2 0.212 0.244 g 1.65 2.13 0.065 0.084 h - 4.5 - 0.177 j 1.0 1.4 0.040 0.055 k 10.8 11.0 0.426 0.433 l 4.7 5.3 0.185 0.209 m 0.4 0.8 0.016 0.031 n 1.5 2.49 0.087 0.102 ultra fast recovery diodes w\slfdo p1 ?2008 sirectifier electronics technology corp. all rights reserved www.sirectifier.com
MUR60120PT advantages * high reliability circuit operation * low voltage peaks for reduced protection circuits * lo w noise switching * low losses * operating at lower temperature or space saving by reduced cooling applications * rectifiers in switch mode power supplies (smps) * uninterruptible power supplies (ups) * ultrasonic cleaners and welders features * international standard package jedec to-247ad * glass passivated chips * very short recovery time * extremely low switching losses * low i rm -values * soft recovery behaviour symbol test conditions characteristic values typ. max. unit t vj =25 o c; v r =v rrm t vj =25 o c; v r =0.8 . v rrm t vj =125 o c; v r =0.8 . v rrm 750 250 7 ua ua ma i r i f =30a; t vj =150 o c t vj =25 o c 2.2 2.55 v v f r thjc r thck r thja 0.9 70 k/w 0.25 v r =540v; i f =30a; -di f /dt=240a/us; l<0.05uh; t vj =100 o c t rr i f =1a; -di/dt=100a/us; v r =30v; t vj =25 o c ns i rm 18 a 40 v to for power-loss calculations only 1.65 v r t 18.2 m t vj =t vjm 60 16 _ * rohs complian t p2 ?2008 sirectifier electronics technology corp. all rights reserved www.sirectifier.com
MUR60120PT 0. 0 0 1 0 . 0 1 0 .1 1 1 0 0.0 0.2 0.4 0.6 0.8 1.0 s t z thj c k/w 0 200 400 60 0 0 10 20 30 40 50 60 t vj =12 5 c i f =3 0a di f /d t t fr v fr t fr ns 0 200 40 0 60 0 80 0 10 00 12 00 v v fr 0 2 00 4 0 0 6 00 0. 0 0. 2 0. 4 0. 6 0. 8 1. 0 -d i f /dt t rr ty p . ma x . 0 4 0 8 0 120 160 0. 0 0. 2 0. 4 0. 6 0. 8 1. 0 1. 2 1. 4 k f q r i rm c t j 0 200 400 600 0 10 20 30 40 50 a max. typ . 1 1 0 1 00 1 000 0 1 2 3 4 5 6 c i rm -di f /d t q r 0 1234 0 10 20 30 40 50 60 70 v v f i f t vj =15 0 c t vj =10 0 c t vj =25 c a i f = 15a i f = 30a i f = 60a i f = 30a v r = 5 40v t vj = 100 c max . ty p. i f = 15a i f = 30a i f = 60a i f = 30a t vj =100 c v r = 540 v v r =54 0 v t vj =1 00 c i f = 15a i f = 30a i f = 60a i f = 30a s a/ s -d i f /d t a/ s a/ s a/ s fig. 1 forward current fig. 2 recovery charge versus -di f /dt. fig. 3 peak reverse current versus versus voltage drop. -di f /dt. fig. 4 dynamic parameters versus fig. 5 recovery time versus -di f /dt. fig. 6 peak forward voltage junction temperature. versus di f /dt. fig. 7 transient thermal impedance junction to case. ultra fast recovery diodes p3 ?2008 sirectifier electronics technology corp. all rights reserved www.sirectifier.com


▲Up To Search▲   

 
Price & Availability of MUR60120PT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X