Part Number Hot Search : 
S424GH 17001 RRS2K0 DR060 SFA84G 2SC5380A E000805 MT5016A
Product Description
Full Text Search
 

To Download IRFZ24NLPBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  irfz24ns/lpbf hexfet ? power mosfet pd - 95147  advanced process technology  surface mount (irfz24ns)  low-profile through-hole (irfz24nl)  175c operating temperature  fast switching  fully avalanche rated parameter typ. max. units r jc junction-to-case CCC 3.3 r ja junction-to-ambient ( pcb mounted,steady-state)** CCC 40 thermal resistance c/w parameter max. units i d @ t c = 25c continuous drain current, v gs @ 10v  17 i d @ t c = 100c continuous drain current, v gs @ 10v  12 a i dm pulsed drain current  68 p d @t a = 25c power dissipation 3.8 w p d @t c = 25c power dissipation 45 w linear derating factor 0.30 w/c v gs gate-to-source voltage 20 v e as single pulse avalanche energy  71 mj i ar avalanche current  10 a e ar repetitive avalanche energy  4.5 mj dv/dt peak diode recovery dv/dt  6.8 v/ns t j operating junction and -55 to + 175 t stg storage temperature range soldering temperature, for 10 seconds 300 (1.6mm from case ) c absolute maximum ratings fifth generation hexfets from international rectifierutilize advanced processing techniques to achieve extremely low on-resistance per silicon area. this benefit, combined with the fast switching speed and ruggedized device design that hexfet power mosfets are well known for, provides the designer with an extremely efficient and reliable device for use in a wide variety of applications. the d 2 pak is a surface mount power package capable of accommodating die sizes up to hex-4. it provides thehighest power capability and the lowest possible on- resistance in any existing surface mount package. the d 2 pak is suitable for high current applications because of its low internal connection resistance and can dissipateup to 2.0w in a typical surface mount application. the through-hole version (irfz24nl) is available for low- profile applications. description v dss = 55v r ds(on) = 0.07 ? i d = 17a 2 d pak to-262 s d g 04/19/04  lead-free downloaded from: http:///
irfz24ns/lpbf  starting t j = 25c, l =1.0mh r g = 25 ? , i as = 10a. (see figure 12)  repetitive rating; pulse width limited by max. junction temperature. ( see fig. 11 ) notes: ** when mounted on 1" square pcb (fr-4 or g-10 material ). for recommended footprint and soldering techniques refer to application note #an-994.  i sd 10a, di/dt 280a/s, v dd v (br)dss , t j 175c  pulse width 280s; duty cycle 2%.  uses irfz24n data and test conditions parameter min. typ. max. units conditions i s continuous source current mosfet symbol (body diode) CCC CCC showing the i sm pulsed source current integral reverse (body diode)  CCC CCC p-n junction diode. v sd diode forward voltage CCC CCC 1.3 v t j = 25c, i s = 10a, v gs = 0v  t rr reverse recovery time CCC 56 83 ns t j = 25c, i f = 10a q rr reverse recovery charge CCC 120 180 nc di/dt = 100a/s  t on forward turn-on time intrinsic turn-on time is negligible (turn-on is dominated by l s +l d ) source-drain ratings and characteristics a parameter min. typ. max. units conditions v (br)dss drain-to-source breakdown voltage 55 CCC CCC v v gs = 0v, i d = 250a ? v (br)dss / ? t j breakdown voltage temp. coefficient CCC 0.052 CCC v/c reference to 25c, i d =1ma  r ds(on) static drain-to-source on-resistance CCC CCC 0.07 ? v gs =10v, i d = 10a  v gs(th) gate threshold voltage 2.0 CCC 4.0 v v ds = v gs , i d = 250a g fs forward transconductance 4.5 CCC CCC s v ds = 25v, i d = 10a  CCC CCC 25 a v ds = 55v, v gs = 0v CCC CCC 250 v ds = 44v, v gs = 0v, t j = 150c gate-to-source forward leakage CCC CCC 100 v gs = 20v gate-to-source reverse leakage CCC CCC -100 na v gs = -20v q g total gate charge CCC CCC 20 i d = 10a q gs gate-to-source charge CCC CCC 5.3 nc v ds = 44v q gd gate-to-drain ("miller") charge CCC CCC 7.6 v gs = 10v, see fig. 6 and 13  t d(on) turn-on delay time CCC 4.9 CCC v dd = 28v t r rise time CCC 34 CCC i d = 10a t d(off) turn-off delay time CCC 19 CCC r g = 24 ? t f fall time CCC 27 CCC r d = 2.6 ?, see fig. 10  between lead, CCC CCC and center of die contact c iss input capacitance CCC 370 CCC v gs = 0v c oss output capacitance CCC 140 CCC pf v ds = 25v c rss reverse transfer capacitance CCC 65 CCC ? = 1.0mhz, see fig. 5  electrical characteristics @ t j = 25c (unless otherwise specified) i gss ns i dss drain-to-source leakage current nh 7.5 l s internal source inductance 17 68 s d g downloaded from: http:///
irfz24ns/lpbf fig 4. normalized on-resistance vs. temperature fig 2. typical output characteristics fig 1. typical output characteristics fig 3. typical transfer characteristics 1 10 100 0.1 1 10 100 i , drain-to-source current (a) d v , drain-to-source volta g e ( v ) ds vgs top 15v 10v 8.0v 7.0v 6.0v 5.5v 5.0v bottom 4.5v 20 s pulse width t = 25c c a 4.5v 1 10 100 0.1 1 10 100 4.5v i , drain-to-source current (a) d v , drain-to-source volta g e ( v ) ds vgs top 15v 10v 8.0v 7.0v 6.0v 5.5v 5.0v bottom 4.5v 20 s pulse w idth t = 175c c a 1 10 100 4567891 0 t = 25c j gs v , gate-to-source volta g e ( v ) d i , drain-to-source c urrent (a) t = 175c j a v = 25v 20s pulse w idth ds 0.0 0.5 1.0 1.5 2.0 2.5 3.0 -60 -40 -20 0 20 40 60 80 100 120 140 160 180 j t , junction temperature (c) r , d rain-to-s ource o n r esistance ds(on) (normalized) v = 10v gs a i = 17a d t j = 25c t j = 175c downloaded from: http:///
irfz24ns/lpbf fig 6. typical gate charge vs. gate-to-source voltage fig 8. maximum safe operating area fig 5. typical capacitance vs. drain-to-source voltage fig 7. typical source-drain diode forward voltage 0 100 200 300 400 500 600 700 1 10 100 c, capacitance (pf) ds v , drain-to-source volta g e ( v ) a v = 0v , f = 1mhz c = c + c , c shorted c = c c = c + c gs iss g s g d ds rss g d oss ds g d c iss c oss c rss 1 10 100 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 t = 25c j v = 0v gs v , source-to-drain volta g e ( v ) i , reverse drain current (a) sd sd a t = 175c j 1 10 100 1000 1 10 100 v , drain-to-source volta g e ( v ) ds i , drain current (a) ope ration in this area limite d by r d ds(on) 10s 100s 1ms 10ms a t = 25c t = 175c sin g le p u ls e cj 0 4 8 12 16 20 0481 21 62 0 q , total gate char g e ( nc ) g v , g ate-to-source voltage (v) gs a for test circuit s ee figure 13 v = 44v v = 28v i = 10 a dsds d downloaded from: http:///
irfz24ns/lpbf fig 9. maximum drain current vs. case temperature fig 10a. switching time test circuit v ds 90%10% v gs t d(on) t r t d(off) t f fig 10b. switching time waveforms fig 11. maximum effective transient thermal impedance, junction-to-case v ds pulse width 1 s duty factor 0.1 % r d v gs r g d.u.t. 10v + - v dd 25 50 75 100 125 150 175 0 4 8 12 16 20 t , case temperature ( c) i , drain current (a) c d 0.01 0.1 1 10 0.00001 0.0001 0.001 0.01 0.1 1  notes: 1. duty factor d = t / t 2. peak t = p x z + t 1 2 j dm thjc c  p t t dm 1 2 t , rectangular pulse duration (sec) thermal response (z ) 1 thjc 0.01 0.02 0.05 0.10 0.20 d = 0.50  single pulse (thermal response) downloaded from: http:///
irfz24ns/lpbf fig 12a. unclamped inductive test circuit fig 12b. unclamped inductive waveforms fig 13a. basic gate charge waveform v ds l d.u.t. v dd i as t p 0.01 ? r g + - t p v ds i as v dd v (br)dss 10 v d.u.t. v ds i d i g 3ma v gs .3 f 50k ? .2 f 12v current regulator same type as d.u.t. current sampling resistors + - fig 13b. gate charge test circuit q g q gs q gd v g charge 10 v fig 12c. maximum avalanche energy vs. drain current 0 20 40 60 80 100 120 140 25 50 75 100 125 150 175 j e , single pulse avalanche energy (mj) as a startin g t , junction tem p erature ( c ) i top 4.2a 7.2a bo tto m 10a v = 25v d dd downloaded from: http:///
irfz24ns/lpbf peak diode recovery dv/dt test circuit p.w. period di/dt diode recovery dv/dt ripple 5% body diode forward drop re-appliedvoltage reverserecovery current body diode forward current v gs =10v v dd i sd driver gate drive d.u.t. i sd waveform d.u.t. v ds waveform inductor curent d = p. w . period + - + + + - - - fig 14. for n-channel hexfets * v gs = 5v for logic level devices    r g v dd ? dv/dt controlled by r g ? driver same type as d.u.t. ? i sd controlled by duty factor "d" ? d.u.t. - device under test d.u.t circuit layout considerations ? low stray inductance ? ground plane ? low leakage inductance current transformer  * downloaded from: http:///
irfz24ns/lpbf d 2 pak part marking information (lead-free) d 2 pak package outline note: "p" in as s embly line pos ition indicates "l ead- f ree" f530s t h is is an ir f 530s wit h lot code 8024 as s e mb le d on ww 02, 2000 in the assembly line "l" as s e mb l y lot code int e rnat ional re ct if ie r logo part number dat e code ye ar 0 = 2000 week 02 line l or f530s a = as s e mb l y s it e code wee k 02 p = de s ignat e s l e ad-f r e e product (optional) rect ifie r int ernat ional logo lot code as s e mb l y year 0 = 2000 dat e code part number downloaded from: http:///
irfz24ns/lpbf to-262 part marking information to-262 package outline as s e mb l y lot code r ect if ier in t e r nat ional as s e mb le d on ww 19, 1997 note: "p " in as s embly line pos ition indicates "l ead-f ree" in t h e as s e mb l y l ine "c" logo t h is is an irl 3103l lot code 1789 example: line c date code we e k 19 ye ar 7 = 1997 part number part number logo lot code as s e mb l y in t e r nat ional r ect if ier product (optional) p = de s ignat e s l e ad-f r e e a = as s e mb l y s it e code we e k 19 ye ar 7 = 1997 date code or downloaded from: http:///
irfz24ns/lpbf d 2 pak tape & reel information 3 4 4 trr feed direction 1.85 (.073) 1.65 (.065) 1.60 (.063) 1.50 (.059) 4.10 (.161) 3.90 (.153) trl feed direction 10.90 (.429) 10.70 (.421) 16.10 (.634) 15.90 (.626) 1.75 (.069) 1.25 (.049) 11.60 (.457) 11.40 (.449) 15.42 (.609) 15.22 (.601) 4.72 (.136) 4.52 (.178) 24.30 (.957) 23.90 (.941) 0.368 (.0145) 0.342 (.0135) 1.60 (.063) 1.50 (.059) 13.50 (.532) 12.80 (.504) 330.00 (14.173) max. 27.40 (1.079) 23.90 (.941) 60.00 (2.362) min . 30.40 (1.197) max. 26.40 (1.039) 24.40 (.961) notes : 1. comforms to eia-418. 2. c o n tr o ll in g d im e n s io n : m il lim e t e r . 3. dimension measured @ hub. 4. includes flange distortion @ outer edge. data and specifications subject to change without notice. ir world headquarters: 233 kansas st., el segundo, california 90245, usa tel: (310) 252-7105 tac fax: (310) 252-7903 visit us at www.irf.com for sales contact information . 04/04 downloaded from: http:///
note: for the most current drawings please refer to the ir website at: http://www.irf.com/package/ downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of IRFZ24NLPBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X