Part Number Hot Search : 
S355GH BUV24 MC33502 N74LS1 C895199 TM32F BAT43 2N50C3
Product Description
Full Text Search
 

To Download IRF6645TR1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.irf.com 1 8/5/05 irf6645 directfet   power mosfet  directfet  isometric   applicable directfet outline and substrate outline (see p.7,8 for details)  fig 1. typical on-resistance vs. gate voltage  

       descriptionthe irf6645 combines the latest hexfet? power mosfet silicon technology with the advanced directfet tm packaging to achieve the lowest on-state resistance in a package that has the footprint of an micro8 and only 0.7 mm profile. the directfet package is compatible with existing layout geometries used in power applications, pcb assembly equipment and vapor phase, infra-red or convection soldering techniques, when application note an-1035 is followed regarding the manufacturing methods and processes. the directfet package allows dual sided cooling to maximize thermal transfer in power systems, improving previous best thermal resistance by 80%. the irf6645 is optimized for primary side bridge topologies in isolated dc-dc applications, for wide range universal input telecom applications (36v - 75v), and for secondary side synchronous rectification in regulated dc-dc topologies. the reduced total losses in the device coupled with the high level of thermal performance enables high efficiency and low temperatures, which are key for system reliability i mprovements, and makes this device ideal for high performance isolated dc-dc converters.  rohs compliant containing no lead and bromide   low profile (<0.7 mm)  dual sided cooling compatible   ultra low package inductance  optimized for high frequency switching   ideal for high performance isolated converterprimary switch socket  optimized for synchronous rectification  low conduction losses  compatible with existing surface mount techniques   click on this section to link to the appropriate technical paper.  click on this section to link to the directfet website.   surface mounted on 1 in. square cu board, steady state.  t c measured with thermocouple mounted to top (drain) of part.   repetitive rating; pulse width limited by max. junction temperature.  starting t j = 25c, l = 5.0mh, r g = 25 ? , i as = 3.4a.  fig 2. typical total gate charge vs. gate-to-source voltage absolute maximum ratin g s parameter units v ds drain-to-source voltage v v gs gate-to-source voltage i d @ t a = 25c continuous drain current, v gs @ 10v i d @ t a = 70c continuous drain current, v gs @ 10v a i d @ t c = 25c continuous drain current, v gs @ 10v  i dm pulsed drain current  e as single pulse avalanche energy  mj i ar avalanche current  a 29 max. 4.5 2545 20 100 5.7 3.4 4 6 8 10 12 14 16 v gs , gate-to-source voltage (v) 20 30 40 50 60 70 80 t y p i c a l r d s ( o n ) ( m ? ) t j = 25c t j = 125c i d = 3.4a 0481 21 6 q g total gate charge (nc) 0 2 4 6 8 10 12 v g s , g a t e - t o - s o u r c e v o l t a g e ( v ) v ds = 80v vds= 50v i d = 3.4a v dss v gs r ds(on) 100v max 20v max 28m ? @ 10v q g tot q gd v gs(th) 14nc 4.8nc 4.0v sh sj sp mz mn downloaded from: http:///
 2 www.irf.com   pulse width 400s; duty cycle 2%.   repetitive rating; pulse width limited by max. junction temperature. s d g electrical characteristic @ t j = 25c (unless otherwise specified) parameter min. typ. max. units bv dss drain-to-source breakdown voltage 100 CCC CCC v ? v dss / ? t j breakdown voltage temp. coefficient CCC 0.12 CCC v/c r ds(on) static drain-to-source on-resistance CCC 28 35 m ? v gs(th) gate threshold voltage 3.0 CCC 4.9 v ? v gs(th) / ? t j gate threshold voltage coefficient CCC -12 CCC mv/c i dss drain-to-source leakage current CCC CCC 20 a CCC CCC 250 i gss gate-to-source forward leakage CCC CCC 100 na gate-to-source reverse leakage CCC CCC -100 gfs forward transconductance 7.4 CCC CCC s q g total gate charge CCC 14 20 q gs1 pre-vth gate-to-source charge CCC 3.1 CCC q gs2 post-vth gate-to-source charge CCC 0.8 CCC nc q gd gate-to-drain charge CCC 4.8 7.2 q godr gate charge overdrive CCC 5.3 CCC see fig. 15 q sw switch charge (q gs2 + q gd ) CCC 5.6 CCC q oss output charge CCC 7.2 CCC nc r g gate resistance CCC 1.0 CCC ? t d(on) turn-on delay time CCC 9.2 CCC t r rise time CCC 5.0 CCC t d(off) turn-off delay time CCC 18 CCC ns t f fall time CCC 5.1 CCC c iss input capacitance CCC 890 CCC c oss output capacitance CCC 180 CCC pf c rss reverse transfer capacitance CCC 40 CCC c oss output capacitance CCC 870 CCC c oss output capacitance CCC 100 CCC diode characteristics parameter min. typ. max. units i s continuous source current CCC CCC 25 (body diode) a i sm pulsed source current CCC CCC 45 (body diode)  v sd diode forward voltage CCC CCC 1.3 v t rr reverse recovery time CCC 31 47 ns q rr reverse recovery charge CCC 40 60 nc i d = 3.4a v ds = 80v, v gs = 0v, t j = 125c v gs = 20v v gs = -20v v gs = 10v v ds = 10v, i d = 3.4a v ds = 50v t j = 25c, i f = 3.4a, v dd = 50v di/dt = 100a/s t j = 25c, i s = 3.4a, v gs = 0v showing the integral reverse p-n junction diode. v ds = v gs , i d = 50a v ds = 100v, v gs = 0v conditions v gs = 0v, i d = 250a reference to 25c, i d = 1ma v gs = 10v, i d = 5.7a v ds = 16v, v gs = 0v v dd = 50v, v gs = 10v  v gs = 0v ? = 1.0mhz i d = 3.4a mosfet symbol r g =6.2 ? v ds = 25v conditions v gs = 0v, v ds = 80v, f=1.0mhz v gs = 0v, v ds = 1.0v, f=1.0mhz downloaded from: http:///
 www.irf.com 3 1e-006 1e-005 0.0001 0.001 0.01 0.1 1 10 100 t 1 , rectangular pulse duration (sec) 0.01 0.1 1 10 100 t h e r m a l r e s p o n s e ( z t h j a ) 0.20 0.10 d = 0.50 0.02 0.01 0.05 single pulse ( thermal response ) notes: 1. duty factor d = t1/t2 2. peak tj = pdm x zthja + ta fig 3. maximum effective transient thermal impedance, junction-to-ambient    surface mounted on 1 in. square cu board (still air).   mounted on minimum footprint full size board withmetalized back and with small clip heatsink (still air)   

 with small clip heatsink (still air)   surface mounted on 1 in. square cu, steady state.  used double sided cooling , mounting pad.  mounted on minimum footprint full size board with metalized back and with small clip heatsink.   t c measured with thermocouple incontact with top (drain) of part.  r is measured at   
  j j 1 1 2 2 3 3 r 1 r 1 r 2 r 2 r 3 r 3 ci= i / ri ci= i / ri 4 4 r 4 r 4 c c 5 5 r 5 r 5 ri (c/w) i (sec) 0.6677 0.0000661.0463 0.000896 1.5612 0.004386 29.2822 0.686180 25.4550 32  absolute maximum ratin g s parameter units p d @t a = 25c power dissipation w p d @t a = 70c power dissipation p d @t c = 25c power dissipation  t p peak soldering temperature c t j operating junction and t stg storage temperature range thermal resistance parameter typ. max. units r ja junction-to-ambient  CCC 58 r ja junction-to-ambient  12.5 CCC r ja junction-to-ambient  20 CCC c/w r jc junction-to-case  CCC 3.0 r j-pcb junction-to-pcb mounted 1.0 CCC 270 -40 to + 150 max. 42 3.0 1.4 downloaded from: http:///
 4 www.irf.com fig 5. typical output characteristics fig 4. typical output characteristics fig 6. typical transfer characteristics fig 7. normalized on-resistance vs. temperature fig 8. typical capacitance vs.drain-to-source voltage fig 9. typical on-resistance vs. drain current 0.1 1 10 100 v ds , drain-to-source voltage (v) 0.1 1 10 100 i d , d r a i n - t o - s o u r c e c u r r e n t ( a ) 60s pulse width tj = 25c 6.0v vgs top 15v 10v 8.0v 7.0v bottom 6.0v 0.1 1 10 100 v ds , drain-to-source voltage (v) 1 10 100 i d , d r a i n - t o - s o u r c e c u r r e n t ( a ) 60s pulse width tj = 150c 6.0v vgs top 15v 10v 8.0v 7.0v bottom 6.0v 4.0 5.0 6.0 7.0 8.0 v gs , gate-to-source voltage (v) 0.1 1 10 100 i d , d r a i n - t o - s o u r c e c u r r e n t ( ) t j = 150c t j = 25c t j = -40c v ds = 10v 60s pulse width -60 -40 -20 0 20 40 60 80 100 120 140 160 t j , junction temperature (c) 0.5 1.0 1.5 2.0 t y p i c a l r d s ( o n ) ( n o r m a l i z e d ) i d = 5.7a v gs = 10v 1 10 100 v ds , drain-to-source voltage (v) 10 100 1000 10000 c , c a p a c i t a n c e ( p f ) v gs = 0v, f = 1 mhz c iss = c gs + c gd , c ds shorted c rss = c gd c oss = c ds + c gd c oss c rss c iss 0 10 20 30 40 50 i d , drain current (a) 20 30 40 50 60 t y p i c a l r d s ( o n ) ( m ? ) t a = 25c v gs = 7.0v v gs = 8.0v v gs = 10v v gs = 15v downloaded from: http:///
 www.irf.com 5 fig 13. typical threshold voltage vs. junction temperature fig 12. maximum drain current vs. ambient temperature fig 10. typical source-drain diode forward voltage fig11. maximum safe operating area fig 14. maximum avalanche energy vs. drain current 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 v sd , source-to-drain voltage (v) 0.1 1.0 10.0 100.0 i sd , reverse drain current (a) v gs = 0v t j = 150c t j = 25c t j = -40c 25 50 75 100 125 150 starting t j , junction temperature (c) 0 20 40 60 80 100 120 e a s , s i n g l e p u l s e a v a l a n c h e e n e r g y ( m j ) i d top 1.5a 2.4a bottom 3.4a 0.1 1.0 10.0 100.0 1000.0 v ds , drain-tosource voltage (v) 0.1 1 10 100 1000 i d , d r a i n - t o - s o u r c e c u r r e n t ( a ) t a = 25c tj = 150c single pulse 1msec 10msec operation in this area limited by r ds (on) 100sec 25 50 75 100 125 150 t j , ambient temperature (c) 0.0 1.0 2.0 3.0 4.0 5.0 6.0 i d , d r a i n c u r r e n t ( a ) -75 -50 -25 0 25 50 75 100 125 150 t j , temperature ( c ) 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 v g s ( t h ) g a t e t h r e s h o l d v o l t a g e ( v ) i d = 1.0a i d = 1.0ma i d = 250a i d = 50a downloaded from: http:///
 6 www.irf.com d.u.t. v ds i d i g 3ma v gs .3 f 50k ? .2 f 12v current regulator same type as d.u.t. current sampling resistors + - fig 15a. gate charge test circuit fig 15b. gate charge waveform vds vgs id vgs(th) qgs1 qgs2 qgd qgodr fig 16c. unclamped inductive waveforms t p v (br)dss i as fig 16b. unclamped inductive test circuit fig 17b. switching time waveforms v gs v ds 90% 10% t d(on) t d(off) t r t f fig 17a. switching time test circuit r g i as 0.01 ? t p d.u.t l v ds + - v dd driver a 15v 20v   
 1     0.1 %    
 + -     downloaded from: http:///
 www.irf.com 7 directfet  substrate and pcb layout, sj outline (small size can, j-designation). please see directfet application note an-1035 for all details regarding the assembly of directfet. this includes all recommendations for stencil and substrate designs. fig 18. 

    for n-channel hexfet   power mosfets p.w. period di/dt diode recovery dv/dt ripple 5% body diode forward drop re-appliedvoltage reverserecovery current body diode forward current v gs =10v v dd i sd driver gate drive d.u.t. i sd waveform d.u.t. v ds waveform inductor curent d = p. w . period    
     

 

 ?      ?    ?        ?
!   "#  ? 
$  %&'&& ?     "  (( ? &'&&)$
'  + - + + + - - -        
 g = gate d = drain s = source g s dd dd s downloaded from: http:///
 8 www.irf.com directfet  outline dimension, sj outline (small size can, j-designation).please see directfet application note an-1035 for all details regarding the assembly of directfet. this includes all recommendations for stencil and substrate designs. directfet  part marking min 0.1870.146 0.108 0.014 0.023 0.023 0.027 0.027 0.039 0.090 0.019 0.001 0.003 max 4.85 3.95 2.85 0.45 0.62 0.62 0.72 0.72 1.02 2.32 0.58 0.08 0.17 min 4.75 3.70 2.75 0.350.58 0.58 0.68 0.68 0.98 2.28 0.480.03 0.08 code a b c d e f g h k l m n p max 0.191 0.156 0.112 0.018 0.024 0.024 0.028 0.028 0.040 0.091 0.023 0.003 0.007 dimensions metric imperial downloaded from: http:///
 www.irf.com 9 directfet  tape & reel dimension (showing component orientation). data and specifications subject to change without notice. this product has been designed and qualified for the consumer market. qualification standards can be found on irs web site. ir world headquarters: 233 kansas st., el segundo, california 90245, usa tel: (310) 252-7105 tac fax: (310) 252-7903 visit us at www.irf.com for sales contact information . 08/05 reel dimensions note: controlling dimensions in mm std reel quantity is 4800 parts. (ordered as irf6645). for 1000 parts on 7" reel, order IRF6645TR1 standard option (qty 4800) min 330.0 20.2 12.8 1.5 100.0 n.c 12.4 11.9 code a b c d e f g h max n.c n.c 13.2 n.c n.c 18.4 14.4 15.4 min 12.992 0.795 0.504 0.059 3.937 n.c 0.488 0.469 max n.c n.c 0.520 n.c n.c 0.724 0.567 0.606 metric imperial tr1 option (qty 1000) imperial min 6.9 0.75 0.53 0.059 2.31 n.c 0.47 0.47 max n.c n.c 12.8 n.c n.c 13.50 12.01 12.01 min 177.77 19.06 13.5 1.5 58.72 n.c 11.9 11.9 metric max n.c n.c 0.50 n.c n.c 0.53 n.c n.c min 7.90 3.90 11.90 5.45 4.00 5.00 1.50 1.50 note: controlling dimensions in mm max 8.10 4.10 12.30 5.55 4.20 5.20 n.c 1.60 max 0.319 0.161 0.484 0.219 0.165 0.205 n.c 0.063 dimensions metric imperial downloaded from: http:///
note: for the most current drawings please refer to the ir website at: http://www.irf.com/package/ downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of IRF6645TR1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X