Part Number Hot Search : 
SMCJ13 SF200 SMCJ13 MX7535AD SMCJ13 24A09 S72NXXSF SDR999N
Product Description
Full Text Search
 

To Download IL358D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  technical data 2011, january, rev. 0 2 l ow power dual oper at i onal a mpl i f i er the i l 358 contai ns two i ndependent hi gh gai n oper a tional amplifiers wi th i nter nal f r equency compensati on. the two op - amps oper at e ov er a wi de vol tage r ange f r om a si ngl e power suppl y. a l so use a spl i t power suppl y. the devi ce has l ow power suppl y cur r ent dr ai n, r egar dl ess of the power suppl y vol tage. the l ow power dr ai n al so makes the i l 358 a good choi ce f or batter y oper ati on. when your pr oj ect cal l s f or a tr adi ti onal op - amp f uncti on, now you can str eaml i ne your desi gn wi th a si mpl e si ngl e power suppl y. use or di nar y + 5v dc common to pr acti cal l y any di gi tal system or per sonal computer appl i cati on, wi thout r equi r i ng an extr a 15v power suppl y j ust to have the i nt er f ace el ect r oni cs y ou need. the i l 358 i s a ver sati l e, r ugged wor khor se wi th a thousand - and - one uses, f r om ampl i f yi ng si gnal s f r om a var i ety of tr ansdu cer s to dc gai n bl ocks, or any op - amp f uncti on. the attached pages of f er some r eci pes that wi l l have your pr oj ect cooki ng i n no ti me. ? i nter nal l y f r equency compensated f or uni ty gai n ? l ar ge dc vol tage gai n: 100db ? wi de power suppl y r ange: 3v ~ 32v (or 1. 5v ~ 16v ) ? i nput common - mode vol tage r ange i ncl udes gr ound ? l ar ge output vol tage swi ng: 0v dc to v cc - 1. 5v dc ? power dr ai n sui tabl e f or batter y oper ati on ? l ow i nput of f set vol tage and of f set cur r ent ? di f f er enti al i nput vol tage r ange equal to the power suppl y vol ta ge ? possi bl e to exchange the posi ti on of pi n9 f or pi n1 because of pi n connecti on bei ng symmetr i c (i l 358s onl y) il358 sip - 9 sip - 8 orderi ng i nform ati on i l 358n pl asti c i l 358d soi c il 358s - 9 sip - 9 i l 358s si p - 8 t a = - 40 to 85 c f or al l pack ages . pi n assi gnm ent l ogi c di agram pin 4 = gnd pi n 8= v cc
il358 2011, january, rev. 0 2 m axi m um rati ngs * symbol par amet er v al ue uni t v cc power suppl y v ol t ages si ngl e suppl y spl i t suppl i es 32 16 v v idr i nput di f f er enti al v ol tage range (1) 32 v v i cr i nput common m ode v ol tage range - 0. 3 to 32 v i sc output shor t ci r cui t dur ati on conti nuous t j juncti on temper atur e pl ast i c pack ages 150 c t st g st or age t emper at ur e pl ast i c pack ages - 55 to + 125 c i in i nput cur r ent, per pi n (2) 50 ma t l l ead temper atur e, 1mm f r om case f or 10 seconds 260 c * str esses beyond those l i sted under ? absol ute maxi mum r ati ngs? may cause per manent damage to the devi ce. t hese ar e st r ess r at i ngs onl y and f uncti onal oper ati on of the devi ce at these or any other condi ti ons beyond those i ndi cated under ? r ecommended oper ati ng condi ti ons? i s not i mpl i ed. exposur e to absol ute - maxi mum - r ated condi ti ons f or ex t ended per i ods may af f ect dev i ce r el i abi l i t y . functi onal oper ati on shoul d b e r estr i cted to the recommended oper ati ng condi ti ons. + d er at i ng - pl asti c d i p: - 10 mw/ c f r om 65 to 125 c soi c pack age: : - 7 mw/ c f r om 65 to 125 c n ot es: 1. spl i t power suppl i es. 2. v in < - 0. 3v . thi s i nput cur r ent wi l l onl y exi st when vol tage at any of the i n put l eads i s dr i ven negati ve. recom m ended operati ng condi ti ons symbol par amet er min m ax uni t v cc dc suppl y v ol tage 2. 5 or 5. 0 15 or 30 v t a oper at i ng t emper at ur e, a l l pack age t y pes - 40 + 85 c thi s devi ce contai ns pr otecti on ci r cui tr y to guar d agai ns t damage due to hi gh stati c vol tages or el ectr i c f i el ds. however , pr ecauti ons must be taken to avoi d appl i cati ons of any vol tage hi gher than maxi mum r ated vol tages to thi s hi gh - i mpedance ci r cui t. for pr oper oper ati on, v in and v out shoul d be constr ai ned to t he r ange gn d (v in or v out ) v cc . unused i nputs must al ways be ti ed to an appr opr i ate l ogi c vol tage l evel (e. g. , ei ther gnd or v cc ). unused outputs must be l ef t open.
il358 2011, january, rev. 0 2 dc el ectri cal characteri sti cs (t a = - 40 to + 85 c) guar ant eed l i mi t symbol par amet er test condi ti ons m i n typ m ax uni t v io m axi mum i nput of f set v ol tage v o = 1. 4v v cc = 5. 0 - 30v ; r s =0 ? v i cm = 0v to v cc - 1. 7v 9. 0 5 . 0* mv ? v io / ? t i nput of f set v ol tage drift r s =0 ? , v cc = 30v 7. 0 v/ c i io m axi mum i nput of f set cur r ent v cc = 5. 0v 150 50* na ? i io / ? t i nput of f set cur r ent drift r s =0 ? , v cc = 30v 10 pa / c i ib m axi mum i nput bi as cur r ent v cc = 5. 0v 500 250* na v i cr i nput common m ode v ol tage range v cc = 30v 0 28 v i cc m axi mum power suppl y cur r ent r l = ,v cc = 30v , v 0 = 0v r l = ,v cc = 5v , v 0 = 0v 3 1. 2 ma a v ol mi ni mum l ar ge si gnal open - l oop v ol tage gai n v cc = 15v , r l 2k ? 15 25* v / mv v oh m i ni mum output hi gh - l ev el v ol t age sw i ng v cc = 30v , r l = 2k ? v cc = 30v , r l = 10k ? 26 27 v v ol m axi mum output l ow - l ev el v ol t age sw i ng v cc = 5v , r l = 10k ? 20 mv cm r common m ode rej ect i on v cc = 30v , r s = 10k ? 65* db psr power suppl y rej ecti on v cc = 30v 65* db cs channel separ at i on f = 1khz to 20khz, v cc = 30v - 120* db i sc m axi mum output shor t ci r cui t to gnd v cc = 5. 0v v 0 = 0 v 60* ma i source m i ni mum sour ce output cur r ent v in+ = 1v , v in - = 0v , v cc = 15v , v 0 = 2 v 10 ma i si nk m i ni mum output si nk cur r ent v in+ = 0v , v in - = 1v , v cc = 15v , v 0 = 2 v v in+ = 0v , v in - = 1v , v cc = 15v , v 0 = 0. 2v 5 10* 12* ma a v idr di f f er enti al i nput v ol tage range all v in gnd or v - suppl y (i f used) v cc * v * = @25 c
il358 2011, january, rev. 0 2 typi cal perform ance chara cteri sti cs fi gur e 1. i nput v ol t age range f i gu r e 2. o p en - l oop fr equency fi gur e 3. l ar ge - signal fr equency response fi gur e 4. smal l - si gnal v ol t age fol l ower pul se response (noninver ting) figur e 5. power supply cur r ent ver sus power supply volta ge figur e 6. i nput bias cur r ent ver sus power supply v ol t age
il358 2011, january, rev. 0 2 package dimensions n suffix plastic dip (ms ? 001ba) symbol min max a 8.51 10.16 b 6.1 7.11 c 5.33 d 0.36 0.56 f 1.14 1.78 g h j 0 10 k 2.92 3.81 no tes : l 7.62 8.26 1. dimensions ?a?, ?b? do not include mold flash or protrusions. m 0.2 0.36 maximum mold flash or protrusions 0.25 mm (0.010) per side. n 0.38 d s uffix s oic (ms - 012aa) symbol min max a 4.8 5 b 3.8 4 c 1.35 1.75 d 0.33 0.51 f 0.4 1.27 g h j 0 8 no tes : k 0.1 0.25 1. dimensions a and b do not include mold flash or protrusion. m 0.19 0.25 2. maximum mold flash or protrusion 0.15 mm (0.006) per side p 5.8 6.2 for a; for b ? 0.25 mm (0.010) per s ide. r 0.25 0.5 1.27 5.72 dimens ion, mm dimens ion, mm 2.54 7.62 a b h c k c m j f m p g d r x 45 seating plane 0.25 (0.010) m t -t- 1 8 4 5 l h m j a b f g d se ati ng plane n k 0.25 (0.010) m t -t- c 1 8 4 5
il358 2011, january, rev. 0 2 sip - 9
il358 2011, january, rev. 0 2 sip - 8


▲Up To Search▲   

 
Price & Availability of IL358D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X