Part Number Hot Search : 
Z5237 CY7B991 N5401 KS0127B KTA501 IRLHM620 RCA9229B CH375
Product Description
Full Text Search
 

To Download HRS120N10K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  semihow rev.a0,december 2014 HRS120N10K bv dss = 100 v r ds(on) typ = 10 m i d = 73 a features HRS120N10K 100v n - channel trench mosfet ? originative new design ? superior avalanche rugged technology ? excellent switching characteristics ? unrivalled gate charge : 65 nc (typ.) ? extended safe operating area ? lower r ds(on) : 10 m (typ.) @v gs =10v ? 100 % avalanche tested december 2014 1.gate 2. drain 3. source absolute maximum ratings t c =25 unless otherwise specified symbol parameter value units v dss drain - source voltage 100 v i d drain current ? continuous (t c = 25 ) 73 * a drain current ? continuous (t c = 100 ) 51 * a i dm drain current ? pulsed (note 1) 200 * a v gs gate - source voltage 25 v e as single pulsed avalanche energy (note 2) 265 mj e ar repetitive avalanche energy (note 1) 5 mj p d power dissipation (t c = 25 ) - derate above 25 50 w 0.33 w/ t j , t stg operating and storage temperature range - 55 to +175 t l maximum lead temperature for soldering purposes, 1/8? from case for 5 seconds 300 thermal resistance characteristics symbol parameter typ. max. units r jc junction -to - case -- 3.0 /w r ja junction -to - ambient -- 62.5 2 1 3 to - 220f * drain current limited by maximum junction temperature
semihow rev.a0,december 2014 HRS120N10K electrical characteristics t j =25 c unless otherwise specified symbol parameter test conditions min typ max units i s continuous source - drain diode forward current -- -- 73 a i sm pulsed source - drain diode forward current -- -- 200 v sd source - drain diode forward voltage i s = 30 a, v gs = 0 v -- -- 1.3 v trr reverse recovery time i s = 30 a, v gs = 0 v di f / dt = 100 a/ s -- 50 -- ? qrr reverse recovery charge -- 80 -- nc on characteristics bv dss drain - source breakdown voltage v gs = 0 v, i d = 250 ? 100 -- -- v i dss zero gate voltage drain current v ds = 80 v, v gs = 0 v -- -- 1 ? v ds = 80 v, t j = 125 -- -- 100 ? i gss gate - body leakage current v gs = 25 v, v ds = 0 v -- -- 100 ? off characteristics c iss input capacitance v ds = 25 v, v gs = 0 v, f = 1.0 mhz -- 3150 -- ? c oss output capacitance -- 340 -- ? c rss reverse transfer capacitance -- 180 -- ? r g gate resistance v gs = 0 v, v ds = 0 v, f = 1mhz -- 1.2 -- ? dynamic characteristics t d(on) turn - on time v ds = 50 v, i d = 30 a, r g = 6 ? -- 40 -- ? t r turn - on rise time -- 50 -- ? t d(off) turn - off delay time -- 120 -- ? t f turn - off fall time -- 40 -- ? q g total gate charge v ds = 80 v, i d = 30 a, v gs = 10 v -- 65 -- nc q gs gate - source charge -- 12 -- nc q gd gate - drain charge -- 24 -- nc switching characteristics source - drain diode maximum ratings and characteristics v gs gate threshold voltage v ds = v gs , i d = 250 ? 2.0 -- 3.6 v r ds(on) static drain - source on - resistance v gs = 10 v, i d = 40 a -- 10 12 m ? g fs forward transconductance v ds = 20, i d = 40 a -- 70 -- s notes : 1. repetitive rating : pulse width limited by maximum junction temperature 2. l=1mh, i as =20a, v dd =25v, r g =25 ? , starting t j =25 c
semihow rev.a0,december 2014 HRS120N10K typical characteristics figure 1. on region characteristics figure 2. transfer characteristics figure 3. on resistance variation vs drain current and gate voltage figure 4. body diode forward voltage variation with source current and temperature figure 5. capacitance characteristics figure 6. gate charge characteristics 10 -1 10 0 10 1 0 1000 2000 3000 4000 5000 c iss = c gs + c gd (c ds = shorted) c oss = c ds + c gd c rss = c gd * note ; 1. v gs = 0 v 2. f = 1 mhz c rss c oss c iss capacitances [pf] v ds , drain-source voltage [v] 0 20 40 60 80 0 2 4 6 8 10 12 v ds = 80v i d = 30v v gs , gate-source voltage [v] q g , total gate charge [nc] 10 0 10 1 10 1 10 2 v gs top : 15 v 10 v 8 v 7 v 6 v 5.5 v 5 v bottom : 4.5 v * notes : 1. 300us pulse test 2. t c = 25 o c i d , drain current [a] v ds , drain-source voltage [v] 0.0 0.4 0.8 1.2 1.6 2.0 0.1 1 10 100 25 o c * notes : 1. v gs = 0v 2. 300us pulse test v sd , source-drain voltage [v] i dr , reverse drain current [a] 175 o c 0 40 80 120 160 8 10 12 14 16 v gs = 10v ? note : t j = 25 o c r ds(on) [m ? ], drain-source on-resistance i d , drain current [a] 0 2 4 6 8 10 0.1 1 10 100 25 o c * notes : 1. v ds = 20v 2. 300us pulse test v gs , gate-source voltage [v] i d , drain current [a] 175 o c
semihow rev.a0,december 2014 HRS120N10K typical characteristics (continued) figure 7. breakdown voltage variation vs temperature figure 8. on - resistance variation vs temperature figure 9. maximum safe operating area figure 10. maximum drain current vs case temperature figure 11. transient thermal response curve t 2 t 1 p dm 25 50 75 100 125 150 175 0 20 40 60 80 i d , drain current [a] t c , case temperature [ o c] 10 -1 10 0 10 1 10 2 10 -2 10 -1 10 0 10 1 10 2 10 3 100 ms dc 10 ms 1 ms 100 s operation in this area is limited by r ds(on) * notes : 1. t c = 25 o c 2. t j = 175 o c 3. single pulse i d , drain current [a] v ds , drain-source voltage [v] -100 -50 0 50 100 150 200 0.0 0.5 1.0 1.5 2.0 2.5 ? note : 1. v gs = 10 v 2. i d = 40 a r ds(on) , (normalized) drain-source on-resistance t j , junction temperature [ o c] -100 -50 0 50 100 150 200 0.8 0.9 1.0 1.1 1.2 ? note : 1. v gs = 0 v 2. i d = 250 a bv dss , (normalized) drain-source breakdown voltage t j , junction temperature [ o c] 10 -5 10 -4 10 -3 10 -2 10 -1 10 0 10 1 10 -2 10 -1 10 0 * notes : 1. z jc (t) = 3.0 o c/w max. 2. duty factor, d=t 1 /t 2 3. t jm - t c = p dm * z jc (t) single pulse d=0.5 0.02 0.2 0.05 0.1 0.01 z jc (t), thermal response t 1 , square wave pulse duration [sec]
semihow rev.a0,december 2014 HRS120N10K fig 12. gate charge test circuit & waveform fig 13. resistive switching test circuit & waveforms fig 14. unclamped inductive switching test circuit & waveforms e as = l l i as 2 ---- 2 1 -------------------- bv dss -- v dd bv dss v in v ds 10% 90% t d(on) t r t on t off t d(off) t f charge v gs 10v q g q gs q gd v dd v ds bv dss t p v dd i as v ds (t) i d (t) time v dd ( 0.5 rated v ds ) 10v v ds r l dut r g 3ma v gs dut v ds 300nf 50k 200nf 12v same type as dut 10v dut r g l i d
semihow rev.a0,december 2014 HRS120N10K fig 15. peak diode recovery dv/dt test circuit & waveforms dut v ds + _ driver r g same type as dut v gs ? dv/dt controlled by r g ? i s controlled by pulse period v dd l i s 10v v gs ( driver ) i s ( dut ) v ds ( dut ) v dd body diode forward voltage drop v f i fm , body diode forward current body diode reverse current i rm body diode recovery dv/dt di/dt d = gate pulse width gate pulse period --------------------------
semihow rev.a0,december 2014 HRS120N10K package dimension 0.70 0.20 0.20 3.30 0.20 15.87 0.20 12.42 0.20 2.54typ 6.68 0.20 0.80 0.20 1.47max 2.54 0.20 0.20 0.50 0.20 2.76 0.20 2.54typ 9.75 0.20 3.18 0.20 to - 220f


▲Up To Search▲   

 
Price & Availability of HRS120N10K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X