Part Number Hot Search : 
S8035K ADG2188 M32F10 IRF240 LTC34 8240116 98TK200 01QXA
Product Description
Full Text Search
 

To Download F211AF104R050C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 ? 864-963-6300 ? www.kemet.com f3 072_smr ? 9/28/2016 1 benefts ? voltage range: 50 C 400 vdc; 30 C 200 vac ? ca pacitance range: 0.001 C 22 f ? le ad spacing: 5 C 27.5 mm ? ca pacitance tolerance: 10%, 20%, 2.5% and 5% on request ? cl imatic category: 55/150/56, iec 60068C1 ? ta pe and reel packaging in accordance with iec 60286C2 ? ro hs compliant and lead-free terminations ? category t emperature r ange ? 55 t o + 150c ? rated t emperature + 125c overview the smr series is a metallized polyphenylene sulfde flm capacitor with v acuum-evaporated aluminum electrodes. radial leads of tinned wire are electrically welded to the contact metal layer on the ends of the capacitor winding. the capacitor is encapsulated in self-extinguishing material meeting the requirements of ul 94 vC0. applications typical applications include automotive and other applications with high ambient temperatures, as well as those requiring high stability and low losses. the capacitor offers excellent sound quality in audio applications. general purpose, pulse and dc transient suppression smr series metallized polyphenylene sulfde film, +150c, 5.0 C 27.5 mm lead spacing, 50 C 400 vdc legacy part number system smr 5 104 k 50 j01 l4 bulk series lead spacing (mm) capacitance code (pf) capacitance tolerance rated voltage (vdc) size code lead length packaging metallized pps 5 = 5.0 7.5 = 7.5 10 = 10.0 15 = 15.0 22.5 = 22.5 27.5 = 27.5 first two digits indicate the t wo m ost s ignifcant di gits of the capacitance value in picofarads. the third digit is the number of following zeros. h = 2.5% j = 5% k = 10% m = 20% 50 = 50 63 = 63 100 = 100 250 = 250 400 = 400 see dimension table letter "l" followed by lead length in mm see ordering options table new kemet part number system f 211 j f 104 k 050 c capacitor class series lead spacing (mm) size code capacitance code (pf) capacitance tolerance rated voltage (vdc) packaging f = film metallized pps j = 5.0 k = 7.5 a = 10.0 b = 15.0 d = 22.5 f = 27.5 see dimension table first two digits indicate the two m ost s ignifcant d igits of t he capacitance value in picofarads. the third digit is the number of following zeros. r = 2.5% j = 5% k = 10% m = 20% 050 = 50 063 = 63 100 = 100 250 = 250 400 = 400 see ordering options table one world. one kemet
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 ? 864-963-6300 ? www.kemet.com f3 072_smr ? 9/28/2016 2 ordering options table lead spacing nominal (mm) type of leads and packaging lead length (mm) kemet lead and packaging code legacy lead and packaging code 5 standard lead and packaging options bulk C straight leads 4.0 +1/-0 c l4bulk bulk C straight leads 16.5 0.5 alg5c l16.5cbulk tape & reel (standard reel) h 0 = 18.5 0.5 l l16.5tr18 other lead and packaging options ammo pack h 0 = 18.5 0.5 r l16.5ta18 tape & reel (large reel) h 0 = 18.5 0.5 p l16.5lr18 7.5 standard lead and packaging options bulk C straight leads 4.0 +1/-0 c l4bulk bulk C straight leads 16.5 0.5 alg5c l16.5cbulk tape & reel (standard reel) h 0 = 18.5 0.5 l l16.5tr18 3xliv0ieherh4egoekmrk3txmsrw ammo pack h 0 = 18.5 0.5 r l16.5ta18 tape & reel (large reel) h 0 = 18.5 0.5 p l16.5lr18 ammo pack (p 0 = 15 mm) h 0 = 18.5 0.5 xlaf1 xa18 10 standard lead and packaging options bulk C straight leads 4.0 +1/-0 c l4bulk bulk C straight leads 16.5 0.5 alg5c l16.5cbulk tape & reel (standard reel) h 0 = 18.5 0.5 l l16.5tr18 other lead and packaging options tape & reel (large reel) h 0 = 18.5 0.5 p l16.5lr18 2exmi jsvqihxs ammo pack h 0 = 18.5 0.5 xlaf1 xa18 tape & reel (standard reel) h 0 = 18.5 0.5 xltf1 xr18 film capacitors C general purpose, pulse and dc transient suppression smr series metallized polyphenylene sulfde film, +150c, 5.0 C 27.5 mm lead spacing, 50 C 400 vdc
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 ? 864-963-6300 ? www.kemet.com f3 072_smr ? 9/28/2016 3 ordering options table cont'd lead spacing nominal (mm) type of leads and packaging lead length (mm) kemet lead and packaging code legacy lead and packaging code 15 standard lead and packaging options bulk C straight leads 4.0 +1/-0 c l4bulk bulk C straight leads 16.5 0.5 alg5c l16.5cbulk tape & reel (standard reel) h 0 = 18.5 0.5 l l16.5tr18 3xliv0ieherh4egoekmrk3txmsrw tape & reel (large reel) h 0 = 18.5 0.5 p l16.5lr18 native 15 formed to 7.5 ammo pack h 0 = 18.5 0.5 xlaf1 xa18 tape & reel (standard reel) h 0 = 18.5 0.5 xltf1 xr18 22.5 standard lead and packaging options bulk (tray) C short leads 4.0 +1/-0 c l4tray 7xerhevh0ieherh4egoekmrk 3txmsrw bulk (tray) C short leads 4.0 +1/-0 c l4tray film capacitors C general purpose, pulse and dc transient suppression smr series metallized polyphenylene sulfde film, +150c, 5.0 C 27.5 mm lead spacing, 50 C 400 vdc
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 ? 864-963-6300 ? www.kemet.com f3 072_smr ? 9/28/2016 4 dimensions C millimeters l b h d p ll 0.5 front view side view kemet size code legacy size code l d nominal tolerance nominal tolerance nominal tolerance nominal tolerance nominal tolerance jf j01 5 +/?0.4 +/?0.05 +/?0.4 +/?0.05 +/?0.4 +/?0.05 +/?0.4 +/?0.05 +/?0.4 +/?0.05 +/?0.4 +/?0.05 +/?0.4 +/?0.05 +/?0.4 +/?0.05 +/?0.4 +/?0.05 +/?0.4 +/?0.05 +/?0.4 +/?0.05 +/?0.4 +/?0.05 +/?0.4 +/?0.05 +/?0.4 +/?0.05 +/?0.4 +/?0.05 +/?0.4 +/?0.05 +/?0.4 +/?0.05 +/?0.4 +/?0.05 +/?0.4 +/?0.05 +/?0.4 +/?0.05 +/?0.4 +/?0.05 +/?0.4 +/?0.05 +/?0.4 +/?0.05 +/?0.4 +/?0.05 +/?0.4 +/?0.05 +/?0.4 +/?0.05 +/?0.4 +/?0.05 +/?0.4 +/?0.05 +/?0.4 +/?0.05 +/?0.4 +/?0.05 note: see ordering options table for lead length (ll) options. film capacitors C general purpose, pulse and dc transient suppression smr series metallized polyphenylene sulfde film, +150c, 5.0 C 27.5 mm lead spacing, 50 C 400 vdc
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 ? 864-963-6300 ? www.kemet.com f3 072_smr ? 9/28/2016 5 performance characteristics rated voltage v r (vdc) 50 63 100 250 400 rated voltage v r (vac) 30 40 63 160 200 capacitance range (f) 0.001 C 22 0.001 C 22 0.001 C 12 0.001 C 3.9 0.001 C 1.8 capacitance tolerance 10%, 20%, 2.5% and 5% on request category temperature range ?55 t o + 150c rated temperature +?55 t o + 125c voltage derating from + 125c, t he v oltage d erating i s 2 %/c climatic category iec 60068C1, 55/150/56 din 40040, fkd test voltage 1.6 x v r for 2 seconds reliability operational life > 200,000 hours failure r ate < 3 f it, t = + 40c, v = 0 .5 x v r failure criteria according to din 44122 capacitance drift maximum 0 .3% a fter a 2 y ear s torage p eriod a t a t emperature o f + 10 t o + 40c a nd a r elative h umidity o f 4 0 t o 6 0% insulation resistance measured a t + 20c a ccording t o i ec 6 0384C1 minimum values between terminals c 0 .33 f c > 0.33 f v r 100 v 15 ,000 m ? 5,000 m ? ? f v r > 100 v 30,000 m ? 10,000 m ? ? f dissipation factor maximum v alues a t + 23c lead spacing c 0 .1 f 0.1 f < c 1 .0 f c > 1.0 f smr 5 1 khz 0.15% 0.15% 0.15% 10 khz 0.25% 0.25% 0.35% 100 khz 0.50% 0.60% smr 7.5 to 27.5 1 khz 0.15% 0.15% 0.15% 10 khz 0.25% 0.25% 100 khz 0.60% film capacitors C general purpose, pulse and dc transient suppression smr series metallized polyphenylene sulfde film, +150c, 5.0 C 27.5 mm lead spacing, 50 C 400 vdc
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 ? 864-963-6300 ? www.kemet.com f3 072_smr ? 9/28/2016 6 derating of v rms vs. frequency, +100c ambient temperature & 20c internal heating, typical values film capacitors C general purpose, pulse and dc transient suppression smr series metallized polyphenylene sulfde film, +150c, 5.0 C 27.5 mm lead spacing, 50 C 400 vdc
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 ? 864-963-6300 ? www.kemet.com f3 072_smr ? 9/28/2016 7 environmental test data damp heat test test conditions t = + 40c, r h = 9 3%, t = 5 6 d ays test criteria c /c 3 % t an 0 .0025 ( 1 k hz) ir after test 0.5 x ir minimum endurance test test conditions t = + 125c, v = 1 .25 x ( 0.5 x v r ) test criteria t = 2,000 hours c /c 3% t an 0 .002 ( 1 k hz), c > 1 f t an 0 .003 ( 10 k hz), c 1 f ir after test 0.5 x ir minimum environmental compliance all kemet pps capacitors are rohs compliant. film capacitors C general purpose, pulse and dc transient suppression smr series metallized polyphenylene sulfde film, +150c, 5.0 C 27.5 mm lead spacing, 50 C 400 vdc
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 ? 864-963-6300 ? www.kemet.com f3 072_smr ? 9/28/2016 8 table 1 C ratings & part number reference (1) r = 2.5%, j = 5%, k = 10%, m = 20% (2) insert lead and packaging code. see ordering options table for available options. (3) h = 2.5%, j = 5%, k = 10%, m = 20% vdc vac capacitance value (f) size code (new/ legacy) maximum dimensions in mm lead spacing (p) dv/dt (v/s) new kemet part number legacy part number b h l 50 30 0.001 jf/j01 2.5 6.5 7.2 5 40 f211jf102(1)050(2) smr5102(3)50j01(2) 50 30 0.0012 jf/j01 2.5 6.5 7.2 5 40 f211jf122(1)050(2) smr5122(3)50j01(2) 50 30 0.0015 jf/j01 2.5 6.5 7.2 5 40 f211jf152(1)050(2) smr5152(3)50j01(2) 50 30 0.0018 jf/j01 2.5 6.5 7.2 5 40 f211jf182(1)050(2) smr5182(3)50j01(2) 50 30 0.0022 jf/j01 2.5 6.5 7.2 5 40 f211jf222(1)050(2) smr5222(3)50j01(2) 50 30 0.0027 jf/j01 2.5 6.5 7.2 5 40 f211jf272(1)050(2) smr5272(3)50j01(2) 50 30 0.0033 jf/j01 2.5 6.5 7.2 5 40 f211jf332(1)050(2) smr5332(3)50j01(2) 50 30 0.0039 jf/j01 2.5 6.5 7.2 5 40 f211jf392(1)050(2) smr5392(3)50j01(2) 50 30 0.0047 jf/j01 2.5 6.5 7.2 5 20 f211jf472(1)050(2) smr5472(3)50j01(2) 50 30 0.0056 jf/j01 2.5 6.5 7.2 5 20 f211jf562(1)050(2) smr5562(3)50j01(2) 50 30 0.0068 jf/j01 2.5 6.5 7.2 5 20 f211jf682(1)050(2) smr5682(3)50j01(2) 50 30 0.0082 jf/j01 2.5 6.5 7.2 5 20 f211jf822(1)050(2) smr5822(3)50j01(2) 50 30 0.01 jf/j01 2.5 6.5 7.2 5 20 f211jf103(1)050(2) smr5103(3)50j01(2) 50 30 0.012 jf/j01 2.5 6.5 7.2 5 15 f211jf123(1)050(2) smr5123(3)50j01(2) 50 30 0.015 jf/j01 2.5 6.5 7.2 5 15 f211jf153(1)050(2) smr5153(3)50j01(2) 50 30 0.018 jf/j01 2.5 6.5 7.2 5 15 f211jf183(1)050(2) smr5183(3)50j01(2) 50 30 0.022 jf/j01 2.5 6.5 7.2 5 15 f211jf223(1)050(2) smr5223(3)50j01(2) 50 30 0.027 jf/j01 2.5 6.5 7.2 5 15 f211jf273(1)050(2) smr5273(3)50j01(2) 50 30 0.033 jf/j01 2.5 6.5 7.2 5 15 f211jf333(1)050(2) smr5333(3)50j01(2) 50 30 0.039 jf/j01 2.5 6.5 7.2 5 15 f211jf393(1)050(2) smr5393(3)50j01(2) 50 30 0.047 jf/j01 2.5 6.5 7.2 5 6 f211jf473(1)050(2) smr5473(3)50j01(2) 50 30 0.056 jf/j01 2.5 6.5 7.2 5 6 f211jf563(1)050(2) smr5563(3)50j01(2) 50 30 0.068 jf/j01 2.5 6.5 7.2 5 6 f211jf683(1)050(2) smr5683(3)50j01(2) 50 30 0.082 jf/j01 2.5 6.5 7.2 5 6 f211jf823(1)050(2) smr5823(3)50j01(2) 50 30 0.1 jf/j01 2.5 6.5 7.2 5 6 f211jf104(1)050(2) smr5104(3)50j01(2) 50 30 0.12 jf/j01 2.5 6.5 7.2 5 6 f211jf124(1)050(2) smr5124(3)50j01(2) 50 30 0.15 jj/j02 3.5 8 7.2 5 6 f211jj154(1)050(2) smr5154(3)50j02(2) 50 30 0.18 jj/j02 3.5 8 7.2 5 6 f211jj184(1)050(2) smr5184(3)50j02(2) 50 30 0.22 jj/j02 3.5 8 7.2 5 6 f211jj224(1)050(2) smr5224(3)50j02(2) 50 30 0.27 jj/j02 3.5 8 7.2 5 6 f211jj274(1)050(2) smr5274(3)50j02(2) 50 30 0.33 jl/j03 4.5 9 7.2 5 6 f211jl334(1)050(2) smr5334(3)50j03(2) 50 30 0.39 jl/j03 4.5 9 7.2 5 6 f211jl394(1)050(2) smr5394(3)50j03(2) 50 30 0.47 jq/j04 5 10 7.2 5 6 f211jq474(1)050(2) smr5474(3)50j04(2) 50 30 0.56 jq/j04 5 10 7.2 5 6 f211jq564(1)050(2) smr5564(3)50j04(2) 50 30 0.68 jt/j05 6 11 7. 2 5 6 f 211jt684(1)050(2) smr5684(3)50j05(2) 50 30 0.82 jt/j05 6 11 7.2 5 6 f211jt824(1)050(2) smr5824(3)50j05(2) 50 30 1 ju/j06 7.2 13 7.2 5 6 f211ju105(1)050(2) smr5105(3)50j06(2) 50 30 1.2 ju/j06 7.2 13 7.2 5 6 f211ju125(1)050(2) smr5125(3)50j06(2) 50 30 0.001 kg/k01 4 8 10 7.5 30 f211kg102(1)050(2) smr7.5102(3)50k01(2) 50 30 0.0012 kg/k01 4 8 10 7.5 30 f211kg122(1)050(2) smr7.5122(3)50k01(2) 50 30 0.0015 kg/k01 4 8 10 7.5 30 f211kg152(1)050(2) smr7.5152(3)50k01(2) 50 30 0.0018 kg/k01 4 8 10 7.5 30 f211kg182(1)050(2) smr7.5182(3)50k01(2) 50 30 0.0022 kg/k01 4 8 10 7.5 30 f211kg222(1)050(2) smr7.5222(3)50k01(2) 50 30 0.0027 kg/k01 4 8 10 7.5 30 f211kg272(1)050(2) smr7.5272(3)50k01(2) 50 30 0.0033 kg/k01 4 8 10 7.5 30 f211kg332(1)050(2) smr7.5332(3)50k01(2) 50 30 0.0039 kg/k01 4 8 10 7.5 30 f211kg392(1)050(2) smr7.5392(3)50k01(2) 50 30 0.0047 kg/k01 4 8 10 7.5 30 f211kg472(1)050(2) smr7.5472(3)50k01(2) 50 30 0.0056 kg/k01 4 8 10 7.5 30 f211kg562(1)050(2) smr7.5562(3)50k01(2) 50 30 0.0068 kg/k01 4 8 10 7.5 30 f211kg682(1)050(2) smr7.5682(3)50k01(2) 50 30 0.0082 kg/k01 4 8 10 7.5 30 f211kg822(1)050(2) smr7.5822(3)50k01(2) 50 30 0.01 kg/k01 4 8 10 7.5 30 f211kg103(1)050(2) smr7.5103(3)50k01(2) 50 30 0.012 kg/k01 4 8 10 7.5 30 f211kg123(1)050(2) smr7.5123(3)50k01(2) 50 30 0.015 kg/k01 4 8 10 7.5 30 f211kg153(1)050(2) smr7.5153(3)50k01(2) 50 30 0.018 kg/k01 4 8 10 7.5 30 f211kg183(1)050(2) smr7.5183(3)50k01(2) 50 30 0.022 kg/k01 4 8 10 7.5 30 f211kg223(1)050(2) smr7.5223(3)50k01(2) 50 30 0.027 kg/k01 4 8 10 7.5 20 f211kg273(1)050(2) smr7.5273(3)50k01(2) vdc vac capacitance value (f) size code (new/legacy) b (mm) h (mm) l (mm) lead spacing (p) dv/dt (v/s) new kemet part number legacy part number film capacitors C general purpose, pulse and dc transient suppression smr series metallized polyphenylene sulfde film, +150c, 5.0 C 27.5 mm lead spacing, 50 C 400 vdc
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 ? 864-963-6300 ? www.kemet.com f3 072_smr ? 9/28/2016 9 table 1 C ratings & part number reference cont'd (1) r = 2.5%, j = 5%, k = 10%, m = 20% (2) insert lead and packaging code. see ordering options table for available options. (3) h = 2.5%, j = 5%, k = 10%, m = 20% vdc vac capacitance value (f) size code (new/ legacy) maximum dimensions in mm lead spacing (p) dv/dt (v/s) new kemet part number legacy part number b h l 50 30 0.033 kg/k01 4 8 10 7.5 20 f211kg333(1)050(2) smr7.5333(3)50k01(2) 50 30 0.039 kg/k01 4 8 10 7.5 20 f211kg393(1)050(2) smr7.5393(3)50k01(2) 50 30 0.047 kg/k01 4 8 10 7.5 20 f211kg473(1)050(2) smr7.5473(3)50k01(2) 50 30 0.056 kg/k01 4 8 10 7.5 15 f211kg563(1)050(2) smr7.5563(3)50k01(2) 50 30 0.068 kg/k01 4 8 10 7.5 15 f211kg683(1)050(2) smr7.5683(3)50k01(2) 50 30 0.082 kg/k01 4 8 10 7.5 15 f211kg823(1)050(2) smr7.5823(3)50k01(2) 50 30 0.1 kg/k01 4 8 10 7.5 15 f211kg104(1)050(2) smr7.5104(3)50k01(2) 50 30 0.12 kg/k01 4 8 10 7.5 15 f211kg124(1)050(2) smr7.5124(3)50k01(2) 50 30 0.15 kg/k01 4 8 10 7.5 10 f211kg154(1)050(2) smr7.5154(3)50k01(2) 50 30 0.18 kg/k01 4 8 10 7.5 10 f211kg184(1)050(2) smr7.5184(3)50k01(2) 50 30 0.22 kg/k01 4 8 10 7.5 10 f211kg224(1)050(2) smr7.5224(3)50k01(2) 50 30 0.27 kg/k01 4 8 10 7.5 10 f211kg274(1)050(2) smr7.5274(3)50k01(2) 50 30 0.33 kg/k01 4 8 10 7.5 10 f211kg334(1)050(2) smr7.5334(3)50k01(2) 50 30 0.39 kg/k01 4 8 10 7.5 10 f211kg394(1)050(2) smr7.5394(3)50k01(2) 50 30 0.47 kk/k03 5 11 10 7.5 10 f211kk474(1)050(2) smr7.5474(3)50k03(2) 50 30 0.56 kk/k03 5 11 10 7.5 10 f211kk564(1)050(2) smr7.5564(3)50k03(2) 50 30 0.68 kk/k03 5 11 10 7.5 10 f211kk684(1)050(2) smr7.5684(3)50k03(2) 50 30 0.82 kk/k03 5 11 10 7.5 10 f211kk824(1)050(2) smr7.5824(3)50k03(2) 50 30 1 km/k04 6 12 10.5 7.5 10 f211km105(1)050(2) smr7.5105(3)50k04(2) 50 30 1.2 km/k04 6 12 10.5 7.5 10 f211km125(1)050(2) smr7.5125(3)50k04(2) 50 30 0.0027 ag/a01 4 9 13 10 25 f211ag272(1)050(2) smr10272(3)50a01(2) 50 30 0.0033 ag/a01 4 9 13 10 25 f211ag332(1)050(2) smr10332(3)50a01(2) 50 30 0.0039 ag/a01 4 9 13 10 25 f211ag392(1)050(2) smr10392(3)50a01(2) 50 30 0.0047 ag/a01 4 9 13 10 25 f211ag472(1)050(2) smr10472(3)50a01(2) 50 30 0.0056 ag/a01 4 9 13 10 25 f211ag562(1)050(2) smr10562(3)50a01(2) 50 30 0.0068 ag/a01 4 9 13 10 25 f211ag682(1)050(2) smr10682(3)50a01(2) 50 30 0.0082 ag/a01 4 9 13 10 25 f211ag822(1)050(2) smr10822(3)50a01(2) 50 30 0.01 ag/a01 4 9 13 10 25 f211ag103(1)050(2) smr10103(3)50a01(2) 50 30 0.012 ag/a01 4 9 13 10 25 f211ag123(1)050(2) smr10123(3)50a01(2) 50 30 0.015 ag/a01 4 9 13 10 25 f211ag153(1)050(2) smr10153(3)50a01(2) 50 30 0.018 ag/a01 4 9 13 10 25 f211ag183(1)050(2) smr10183(3)50a01(2) 50 30 0.022 ag/a01 4 9 13 10 25 f211ag223(1)050(2) smr10223(3)50a01(2) 50 30 0.027 ag/a01 4 9 13 10 25 f211ag273(1)050(2) smr10273(3)50a01(2) 50 30 0.033 ag/a01 4 9 13 10 25 f211ag333(1)050(2) smr10333(3)50a01(2) 50 30 0.039 ag/a01 4 9 1 3 1 0 15 f211ag393(1)050(2) smr10393(3)50a01(2) 50 30 0.047 ag/a01 4 9 13 10 15 f211ag473(1)050(2) smr10473(3)50a01(2) 50 30 0.056 ag/a01 4 9 13 10 15 f211ag563(1)050(2) smr10563(3)50a01(2) 50 30 0.068 ag/a01 4 9 13 10 15 f211ag683(1)050(2) smr10683(3)50a01(2) 50 30 0.082 ag/a01 4 9 13 10 10 f211ag823(1)050(2) smr10823(3)50a01(2) 50 30 0.1 ag/a01 4 9 13 10 10 f211ag104(1)050(2) smr10104(3)50a01(2) 50 30 0.12 ag/a01 4 9 13 10 10 f211ag124(1)050(2) smr10124(3)50a01(2) 50 30 0.15 ag/a01 4 9 13 10 10 f211ag154(1)050(2) smr10154(3)50a01(2) 50 30 0.18 ag/a01 4 9 13 10 10 f211ag184(1)050(2) smr10184(3)50a01(2) 50 30 0.22 ag/a01 4 9 13 10 10 f211ag224(1)050(2) smr10224(3)50a01(2) 50 30 0.27 ag/a01 4 9 13 10 8 f211ag274(1)050(2) smr10274(3)50a01(2) 50 30 0.33 ag/a01 4 9 13 10 8 f211ag334(1)050(2) smr10334(3)50a01(2) 50 30 0.39 ag/a01 4 9 13 10 8 f211ag394(1)050(2) smr10394(3)50a01(2) 50 30 0.47 ag/a01 4 9 13 10 8 f211ag474(1)050(2) smr10474(3)50a01(2) 50 30 0.56 ag/a01 4 9 13 10 8 f211ag564(1)050(2) smr10564(3)50a01(2) 50 30 0.68 ag/a01 4 9 13 10 8 f211ag684(1)050(2) smr10684(3)50a01(2) 50 30 0.82 ah/a02 4.5 10.5 13 10 8 f211ah824(1)050(2) smr10824(3)50a02(2) 50 30 1 ak/a03 4.5 10.5 13 10 8 f211ak105(1)050(2) smr10105(3)50a03(2) 50 30 1.2 ak/a03 5 11 13 10 8 f211ak125(1)050(2) smr10125(3)50a03(2) 50 30 1.5 ap/a04 6 12 13 10 8 f211ap155(1)050(2) smr10155(3)50a04(2) 50 30 1.8 ap/a04 6 12 13 10 8 f211ap185(1)050(2) smr10185(3)50a04(2) 50 30 2.2 bj/b10 6.5 12.5 18 15 6 f211bj225(1)050(2) smr15225(3)50b10(2) vdc vac capacitance value (f) size code (new/legacy) b (mm) h (mm) l (mm) lead spacing (p) dv/dt (v/s) new kemet part number legacy part number film capacitors C general purpose, pulse and dc transient suppression smr series metallized polyphenylene sulfde film, +150c, 5.0 C 27.5 mm lead spacing, 50 C 400 vdc
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 ? 864-963-6300 ? www.kemet.com f3 072_smr ? 9/28/2016 10 table 1 C ratings & part number reference cont'd (1) r = 2.5%, j = 5%, k = 10%, m = 20% (2) insert lead and packaging code. see ordering options table for available options. (3) h = 2.5%, j = 5%, k = 10%, m = 20% vdc vac capacitance value (f) size code (new/ legacy) maximum dimensions in mm lead spacing (p) dv/dt (v/s) new kemet part number legacy part number b h l 50 30 2.7 bl/b06 7.5 14.5 18 15 6 f211bl275(1)050(2) smr15275(3)50b06(2) 50 30 3.3 bl/b06 7.5 14.5 18 15 6 f211bl335(1)050(2) smr15335(3)50b06(2) 50 30 3.9 bm/b12 8 15 18 15 6 f211bm395(1)050(2) smr15395(3)50b12(2) 50 30 4.7 bv/b14 8.5 16 18 15 6 f211bv475(1)050(2) smr15475(3)50b14(2) 50 30 5.6 bv/b14 9.5 17.5 18 15 6 f211bv565(1)050(2) smr15565(3)50b14(2) 50 30 6.8 dm/d15 9 18.5 26 22.5 3 f211dm685(1)050(2) smr22.5685(3)50d15(2) 50 30 8.2 dm/d15 9 18.5 26 22.5 3 f211dm825(1)050(2) smr22.5825(3)50d15(2) 50 30 10 dr/d18 10.5 19 26 22.5 3 f211dr106(1)050(2) smr22.5106(3)50d18(2) 50 30 12 dt/d16 11 21.5 26 22.5 3 f211dt126(1)050(2) smr22.5126(3)50d16(2) 50 30 15 fe/f11 10.5 20.5 31.5 27.5 2 f211fe156(1)050(2) smr27.5156(3)50f11(2) 50 30 18 fg/f12 11.5 22.5 31.5 27.5 2 f211fg186(1)050(2) smr27.5186(3)50f12(2) 50 30 22 fm/f13 14.5 24.5 31.5 27.5 2 f211fm226(1)050(2) smr27.5226(3)50f13(2) 63 40 0.001 jf/j01 2.5 6.5 7.2 5 40 f211jf102(1)063(2) smr5102(3)63j01(2) 63 40 0.0012 jf/j01 2.5 6.5 7.2 5 40 f211jf122(1)063(2) smr5122(3)63j01(2) 63 40 0.0015 jf/j01 2.5 6.5 7.2 5 40 f211jf152(1)063(2) smr5152(3)63j01(2) 63 40 0.0018 jf/j01 2.5 6.5 7.2 5 40 f211jf182(1)063(2) smr5182(3)63j01(2) 63 40 0.0022 jf/j01 2.5 6.5 7.2 5 40 f211jf222(1)063(2) smr5222(3)63j01(2) 63 40 0.0027 jf/j01 2.5 6.5 7.2 5 40 f211jf272(1)063(2) smr5272(3)63j01(2) 63 40 0.0033 jf/j01 2.5 6.5 7.2 5 40 f211jf332(1)063(2) smr5332(3)63j01(2) 63 40 0.0039 jf/j01 2.5 6.5 7.2 5 40 f211jf392(1)063(2) smr5392(3)63j01(2) 63 40 0.0047 jf/j01 2.5 6.5 7.2 5 20 f211jf472(1)063(2) smr5472(3)63j01(2) 63 40 0.0056 jf/j01 2.5 6.5 7.2 5 20 f211jf562(1)063(2) smr5562(3)63j01(2) 63 40 0.0068 jf/j01 2.5 6.5 7.2 5 20 f211jf682(1)063(2) smr5682(3)63j01(2) 63 40 0.0082 jf/j01 2.5 6.5 7.2 5 20 f211jf822(1)063(2) smr5822(3)63j01(2) 63 40 0.01 jf/j01 2.5 6.5 7.2 5 20 f211jf103(1)063(2) smr5103(3)63j01(2) 63 40 0.012 jf/j01 2.5 6.5 7.2 5 15 f211jf123(1)063(2) smr5123(3)63j01(2) 63 40 0.015 jf/j01 2.5 6.5 7.2 5 15 f211jf153(1)063(2) smr5153(3)63j01(2) 63 40 0.018 jf/j01 2.5 6.5 7.2 5 15 f211jf183(1)063(2) smr5183(3)63j01(2) 63 40 0.022 jf/j01 2.5 6.5 7.2 5 15 f211jf223(1)063(2) smr5223(3)63j01(2) 63 40 0.027 jf/j01 2.5 6.5 7.2 5 15 f211jf273(1)063(2) smr5273(3)63j01(2) 63 40 0.033 jf/j01 2.5 6.5 7.2 5 15 f211jf333(1)063(2) smr5333(3)63j01(2) 63 40 0.039 jf/j01 2.5 6.5 7.2 5 15 f211jf393(1)063(2) smr5393(3)63j01(2) 63 40 0.047 jf/j01 2.5 6.5 7.2 5 6 f211jf473(1)063(2) smr5473(3)63j01(2) 63 40 0.056 jf/j01 2.5 6.5 7.2 5 6 f211jf563(1)063(2) smr5563(3)63j01(2) 63 40 0.068 jf/j01 2.5 6.5 7. 2 5 6 f 211jf683(1)063(2) smr5683(3)63j01(2) 63 40 0.082 jj/j02 3.5 8 7.2 5 6 f211jj823(1)063(2) smr5823(3)63j02(2) 63 40 0.1 jj/j02 3.5 8 7.2 5 6 f211jj104(1)063(2) smr5104(3)63j02(2) 63 40 0.12 jj/j02 3.5 8 7.2 5 6 f211jj124(1)063(2) smr5124(3)63j02(2) 63 40 0.15 jj/j02 3.5 8 7.2 5 6 f211jj154(1)063(2) smr5154(3)63j02(2) 63 40 0.18 jl/j03 4.5 9 7.2 5 6 f211jl184(1)063(2) smr5184(3)63j03(2) 63 40 0.22 jl/j03 4.5 9 7.2 5 6 f211jl224(1)063(2) smr5224(3)63j03(2) 63 40 0.27 jq/j04 5 10 7.2 5 6 f211jq274(1)063(2) smr5274(3)63j04(2) 63 40 0.33 jq/j04 5 10 7.2 5 6 f211jq334(1)063(2) smr5334(3)63j04(2) 63 40 0.39 jt/j05 6 11 7.2 5 6 f211jt394(1)063(2) smr5394(3)63j05(2) 63 40 0.47 jt/j05 6 11 7.2 5 6 f211jt474(1)063(2) smr5474(3)63j05(2) 63 40 0.56 ju/j06 7.2 13 7.2 5 6 f211ju564(1)063(2) smr5564(3)63j06(2) 63 40 0.68 ju/j06 7.2 13 7.2 5 6 f211ju684(1)063(2) smr5684(3)63j06(2) 63 40 0.001 kg/k01 4 8 10 7.5 30 f211kg102(1)063(2) smr7.5102(3)63k01(2) 63 40 0.0012 kg/k01 4 8 10 7.5 30 f211kg122(1)063(2) smr7.5122(3)63k01(2) 63 40 0.0015 kg/k01 4 8 10 7.5 30 f211kg152(1)063(2) smr7.5152(3)63k01(2) 63 40 0.0018 kg/k01 4 8 10 7.5 30 f211kg182(1)063(2) smr7.5182(3)63k01(2) 63 40 0.0022 kg/k01 4 8 10 7.5 30 f211kg222(1)063(2) smr7.5222(3)63k01(2) 63 40 0.0027 kg/k01 4 8 10 7.5 30 f211kg272(1)063(2) smr7.5272(3)63k01(2) 63 40 0.0033 kg/k01 4 8 10 7.5 30 f211kg332(1)063(2) smr7.5332(3)63k01(2) 63 40 0.0039 kg/k01 4 8 10 7.5 30 f211kg392(1)063(2) smr7.5392(3)63k01(2) 63 40 0.0047 kg/k01 4 8 10 7.5 30 f211kg472(1)063(2) smr7.5472(3)63k01(2) vdc vac capacitance value (f) size code (new/legacy) b (mm) h (mm) l (mm) lead spacing (p) dv/dt (v/s) new kemet part number legacy part number film capacitors C general purpose, pulse and dc transient suppression smr series metallized polyphenylene sulfde film, +150c, 5.0 C 27.5 mm lead spacing, 50 C 400 vdc
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 ? 864-963-6300 ? www.kemet.com f3 072_smr ? 9/28/2016 11 table 1 C ratings & part number reference cont'd (1) r = 2.5%, j = 5%, k = 10%, m = 20% (2) insert lead and packaging code. see ordering options table for available options. (3) h = 2.5%, j = 5%, k = 10%, m = 20% vdc vac capacitance value (f) size code (new/ legacy) maximum dimensions in mm lead spacing (p) dv/dt (v/s) new kemet part number legacy part number b h l 63 40 0.0056 kg/k01 4 8 10 7.5 30 f211kg562(1)063(2) smr7.5562(3)63k01(2) 63 40 0.0068 kg/k01 4 8 10 7.5 30 f211kg682(1)063(2) smr7.5682(3)63k01(2) 63 40 0.0082 kg/k01 4 8 10 7.5 30 f211kg822(1)063(2) smr7.5822(3)63k01(2) 63 40 0.01 kg/k01 4 8 10 7.5 30 f211kg103(1)063(2) smr7.5103(3)63k01(2) 63 40 0.012 kg/k01 4 8 10 7.5 30 f211kg123(1)063(2) smr7.5123(3)63k01(2) 63 40 0.015 kg/k01 4 8 10 7.5 30 f211kg153(1)063(2) smr7.5153(3)63k01(2) 63 40 0.018 kg/k01 4 8 10 7.5 30 f211kg183(1)063(2) smr7.5183(3)63k01(2) 63 40 0.022 kg/k01 4 8 10 7.5 30 f211kg223(1)063(2) smr7.5223(3)63k01(2) 63 40 0.027 kg/k01 4 8 10 7.5 20 f211kg273(1)063(2) smr7.5273(3)63k01(2) 63 40 0.033 kg/k01 4 8 10 7.5 20 f211kg333(1)063(2) smr7.5333(3)63k01(2) 63 40 0.039 kg/k01 4 8 10 7.5 20 f211kg393(1)063(2) smr7.5393(3)63k01(2) 63 40 0.047 kg/k01 4 8 10 7.5 20 f211kg473(1)063(2) smr7.5473(3)63k01(2) 63 40 0.056 kg/k01 4 8 10 7.5 15 f211kg563(1)063(2) smr7.5563(3)63k01(2) 63 40 0.068 kg/k01 4 8 10 7.5 15 f211kg683(1)063(2) smr7.5683(3)63k01(2) 63 40 0.082 kg/k01 4 8 10 7.5 15 f211kg823(1)063(2) smr7.5823(3)63k01(2) 63 40 0.1 kg/k01 4 8 10 7.5 15 f211kg104(1)063(2) smr7.5104(3)63k01(2) 63 40 0.12 kg/k01 4 8 10 7.5 15 f211kg124(1)063(2) smr7.5124(3)63k01(2) 63 40 0.15 kg/k01 4 8 10 7.5 10 f211kg154(1)063(2) smr7.5154(3)63k01(2) 63 40 0.18 kg/k01 4 8 10 7.5 10 f211kg184(1)063(2) smr7.5184(3)63k01(2) 63 40 0.22 kg/k01 4 8 10 7.5 10 f211kg224(1)063(2) smr7.5224(3)63k01(2) 63 40 0.27 kg/k01 4 8 10 7.5 10 f211kg274(1)063(2) smr7.5274(3)63k01(2) 63 40 0.33 kk/k03 5 11 10 7.5 10 f211kk334(1)063(2) smr7.5334(3)63k03(2) 63 40 0.39 kk/k03 5 11 10 7.5 10 f211kk394(1)063(2) smr7.5394(3)63k03(2) 63 40 0.47 kk/k03 5 11 10 7.5 10 f211kk474(1)063(2) smr7.5474(3)63k03(2) 63 40 0.56 kk/k03 5 11 10 7.5 10 f211kk564(1)063(2) smr7.5564(3)63k03(2) 63 40 0.68 km/k04 6 12 10.5 7.5 10 f211km684(1)063(2) smr7.5684(3)63k04(2) 63 40 0.82 km/k04 6 12 10.5 7.5 10 f211km824(1)063(2) smr7.5824(3)63k04(2) 63 40 0.0027 ag/a01 4 9 13 10 25 f211ag272(1)063(2) smr10272(3)63a01(2) 63 40 0.0033 ag/a01 4 9 13 10 25 f211ag332(1)063(2) smr10332(3)63a01(2) 63 40 0.0039 ag/a01 4 9 13 10 25 f211ag392(1)063(2) smr10392(3)63a01(2) 63 40 0.0047 ag/a01 4 9 13 10 25 f211ag472(1)063(2) smr10472(3)63a01(2) 63 40 0.0056 ag/a01 4 9 13 10 25 f211ag562(1)063(2) smr10562(3)63a01(2) 63 40 0.0068 ag/a01 4 9 13 10 25 f211ag682(1)063(2) smr10682(3)63a01(2) 63 40 0.0082 ag/a01 4 9 13 10 25 f211ag822(1)063(2) smr10822(3)63a01(2) 63 40 0.01 ag/a01 4 9 1 3 1 0 25 f211ag103(1)063(2) smr10103(3)63a01(2) 63 40 0.012 ag/a01 4 9 13 10 25 f211ag123(1)063(2) smr10123(3)63a01(2) 63 40 0.015 ag/a01 4 9 13 10 25 f211ag153(1)063(2) smr10153(3)63a01(2) 63 40 0.018 ag/a01 4 9 13 10 25 f211ag183(1)063(2) smr10183(3)63a01(2) 63 40 0.022 ag/a01 4 9 13 10 25 f211ag223(1)063(2) smr10223(3)63a01(2) 63 40 0.027 ag/a01 4 9 13 10 25 f211ag273(1)063(2) smr10273(3)63a01(2) 63 40 0.033 ag/a01 4 9 13 10 25 f211ag333(1)063(2) smr10333(3)63a01(2) 63 40 0.039 ag/a01 4 9 13 10 15 f211ag393(1)063(2) smr10393(3)63a01(2) 63 40 0.047 ag/a01 4 9 13 10 15 f211ag473(1)063(2) smr10473(3)63a01(2) 63 40 0.056 ag/a01 4 9 13 10 15 f211ag563(1)063(2) smr10563(3)63a01(2) 63 40 0.068 ag/a01 4 9 13 10 15 f211ag683(1)063(2) smr10683(3)63a01(2) 63 40 0.082 ag/a01 4 9 13 10 10 f211ag823(1)063(2) smr10823(3)63a01(2) 63 40 0.1 ag/a01 4 9 13 10 10 f211ag104(1)063(2) smr10104(3)63a01(2) 63 40 0.12 ag/a01 4 9 13 10 10 f211ag124(1)063(2) smr10124(3)63a01(2) 63 40 0.15 ag/a01 4 9 13 10 10 f211ag154(1)063(2) smr10154(3)63a01(2) 63 40 0.18 ag/a01 4 9 13 10 10 f211ag184(1)063(2) smr10184(3)63a01(2) 63 40 0.22 ag/a01 4 9 13 10 10 f211ag224(1)063(2) smr10224(3)63a01(2) 63 40 0.27 ag/a01 4 9 13 10 8 f211ag274(1)063(2) smr10274(3)63a01(2) 63 40 0.33 ag/a01 4 9 13 10 8 f211ag334(1)063(2) smr10334(3)63a01(2) 63 40 0.39 ag/a01 4 9 13 10 8 f211ag394(1)063(2) smr10394(3)63a01(2) 63 40 0.47 ah/a02 4.5 10.5 13 10 8 f211ah474(1)063(2) smr10474(3)63a02(2) 63 40 0.56 ah/a02 4.5 10.5 13 10 8 f211ah564(1)063(2) smr10564(3)63a02(2) vdc vac capacitance value (f) size code (new/legacy) b (mm) h (mm) l (mm) lead spacing (p) dv/dt (v/s) new kemet part number legacy part number film capacitors C general purpose, pulse and dc transient suppression smr series metallized polyphenylene sulfde film, +150c, 5.0 C 27.5 mm lead spacing, 50 C 400 vdc
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 ? 864-963-6300 ? www.kemet.com f3 072_smr ? 9/28/2016 12 table 1 C ratings & part number reference cont'd (1) r = 2.5%, j = 5%, k = 10%, m = 20% (2) insert lead and packaging code. see ordering options table for available options. (3) h = 2.5%, j = 5%, k = 10%, m = 20% vdc vac capacitance value (f) size code (new/ legacy) maximum dimensions in mm lead spacing (p) dv/dt (v/s) new kemet part number legacy part number b h l 63 40 0.68 ak/a03 5 11 13 10 8 f211ak684(1)063(2) smr10684(3)63a03(2) 63 40 0.82 ap/a04 6 12 13 10 8 f211ap824(1)063(2) smr10824(3)63a04(2) 63 40 1 ap/a04 6 12 13 10 8 f211ap105(1)063(2) smr10105(3)63a04(2) 63 40 0.68 bd/b04 5.5 10.5 18 15 8 f211bd684(1)063(2) smr15684(3)63b04(2) 63 40 0.82 bd/b04 5.5 10.5 18 15 8 f211bd824(1)063(2) smr15824(3)63b04(2) 63 40 1 be/b05 5.5 12.5 18 15 8 f211be105(1)063(2) smr15105(3)63b05(2) 63 40 1.2 bj/b10 6.5 12.5 18 15 6 f211bj125(1)063(2) smr15125(3)63b10(2) 63 40 1.5 bj/b10 6.5 12.5 18 15 6 f211bj155(1)063(2) smr15155(3)63b10(2) 63 40 1.8 bl/b06 7.5 14.5 18 15 6 f211bl185(1)063(2) smr15185(3)63b06(2) 63 40 2.2 bm/b12 8 15 18 15 6 f211bm225(1)063(2) smr15225(3)63b12(2) 63 40 2.7 bq/b11 8.5 16 18 15 6 f211bq275(1)063(2) smr15275(3)63b11(2) 63 40 3.3 bv/b14 9.5 17.5 18 15 6 f211bv335(1)063(2) smr15335(3)63b14(2) 63 40 2.7 dd/d13 6.5 14.5 26 22.5 3 f211dd275(1)063(2) smr22.5275(3)63d13(2) 63 40 3.3 df/d17 7 16.5 26 22.5 3 f211df335(1)063(2) smr22.5335(3)63d17(2) 63 40 3.9 dh/d14 8 16 26 22.5 3 f211dh395(1)063(2) smr22.5395(3)63d14(2) 63 40 4.7 dm/d15 9 18.5 26 22.5 3 f211dm475(1)063(2) smr22.5475(3)63d15(2) 63 40 5.6 dm/d15 9 18.5 26 22.5 3 f211dm565(1)063(2) smr22.5565(3)63d15(2) 63 40 6.8 dr/d18 10.5 19 26 22.5 3 f211dr685(1)063(2) smr22.5685(3)63d18(2) 63 40 8.2 dt/d16 11 21.5 26 22.5 3 f211dt825(1)063(2) smr22.5825(3)63d16(2) 63 40 10 fg/f12 11.5 22.5 31.5 27.5 2 f211fg106(1)063(2) smr27.5106(3)63f12(2) 63 40 12 fm/f13 14.5 24.5 31.5 27.5 2 f211fm126(1)063(2) smr27.5126(3)63f13(2) 63 40 15 fm/f13 14.5 24.5 31.5 27.5 2 f211fm156(1)063(2) smr27.5156(3)63f13(2) 63 40 18 fr/f14 17.5 28 31.5 27.5 2 f211fr186(1)063(2) smr27.5186(3)63f14(2) 63 40 22 fr/f14 17.5 28 31.5 27.5 2 f211fr226(1)063(2) smr27.5226(3)63f14(2) 100 63 0.001 jf/j01 2.5 6.5 7.2 5 40 f211jf102(1)100(2) smr5102(3)100j01(2) 100 63 0.0012 jf/j01 2.5 6.5 7.2 5 40 f211jf122(1)100(2) smr5122(3)100j01(2) 100 63 0.0015 jf/j01 2.5 6.5 7.2 5 40 f211jf152(1)100(2) smr5152(3)100j01(2) 100 63 0.0018 jf/j01 2.5 6.5 7.2 5 40 f211jf182(1)100(2) smr5182(3)100j01(2) 100 63 0.0022 jf/j01 2.5 6.5 7.2 5 40 f211jf222(1)100(2) smr5222(3)100j01(2) 100 63 0.0027 jf/j01 2.5 6.5 7.2 5 40 f211jf272(1)100(2) smr5272(3)100j01(2) 100 63 0.0033 jf/j01 2.5 6.5 7.2 5 40 f211jf332(1)100(2) smr5332(3)100j01(2) 100 63 0.0039 jf/j01 2.5 6.5 7.2 5 40 f211jf392(1)100(2) smr5392(3)100j01(2) 100 63 0.0047 jf/j01 2.5 6.5 7.2 5 20 f211jf472(1)100(2) smr5472(3)100j01(2) 100 63 0.0056 jf/j01 2.5 6.5 7.2 5 20 f211jf562(1)100(2) smr5562(3)100j01(2) 100 63 0.0068 jf/j01 2.5 6.5 7. 2 5 20 f 211jf682(1)100(2) smr5682(3)100j01(2) 100 63 0.0082 jf/j01 2.5 6.5 7.2 5 20 f211jf822(1)100(2) smr5822(3)100j01(2) 100 63 0.01 jf/j01 2.5 6.5 7.2 5 20 f211jf103(1)100(2) smr5103(3)100j01(2) 100 63 0.012 jf/j01 2.5 6.5 7.2 5 15 f211jf123(1)100(2) smr5123(3)100j01(2) 100 63 0.015 jf/j01 2.5 6.5 7.2 5 15 f211jf153(1)100(2) smr5153(3)100j01(2) 100 63 0.018 jf/j01 2.5 6.5 7.2 5 15 f211jf183(1)100(2) smr5183(3)100j01(2) 100 63 0.022 jf/j01 2.5 6.5 7.2 5 15 f211jf223(1)100(2) smr5223(3)100j01(2) 100 63 0.027 jf/j01 2.5 6.5 7.2 5 15 f211jf273(1)100(2) smr5273(3)100j01(2) 100 63 0.033 jf/j01 2.5 6.5 7.2 5 15 f211jf333(1)100(2) smr5333(3)100j01(2) 100 63 0.039 jf/j01 2.5 6.5 7.2 5 15 f211jf393(1)100(2) smr5393(3)100j01(2) 100 63 0.047 jj/j02 3.5 8 7.2 5 15 f211jj473(1)100(2) smr5473(3)100j02(2) 100 63 0.056 jl/j03 4.5 9 7.2 5 15 f211jl563(1)100(2) smr5563(3)100j03(2) 100 63 0.068 jl/j03 4.5 9 7.2 5 15 f211jl683(1)100(2) smr5683(3)100j03(2) 100 63 0.082 jl/j03 4.5 9 7.2 5 15 f211jl823(1)100(2) smr5823(3)100j03(2) 100 63 0.1 jl/j03 4.5 9 7.2 5 15 f211jl104(1)100(2) smr5104(3)100j03(2) 100 63 0.12 jq/j04 5 10 7.2 5 15 f211jq124(1)100(2) smr5124(3)100j04(2) 100 63 0.15 jt/j05 6 11 7.2 5 15 f211jt154(1)100(2) smr5154(3)100j05(2) 100 63 0.18 jt/j05 6 11 7.2 5 15 f211jt184(1)100(2) smr5184(3)100j05(2) 100 63 0.22 ju/j06 7.2 13 7.2 5 15 f211ju224(1)100(2) smr5224(3)100j06(2) 100 63 0.27 ju/j06 7.2 13 7.2 5 15 f211ju274(1)100(2) smr5274(3)100j06(2) 100 63 0.33 ju/j06 7.2 13 7.2 5 15 f211ju334(1)100(2) smr5334(3)100j06(2) 100 63 0.001 kg/k01 4 8 10 7.5 30 f211kg102(1)100(2) smr7.5102(3)100k01(2) vdc vac capacitance value (f) size code (new/legacy) b (mm) h (mm) l (mm) lead spacing (p) dv/dt (v/s) new kemet part number legacy part number film capacitors C general purpose, pulse and dc transient suppression smr series metallized polyphenylene sulfde film, +150c, 5.0 C 27.5 mm lead spacing, 50 C 400 vdc
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 ? 864-963-6300 ? www.kemet.com f3 072_smr ? 9/28/2016 13 table 1 C ratings & part number reference cont'd (1) r = 2.5%, j = 5%, k = 10%, m = 20% (2) insert lead and packaging code. see ordering options table for available options. (3) h = 2.5%, j = 5%, k = 10%, m = 20% vdc vac capacitance value (f) size code (new/ legacy) maximum dimensions in mm lead spacing (p) dv/dt (v/s) new kemet part number legacy part number b h l 100 63 0.0012 kg/k01 4 8 10 7.5 30 f211kg122(1)100(2) smr7.5122(3)100k01(2) 100 63 0.0015 kg/k01 4 8 10 7.5 30 f211kg152(1)100(2) smr7.5152(3)100k01(2) 100 63 0.0018 kg/k01 4 8 10 7.5 30 f211kg182(1)100(2) smr7.5182(3)100k01(2) 100 63 0.0022 kg/k01 4 8 10 7.5 30 f211kg222(1)100(2) smr7.5222(3)100k01(2) 100 63 0.0027 kg/k01 4 8 10 7.5 30 f211kg272(1)100(2) smr7.5272(3)100k01(2) 100 63 0.0033 kg/k01 4 8 10 7.5 30 f211kg332(1)100(2) smr7.5332(3)100k01(2) 100 63 0.0039 kg/k01 4 8 10 7.5 30 f211kg392(1)100(2) smr7.5392(3)100k01(2) 100 63 0.0047 kg/k01 4 8 10 7.5 30 f211kg472(1)100(2) smr7.5472(3)100k01(2) 100 63 0.0056 kg/k01 4 8 10 7.5 30 f211kg562(1)100(2) smr7.5562(3)100k01(2) 100 63 0.0068 kg/k01 4 8 10 7.5 30 f211kg682(1)100(2) smr7.5682(3)100k01(2) 100 63 0.0082 kg/k01 4 8 10 7.5 30 f211kg822(1)100(2) smr7.5822(3)100k01(2) 100 63 0.01 kg/k01 4 8 10 7.5 30 f211kg103(1)100(2) smr7.5103(3)100k01(2) 100 63 0.012 kg/k01 4 8 10 7.5 30 f211kg123(1)100(2) smr7.5123(3)100k01(2) 100 63 0.015 kg/k01 4 8 10 7.5 30 f211kg153(1)100(2) smr7.5153(3)100k01(2) 100 63 0.018 kg/k01 4 8 10 7.5 30 f211kg183(1)100(2) smr7.5183(3)100k01(2) 100 63 0.022 kg/k01 4 8 10 7.5 30 f211kg223(1)100(2) smr7.5223(3)100k01(2) 100 63 0.027 kg/k01 4 8 10 7.5 20 f211kg273(1)100(2) smr7.5273(3)100k01(2) 100 63 0.033 kg/k01 4 8 10 7.5 20 f211kg333(1)100(2) smr7.5333(3)100k01(2) 100 63 0.039 kg/k01 4 8 10 7.5 20 f211kg393(1)100(2) smr7.5393(3)100k01(2) 100 63 0.047 kg/k01 4 8 10 7.5 20 f211kg473(1)100(2) smr7.5473(3)100k01(2) 100 63 0.056 kg/k01 4 8 10 7.5 15 f211kg563(1)100(2) smr7.5563(3)100k01(2) 100 63 0.068 kg/k01 4 8 10 7.5 15 f211kg683(1)100(2) smr7.5683(3)100k01(2) 100 63 0.082 kg/k01 4 8 10 7.5 15 f211kg823(1)100(2) smr7.5823(3)100k01(2) 100 63 0.1 kg/k01 4 8 10 7.5 15 f211kg104(1)100(2) smr7.5104(3)100k01(2) 100 63 0.12 kg/k01 4 8 10 7.5 15 f211kg124(1)100(2) smr7.5124(3)100k01(2) 100 63 0.15 kk/k03 5 11 10 7.5 15 f211kk154(1)100(2) smr7.5154(3)100k03(2) 100 63 0.18 kk/k03 5 11 10 7.5 15 f211kk184(1)100(2) smr7.5184(3)100k03(2) 100 63 0.22 kk/k03 5 11 10 7.5 15 f211kk224(1)100(2) smr7.5224(3)100k03(2) 100 63 0.27 kk/k03 5 11 10 7.5 15 f211kk274(1)100(2) smr7.5274(3)100k03(2) 100 63 0.33 km/k04 6 12 10.5 7.5 15 f211km334(1)100(2) smr7.5334(3)100k04(2) 100 63 0.39 km/k04 6 12 10.5 7.5 15 f211km394(1)100(2) smr7.5394(3)100k04(2) 100 63 0.47 km/k04 6 12 10.5 7.5 15 f211km474(1)100(2) smr7.5474(3)100k04(2) 100 63 0.0027 ag/a01 4 9 13 10 25 f211ag272(1)100(2) smr10272(3)100a01(2) 100 63 0.0033 ag/a01 4 9 13 10 25 f211ag332(1)100(2) smr10332(3)100a01(2) 100 63 0.0039 ag/a01 4 9 1 3 1 0 25 f211ag392(1)100(2) smr10392(3)100a01(2) 100 63 0.0047 ag/a01 4 9 13 10 25 f211ag472(1)100(2) smr10472(3)100a01(2) 100 63 0.0056 ag/a01 4 9 13 10 25 f211ag562(1)100(2) smr10562(3)100a01(2) 100 63 0.0068 ag/a01 4 9 13 10 25 f211ag682(1)100(2) smr10682(3)100a01(2) 100 63 0.0082 ag/a01 4 9 13 10 25 f211ag822(1)100(2) smr10822(3)100a01(2) 100 63 0.01 ag/a01 4 9 13 10 25 f211ag103(1)100(2) smr10103(3)100a01(2) 100 63 0.012 ag/a01 4 9 13 10 25 f211ag123(1)100(2) smr10123(3)100a01(2) 100 63 0.015 ag/a01 4 9 13 10 25 f211ag153(1)100(2) smr10153(3)100a01(2) 100 63 0.018 ag/a01 4 9 13 10 25 f211ag183(1)100(2) smr10183(3)100a01(2) 100 63 0.022 ag/a01 4 9 13 10 25 f211ag223(1)100(2) smr10223(3)100a01(2) 100 63 0.027 ag/a01 4 9 13 10 25 f211ag273(1)100(2) smr10273(3)100a01(2) 100 63 0.033 ag/a01 4 9 13 10 25 f211ag333(1)100(2) smr10333(3)100a01(2) 100 63 0.039 ag/a01 4 9 13 10 15 f211ag393(1)100(2) smr10393(3)100a01(2) 100 63 0.047 ag/a01 4 9 13 10 15 f211ag473(1)100(2) smr10473(3)100a01(2) 100 63 0.056 ag/a01 4 9 13 10 15 f211ag563(1)100(2) smr10563(3)100a01(2) 100 63 0.068 ag/a01 4 9 13 10 15 f211ag683(1)100(2) smr10683(3)100a01(2) 100 63 0.082 ag/a01 4 9 13 10 10 f211ag823(1)100(2) smr10823(3)100a01(2) 100 63 0.1 ag/a01 4 9 13 10 10 f211ag104(1)100(2) smr10104(3)100a01(2) 100 63 0.12 ag/a01 4 9 13 10 10 f211ag124(1)100(2) smr10124(3)100a01(2) 100 63 0.15 ag/a01 4 9 13 10 10 f211ag154(1)100(2) smr10154(3)100a01(2) 100 63 0.18 ag/a01 4 9 13 10 10 f211ag184(1)100(2) smr10184(3)100a01(2) 100 63 0.22 ag/a01 4 9 13 10 10 f211ag224(1)100(2) smr10224(3)100a01(2) vdc vac capacitance value (f) size code (new/legacy) b (mm) h (mm) l (mm) lead spacing (p) dv/dt (v/s) new kemet part number legacy part number film capacitors C general purpose, pulse and dc transient suppression smr series metallized polyphenylene sulfde film, +150c, 5.0 C 27.5 mm lead spacing, 50 C 400 vdc
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 ? 864-963-6300 ? www.kemet.com f3 072_smr ? 9/28/2016 14 table 1 C ratings & part number reference cont'd (1) r = 2.5%, j = 5%, k = 10%, m = 20% (2) insert lead and packaging code. see ordering options table for available options. (3) h = 2.5%, j = 5%, k = 10%, m = 20% vdc vac capacitance value (f) size code (new/ legacy) maximum dimensions in mm lead spacing (p) dv/dt (v/s) new kemet part number legacy part number b h l 100 63 0.27 ah/a02 4.5 10.5 13 10 10 f211ah274(1)100(2) smr10274(3)100a02(2) 100 63 0.33 ak/a03 5 11 13 10 10 f211ak334(1)100(2) smr10334(3)100a03(2) 100 63 0.39 ak/a03 5 11 13 10 10 f211ak394(1)100(2) smr10394(3)100a03(2) 100 63 0.47 ap/a04 6 12 13 10 10 f211ap474(1)100(2) smr10474(3)100a04(2) 100 63 0.56 ap/a04 6 12 13 10 10 f211ap564(1)100(2) smr10564(3)100a04(2) 100 63 0.27 bd/b04 5.5 10.5 18 15 8 f211bd274(1)100(2) smr15274(3)100b04(2) 100 63 0.33 bd/b04 5.5 10.5 18 15 8 f211bd334(1)100(2) smr15334(3)100b04(2) 100 63 0.39 bd/b04 5.5 10.5 18 15 8 f211bd394(1)100(2) smr15394(3)100b04(2) 100 63 0.47 bd/b04 5.5 10.5 18 15 8 f211bd474(1)100(2) smr15474(3)100b04(2) 100 63 0.56 be/b05 5.5 12.5 18 15 8 f211be564(1)100(2) smr15564(3)100b05(2) 100 63 0.68 bj/b10 6.5 12.5 18 15 8 f211bj684(1)100(2) smr15684(3)100b10(2) 100 63 0.82 bl/b06 7.5 14.5 18 15 8 f211bl824(1)100(2) smr15824(3)100b06(2) 100 63 1 bl/b06 7.5 14.5 18 15 8 f211bl105(1)100(2) smr15105(3)100b06(2) 100 63 1.2 bm/b12 8 15 18 15 8 f211bm125(1)100(2) smr15125(3)100b12(2) 100 63 1.5 bq/b11 8.5 16 18 15 8 f211bq155(1)100(2) smr15155(3)100b11(2) 100 63 1.8 bv/b14 9.5 17.5 18 15 8 f211bv185(1)100(2) smr15185(3)100b14(2) 100 63 1.5 dd/d13 6.5 14.5 26 22.5 4 f211dd155(1)100(2) smr22.5155(3)100d13(2) 100 63 1.8 df/d17 7 16.5 26 22.5 4 f211df185(1)100(2) smr22.5185(3)100d17(2) 100 63 2.2 dh/d14 8 16 26 22.5 4 f211dh225(1)100(2) smr22.5225(3)100d14(2) 100 63 2.7 dm/d15 9 18.5 26 22.5 4 f211dm275(1)100(2) smr22.5275(3)100d15(2) 100 63 3.3 dr/d18 10.5 19 26 22.5 4 f211dr335(1)100(2) smr22.5335(3)100d18(2) 100 63 3.9 dr/d18 10.5 19 26 22.5 4 f211dr395(1)100(2) smr22.5395(3)100d18(2) 100 63 4.7 dt/d16 11 21.5 26 22.5 4 f211dt475(1)100(2) smr22.5475(3)100d16(2) 100 63 5.6 fg/f12 11.5 22.5 31.5 27.5 3 f211fg565(1)100(2) smr27.5565(3)100f12(2) 100 63 6.8 fm/f13 14.5 24.5 31.5 27.5 3 f211fm685(1)100(2) smr27.5685(3)100f13(2) 100 63 8.2 fm/f13 14.5 24.5 31.5 27.5 3 f211fm825(1)100(2) smr 27.5825(3)100f13(2) 100 63 10 fr/f14 17.5 28 31.5 27.5 3 f211fr106(1)100(2) smr27.5106(3)100f14(2) 100 63 12 fr/f14 17.5 28 31.5 27.5 3 f211fr126(1)100(2) smr27.5126(3)100f14(2) 250 160 0.001 jf/j01 2.5 6.5 7.2 5 40 f211jf102(1)250(2) smr5102(3)250j01(2) 250 160 0.0012 jf/j01 2.5 6.5 7.2 5 40 f211jf122(1)250(2) smr5122(3)250j01(2) 250 160 0.0015 jf/j01 2.5 6.5 7.2 5 40 f211jf152(1)250(2) smr5152(3)250j01(2) 250 160 0.0018 jf/j01 2.5 6.5 7.2 5 40 f211jf182(1)250(2) smr5182(3)250j01(2) 250 160 0.0022 jf/j01 2.5 6.5 7.2 5 40 f211jf222(1)250(2) smr5222(3)250j01(2) 250 160 0.0027 jf/j01 2.5 6.5 7.2 5 40 f211jf272(1)250(2) smr5272(3)250j01(2) 250 160 0.0033 jf/j01 2.5 6.5 7. 2 5 40 f 211jf332(1)250(2) smr5332(3)250j01(2) 250 160 0.0039 jf/j01 2.5 6.5 7.2 5 40 f211jf392(1)250(2) smr5392(3)250j01(2) 250 160 0.0047 jf/j01 2.5 6.5 7.2 5 20 f211jf472(1)250(2) smr5472(3)250j01(2) 250 160 0.0056 jf/j01 2.5 6.5 7.2 5 20 f211jf562(1)250(2) smr5562(3)250j01(2) 250 160 0.0068 jf/j01 2.5 6.5 7.2 5 20 f211jf682(1)250(2) smr5682(3)250j01(2) 250 160 0.0082 jf/j01 2.5 6.5 7.2 5 20 f211jf822(1)250(2) smr5822(3)250j01(2) 250 160 0.01 jf/j01 2.5 6.5 7.2 5 20 f211jf103(1)250(2) smr5103(3)250j01(2) 250 160 0.012 jf/j01 2.5 6.5 7.2 5 20 f211jf123(1)250(2) smr5123(3)250j01(2) 250 160 0.015 jj/j02 3.5 8 7.2 5 20 f211jj153(1)250(2) smr5153(3)250j02(2) 250 160 0.018 jj/j02 3.5 8 7.2 5 20 f211jj183(1)250(2) smr5183(3)250j02(2) 250 160 0.022 jj/j02 3.5 8 7.2 5 20 f211jj223(1)250(2) smr5223(3)250j02(2) 250 160 0.027 jj/j02 3.5 8 7.2 5 20 f211jj273(1)250(2) smr5273(3)250j02(2) 250 160 0.033 jl/j03 4.5 9 7.2 5 20 f211jl333(1)250(2) smr5333(3)250j03(2) 250 160 0.039 jl/j03 4.5 9 7.2 5 20 f211jl393(1)250(2) smr5393(3)250j03(2) 250 160 0.047 jl/j03 4.5 9 7.2 5 20 f211jl473(1)250(2) smr5473(3)250j03(2) 250 160 0.056 jq/j04 5 10 7.2 5 20 f211jq563(1)250(2) smr5563(3)250j04(2) 250 160 0.068 jt/j05 6 11 7.2 5 20 f211jt683(1)250(2) smr5683(3)250j05(2) 250 160 0.082 jt/j05 6 11 7.2 5 20 f211jt823(1)250(2) smr5823(3)250j05(2) 250 160 0.1 ju/j06 7.2 13 7.2 5 20 f211ju104(1)250(2) smr5104(3)250j06(2) 250 160 0.12 ju/j06 7.2 13 7.2 5 20 f211ju124(1)250(2) smr5124(3)250j06(2) 250 160 0.001 kg/k01 4 8 10 7.5 30 f211kg102(1)250(2) smr7.5102(3)250k01(2) 250 160 0.0012 kg/k01 4 8 10 7.5 30 f211kg122(1)250(2) smr7.5122(3)250k01(2) vdc vac capacitance value (f) size code (new/legacy) b (mm) h (mm) l (mm) lead spacing (p) dv/dt (v/s) new kemet part number legacy part number film capacitors C general purpose, pulse and dc transient suppression smr series metallized polyphenylene sulfde film, +150c, 5.0 C 27.5 mm lead spacing, 50 C 400 vdc
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 ? 864-963-6300 ? www.kemet.com f3 072_smr ? 9/28/2016 15 table 1 C ratings & part number reference cont'd (1) r = 2.5%, j = 5%, k = 10%, m = 20% (2) insert lead and packaging code. see ordering options table for available options. (3) h = 2.5%, j = 5%, k = 10%, m = 20% vdc vac capacitance value (f) size code (new/ legacy) maximum dimensions in mm lead spacing (p) dv/dt (v/s) new kemet part number legacy part number b h l 250 160 0.0015 kg/k01 4 8 10 7.5 30 f211kg152(1)250(2) smr7.5152(3)250k01(2) 250 160 0.0018 kg/k01 4 8 10 7.5 30 f211kg182(1)250(2) smr7.5182(3)250k01(2) 250 160 0.0022 kg/k01 4 8 10 7.5 30 f211kg222(1)250(2) smr7.5222(3)250k01(2) 250 160 0.0027 kg/k01 4 8 10 7.5 30 f211kg272(1)250(2) smr7.5272(3)250k01(2) 250 160 0.0033 kg/k01 4 8 10 7.5 30 f211kg332(1)250(2) smr7.5332(3)250k01(2) 250 160 0.0039 kg/k01 4 8 10 7.5 30 f211kg392(1)250(2) smr7.5392(3)250k01(2) 250 160 0.0047 kg/k01 4 8 10 7.5 30 f211kg472(1)250(2) smr7.5472(3)250k01(2) 250 160 0.0056 kg/k01 4 8 10 7.5 30 f211kg562(1)250(2) smr7.5562(3)250k01(2) 250 160 0.0068 kg/k01 4 8 10 7.5 30 f211kg682(1)250(2) smr7.5682(3)250k01(2) 250 160 0.0082 kg/k01 4 8 10 7.5 30 f211kg822(1)250(2) smr7.5822(3)250k01(2) 250 160 0.01 kg/k01 4 8 10 7.5 30 f211kg103(1)250(2) smr7.5103(3)250k01(2) 250 160 0.012 kg/k01 4 8 10 7.5 30 f211kg123(1)250(2) smr7.5123(3)250k01(2) 250 160 0.015 kg/k01 4 8 10 7.5 30 f211kg153(1)250(2) smr7.5153(3)250k01(2) 250 160 0.018 kg/k01 4 8 10 7.5 30 f211kg183(1)250(2) smr7.5183(3)250k01(2) 250 160 0.022 kg/k01 4 8 10 7.5 30 f211kg223(1)250(2) smr7.5223(3)250k01(2) 250 160 0.027 kg/k01 4 8 10 7.5 20 f211kg273(1)250(2) smr7.5273(3)250k01(2) 250 160 0.033 kg/k01 4 8 10 7.5 20 f211kg333(1)250(2) smr7.5333(3)250k01(2) 250 160 0.039 kg/k01 4 8 10 7.5 20 f211kg393(1)250(2) smr7.5393(3)250k01(2) 250 160 0.047 kg/k01 4 8 10 7.5 20 f211kg473(1)250(2) smr7.5473(3)250k01(2) 250 160 0.056 kk/k03 5 11 10 7.5 20 f211kk563(1)250(2) smr7.5563(3)250k03(2) 250 160 0.068 kk/k03 5 11 10 7.5 20 f211kk683(1)250(2) smr7.5683(3)250k03(2) 250 160 0.082 kk/k03 5 11 10 7.5 20 f211kk823(1)250(2) smr7.5823(3)250k03(2) 250 160 0.1 kk/k03 5 11 10 7.5 20 f211kk104(1)250(2) smr7.5104(3)250k03(2) 250 160 0.12 km/k04 6 12 10.5 7.5 20 f211km124(1)250(2) smr7.5124(3)250k04(2) 250 160 0.15 km/k04 6 12 10.5 7.5 20 f211km154(1)250(2) smr7.5154(3)250k04(2) 250 160 0.0027 ag/a01 4 9 13 10 25 f211ag272(1)250(2) smr10272(3)250a01(2) 250 160 0.0033 ag/a01 4 9 13 10 25 f211ag332(1)250(2) smr10332(3)250a01(2) 250 160 0.0039 ag/a01 4 9 13 10 25 f211ag392(1)250(2) smr10392(3)250a01(2) 250 160 0.0047 ag/a01 4 9 13 10 25 f211ag472(1)250(2) smr10472(3)250a01(2) 250 160 0.0056 ag/a01 4 9 13 10 25 f211ag562(1)250(2) smr10562(3)250a01(2) 250 160 0.0068 ag/a01 4 9 13 10 25 f211ag682(1)250(2) smr10682(3)250a01(2) 250 160 0.0082 ag/a01 4 9 13 10 25 f211ag822(1)250(2) smr10822(3)250a01(2) 250 160 0.01 ag/a01 4 9 13 10 15 f211ag103(1)250(2) smr10103(3)250a01(2) 250 160 0.012 ag/a01 4 9 13 10 15 f211ag123(1)250(2) smr10123(3)250a01(2) 250 160 0.015 ag/a01 4 9 1 3 1 0 15 f211ag153(1)250(2) smr10153(3)250a01(2) 250 160 0.018 ag/a01 4 9 13 10 15 f211ag183(1)250(2) smr10183(3)250a01(2) 250 160 0.022 ag/a01 4 9 13 10 15 f211ag223(1)250(2) smr10223(3)250a01(2) 250 160 0.027 ag/a01 4 9 13 10 15 f211ag273(1)250(2) smr10273(3)250a01(2) 250 160 0.033 ag/a01 4 9 13 10 15 f211ag333(1)250(2) smr10333(3)250a01(2) 250 160 0.039 ag/a01 4 9 13 10 15 f211ag393(1)250(2) smr10393(3)250a01(2) 250 160 0.047 ag/a01 4 9 13 10 15 f211ag473(1)250(2) smr10473(3)250a01(2) 250 160 0.056 ag/a01 4 9 13 10 15 f211ag563(1)250(2) smr10563(3)250a01(2) 250 160 0.068 ag/a01 4 9 13 10 15 f211ag683(1)250(2) smr10683(3)250a01(2) 250 160 0.082 ah/a02 4.5 10.5 13 10 15 f211ah823(1)250(2) smr10823(3)250a02(2) 250 160 0.1 ah/a02 4.5 10.5 13 10 15 f211ah104(1)250(2) smr10104(3)250a02(2) 250 160 0.12 ak/a03 5 11 13 10 15 f211ak124(1)250(2) smr10124(3)250a03(2) 250 160 0.15 ap/a04 6 12 13 10 15 f211ap154(1)250(2) smr10154(3)250a04(2) 250 160 0.18 ap/a04 6 12 13 10 15 f211ap184(1)250(2) smr10184(3)250a04(2) 250 160 0.1 bd/b04 5.5 10.5 18 15 10 f211bd104(1)250(2) smr15104(3)250b04(2) 250 160 0.12 bd/b04 5.5 10.5 18 15 10 f211bd124(1)250(2) smr15124(3)250b04(2) 250 160 0.15 bd/b04 5.5 10.5 18 15 10 f211bd154(1)250(2) smr15154(3)250b04(2) 250 160 0.18 be/b05 5.5 12.5 18 15 10 f211be184(1)250(2) smr15184(3)250b05(2) 250 160 0.22 bj/b10 6.5 12.5 18 15 10 f211bj224(1)250(2) smr15224(3)250b10(2) 250 160 0.27 bl/b06 7.5 14.5 18 15 10 f211bl274(1)250(2) smr15274(3)250b06(2) 250 160 0.33 bl/b06 7.5 14.5 18 15 10 f211bl334(1)250(2) smr15334(3)250b06(2) 250 160 0.39 bm/b12 8 15 18 15 10 f211bm394(1)250(2) smr15394(3)250b12(2) vdc vac capacitance value (f) size code (new/legacy) b (mm) h (mm) l (mm) lead spacing (p) dv/dt (v/s) new kemet part number legacy part number film capacitors C general purpose, pulse and dc transient suppression smr series metallized polyphenylene sulfde film, +150c, 5.0 C 27.5 mm lead spacing, 50 C 400 vdc
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 ? 864-963-6300 ? www.kemet.com f3 072_smr ? 9/28/2016 16 table 1 C ratings & part number reference cont'd (1) r = 2.5%, j = 5%, k = 10%, m = 20% (2) insert lead and packaging code. see ordering options table for available options. (3) h = 2.5%, j = 5%, k = 10%, m = 20% vdc vac capacitance value (f) size code (new/ legacy) maximum dimensions in mm lead spacing (p) dv/dt (v/s) new kemet part number legacy part number b h l 250 160 0.47 bq/b11 8.5 16 18 15 10 f211bq474(1)250(2) smr15474(3)250b11(2) 250 160 0.56 bv/b14 9.5 17.5 18 15 10 f211bv564(1)250(2) smr15564(3)250b14(2) 250 160 0.47 dd/d13 6.5 14.5 26 22.5 8 f211dd474(1)250(2) smr22.5474(3)250d13(2) 250 160 0.56 df/d17 7 16.5 26 22.5 8 f211df564(1)250(2) smr22.5564(3)250d17(2) 250 160 0.68 df/d17 7 16.5 26 22.5 8 f211df684(1)250(2) smr22.5684(3)250d17(2) 250 160 0.82 dm/d15 9 18.5 26 22.5 8 f211dm824(1)250(2) smr22.5824(3)250d15(2) 250 160 1 dm/d15 9 18.5 26 22.5 8 f211dm105(1)250(2) smr22.5105(3)250d15(2) 250 160 1.2 dr/d18 10.5 19 26 22.5 8 f211dr125(1)250(2) smr22.5125(3)250d18(2) 250 160 1.5 dt/d16 11 21.5 26 22.5 8 f211dt155(1)250(2) smr22.5155(3)250d16(2) 250 160 1.5 fe/f11 10.5 20.5 31.5 27.5 6 f211fe155(1)250(2) smr 27.5155(3)250f11(2) 250 160 1.8 fe/f11 10.5 20.5 31.5 27.5 6 f211fe185(1)250(2) smr 27.5185(3)250f11(2) 250 160 2.2 fg/f12 11.5 22.5 31.5 27.5 6 f211fg225(1)250(2) smr27.5225(3)250f12(2) 250 160 2.7 fm/f13 14.5 24.5 31.5 27.5 6 f211fm275(1)250(2) smr27.5275(3)250f13(2) 250 160 3.3 fr/f14 17.5 28 31.5 27.5 6 f211fr335(1)250(2) smr27.5335(3)250f14(2) 250 160 3.9 fr/f14 17.5 28 31.5 27.5 6 f211fr395(1)250(2) smr 27.5 395(3)250f14 (2) 400 200 0.001 jf/j01 2.5 6.5 7.2 5 40 f211jf102(1)400(2) smr5102(3)400j01(2) 400 200 0.0012 jf/j01 2.5 6.5 7.2 5 40 f211jf122(1)400(2) smr5122(3)400j01(2) 400 200 0.0015 jf/j01 2.5 6.5 7.2 5 40 f211jf152(1)400(2) smr5152(3)400j01(2) 400 200 0.0018 jf/j01 2.5 6.5 7.2 5 40 f211jf182(1)400(2) smr5182(3)400j01(2) 400 200 0.0022 jf/j01 2.5 6.5 7.2 5 40 f211jf222(1)400(2) smr5222(3)400j01(2) 400 200 0.0027 jf/j01 2.5 6.5 7.2 5 40 f211jf272(1)400(2) smr5272(3)400j01(2) 400 200 0.0033 jf/j01 2.5 6.5 7.2 5 40 f211jf332(1)400(2) smr5332(3)400j01(2) 400 200 0.0039 jf/j01 2.5 6.5 7.2 5 40 f211jf392(1)400(2) smr5392(3)400j01(2) 400 200 0.0047 jj/j02 3.5 8 7.2 5 40 f211jj472(1)400(2) smr5472(3)400j02(2) 400 200 0.0056 jj/j02 3.5 8 7.2 5 40 f211jj562(1)400(2) smr5562(3)400j02(2) 400 200 0.0068 jj/j02 3.5 8 7.2 5 40 f211jj682(1)400(2) smr5682(3)400j02(2) 400 200 0.0082 jj/j02 3.5 8 7.2 5 40 f211jj822(1)400(2) smr5822(3)400j02(2) 400 200 0.01 jj/j02 3.5 8 7.2 5 40 f211jj103(1)400(2) smr5103(3)400j02(2) 400 200 0.012 jj/j02 3.5 8 7.2 5 40 f211jj123(1)400(2) smr5123(3)400j02(2) 400 200 0.015 jl/j03 4.5 9 7.2 5 40 f211jl153(1)400(2) smr5153(3)400j03(2) 400 200 0.018 jl/j03 4.5 9 7.2 5 40 f211jl183(1)400(2) smr5183(3)400j03(2) 400 200 0.022 jq/j04 5 10 7.2 5 40 f211jq223(1)400(2) smr5223(3)400j04(2) 400 200 0.027 jq/j04 5 10 7.2 5 40 f211jq273(1)400(2) smr5273(3)400j04(2) 400 200 0.033 jt/j05 6 11 7.2 5 40 f211jt333(1)400(2) smr5333(3)400j05(2) 400 200 0.039 jt/j05 6 11 7. 2 5 40 f 211jt393(1)400(2) smr5393(3)400j05(2) 400 200 0.047 ju/j06 7.2 13 7.2 5 40 f211ju473(1)400(2) smr5473(3)400j06(2) 400 200 0.056 ju/j06 7.2 13 7.2 5 40 f211ju563(1)400(2) smr5563(3)400j06(2) 400 200 0.001 kg/k01 4 8 10 7.5 30 f211kg102(1)400(2) smr7.5102(3)400k01(2) 400 200 0.0012 kg/k01 4 8 10 7.5 30 f211kg122(1)400(2) smr7.5122(3)400k01(2) 400 200 0.0015 kg/k01 4 8 10 7.5 30 f211kg152(1)400(2) smr7.5152(3)400k01(2) 400 200 0.0018 kg/k01 4 8 10 7.5 30 f211kg182(1)400(2) smr7.5182(3)400k01(2) 400 200 0.0022 kg/k01 4 8 10 7.5 30 f211kg222(1)400(2) smr7.5222(3)400k01(2) 400 200 0.0027 kg/k01 4 8 10 7.5 30 f211kg272(1)400(2) smr7.5272(3)400k01(2) 400 200 0.0033 kg/k01 4 8 10 7.5 30 f211kg332(1)400(2) smr7.5332(3)400k01(2) 400 200 0.0039 kg/k01 4 8 10 7.5 30 f211kg392(1)400(2) smr7.5392(3)400k01(2) 400 200 0.0047 kg/k01 4 8 10 7.5 30 f211kg472(1)400(2) smr7.5472(3)400k01(2) 400 200 0.0056 kg/k01 4 8 10 7.5 30 f211kg562(1)400(2) smr7.5562(3)400k01(2) 400 200 0.0068 kg/k01 4 8 10 7.5 30 f211kg682(1)400(2) smr7.5682(3)400k01(2) 400 200 0.0082 kg/k01 4 8 10 7.5 30 f211kg822(1)400(2) smr7.5822(3)400k01(2) 400 200 0.01 kg/k01 4 8 10 7.5 30 f211kg103(1)400(2) smr7.5103(3)400k01(2) 400 200 0.012 kg/k01 4 8 10 7.5 30 f211kg123(1)400(2) smr7.5123(3)400k01(2) 400 200 0.015 kg/k01 4 8 10 7.5 30 f211kg153(1)400(2) smr7.5153(3)400k01(2) 400 200 0.018 kg/k01 4 8 10 7.5 30 f211kg183(1)400(2) smr7.5183(3)400k01(2) 400 200 0.022 kg/k01 4 8 10 7.5 30 f211kg223(1)400(2) smr7.5223(3)400k01(2) 400 200 0.027 kk/k03 5 11 10 7.5 30 f211kk273(1)400(2) smr7.5273(3)400k03(2) 400 200 0.033 kk/k03 5 11 10 7.5 30 f211kk333(1)400(2) smr7.5333(3)400k03(2) vdc vac capacitance value (f) size code (new/legacy) b (mm) h (mm) l (mm) lead spacing (p) dv/dt (v/s) new kemet part number legacy part number film capacitors C general purpose, pulse and dc transient suppression smr series metallized polyphenylene sulfde film, +150c, 5.0 C 27.5 mm lead spacing, 50 C 400 vdc
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 ? 864-963-6300 ? www.kemet.com f3 072_smr ? 9/28/2016 17 table 1 C ratings & part number reference cont'd (1) r = 2.5%, j = 5%, k = 10%, m = 20% (2) insert lead and packaging code. see ordering options table for available options. (3) h = 2.5%, j = 5%, k = 10%, m = 20% vdc vac capacitance value (f) size code (new/ legacy) maximum dimensions in mm lead spacing (p) dv/dt (v/s) new kemet part number legacy part number b h l 400 200 0.039 kk/k03 5 11 10 7.5 30 f211kk393(1)400(2) smr7.5393(3)400k03(2) 400 200 0.047 kk/k03 5 11 10 7.5 30 f211kk473(1)400(2) smr7.5473(3)400k03(2) 400 200 0.056 km/k04 6 12 10.5 7.5 30 f211km563(1)400(2) smr7.5563(3)400k04(2) 400 200 0.068 km/k04 6 12 10.5 7.5 30 f211km683(1)400(2) smr7.5683(3)400k04(2) 400 200 0.0027 ag/a01 4 9 13 10 25 f211ag272(1)400(2) smr10272(3)400a01(2) 400 200 0.0033 ag/a01 4 9 13 10 25 f211ag332(1)400(2) smr10332(3)400a01(2) 400 200 0.0039 ag/a01 4 9 13 10 25 f211ag392(1)400(2) smr10392(3)400a01(2) 400 200 0.0047 ag/a01 4 9 13 10 25 f211ag472(1)400(2) smr10472(3)400a01(2) 400 200 0.0068 ag/a01 4 9 13 10 25 f211ag682(1)400(2) smr10682(3)400a01(2) 400 200 0.0082 ag/a01 4 9 13 10 25 f211ag822(1)400(2) smr10822(3)400a01(2) 400 200 0.01 ag/a01 4 9 13 10 25 f211ag103(1)400(2) smr10103(3)400a01(2) 400 200 0.012 ag/a01 4 9 13 10 25 f211ag123(1)400(2) smr10123(3)400a01(2) 400 200 0.015 ag/a01 4 9 13 10 25 f211ag153(1)400(2) smr10153(3)400a01(2) 400 200 0.018 ag/a01 4 9 13 10 25 f211ag183(1)400(2) smr10183(3)400a01(2) 400 200 0.022 ag/a01 4 9 13 10 25 f211ag223(1)400(2) smr10223(3)400a01(2) 400 200 0.027 ag/a01 4 9 13 10 25 f211ag273(1)400(2) smr10273(3)400a01(2) 400 200 0.033 ag/a01 4 9 13 10 25 f211ag333(1)400(2) smr10333(3)400a01(2) 400 200 0.039 ah/a02 4.5 10.5 13 10 25 f211ah393(1)400(2) smr10393(3)400a02(2) 400 200 0.047 ak/a03 5 11 13 10 25 f211ak473(1)400(2) smr10473(3)400a03(2) 400 200 0.056 ak/a03 5 11 13 10 25 f211ak563(1)400(2) smr10563(3)400a03(2) 400 200 0.068 ap/a04 6 12 13 10 25 f211ap683(1)400(2) smr10683(3)400a04(2) 400 200 0.082 ap/a04 6 12 13 10 25 f211ap823(1)400(2) smr10823(3)400a04(2) 400 200 0.047 bd/b04 5.5 10.5 18 15 15 f211bd473(1)400(2) smr15473(3)400b04(2) 400 200 0.056 bd/b04 5.5 10.5 18 15 15 f211bd563(1)400(2) smr15563(3)400b04(2) 400 200 0.068 bd/b04 5.5 10.5 18 15 15 f211bd683(1)400(2) smr15683(3)400b04(2) 400 200 0.082 be/b05 5.5 12.5 18 15 15 f211be823(1)400(2) smr15823(3)400b05(2) 400 200 0.1 bj/b10 6.5 12.5 18 15 15 f211bj104(1)400(2) smr15104(3)400b10(2) 400 200 0.12 bl/b06 7.5 14.5 18 15 15 f211bl124(1)400(2) smr15124(3)400b06(2) 400 200 0.15 bl/b06 7.5 14.5 18 15 15 f211bl154(1)400(2) smr15154(3)400b06(2) 400 200 0.18 bm/b12 8 15 18 15 15 f211bm184(1)400(2) smr15184(3)400b12(2) 400 200 0.22 bq/b11 8.5 16 18 15 15 f211bq224(1)400(2) smr15224(3)400b11(2) 400 200 0.27 bv/b14 9.5 17.5 18 15 15 f211bv274(1)400(2) smr15274(3)400b14(2) 400 200 0.15 dd/d13 6.5 14.5 26 22.5 10 f211dd154(1)400(2) smr22.5154(3)400d13(2) 400 200 0.18 dd/d13 6.5 14.5 26 22.5 10 f211dd184(1)400(2) smr22.5184(3)400d13(2) 400 200 0.22 dd/d13 6.5 14.5 26 2 2 .5 10 f211dd224(1)400(2) smr22.5224(3)400d13(2) 400 200 0.27 df/d17 7 16.5 26 22.5 10 f211df274(1)400(2) smr22.5274(3)400d17(2) 400 200 0.33 dh/d14 8 16 26 22.5 10 f211dh334(1)400(2) smr22.5334(3)400d14(2) 400 200 0.39 dm/d15 9 18.5 26 22.5 10 f211dm394(1)400(2) smr22.5394(3)400d15(2) 400 200 0.47 dm/d15 9 18.5 26 22.5 10 f211dm474(1)400(2) smr22.5474(3)400d15(2) 400 200 0.56 dr/d18 10.5 19 26 22.5 10 f211dr564(1)400(2) smr22.5564(3)400d18(2) 400 200 0.68 dt/d16 11 21.5 26 22.5 10 f211dt684(1)400(2) smr22.5684(3)400d16(2) 400 200 0.47 fe/f11 10.5 20.5 31.5 27.5 8 f211fe474(1)400(2) smr 27.5 474 (3)4 00f11(2) 400 200 0.56 fe/f11 10.5 20.5 31.5 27.5 8 f211fe564(1)400(2) smr 27.556 4 (3)4 00f11(2) 400 200 0.68 fe/f11 10.5 20.5 31.5 27.5 8 f211fe684(1)400(2) smr27.5684(3)400f11(2) 400 200 0.82 fg/f12 11.5 22.5 31.5 27.5 8 f211fg824(1)400(2) smr27.5824(3)400f12(2) 400 200 1 fg/f12 11.5 22.5 31.5 27.5 8 f211fg105(1)400(2) smr27.5105(3)400f12(2) 400 200 1.2 fm/f13 14.5 24.5 31.5 27.5 8 f211fm125(1)400(2) smr 27.5125(3)4 00f13(2) 400 200 1.5 fr/f14 17.5 28 31.5 27.5 8 f211fr155(1)400(2) smr 27.5155(3)4 00f14 (2) 400 200 1.8 fr/f14 17.5 28 31.5 27.5 8 f211fr185(1)400(2) smr 27.5185(3)4 00f14 (2) vdc vac capacitance value (f) size code (new/legacy) b (mm) h (mm) l (mm) lead spacing (p) dv/dt (v/s) new kemet part number legacy part number film capacitors C general purpose, pulse and dc transient suppression smr series metallized polyphenylene sulfde film, +150c, 5.0 C 27.5 mm lead spacing, 50 C 400 vdc
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 ? 864-963-6300 ? www.kemet.com f3 072_smr ? 9/28/2016 18 manual soldering recommendations following is the recommendation for manual soldering with a soldering iron. the soldering iron tip temperature should be set at 350c (+10c maximum) with the soldering duration not t o exceed more than 3 seconds. rec o mme nde d s old er ing t em p era ture 0 50 100 150 200 250 300 350 400 0 1 2 3 4 5 6 7 8 soldering time ( seconds ) soldering i ron bit temperature (oc) soldering process the implementation of the rohs directive has resulted in the selection of snagcu (sac) alloys or sncu alloys as primary solder. this has increased the liquidus temperature from that of 183oc for snpb eutectic alloy to 217 C 221oc for the new alloys. as a result, the heat stress to the components, even in wave soldering, has increased considerably due to higher pre-heat and wave temperatures. polypropylene capacitors are especially sensitive to heat (the melting point of polypropylene is 160 C 170oc). wave soldering can be destructive, especially for mechanically small polypropylene capacitors (with lead spacing of 5 mm to 15 mm), and gr eat car e has t o be tak en during s oldering. the r ecommended solder pr ofles fr om ke met should be used. please consult keme t with any questions. in general, the wave soldering curve from iec publication 61760C1 edition 2 serves as a solid guideline for successful soldering. please see figure 1. refow soldering is not r ecommended for thr ough-hole flm capacit ors. exposing capacit ors t o a soldering pr ofle in ex cess of the abov e the recommended limits may result to degradation or permanent damage to the capacitors. do not place the polypropylene capacitor through an adhesive curing oven to cure resin for surface mount components. insert through-hole par ts after the curing of sur face mount par ts. cons ult ke met t o discus s the actual temper ature pr ofle in the o ven, if through-hole components must pass through the adhesive curing process. a maximum two soldering cycles is recommended. please allow time for the capacitor surface temperature to return to a normal temperature before the second soldering cycle. wave soldering recommendations 0 50 100 150 200 250 300 0 40 80 120 160 200 240 temperature (oc) time (s) ca 2 c/s ca 3.5 c/s typical ca 5 c/s c ooli ng 2+3s max 115 c max t preh eat ? t < 15 0 c 100 c preh ea ting typi cal first wave second wave 26 0 c film capacitors C general purpose, pulse and dc transient suppression smr series metallized polyphenylene sulfde film, +150c, 5.0 C 27.5 mm lead spacing, 50 C 400 vdc
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 ? 864-963-6300 ? www.kemet.com f3 072_smr ? 9/28/2016 19 soldering process cont'd wave soldering recommendations cont'd 1. the table indicates the maximum set-up temperature of the soldering process fig ure 1 dielectric film material maximum preheat temperature maximum peak soldering temperature capacitor pitch 1 0 m m capacitor pitch = 15 mm capacitor pitch > 15 mm capacitor pitch 1 5 m m capacitor pitch > 15 mm polyester 130c 130c 130c 270c 270c polypropylene 100c 110c 130c 260c 270c paper 130c 130c 140c 270c 270c polyphenylene sulphide 150c 150c 160c 270c 270c 2. the maximum temperature measured inside the capacitor: se t the temperature so that inside the element the maximum temperature is below the limit: dielectric film material maximum temperature measured inside the element polyester 160c polypropylene 110c paper 160c polyphenylene sulphide 160c temperature monitored inside the capacitor. selective soldering recommendations selective dip soldering is a v ariation of r efow soldering. in this method, the printed cir cuit boar d with thr ough-hole components t o be solder ed is pr eheated and tr ansported o ver the solder bath as in normal fow soldering without t ouching the solder. when the boar d is over the bath, it is stopped and pre-designed solder pots are lifted from the bath with molten solder only at the places of the selected components, and pressed against the lower surface of the board to solder the components. the temper ature pr ofle for selectiv e soldering is similar t o the double wa ve fow soldering outlined in this document, howev er, instead of two baths, there is only one bath with a time from 3 to 10 seconds. in selective soldering, the risk of overheating is gr eater than in double wa ve fow soldering, and gr eat car e must be tak en so that the par ts ar e not o verheated. film capacitors C general purpose, pulse and dc transient suppression smr series metallized polyphenylene sulfde film, +150c, 5.0 C 27.5 mm lead spacing, 50 C 400 vdc
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 ? 864-963-6300 ? www.kemet.com f3 072_smr ? 9/28/2016 20 construction molded plastic case leads metal contact layer metal contact layer margin margin margin detailed cross section self-extinguishing resin molded plastic case metallized polyphenylene sulfide film with vacuum-evaporated aluminum electrodes (first layer) metallized polyphenylene sulfide film with vacuum-evaporated aluminum electrodes (second layer) single-sided metallized polypropylene film film winding scheme options 1 section single-sided metallized polypropylene film single-sided metallized polypropylene film single-sided metallized polypropylene film single-sided metallized polypropylene film 2 sections 3 sections 4 sections single-sided metallized polypropylene film polypropylene film dielectric 1 section double-sided metallized polyester film 3 sections double-sided metallized polyester carrier film polypropylene film dielectric double-sided metallized polyester carrier film 2 sections polypropylene film dielectric double-sided metallized polyester carrier film single-sided metallized polypropylene film 4 sections polypropylene film dielectric double-sided metallized polyester carrier film polypropylene film dielectric 1 section polypropylene film/foil 2 sections metal foil metal foil single-sided metallized polypropylene film polypropylene film dielectric metallized polyphenyl- ene sulfide film with vacuum-evaporated aluminum electrodes 1 section metallized polyphenylene sulfide film (smr) metallized impregnated paper 1 section metallized impregnated paper single-sided metallized polyester film 1 section single-sided metallized polyester film polypropylene film dielec- tric 1 section axial - polypropylene film/foil 2 sections metal foil single-sided metallized polypropylene film polypropylene film dielectric metal foil single-sided metallized polypropylene film 2 sections polypropylene film dielectric double-sided metallized polyester carrier film single-sided metallized polypropylene film 1 section axial - single-sided metallized polypropylene film single-sided metallized polyester film 1 section axial - single-sided metallized polyester film axial - double-sided metallized polyester film winding scheme film capacitors C general purpose, pulse and dc transient suppression smr series metallized polyphenylene sulfde film, +150c, 5.0 C 27.5 mm lead spacing, 50 C 400 vdc
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 ? 864-963-6300 ? www.kemet.com f3 072_smr ? 9/28/2016 21 marking top front capacitance capacitance tolerance series voltage code manufacturing date code packaging quantities kemet size code legacy size code lead spacing thickness (mm) height (mm) length (mm) bulk short leads bulk long leads standard reel ? 360 mm large reel ? 500 mm ammo standard reel formed ammo formed jf j01 5 2.5 6.5 7.2 2000 2000 2500 5000 3000 jj j02 3.5 8 7.2 2000 2000 2000 4000 2000 jl j03 4.5 9 7.2 1000 1000 1500 3000 1700 jq j04 5 10 7.2 1000 1000 1300 2600 1500 jt j05 6 11 7.2 1000 1000 1000 2000 1200 ju j06 7.2 13 7.2 1000 1000 800 1600 jh j11 4.5 6 7.2 1000 1000 1500 3000 1700 jk j12 5.5 7 7.2 1000 1000 1200 2400 1300 jr j13 6.5 8 7.2 1000 1000 900 1800 1100 ke k00 7.5 2.5 6 10 2000 2000 2500 5000 3000 kg k01 4 8 10 1000 1000 1700 3400 1900 kk k03 5 11 10 1000 1000 1300 2600 1500 1200 km k04 6 12 10 1000 1000 1000 2000 1200 film capacitors C general purpose, pulse and dc transient suppression smr series metallized polyphenylene sulfde film, +150c, 5.0 C 27.5 mm lead spacing, 50 C 400 vdc
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 ? 864-963-6300 ? www.kemet.com f3 072_smr ? 9/28/2016 22 packaging quantities cont'd kemet size code legacy size code lead spacing thickness (mm) height (mm) length (mm) bulk short leads bulk long leads standard reel ? 360 mm large reel ? 500 mm ammo standard reel formed ammo formed ag a01 10 4 9 13 1000 1000 900 1800 780 ah a02 4.5 10.5 13 1000 1000 800 1600 ak a03 5 11 13 800 800 700 1400 ap a04 6 12 13 600 600 500 1000 520 al a05 9.5 7.5 13 600 600 350 700 ae a06 4 8 13 1000 1000 900 1800 bd b04 15 5.5 10.5 18 1000 800 600 1200 550 570 be b05 5.5 12.5 18 1000 800 600 1200 550 570 bl b06 7.5 14.5 18 800 400 400 800 350 378 bj b10 6.5 12.5 18 1000 600 500 1000 450 480 bq b11 8.5 16 18 600 400 400 800 350 324 bm b12 8 15 18 600 400 400 800 350 351 bv b14 9.5 17.5 18 500 300 350 700 250 297 bg b15 6 12 18 1000 800 500 1000 450 520 by b16 11 19 18 450 250 300 600 250 252 bu b17 13 12.5 18 400 300 250 500 200 216 dd d13 22.5 6.5 14.5 26.5 234 300 600 dh d14 8 16 26.5 186 250 500 dm d15 9 18.5 26.5 308 250 500 dt d16 11 21.5 26.5 253 200 400 df d17 7 16.5 26.5 216 300 600 dr d18 10.5 19 26.5 264 200 400 dy d19 15.5 24.5 26.5 176 110 250 dw d20 13.5 23 26.5 209 160 300 fk f03 13.5 23 31.5 171 250 fe f11 10.5 20.5 31.5 216 350 fg f12 11.5 22.5 31.5 198 300 fm f13 14.5 24.5 31.5 153 250 fr f14 17.5 28 31.5 126 fs f15 19 29 31.5 117 fv f16 21 30 31.5 108 fh f17 21 12.5 31.5 108 ft f18 31 18.5 31.5 72 fq f19 27.5 16 31.5 81 film capacitors C general purpose, pulse and dc transient suppression smr series metallized polyphenylene sulfde film, +150c, 5.0 C 27.5 mm lead spacing, 50 C 400 vdc
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 ? 864-963-6300 ? www.kemet.com f3 072_smr ? 9/28/2016 23 lead taping & packaging (iec 60286C2) taping specif cation dimensions in mm standard iec 60286C2 lead spacing +6/?0.1 f 5 7.5 formed 7.5 10 15 22.5 27.5 f carrier tape width +/?0.5 w 18 18 18 18 18 18 18 18 +1/-0.5 hold-down tape width +/?0.3 w 0 9 9 9 12 12 12 12 position of sprocket hole +/?0.5 w 1 9 9 9 9 9 9 9 9 +0.75/-0.5 distance between tapes maximum w 2 3 3 3 3 3 3 3 3 sprocket hole diameter +/?0.2 d 0 4 4 4 4 4 4 4 4 feed hole lead spacing +/?0.3 p 0 (1) 12.7 12.7 12.7 (4) 12.7 12.7 12.7 12.7 12.7 distance lead C feed hole +/?0.7 p 1 3.85 3.75 3.75 7.7 5.2 5.3 5.3 p 1 deviation tape C plane maximum p 1.3 1.3 1.3 1.3 1.3 1.3 1.3 1.3 lateral deviation maximum h 2 2 2 2 2 2 2 2 total thickness +/?0.2 t 0.7 0.7 0.7 0.7 0.7 0.9 max 0.9 max 0.9 max sprocket hole/cap body nominal h 0 (2) 18.5 +/-0.5 18.5 +/-0.5 18.5 +/-0.5 18.5 +/-0.5 18.5 +/-0.5 18.5 +/-0.5 18.5 +/-0.5 18 +2/-0 sprocket hole/top of cap body maximum h 1 (3) 32 31 43 43 43 58 58 58 max (1) maximum cumulative feed hole error, 1 mm per 20 parts. (2) 16.5 mm available on request. (3) depending on case size. (4) 15 mm available on request. film capacitors C general purpose, pulse and dc transient suppression smr series metallized polyphenylene sulfde film, +150c, 5.0 C 27.5 mm lead spacing, 50 C 400 vdc 0 0 lead spacing 5 mm lead spacing 7.5 mm lead spacing 10 ? 15mm lead spacing 22.5 ? 27.5 mm formed leads from 10 and 15 mm to 7.5 mm 0 0 0
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 ? 864-963-6300 ? www.kemet.com f3 072_smr ? 9/28/2016 24 lead taping & packaging (iec 60286C2) cont'd ammo specif cations series dimensions (mm) h w t r4x, r4x+r, r7x, rsb 360 340 59 f5a, f5b, f5d f6xx, f8xx phexxx, pmexxx, pmrxxx, smr & pfr 330 330 50 reel specif cations series dimensions (mm) d h w r4x, r4x+r, r7x, rsb 355 500 30 25 55 (max) f5a, f5b, f5d f6xx, f8xx phexxx, pmexxx, pmrxxx, smr & pfr 360 500 30 46 (max) manufacturing date code (iecC60062) y = year, z = month year code month code 2000 m january 1 2001 n february 2 2002 p march 3 2003 r april 4 2004 s may 5 2005 t june 6 2006 u july 7 2007 v august 8 2008 w september 9 2009 x october o 2010 a november n 2011 b december d 2012 c 2013 d 2014 e 2015 f 2016 h 2017 j 2018 k 2019 l 2020 m film capacitors C general purpose, pulse and dc transient suppression smr series metallized polyphenylene sulfde film, +150c, 5.0 C 27.5 mm lead spacing, 50 C 400 vdc h t w d w h
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 ? 864-963-6300 ? www.kemet.com f3 072_smr ? 9/28/2016 25 kemet electronic corporation sales off ces for a complete list of our global sales off ces, please visit www.kemet.com/sales. disclaimer all product specif cations, statements, information and data (collectively, the information) in this datasheet are subject to change. the customer is responsible for checking and verifying the extent to which the information contained in this publication is applicable to an order at the time the order is placed. all information given herein is believed to be accurate and reliable, but it is presented without guarantee, warranty, or responsibility of any kind, expressed or implied. statements of suitability for certain applications are based on kemet electronics corporations (kemet) knowledge of typical operating conditions for such applications, but are not intended to constitute C and kemet specif cally disclaims C any warranty concerning suitability for a specif c customer application or use. the information is intended for use only by customers who have the requisite experience and capability to determine the correct products for their application. any technical advice inferred from this information or otherwise provided by kemet with reference to the use of kemets products is given gratis, and kemet assumes no obligation or liability for the advice given or results obtained. although kemet designs and manufactures its products to the most stringent quality and safety standards, given the current state of the art, isolated component failures may still occur. accordingly, customer applications which require a high degree of reliability or safety should employ suitable designs or other safeguards (such as installation of protective circuitry or redundancies) in order to ensure that the failure of an electrical component does not result in a risk of personal injury or property damage. although all productCrelated warnings, cautions and notes must be observed, the customer should not assume that all safety measures are indicted or that other measures may not be required. kemet is a registered trademark of kemet electronics corporation. film capacitors C general purpose, pulse and dc transient suppression smr series metallized polyphenylene sulfde film, +150c, 5.0 C 27.5 mm lead spacing, 50 C 400 vdc


▲Up To Search▲   

 
Price & Availability of F211AF104R050C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X