Part Number Hot Search : 
TIP150 MAX8548 DTA14 RY531024 90M1T SDA167G C2508 P3907
Product Description
Full Text Search
 

To Download EDB102S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  edb10 s 35 edb105s edb104s edb103s EDB102S edb101s edb101s s, version:01 rrm j c thru features mechanical data case: db - molded plastic terminals: plated leads solderable per mil - std - 202, method 208 polarity: as marked on case mounting position: any marking: type number lead free: for rohs / lead free maximum ratings and electrical characteristics rating at 25 ambient temperature unless otherwise specified. single phase, half wave, 60hz, resistive or inductive load. for capacitive load, derate current by 20%. type number symbol units peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v v v rwm v dc rms reverse voltage v rms v average rectified output current (note 1)@t a =40 i o 1.0 a non - repetitive peak forward surge current 8.3ms single half sine - wave superimposed on rated load (jedec method) i fsm 50 a forward voltage per element @if=1.0a v fm v peak reverse current @t a =25 at rated dc blocking voltage @t a =125 i r 5.0 500 ua typical junction capacitance per leg pf typical thermal resistance per leg (note 2) r ja /w r jl operating and storage temperature range t j ,t stg - 55to+150 note:1. mounted on glass epoxy pc board with 1.3mm 2 solder pad. 2.measured at 1.0 mhz and applied reverse voltage of 4.0v d.c. 1 of 2 maximum reverse recovery time ns rr t note 3 35 50 100 200 400 600 70 140 280 420 0.95 1.25 1.7 20 70 13 5 www.dyelec.com 0.083 2.10 0.313 0.329 7.95 8.35 0.402(10.2) 0.378 9.6 0.0098 0.25 0.15 0.311 0.291 7.9 7.4 0.240 6.1 0.035 0.043 0.9 1.1 - + ~ ~ 0.256 6.5 db-s 0.0059 0.098 2.50 0.205 5.2 0.197 5.0 dimensions in inches and millimeters max 0.0079 0.2 single phase 1.0amp surface mount glass passivated bridge rectifier version 0 glass passivated die construction low forward voltage drop high current capability high surge current capability designed for surface mount application plastic material - ul flammability 94v -
edb105s edb104s edb101s-edb103s edb10 s edb101s version:01 thru 2 of 2 60 40 20 pulse width =8.3ms 0 1.0 10 i , peak for w ard surge current (a) fsm number of cycles at 60 hz fi g . 3 maximum peak forward sur g e current ( per le g) t = 25 c single half sine-wave (jedec method) a 1.0 0.8 0.4 0.6 0 0.2 0 40 80 120 160 i , a verage for w a rd rectified current (a ) (a v) t , ambient temperature ( c) fi g . 1 output current deratin g curve a resistive or inductive load 0.9 9 0.3 0.6 0.01 0.1 1.0 10 1.5 1.8 i , instantaneous forward current (a) f v , instantaneous forward voltage (v) fig .2t ypical forward characteristics (per leg) f t= 2 5 c pulse width = 300 s a 1.2 2.1 5 1000 100 10 1 0.1 0 20 40 60 80 100 120 140 i , inst ant aneous reverse current ( a) r percent of rated peak reverse voltage (%) fi g y pical reverse characteristics ( per element ) t = 25 c t = 125 c j j www.dyelec.com .4 t


▲Up To Search▲   

 
Price & Availability of EDB102S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X