Part Number Hot Search : 
MM1502 1N4751A BZX85C82 UCA64123 AT31625 2SD880 AT216 SI9958DY
Product Description
Full Text Search
 

To Download CP20147H Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  for more information, please visit the product page. ????????? ?????????????????? cui .com 09/08/2016 1 of 6 series : cp20h description: peltier module features ? solid state device ? high performance cooler ? precise temperature control ? quiet operation model input voltage 1 input current 2 output qmax 3 output ? tmax 4 max (vdc) max (a) t h =27c (w) t h =50c (w) t h =27c (c) t h =50c (c) CP20147H 3.8 2.0 4.4 5.0 70 77 cp20247h 8.8 2.0 10.2 11.2 70 77 cp203475h 15.7 2.0 18.2 19.5 70 77 notes: 1. maximum voltage at t max and t h =27c 2. maximum current to achieve t max 3. maximum heat absorbed at cold side occurs at i max , v max , and ?t=0c 4. maximum temperature difference occurs at i max , v max , and q=0w (t max measured in a vacuum at 1.3 pa) part number key base number thickness: 47 = 4.7 mm 475 1 = 4.75 mm cp20 xxxx xxx h length x width: 1 = 15 x 15 mm 2 = 20 x 20 mm 3 = 30 x 30 mm notes: 1. only available in 30 x 30 mm size date page
for more information, please visit the product page. ?????????????????? cui .com date 09/08/2016 page 2 of 6 cui inc series : cp20h description: peltier module cold side hot side 0.05 0.05 thickness cold side black (- ) red (+ ) widt h length 100.0 5.0 10.0 3.0 specifications parameter conditions/description min typ max units internal resistance 1 CP20147H cp20247h cp203475h 1.485 3.33 6.03 1.65 3.7 6.7 1.815 4.07 7.37 solder melting temperature connection between thermoelectric pairs 235 c assembly compression 1 mpa hot side plate 80 c rohs 2011/65/eu note: 1. measured by ac 4-terminal method at 25c mechanical drawing units: mm material plating ceramic plate 96% al 2 o 3 wire leads 22 awg tin sealer silicon rubber 703 rtv (between cold and hot side plates) joint cover silicon rubber 703 rtv marking p/n & s/n printed on cold side surface model no. length (mm) width (mm) thickness (mm) CP20147H 15 0.3 15 0.3 4.7 0.025 cp20247h 20 0.3 20 0.3 4.7 0.025 cp203475h 30 0.3 30 0.3 4.75 0.025
for more information, please visit the product page. ?????????????????? cui .com date 09/08/2016 page 3 of 6 cui inc series : cp20h description: peltier module 1.2 a 1.6 a 2 a 0.8 a 4.0 2.0 1.2 a 2 a input voltage (v) heat pumped, q (w ) 0.4 a 1.6 a 0.8 a 0.4 a 70 60 50 40 30 20 10 0 4.0 3.0 2.0 0 t=th- tc (c) 0 1.0 CP20147H performance ( t h =27c ) 1.2 a 1.6 a 2 a 0.8 a 4.0 2.0 1.2 a 2 a input voltage (v) heat pumped, q (w ) 0.4 a 1.6 a 0.8 a 0.4 a 70 60 50 40 30 20 10 0 4.0 3.0 2.0 0 t=th- tc (c) 0 1.0 CP20147H performance ( t h =50c )
for more information, please visit the product page. ?????????????????? cui .com date 09/08/2016 page 4 of 6 cui inc series : cp20h description: peltier module 1.2 a 1.6 a 2 a 0.8 a 12 9.0 1.2 a 2 a input voltage (v) heat pumped, q (w ) 0.4 a 1.6 a 0.8 a 0.4 a 70 60 50 40 30 20 10 0 10 8.0 6.0 0 t=th- tc (c) 0 4.0 6.0 3.0 2.0 cp20247h performance ( t h =27c ) 1.2 a 1.6 a 2 a 0.8 a 12 9.0 1.2 a 2 a input voltage (v) heat pumped, q (w ) 0.4 a 1.6 a 0.8 a 0.4 a 70 60 50 40 30 20 10 0 10 8.0 6.0 0 t=th- tc (c) 0 4.0 6.0 3.0 2.0 cp20247h performance ( t h =50c )
for more information, please visit the product page. ?????????????????? cui .com date 09/08/2016 page 5 of 6 cui inc series : cp20h description: peltier module 1.2 a 1.6 a 2 a 0.8 a 16 8.0 1.2 a 2 a input voltage (v) heat pumped, q (w ) 0.4 a 1.6 a 0.8 a 0.4 a 70 60 50 40 30 20 10 0 16 12 8.0 0 t=th- tc (c) 0 4.0 cp203475h performance ( t h =27c ) 1.2 a 1.6 a 2 a 0.8 a 16 8.0 1.2 a 2 a input voltage (v) heat pumped, q (w ) 0.4 a 1.6 a 0.8 a 0.4 a 70 60 50 40 30 20 10 0 16 12 8.0 0 t=th- tc (c) 0 4.0 cp203475h performance ( t h =50c )
for more information, please visit the product page. ????????? date 09/08/2016 page 6 of 6 cui inc series : cp20h description: peltier module cui offers a one (1) year limited warranty. complete warranty information is listed on our website. cui reserves the right to make changes to the product at any time without notice. information provided by cui is believed to be accurate and reliable. however, no responsibility is assumed by cui for its use, nor for any infringements of patents or other rights of third parties which may result from its use. cui products are not authorized or warranted for use as critical components in equipment that requires an extremely high level of reliability. a critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. headquarters 20050 sw 112th ave. tualatin, or 97062 800.275.4899 fax 503.612.2383 cui .com techsupport@cui.com rev. description date 1.0 initial release 09/08/2016 the revision history provided is for informational purposes only and is believed to be accurate. revision history


▲Up To Search▲   

 
Price & Availability of CP20147H

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X